Part Number Hot Search : 
00214 AP1501 M471B527 ASI10517 XR1016CP P0102AL U324A50 LP2951C
Product Description
Full Text Search
 

To Download 35303-0950 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/15/2010 please check www.molex.com for latest part information part number: 0353030950 status: active description: 2.00mm (.079") pitch wire-to-board header, vertical, blade pin, shrouded, 9 circuits documents: 3d model product specification ps-35303-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr 19980 ul e29179 general product family pcb headers series 35303 application wire-to-board product name n/a physical breakaway no circuits (loaded) 9 circuits (maximum) 9 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.138 in pc tail length (mm) 3.50 mm pcb locator no pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tube pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 32 plating min: mating (m) 0.80 plating min: termination (in) 32 plating min: termination (m) 0.80 polarized to pcb no shrouded partial stackable no surface mount compatible (smc) no temperature range - operating -20c to +85c termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 35303 series mates with 51004 wire-to-board housing
electrical current - maximum per contact 2a voltage - maximum 125v material info reference - drawing numbers product specification ps-35303-001 sales drawing sd-35303-001, sd-35303-010 this document was generated on 04/15/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 35303-0950

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X