Part Number Hot Search : 
LTC23 LBC876 PST8411 Z5240B SHD11 34012 HN2064C BP206
Product Description
Full Text Search
 

To Download 2SK2175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK2175 silicon n-channel mos fet november 1996 application high speed power switching features low on-resistance high speed switching low drive current 4 v gate drive device can be driven from 5 v source suitable for switching regulator, dc-dc converter avalanche ratings outline 1 2 3 to-220ab 1. gate 2. drain (flange) 3. source d g s
2SK2175 2 absolute maximum ratings (ta = 25 c) item symbol ratings unit drain to source voltage v dss 60 v gate to source voltage v gss 20 v drain current i d 15 a drain peak current i d(pulse) * 1 60 a body to drain diode reverse drain current i dr 15 a avalanche current i ap * 3 10 a avalanche energy e ar * 3 8.5 mj channel dissipation pch* 2 30 w channel temperature tch 150 c storage temperature tstg C55 to +150 c notes 1. pw 10 m s, duty cycle 1 % 2. value at tc = 25 c 3. value at tch = 25 c, rg 3 50 w
2SK2175 3 electrical characteristics (ta = 25 c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 60 v i d = 10 ma, v gs = 0 gate to source breakdown voltage v (br)gss 20 v i g = 100 m a, v ds = 0 gate to source leak current i gss 10 m av gs = 16 v, v ds = 0 zero gate voltage drain current i dss 250 m av ds = 50 v, v gs = 0 gate to source cutoff voltage v gs(off) 1.0 2.25 v i d = 1 ma, v ds = 10 v static drain to source on state resistance r ds(on) 0.10 0.13 w i d = 8 a v gs = 10 v* 1 0.13 0.18 w i d = 8 a v gs = 4 v* 1 forward transfer admittance |y fs | 4.5 8 s i d = 8 a v ds = 10 v* 1 input capacitance ciss 390 pf v ds = 10 v v gs = 0 f = 1 mhz output capacitance coss 190 pf reverse transfer capacitance crss 45 pf turn-on delay time t d(on) 10nsi d = 8 a v gs = 10 v r l = 3.75 w rise time t r 65ns turn-off delay time t d(off) 90ns fall time t f 90ns body to drain diode forward voltage v df 1.3 v i f = 15 a, v gs = 0 body to drain diode reverse recovery time t rr 90nsi f = 15 a, v gs = 0, dif / dt = 50 a / m s note 1. pulse test
2SK2175 4
2SK2175 5
2SK2175 6
2SK2175 7 d. u. t rg i monitor ap v monitor ds v dd 50 w vin 15 v 0 i d v ds i ap v (br)dss l v dd e = ?l ?i 2 1 v v ?v ar ap dss dss dd 2 avalanche test circuit and waveform
2SK2175 8 3 1 0.3 0.1 0.03 0.01 10 100 1 m 10 m pulse width pw (s) normalized transient thermal impedance 100 m 1 10 s (t) g dm p pw t d = pw t ch ?c(t) = s (t) ? ch ?c ch ?c = 4.16 ?/w, tc = 25 ? q g q q tc = 25? d = 1 0.5 0.2 0.1 0.05 0.02 0.01 1shot pulse normalized transient thermal impedance vs. pulse width vin monitor d.u.t. vin 10 v r l v = 30 v dd tr td(on) vin 90% 90% 10% 10% vout td(off) vout monitor 50 w 90% 10% t f switching time test circuit waveform
2SK2175 9 notice when using this document, keep the following in mind: 1. this document may, wholly or partially, be subject to change without notice. 2. all rights are reserved: no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without hitachis permission. 3. hitachi will not be held responsible for any damage to the user that may result from accidents or any other reasons during operation of the users unit according to this document. 4. circuitry and other examples described herein are meant merely to indicate the characteristics and performance of hitachis semiconductor products. hitachi assumes no responsibility for any intellectual property claims or other problems that may result from applications based on the examples described herein. 5. no license is granted by implication or otherwise under any patents or other rights of any third party or hitachi, ltd. 6. medical applications: hitachis products are not authorized for use in medical applications without the written consent of the appropriate officer of hitachis sales company. such use includes, but is not limited to, use in life support systems. buyers of hitachis products are requested to notify the relevant hitachi sales offices when planning to use the products in medical applications.


▲Up To Search▲   

 
Price & Availability of 2SK2175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X