Part Number Hot Search : 
FR3504 LT3020 22320 AR3510 LTP070SF PSB21384 DLH0835 25640
Product Description
Full Text Search
 

To Download 2SD1175 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SD1175 description with to-3 package built-in damper diode high voltage ,high power dissipation wide area of safe operation applications line-operated horizontal deflection output applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1500 v v ceo collector-emitter voltage open base 1500 v v ebo emitter-base voltage open collector 5 v i c collector current 5 a p t total power dissipation t c =25 100 w t j junction temperature 150  t stg storage temperature -65~150  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SD1175 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo emitter-base breakdown voltage i e =500ma; i c =0; 5 v v cesat collector-emitter saturation voltage i c =4.0 a;i b =0.8 a 5.0 v v besat base-emitter saturation voltage i c =4.0 a;i b =0.8 a 1.5 v v cb =750v;i e =0 50 a i cbo collector cut-off current v cb =1500v;i e =0 1.0 ma h fe-1 dc current gain i c =1a ; v ce =5v 10 30 h fe-2 dc current gain i c =4a ; v ce =10v 5 v f diode forward voltage i f =4a 2.5 v
savantic semiconductor product specification 3 silicon npn power transistors 2SD1175 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SD1175

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X