Part Number Hot Search : 
MM1095BS PBM99090 CNF900 4D5N60P SYSTEM DBS100A 4C7V5 ES29F64
Product Description
Full Text Search
 

To Download 2SB1470 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1470 d escription with to-3pl package complement to type 2sd2222 high dc current gain low collector saturation voltage darlington applications for power amplification pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -160 v v ceo collector-emitter voltage open base -160 v v ebo emitter-base voltage open collector -5 v i c collector current -8 a i cm collector current-peak -15 a t c =25 120 p c collector power dissipation t a =25 3.5 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pl) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1470 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-30ma ;i b =0 -160 v v cesat collector-emitter saturation voltage i c =-7a ;i b =-7ma -3.0 v v besat base-emitter saturation voltage i c =-7a ;i b =-7ma -3.0 v i cbo collector cut-off current v cb =-160v; i e =0 -100 a i ceo collector cut-off current v ce =-160v; i b =0 -100 a i ebo emitter cut-off current v eb =-5v; i c =0 -100 a h fe-1 dc current gain i c =-1a ; v ce =-5v 1000 h fe-2 dc current gain i c =-7a ; v ce =-5v 3500 20000 f t transition frequency i c =-0.5a ; v ce =-10v;f=1mhz 20 mhz switching times t on turn-on time 1.0 s t s storage time 1.5 s t f fall time i c =-7a ;i b1 =-i b2 =-7ma v cc =-50v 1.2 s  h fe-2 classifications q s 3500-10000 7000-20000
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1470 package outline fig.2 outline dimensions (unindicated tolerance:0.50 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1470

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X