Part Number Hot Search : 
OFMS22 01E22 CP24C EH560J0 TA7240AP TL494CN 74AVC1 93C56
Product Description
Full Text Search
 

To Download 2SA1741 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1741 d escription with to-220f package low collector saturation voltage applications for use as a driver in dc/dc converters and actuators pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings (ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -100 v v ceo collector-emitter voltage open base -60 v v ebo emitter-base voltage open collector -7 v i c collector current -5 a i cm collector current-peak -10 a i b base current -2.5 a t a =25 2.0 p t total power dissipation t c =25 25 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220f) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1741 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =-3a ;i b =-0.3a,l=1mh -60 v v cesat-1 collector-emitter saturation voltage i c =-3a; i b =-0.15a -0.3 v v cesat-2 collector-emitter saturation voltage i c =-4a; i b =-0.2a -0.5 v v besat-1 base-emitter saturation voltage i c =-3a ;i b =-0.15a -1.2 v v besat-2 base-emitter saturation voltage i c =-4a ;i b =-0.2a -1.5 v i cbo collector cut-off current v cb =-60v ;i e =0 -10 a i ebo emitter cut-off current v eb =-5v; i c =0 -10 a h fe-1 dc current gain i c =-0.5a ; v ce =-2v 100 h fe-2 dc current gain i c =-1a ; v ce =-2v 100 400 h fe-3 dc current gain i c =-3a ; v ce =-2v 60 f t transition frequency i c =-0.5a ; v ce =-10v 80 mhz c ob collector output capacitance f=1mhz;v cb =-10v 130 pf switching times t on turn-on time 0.3 s t s storage time 1.5 s t f fall time i c =-3.0a i b1 =-i b2 =-0.15a v cc =-30v ,r l =17 c 0.3 s  h fe-2 classifications m l k 100-200 150-300 200-400
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1741 package outline fig.2 outline dimensions (unindicated tolerance:0.20 mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1741


▲Up To Search▲   

 
Price & Availability of 2SA1741

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X