Part Number Hot Search : 
ML9040 1SS303 C90GK1 R1105W 03800 ACS132D NTHS5443 JKC6761
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bl galaxy electrical production specification small signal mosfet transistor 2N7002T document number: bl/ssmth016 www.galaxycn.com rev.a 1 features z low on-resistance. z low gate threshold voltge. z low input capacitance. z fast switching speed. z low input/output leakage. applications z n-channel enhancement m ode effect transistor. z switching application. sot-523 ordering information type no. marking package code 2N7002T 72 sot-523 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v dss drain-source voltage 60 v v dgr drain-gate voltage(r gs 1m ? ) 60 v v gss gate -source voltage - continuous -non repetitive (t p <50 s) 20 40 v i d maximum drain current -continuous -pulsed 115 800 ma p d power dissipation 150 mw r ja thermal resistance,junction-to-ambient 833 / w t j , tstg junction and storage temperature -55-150 pb lead-free
bl galaxy electrical production specification small signal mosfet transistor 2N7002T document number: bl/ssmth016 www.galaxycn.com rev.a 2 electrical characteristics @ ta=25 unless otherwise specified parameter symbol test conditions min typ max unit drain-source breakdown voltage v (br)dss v gs =0v,i d =10 a 60 gate threshold voltage v gs(th) v ds =v gs , i d =-250 a 1 2.0 v gate-body leakage forward reverse i gss v ds =0v, v gs =20v v ds =0v, v gs =-20v 10 -10 na v ds =60v, v gs =0v 1 zero gate voltage drain current i dss v ds =60v,v gs =0v,t j =125 500 a on-state drain current i d(on) v gs =10v, v ds =7.5v 0.5 1.0 a drain-source on-voltage v ds(on) v gs =10v,i d =500ma v gs =5v,i d =50ma 0.6 0.09 3.75 1.5 v forward transconductance g fs v ds =10v,i d =200ma 80 ms static drain-source on-resistance r ds(on) v gs =10v,i d =500ma v gs =10v,i d =500ma,t j =100 v gs =5.0v,i d =50ma v gs =5.0v,i d =50ma, t j =100 1.2 1.7 1.7 2.4 7.5 13.5 7.5 13.5 ? drain-source diode forward voltage v sd v gs =0v,i d =115ma 0.88 1.5 v input capacitance c iss 22 50 output capacitance c oss 11 25 reverse transfer capacitance c rss v ds =25v,v gs =0v,f=1.0mhz 2 5 pf turn-on delay time t d(on) 7.0 20 ns turn-off delay time t d(off) v dd =30v, i d =0.2a, r l =150 ? , v gs =10v, r gen = 25 ? 11 20 ns
bl galaxy electrical production specification small signal mosfet transistor 2N7002T document number: bl/ssmth016 www.galaxycn.com rev.a 3 typical characteristics @ ta=25 unless otherwise specified
bl galaxy electrical production specification small signal mosfet transistor 2N7002T document number: bl/ssmth016 www.galaxycn.com rev.a 4 package outline plastic surface mounted package sot-523 soldering footprint unit : mm package information sot-523 dim min max a 1.5 1.7 b 0.75 0.85 c 0.6 0.8 d 0.15 0.3 g 0.9 1.1 h 0.02 0.1 j 0.1typical k 1.45 1.75 all dimensions in mm device package shipping 2N7002T sot-523 3000/tape&reel h j g k d c b a


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X