Part Number Hot Search : 
BGB540 MRF6P 2100A Y7C63 MKW3042 1N5238B 1N5985 KM684002
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2n7002 t n-channel plastic-encapsulate transistor features parameter symbol value unit drain-source-voltage v dss 60 v drain-gate voltage r gs  1.0m ? v dgr 60 v gate-source-voltage continuous pulsed v gss 20 40 v drain current (note 1) continuous continuous @ 100  pulsed i d 115 73 800 ma total power dissipation (note 1) p d 150 mw note : 1. valid provided that terminals are kept at specified ambient temperature.  
 omp onents 20736 marilla street chatsworth       
     mcc inches mm dim min max min max note a.059.0671.501.70 b .030 .033 0.75 0.85 c .057 .069 1.45 1.75 d .020 nominal 0.50nominal e .035 .043 0.90 1.10 g .000 .004 .000 .100 h .028 .031 .70 0.80 j .004 .008 .100 .200 k .010 .014 .25 .35 a c b d e g h j dimensions k sot-523 1 2 3 1.gate 3.drain 2.source tm micro commercial components ? low on-resistance and low input capacitance ? low gate threshold voltage ? fast switching speed ? low input/output leakage revision: 4 2009 /02/01 ? operating temperature: -55 cto+150 c ? storage temperature: -55 cto+150 c maximum ratings ? ultra-small surface mount package ? available in lead free/rohs compliant version mechanical data ? case: sot- 5 23, molded plastic ? terminal connections: see diagram x marking :k72 www. mccsemi .com 1 of 4 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) case material:molded plastic. ul flammability classification rating 94v-0 and msl rating 1
electrical characteristics @ t a = 25 c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 2) drain-source breakdown voltage bv dss 60 v v gs = 0v, i d = 10ua zero gate voltage drain current @ t c = 25c @ t c = 125c i dss 1.0 500 a v ds = 60v, v gs = 0v gate-body leakage i gss 10 na v gs = 20v, v ds = 0v on characteristics (note 2) gate threshold voltage v gs(th) 1.0 2.0 v v ds =v gs , i d =250ua on-state drain current i d(on) 0.5 1.0 a v gs = 10v, v ds = 7.5v forward transconductance g fs 80 ms v ds =10v, i d = 0.2a dynamic characteristics input capacitance c iss 22 50 pf v ds = 25v, v gs = 0v f = 1.0mhz output capacitance c oss 11 25 pf reverse transfer capacitance c rss 2.0 5.0 pf switching characteristics turn-on delay time t d(on) 7.0 20 ns v dd = 30v, i d = 0.2a, r l = 150 ohm, v gen = 10v, r gen = 25 ohm turn-off delay time t d(off) 11 20 ns note: 2. short duration test pulse used to minimize self-heating effect. static drain-source on-resistance r ds (on) 2.0 4.4 7.5 13.5  v gs = 5.0v, i d = 0.05a v gs = 10v, i d = 0.5a mcc revision: 4 2009/02/01 2n7002 t tm micro commercial components www. mccsemi .com 2 of 4
revision: 4 2009/02/01 0 0.2 0.1 0.4 0.3 0.5 0.6 0.7 0.8 0.9 1 012 3 4 5 i , drain-source current (a) d v , drain-source voltage (v) fi g . 1 on-re g ion characteristics ds v = 10,7,6v gs v=5v gs v=4v gs v=3v gs 0.6 1 1.4 1.8 00.2 rn o rmalized drain-source on-resistance ds(on) , i , drain-source current (a) fig. 2 on-resistance variation with gate voltage and drain-source current d v=3v gs v=4v gs v = 5, 6, 7, 10v gs 2.2 0.4 0.6 0.8 1.0 0.7 0.8 0.9 1.1 1 1.2 -50 -25 0 25 50 75 100 125 150 v,n o rmalized thresh o ld v o ltage gs(th) t , junction temperature ( c) fig. 3 gate threshold variation with temperature j
mcc revision: 4 2009/02/01 tm micro commercial components www. mccsemi .com 4 of 4 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose rdering nformation evice packing part umbertp tapeeel;pcseel


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X