Part Number Hot Search : 
C4004ERW 24N60 FDD36 SP8830 8920B AD9060TZ RXM0SIDH RT8223P
Product Description
Full Text Search
 

To Download 25SC2R2M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  16 1 . specifications of in series sc series standard products designed for general use. superior high frequency characteristics make capacitors in the sc series suitable for use in noise limiters and switching power supplies. sleeve color : purple marking : polarity( ), rated voltage, capacitance (white) sanyo , os-con , lot.no. max. operating temp.(105?) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 a b b c c d a b c d a a a a b b c c d d a a b b c c c d e f f a b b c d d e f wv (sv) m f 6.3 (7.3) 10 (11.5) 16 (18.4) 25 (25) 30 (34.5) size code a f d x l f f d g(max.) k(max.) 4.0x6.8 2.0?.5 0.45 0.5 0.5 5.0x6.8 2.0?.5 0.45 0.5 0.5 6.3x6.8 2.5?.5 0.45 0.5 0.5 6.3x9.8 2.5?.5 0.60 0.5 0.5 8x10.5 3.5?.5 0.60 0.8 0.8 10x10.5 5.0?.5 0.60 0.8 0.8 b c d e f dimensions (unit : mm) specifications *1 to use an os-con when the operating temperature exceeds 85? on a component with a rated voltage of 25v, reduce the voltage by 0.25v for every degree(1?) relative to the value at 85?(25v). *2 if any doubt arises, measure the current after applying voltage(voltage treatment) for 30 minutes at 105?. the rated voltage should be applied for 6.3 to 16 and 30wv, while a temperature reduction voltage should be applied for 25wv. items characteristics temporary:less than 20% of the rated voltage, continuous:less than 10% of the rated voltage 1. operating temperature range 2. capacitance tolerance (120hz) 3. tangent of loss angle(tan d ) (120hz) 4. leakage current ( m a/2min.)(or less) *2 5. esr (100k to 300khz) -55? to +105? m : ?0% value in table 1 or less 6.3 to 25wv : 0.01cvor0.5 30wv : 0.02cv or 1.0 (whichever is the greater) value in table 1 or less 6. temperature characteristics impedance ratio at 100khz., +20 ? 7. high-temperature load 105 ? , 2,000hrs. rated voltage applied (25wv ? 20v applied) *1 8. moisture resistance (60 ? , 90 to 95 % rh, 1,000hrs. no voltage) 9. reverse voltage guarantee -55? +105? z / z 20? z / z 20? 1.0 to 1.25 0.75 to 1.0 d c/c tan d leakage current d c/c tan d leakage current within ?0% 1.5 times of item 3 or less item 4 or less within ?0% 1.5 times of item 3 or less item 4 or less f g a' c k a b b' standards of lead position mark ;ideal lead position c;the middle point of a-a' sleeve f d 0.05 l+1 max. 15min. 4min. 20min. f d+0.5max. f size list wv : rated voltage (sv) : surge voltage(room temperature)
17 1 . specifica tions of in series t ab le 1 sc series characteristics list size code part number * 1 * 2 a b c d e f 30sc1m 25(16)sc1m 25(16)sc1r5m 16sc2r2m 16sc3r3m 10sc4r7m 6sc6r8m 30sc1r5m 30sc2r2m 25SC2R2M 25sc3r3m 16sc4r7m 16sc6r8m 10sc10m 6sc10m 6sc15m 30sc3r3m 25sc4r7m 25sc6r8m 25sc10m 16sc10m 16sc15m 10sc22m 6sc22m 6sc33m 30sc4r7m 30sc6r8m 25sc15m 16sc22m 16sc33m 10sc47m 6sc47m 30sc10m 25sc22m 25sc33m 25sc47m 30sc22m 30 2 5 (16) 2 5 (16) 16 16 10 6.3 30 30 25 25 16 16 10 6.3 6.3 30 25 25 25 16 16 10 6.3 6.3 30 30 25 16 16 10 6.3 30 25 25 25 30 1.0 1.0 1.5 2.2 3.3 4.7 6.8 1.5 2.2 2.2 3.3 4.7 6.8 10 10 15 3.3 4.7 6.8 10 10 15 22 22 33 4.7 6.8 15 22 33 47 47 10 22 33 47 22 350 350 300 280 280 280 250 300 250 200 200 180 150 150 150 120 200 100 100 90 90 90 70 70 70 120 120 70 70 70 60 60 110 40 35 35 80 430 430 435 450 500 540 560 435 695 695 700 720 745 780 780 815 820 1130 1140 1150 1150 1230 1270 1270 1320 1300 1340 1650 1800 1900 2020 2020 1380 2330 2900 2980 1830 0.03 0.03 0.03 0.04 0.04 0.05 0.05 0.03 0.03 0.03 0.03 0.04 0.04 0.05 0.05 0.05 0.03 0.03 0.03 0.03 0.04 0.04 0.05 0.05 0.05 0.04 0.04 0.04 0.05 0.06 0.06 0.06 0.06 0.06 0.06 0.06 0.06 1.00 0.50 0.50 0.50 0.53 0.50 0.50 1.00 1.32 0.55 0.83 0.75 1.09 1.00 0.63 0.95 1.98 1.18 1.70 2.50 1.60 2.40 2.20 1.39 2.08 2.82 4.08 3.75 3.52 5.28 4.70 2.96 6.00 5.50 8.25 11.75 13.20 esr * 3 (100khz to 300khz) (m w ) (max.) nominal capacitance ( m f) rated voltage (v) maximum allowable ripple current (marms) * 3 tangent of loss angle (max.) leakage current ( m a) (max.) * 4 *1 capacitance tolerance : m ; 20%,product ?? (capacitance tolerance : 10%) is optionally available. *2 ( ) : 16sc1m etc. *3 100khz, +45 c *4 after 2 minutes temperature coefficient for ripple current ambient temp.( c ) coefficient to +45 1.0 +65 0.85 +85 0.7 +95 0.4 +105 0.25


▲Up To Search▲   

 
Price & Availability of 25SC2R2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X