Part Number Hot Search : 
MAX7042 4232AUA 1R5MC SD200 CRX0505N 12101 KPY56AK STA2056
Product Description
Full Text Search
 

To Download TREC453232N-8R2K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rf wire wound inductors trec chip wire wound rf inductors chip narrow pad wirewound inductors with high current for rf applications (trec322522n, trec453232n) preview token chip wirewound inductor molded type - ec series is primarily designed for choking power lines and conform to the rohs directive and lead-free. chip inductor can be customed designs and tighter tolerances available on request. application of rf chip wirewound inductor specifc designs also available including different inductance values and q specifcations adjusted to frequency requirements. features - lead-free materials is used for the plating on the terminals. - the product uses metal terminals, which realize excellent connection reliability. - the product has good heat durability that withstands lead-free compatible refow soldering conditions. - high resistance to heat, humidity, mechanical shocks and presser. accurate dimensions for automatically surface mounted. applications trec series high reliable wire would chip inductors for communication, equipment, instrument, video & audio have been developed in response to the trend toward higher density mounting of parts in electric circuits. a brief introduction to the product smd inductors ec322522n and ec453232n series are revolutionary, high reliable wire wound components for communication, equipment, instruments, video & audio have been developed in response to the trend toward higher density mounting of inductor parts in electric circuits. operating temperature - range: -25 ~ +85 c. 01 of 05 version 2010 http://www.token.com.tw/ rfq token.com.tw t oke n
type a b c d e f trec322522n(1210) 3.2 0.4 2.5 0.2 2.9 0.3 2.2 0.2 0.6 0.2 1.0 0.2 trec453232n(1812) 4.5 0.4 3.2 0.2 4.2 0.3 3.2 0.2 1.0 0.2 1.2 0.2 trec chip wire wound rf inductors f d e e a b c d p adhesive tape cave tape a b c 2.00.5 c t n g trec322522n, trec453232n - confgurations & dimensions trec322522n, trec453232n - reel & packaging type a s c d g n t 8mm 178 21.00.8 13.00.5 8 10 max 50 min 14.4 max 12mm 178 21.00.8 13.00.5 10 14 max 50 min 14.4 max 02 of 05 version 2010 http://www.token.com.tw/ rfq token.com.tw t oke n
trec chip wire wound rf inductors part no. inductance (h) q (min) test freq. (mhz) srf (mhz)(min) dcr ()(max) idc (ma) trec453232n - 1r0k 1.0 10% 10 7.96 180 0.11 1050 trec453232n - 1r2k 1.2 10% 10 7.96 160 0.12 1000 trec453232n - 1r5k 1.5 10% 10 7.96 130 0.15 950 trec453232n - 1r8k 1.8 10% 10 7.96 100 0.16 900 trec453232n - 2r2k 2.2 10% 10 7.96 80 0.18 850 trec453232n - 2r7k 2.7 10% 10 7.96 60 0.20 800 trec453232n - 3r3k 3.3 10% 10 7.96 45 0.22 750 trec453232n - 3r9k 3.9 10% 10 7.96 40 0.24 700 trec453232n - 4r7k 4.7 10% 10 7.96 35 0.27 650 trec453232n - 5r6k 5.6 10% 10 7.96 30 0.30 650 trec453232n - 6r8k 6.8 10% 10 7.96 28 0.35 600 trec453232n - 8r2k 8.2 10% 10 7.96 25 0.40 600 trec453232n - 100k 10 10% 10 2.52 22 0.50 550 trec453232n - 120k 12 10% 10 2.52 21 0.60 500 trec453232n - 150k 15 10% 10 2.52 20 0.70 450 trec453232n - 180k 18 10% 10 2.52 19 0.80 400 trec453232n - 220k 22 10% 10 2.52 18 0.90 370 trec453232n - 270k 27 10% 10 2.52 16 1.20 330 trec453232n - 330k 33 10% 10 2.52 14 1.40 300 trec453232n - 390k 39 10% 10 2.52 12 1.60 280 trec453232n - 470k 47 10% 10 2.52 11.5 1.90 260 trec453232n - 560k 56 10% 10 2.52 11 2.20 240 trec453232n - 680k 68 10% 10 2.52 10 2.60 220 trec453232n - 820k 82 10% 10 2.52 9 3.50 200 trec453232n - 101k 100 10% 20 0.796 8 4.00 180 trec453232n - 121k 120 10% 20 0.796 7.5 4.50 160 trec453232n - 151k 150 10% 20 0.796 7 6.50 140 trec453232n - 181k 180 10% 20 0.796 6.5 7.50 120 trec453232n - 221k 220 10% 20 0.796 5.5 9.00 120 trec453232n - 271k 270 10% 20 0.796 5 11.0 100 trec453232n - 331k 330 10% 20 0.796 4 13.0 90 note: 1.test equipment l, q: hp4285a +16034e, or equivalent. 2.srf: hp8753c network analyzer, or equivalent. 3.dc resistance: ax-111a digital milliohm meter, or equivalent. trec453232n (eia 1812) - electrical characteristics 03 of 05 version 2010 http://www.token.com.tw/ rfq token.com.tw t oke n
trec chip wire wound rf inductors 04 of 05 part no. inductance (h) q (min) test freq. (mhz) srf (mhz)(min) dcr ()(max) idc (ma) trec322522n - 1r0m 1.0 20% 10 7.96 100 0.156 770 trec322522n - 1r5m 1.5 20% 10 7.96 80 0.195 580 trec322522n - 2r2m 2.2 20% 10 7.96 65 0.260 480 trec322522n - 3r3m 3.3 20% 10 7.96 55 0.325 400 trec322522n - 4r7m 4.7 20% 10 7.96 45 0.520 320 trec322522n - 6r8m 6.8 20% 10 7.96 35 0.650 280 trec322522n - 100k 10 10% 15 2.52 28 1.105 220 trec322522n - 150k 15 10% 15 2.52 25 1.690 180 trec322522n - 220k 22 10% 15 2.52 20 2.600 145 trec322522n - 330k 33 10% 15 2.52 15 3.640 115 trec322522n - 390k 39 10% 15 2.52 14 4.500 110 trec322522n - 470k 47 10% 15 2.52 13 5.460 105 trec322522n - 680k 68 10% 15 2.52 10 8.450 85 trec322522n - 820k 82 10% 15 2.52 9 8.710 80 trec322522n - 101k 100 10% 15 0.796 8 10.14 75 note: 1. test equipment l, q: hp4285a +16034e, or equivalent 2. srf: hp8753c network analyzer, or equivalent. 3. dc resistance: ax-111a digital milliohm meter, or equivalent. trec322522n (eia 1210) - electrical characteristics trec322522n, trec453232n - mechanical performance test requirements characteristics test method(dis c 5321) terminal strength no evidence of damage terminals shall withstand a pull of 0.5kgf in a horizoninal direction vibration l/l shall be within 3%. no evidence of damage 2 hours in each direction of x,y,z on p-board at a frequency range of 10-55-10hz with 1.5mm amplitude dropping l/l shall be within 3%. no evidence of damage dropping 1m over the ground of conctete or cement trec322522n, trec453232n - electrical performance test requirements characteristics test method(jis c 5321) resistance to soldering heat no evidence of damage l/l shall be within 3% immerse in the solder (h63a) of 2605c for 101sec, leave for 2hrs at normal temp solderability more than 90% surface to be covered with new soldering av100v 60 sec. dielectric with standing volt - age no veridence of breakdown resistor 1000 mohm and over dc500v 30 sec. insulation resistance no veidence of breakdown, resistor 1000 mohm and over dc 500v 30 sec. version 2010 http://www.token.com.tw/ rfq token.com.tw t oke n
trec chip wire wound rf inductors 05 of 05 version 2010 http://www.token.com.tw/ rfq token.com.tw trec322522n, trec453232n - climatic test requirements characteristics test method(jis c 5321) low temp. characteristics no evidence of damage, l/l within 5%, q/q within 30% immerse in the solder (h63a)of 2605c for 101sec, leave for 2hrs at normal temp. temp. cycling no evidence of damage, l/l within 5 keep for 30 min. at temp.of -25c~+85 cat 5 cycle case of temp. change from low to high and v.v. temperature characteristics l/l within 3% l/l to be measured at the temperature of between -25c and +85c moiisture load characteristics no evidence of damage, l/l within 5%, q/q within 30 temp.402c,humidity 90~95% 96 2hrs, measurements shall be performed after 1~2hrs at normal temp.. high temp. overload characteristics no evidence of damage, l/l within 5%,q/q within 30 leave for 962hrs in a bath of temp.852c,measurements shall be performed after 1~2hrs at normal temp. ? part number: trec322522n trec453232n ? inductance: ? tolerance code inductance r10 0.10h 1r0 1.00h 100 10.0010 0 h 101 10.0010 1 h 102 10.0010 2 h 103 10.0010 3 h back to 1st page - chip wire wound inductors (trec) how to order ? ? ? code tolerance k 10% m 20% t oke n


▲Up To Search▲   

 
Price & Availability of TREC453232N-8R2K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X