Part Number Hot Search : 
XE100 TDA9113 SM130 MAX168 Z1SMA4V3 0803D LT1765 ND431225
Product Description
Full Text Search
 

To Download TIP147T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?2000 fairchild semiconductor international rev. a, february 2000 tip145t/146t/147t pnp epitaxial silicon darlington transistor absolute maximum ratings t c =25 c unless otherwise noted electrical characteristics t c =25 c unless otherwise noted symbol parameter value units v cbo collector-base voltage : tip145t : tip146t : TIP147T - 60 - 80 - 100 v v v v ceo collector-emitter voltage : tip145t : tip146t : TIP147T - 60 - 80 - 100 v v v v ebo emitter-base voltage - 5 v i c collector current (dc) - 10 a i cp collector current (pulse) - 15 a i b base current (dc) - 0.5 a p c collector dissipation (t c =25 c) 80 w t j junction temperature 150 c t stg storage temperature - 65 ~ 150 c symbol parameter test condition min. typ. max. units v ceo (sus) collector-emitter sustaining voltage : tip145t : tip146t : TIP147T i c = - 30ma, i b = 0 - 60 - 80 - 100 v v v i ceo collector cut-off current : tip145t : tip146t : TIP147T v ce = - 30v, i b = 0 v ce = - 40v, i b = 0 v ce = - 50v, i b = 0 - 2 - 2 - 2 ma ma ma i cbo collector cut-off current : tip145t : tip146t : TIP147T v cb = - 60v, i e = 0 v cb = - 80v, i e = 0 v cb = - 100v, i e = 0 - 1 - 1 - 1 ma ma ma i ebo emitter cut-off current v be = - 5v, i c = 0 - 2 ma h fe dc current gain v ce = - 4v, i c = - 5a v ce = - 4v, i c = - 10a 1000 500 v ce (sat) collector-emitter saturation voltage i c = - 5a, i b = - 10ma i c = - 10a, i b = - 40ma - 2 - 3 v v v be (sat) base-emitter saturation voltage i c = - 10a, i b = - 40ma - 3.5 v v be (on) base-emitter on voltage v ce = - 4v, i c = - 10a - 3 v t d delay time v cc = - 30v, i c = - 5a i b1 = -20ma, i b2 = 20ma r l = 6 ? 0.15 s t r rise time 0.55 s t stg storage time 2.5 s t f fall time 2.5 s tip145t/146t/147t monolithic construction with built in base- emitter shunt resistors  high dc current gain : h fe = 1000@ v ce = - 4v, i c = - 5a (min.)  industrial use  complement to tip140t/141t/142t equivalent circuit b e c r1 r2 r 18 k ? ? r 20.12 k ? ? 1.base 2.collector 3.emitter 1 to-220
?2000 fairchild semiconductor international tip145t/146t/147t rev. a, february 2000 typical characteristics figure 1. static characteristic figure 2. dc current gain figure 3. collector-emitter saturation voltage base-emitter saturation voltage figure 4. collector output capacitance figure 5. safe operating area figure 6. power derating -0 -1 -2 -3 -4 -5 -0 -1 -2 -3 -4 -5 -6 -7 -8 -9 -10 i b = -2000 a i b = -1800 a i b = -1600 a i b = -1400 a i b = -1200 a i b = -1000 a i b = -800 a i b = -600 a i b = -400 a i c [a], collector current v ce [v], collector-emitter voltage -0.1 -1 -10 -100 100 1000 10000 100000 v ce = -4v h fe , dc current gain i c [a], collector current -0.1 -1 -10 -100 -0.01 -0.1 -1 -10 i c =-500i b v ce (sat) v be (sat) v be (sat), v ce (sat)[v], saturation voltage i c [a], collector current -1 -10 -100 -1000 -10 -100 -1000 f=0.1mhz v cb [v], collector-base voltage c ob [pf], capacitance -1 -10 -100 -1000 -0.1 -1 -10 -100 tip141 tip142 tip140 dc i c [a], collector current v ce [v], collector-emitter voltage 0 255075100125150175 0 20 40 60 80 100 120 p c [w], power dissipation t c [ o c], case temperature
4.50 0.20 9.90 0.20 1.52 0.10 0.80 0.10 2.40 0.20 10.00 0.20 1.27 0.10 ?.60 0.10 (8.70) 2.80 0.10 15.90 0.20 10.08 0.30 18.95max. (1.70) (3.70) (3.00) (1.46) (1.00) (45 ) 9.20 0.20 13.08 0.20 1.30 0.10 1.30 +0.10 ?.05 0.50 +0.10 ?.05 2.54typ [2.54 0.20 ] 2.54typ [2.54 0.20 ] to-220 package demensions ?2000 fairchild semiconductor international rev. a, february 2000 tip145t/146t/147t dimensions in millimeters
?2000 fairchild semiconductor international rev. e trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. acex? bottomless? coolfet? crossvolt? e 2 cmos? fact? fact quiet series? fast ? fastr? gto? hisec? isoplanar? microwire? pop? powertrench ? qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? uhc? vcx? disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor international. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information formative or in design this datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. no identification needed full production this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. obsolete not in production this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only.


▲Up To Search▲   

 
Price & Availability of TIP147T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X