Part Number Hot Search : 
LC864424 AD8015 ADC110TM CMD5D11 DQ2864H Z1117CM RF2045 LQ150X
Product Description
Full Text Search
 

To Download R1224N152F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r1224n series pwm/vfm step-down dc/dc converter no.ea-0 96-0 6 1 1 02 outline the r1 224 n serie s are cmos-b ase d pwm step -d o w n dc /dc converte r co ntrolle rs with lo w su pply cu rrent. each of the s e ics con s ist s of an oscillato r , a pwm con t rol circuit, a referen c e volt age unit, an e rro r amplifie r , a pha se comp e n satio n ci rcuit, a sof t -st a rt circuit, a p r ote c tion circuit, a pwm/vfm a l ternative ci rcuit, a chip en able circuit, re sisto r s for o u tput volt age d e tect, and input vol t age dete c t ci rcuit. a low ri pple, high ef fi cien cy step -d own dc/ dc co nve r ter can be e a s ily com p o s e d of this ic wi th onl y seve ral external co mpone nt s, o r a po wer-tra n sistor , an ind u cto r , a diode an d ca p a citors. out put v o lt ag e i s fix ed or ca n be adj uste d with external re sisto r s (adj ust able types are without pwm/v f m alternativ e circuit). with a p w m/ vfm altern ative circuit, wh en the lo ad current is sm al l, the ope rati on is autom atically switchin g into the vfm oscillator from pwm oscill ator . therefore, the ef ficiency at sm all load current is i m proved. several types of the r1224nxxx, whi c h are wit hout a pwm/ vfm alternati v e circuit, are also available. if the term of maximum duty cycle ke ep s on a ce rt ai n time, the embed ded prote c tion circuit wo rks. t he prote c tion ci rcuit is re set-type protectio n circuit, and it works to re st a r t the operati on with sof t -st a rt and re peat this op eratio n until maximu m duty cycl e con d ition i s re leas ed. when the ca use of l a rge load current or som e th ing else i s rem o ved, the opera t ion is autom atica lly rele ased and return s to norm a l o peratio n. furthe r , built-in uvlo fun c tion wo rks when the inp u t volt age is e q ual or le ss than uvl o thresh old, it make s this ic be st a ndby and sup p re sses the consum ption current and av oid an un st a b l e operation. features ? supply current ................................................................ t y p. 20 a (r1224 nxx2e/f/m/l, r1224 n10 2 m) t y p. 30 a (r1224 nxx2g , r12 2 4 n 102 g ) t y p. 40 a (r1224 nxx2h, r12 2 4 n 102 h) ? s t andby current .............................................................. t y p. 0 a ? input v o lt age rang e ....................................................... 2.3v ~18.5v ? output v o lt age ra nge ..................................................... 1.2v to 6. 0v (r1224nxx2x) 1.0v to v in (r1224 n1 02x) ? output v o lt age ac curac y ................................................. 2.0% ? oscillator f r e quency ....................................................... t y p. 180khz (r1224nxx2 m, r1224n102m) t y p. 300khz (r1 224 nxx2 e/g , r1224 n102g ) t y p. 500khz (r1 224 nxx2 f/h, r12 24n102 h) ? ef fic i enc y ......................................................................... t y p. 90% ? low t e mperature-drif t coef fic i ent of output v o lt age...... t y p. 100 pp m/c ? pac k age .......................................................................... sot - 23-5 ? built-in sof t -st a rt func tion ............................................... t y p. 10ms ? built-in cu rr e n t limit circ ui t applications ? powe r sou r ce for hand-h e ld comm uni cation eq uip m ent, came ras, video instrum ent s su ch as vcrs, cam c o r de rs. ? powe r so urce for battery-p owe r ed e quip m ent. ? powe r so urce for hou sehol d electri c al a pplian c e s . 1
r1224n block diagram *fixed ou tp ut v o lt age t y pe os c am p vr e f vr e f v ou t ce v in ex t gnd pw m/ v f m cont rol s o ft s t a r t p r ot ect i on chi p e nabl e uv lo 5 4 2 1 3 *adjust a ble outpu t v o lt a g e t y pe os c am p vr e f vr e f v fb ce v in ex t gnd s o ft s t a r t p r ot ect i on chi p e nabl e uv lo 5 4 2 1 3 2
r1224 n selection guide in the r122 4 n seri es, th e output volt ag e, the o scill ator freque ncy , the option a l f unctio n , and the t api ng typ e for the ics can b e sele cted at the use r ' s req uest. the sel e ctio n can be ma de with desi gnat ing the p a rt numbe r as sho w n bel ow; r 1 2 2 4 n x x 2 x - x x - x part number a b c d e f c o d e c o n t en t s a de sign ation o f packa ge type; n: sot-2 3 -5 b setting outpu t voltage (v out ): stepwise sett ing with a ste p of 0.1v in the ran ge of 1 . 2v to 6.0v is possible. adjustabl e type; a = 10 m e a n s refere nce voltage = 1.0 v optional fu nction i s g/h/ m. c 2 : f i x e d d de sign ation o f optional fu nction e : 300khz, with a pwm/ vfm alternati v e circuit f : 500khz, with a pwm/vfm alternativ e circuit g : 300khz, without a pwm/vfm altern ative circuit h : 500khz, without a pwm/vfm altern ative circuit l : 180khz, with a pwm/vfm alternativ e circuit m :180khz, without a pwm / vfm alternat ive circuit e de sign ation o f taping type ; (refe r to tapi ng specifi c ati on)"t r" is prescrib ed a s a standa rd. f de sign ation o f compo s ition of pin plating -f: lead free plating 3
r1224n pin configuratio ? 12 3 4 5 ( m ar k s i de) pin description pin no sy mbol pin descrip tion 1 ce chip ena b le pin (?h ? activ e ) 2 g n d grou n d p i n 3 v out (v fb ) pin for monitoring o u tput v o lt age (fee dba ck v o lt ag e) 4 ext external t r an sisto r drive pin (cm o s ou tput) 5 v in powe r suppl y pin absolute maximum rating s sy m b o l i t e m ratin g u n i t v in v in supply voltage 20 v v ex t ext pin output v o lt age ? 0.3 to v in + 0. 3 v v ce ce pin input v o lt age ? 0.3 to v in + 0. 3 v v out v out /v fb pin input v o lt ag e ? 0.3 to v in + 0. 3 v i ex t ext pin inductor drive ou tput current 50 a p d powe r di ssi p a tion (sot -2 3-5 ) * 420 mw t o p t o p e r a t i n g t e m p e r a t u r e ra n g e ? 40 to + 85 c t s t g s t orage t e m peratu r e ran g e ? 55 to + 12 5 c * ) for po we r dissip ation, p l ease refe r to package informatio n to be describ ed. 4
r1224 n electrical characteristics ? topt=25 c sy m b o l i t e m conditio n s m i n . t y p . max. unit v in operating inp u t v o lt age 2 . 3 18.5 v v out s t ep-do wn o u tput v o lt age v in = v ce = v se t + 1.5v , i out =? 100ma whe n v se t < = 1.5v , v in = v ce = 3.0v v set 0.98 v set v set 1.02 v ? v out / ? t opt s t ep-do wn o u tput v o lt age t e mperature coef fici ent ? 40 c < = t opt < = 85 c 100 p p m / c f o s c o s c i l l a t o r f r e quen c y v in = v ce = v se t + 1.5v , i out =? 100ma whe n v se t < = 1.5, v in = v ce = 3.0 v l/m v e rsi o n e/g v e r s ion f/h v e rsion 144 240 400 180 300 500 216 360 600 kh z ? f o sc/ ? t opt oscillator f r e quen cy t e mperature coef fici ent ? 40 c < = t opt < = 85 c 0.2 % / c i dd1 supply cu rre nt 1 v in = v ce = v ou t = 18.5v e/f/l/m v e rsi on g versi on h versi on 20 30 40 50 60 80 a ist and b y s t andby cu r r e n t v in = 18.5v , v ce = 0v , v out = 0v 0 . 0 0 . 5 a i ex t h ext ?h? o u tp ut current v in = 8v , v ex t = 7.9v , v out = 8v , v ce = 8v ? 17 ? 10 ma i ex t l ext ?l? outp ut current v in = 8v , v ex t = 0.1v , v out = 0v , v ce = 8v 2 0 3 0 m a i ce h ce ?h? input curre n t v in = v ce = v ou t = 18.5v 0 . 0 0 . 5 a i ce l ce ?l? input current v in = v out = 18. 5v , v ce = 0v ? 0.5 0 . 0 a v ce h ce ?h? input v o lt age v in = 8v , v out = 0v 1 . 5 v v ce l ce ?l? in put v o lt age v in = 8v , v out = 0v 0 . 3 v maxd ty oscillator m a ximum duty cy cle 1 0 0 % vfmd ty vfm duty cyc l e e/f/l v e rs ion 35 % v uv l o 1 u v l o v o lt ag e v in = v ce = 2.5v to 1.5v , v out = 0v 1 . 8 2 . 0 2 . 2 v v uv l o 2 u v l o relea s e v o lt a g e v in = v ce = 1.5v to 2.5v , v out = 0v v uv l o 1 + 0.1 2 . 3 v ts ta r t d e l a y t i m e b y s o ft - s ta r t f u n c t i o n v in = v se t + 1.5 v , i out =? 10m a v ce = 0v v set + 1.5v 5 1 0 2 0 m s tprot delay t i me for protec tion c i rc uit v in = v ce = v se t + 1.5v v out = v set + 1.5v 0v 5 1 5 3 0 m s 5
r1224n ? topt=25 c sy m b o l i t e m conditio n s m i n . t y p . max. unit v in operating inp u t v o lt age 2 . 3 18.5 v v fb f e e d b ack v o l t a g e v in = v ce = 3.5v , i fb =? 10 0ma 0 . 9 8 1 . 0 0 1.02 v ? v fb / ? t opt feedb ack v o l t age t e mperature coef fici ent ? 40 c < = t opt < = 85 c 100 p p m / c f o s c o s c i l l a t o r f r e quen c y v in = v ce = 3.5v , i fb =? 10 0ma m v e rsi on g v e rsion h v e rsion 144 240 400 180 300 500 216 360 600 kh z ? f o sc/ ? t opt oscillator f r e quen cy t e mperature coef fici ent ? 40 c < = t opt < = 85 c 0.2 % / c i dd1 supply cu rre nt 1 v in = v ce = v fb = 18.5v m v e rsi on g v e rsion h v e rsion 20 30 40 50 60 80 a ist and b y s t andby cu r r e n t v in = 18.5v , v ce = 0v , v fb = 0v 0 . 0 0 . 5 a i ex t h ext ?h? o u tp ut current v in = 8v , v ex t = 7.9v , v fb = 8v , v ce = 8v ? 17 ? 10 ma i ex t l ext ?l? outp ut current v in = 8v , v ex t = 0.1v , v fb = 0v , v ce = 8v 2 0 3 0 m a i ce h ce ?h? input curre n t v in = v ce = v fb = 18.5v 0 . 0 0 . 5 a i ce l ce ?l? input current v in = v fb = 18.5v , v ce = 0v ? 0.5 0 . 0 a v ce h ce ?h? input v o lt age v in = 8v , v fb = 0v 1 . 5 v v ce l ce ?l? in put v o lt age v in = 8v , v fb = 0v 0 . 3 v maxd ty oscillator m a ximum duty cycle 100 % v uv l o 1 u v l o v o lt ag e v in = v ce = 2.5v to 1.5v , v fb = 0v 1 . 8 2 . 0 2 . 2 v v uv l o 2 u v l o relea s e v o lt a g e v in = v ce = 1.5v to 2.5v , v fb = 0v v u v lo1 + 0.1 2 . 3 v ts ta r t d e l a y t i m e b y s o ft - s ta r t f u n c t i o n v in = 2.5v , i fb =? 10ma v ce = 0v 2.5 v 5 1 0 2 0 m s tprot delay t i me for protec tion c i rc uit v in = v ce = 2.5v v fb = 2.5v 0v 5 1 5 3 0 m s 6
r1224 n typical appli cation and application hints (1) fixed outpu t v o lt age t y p e (r1 224 nx x 2 e/f/g/h/l/m excep t xx =10 ) ce con t rol r 1224n ext gnd v out v in ce c3 l lo ad c1 r1 c2 pm o s sd 5 1 2 3 4 pmos: ha t1 044m (hit a c h i ) l : cr10 5 -2 70 mc (sumi da, 27 h) sd1 : rb063l -30 (ro h m) c3 : 47 f (t ant alum t y pe) c1 : 10 f (cera m ic t y pe ) c2 : 0.1 f (cera m ic t y pe ) r1 : 10 ? (2) adjust a b le o u tpu t t y pe (r12 24 n102 g / h/m) examp l e: outp ut v o lt age = 3.2v ce con t rol c3 l lo ad c1 r1 c2 pm o s sd c4 r3 r4 r2 r 1224n ext gnd v fb v in ce 5 1 2 3 4 pmos: ha t1 044m (hit a c h i ) l : cr10 5 -2 70 mc (sumi da, 27 h) sd1 : rb063l -30 (ro h m) c3 : 47 f (t ant alum t y pe) c1 : 10 f (cera m ic t y pe ) c2 : 0.1 f (cera m ic t y pe ) c4: 1000 pf (ceramic t y p e ) r1 : 10 ? , r 2 = 22k ? , r3= 2 .7k ? , r4= 3 3k ? 7
r1224n whe n you use these ics, consi der the fo llowing i s sue s ; ? as sho w n in the blo ck dia g ram, a p a ra sitic di ode i s f o rme d in e a ch termin al, ea ch of the s e di ode s is not fo rmed for load cu rre n t, therefore do not u s e it i n su ch a way . whe n you co ntrol t he ce p i n by anoth e r power sup p ly , do not make it s ?h? level mo re than the volt age level of v in pin. ? set external comp one nt s as clo s e as p o ssible to th e ic an d mini mize th e con nectio n bet ween the comp onent s and the ic. i n p a rticul ar , a ca p a citor should b e con necte d to v ou t pin with th e minimum conne ction. m a ke suf f icie nt gro und and reinf o rce su pplyin g . a large swi t chi ng current could flow th roug h the co nne ction of powe r sup p ly , an in ducto r and th e con n e c tion of v out . if the impedan ce o f the conne cti on of power supply is hig h , the volt age level of powe r su p p ly of the ic fluctuate s with the switching current. this may cause u n st a b le op era t ion of the ic. ? prote c tion ci rcuit may work if the maximum duty cycl e co ntinue for the time defined in the electrica l cha r a c teri stics. on ce af te r stop ping th e output volt age, output will re st a r t with sof t -st a rt operation. if the dif f eren ce bet wee n input volt age a nd ou tput volt age is sm all, the protectio n ci rcuit may work. ? u s e ca p a cit o rs wit h a c a p a cit y of 22 p f or mo re f o r v out pi n, an d with go od hig h freq uen cy chara c te risti c s su ch as t ant alum cap a citors. w e reco mmen d you to use ou tput cap a cito rs with an all o wabl e volt age at least twice as much a s sett ing output volt age. this is becau se the r e may be a ca se wh ere a spike-sha p ed high volt a ge is gene rated by an indu ctor when an extern al transi s to r is on an d of f. ? ch oo se an i ndu ctor that has suf f icie nt ly small d.c. resi st an ce a n d large all o wable current and is h a rd t o rea c h magneti c sat u ration. an d if the value of induct a n c e of an inducto r is extremel y small, the i lx may ex cee d t he absolute max i mum rating a t the maximum loading. use an ind u ct or with ap pro p riate ind u ct a n ce. ? use a dio de of a schottky type with high switching sp eed, and al so p a y attention to it s current ca p a city . ? do n o t use t h is ic un der t he co ndition with v in volt age at equal o r less tha n minimum op erat ing volt age. ? wh en the th resh old level of an external power m o s f et is rathe r low a nd the d r ive-a b ility of volt age sup p li er i s small, if the output pin is short ci rc uit, input volt age m a y be equal o r less than uvlo detecto r thresh old. in this ca se, the d e v ise is re set with uvl o function th at is di f f ere n t from the reset-protectio n fu nction ca use d b y maximum dut y cycle. ? with the pwm/vfm altern ative circuit, whe n the o n duty cy cle of swit chin g is 3 5 % or le ss, the r122 4n a l ters from pwm m ode to vfm mode (pul se ski p mode ). the purpo se of this circuit is raisi ng the ef ficien cy with a light load by ski pp ing the frequ ency and sup p re ssi ng the con s um pt ion curre n t. however , the rati o of output volt age again s t inp u t volt age i s 35 % or le ss, (e x. v in >8.6v a nd v out =3.0v ) even if the l a rge cu rrent may be lo ade d, the ic ke ep s it s v f m mod e . as a re sult, freq uen cy might be de crea sed , and o scill ation waveform might be u n st able. these phe no mena a r e the typical cha r a c teri stics of the ic with pwm/vfm altern ative circuit. the p e rfo r mance of po wer sou r ce ci rcui t s u s ing t hes e ics extremely depe n d s up on the p e riph eral circuit s . pay attention in the selecti on of the peri pheral ci rcui t s . in p a rticula r , desi gn the perip he ral ci rcuit s in a way tha t the values su ch as volt a ge, current, and power of eac h comp onent, pcb p a ttern s and the ic do not excee d their respe c ted rated value s . 8
r1224 n how to adjust output voltage and about phase compensation as for adju st able outp ut type, feedba ck pin (v fb ) volt age is cont ro lled to maint a in 1.0v . output v o lt ag e, v out is as f o llowin g equ a t ion: v out : r2 + r4 = v fb : r2 v out = v fb (r 2 + r4 )/r 2 thus, with ch angin g the value of r2 an d r4, out put volt age can b e set in the sp ecified rang e. in the dc/ dc conve r ter , wi th the load cu rre nt and exter nal com pon ent s su ch a s l and c, pha se mig h t be b ehind 180 de gree. in this case, the pha se m a rgin of the syst em will be le ss and st abilit y will be wo rse. t o prevent this, pha se m a rgi n sho u ld b e se cured with p r oce edin g the pha se. a pol e is fo rmed with external compon ent s l and c3. c3 l 1/2 ~ fpole a zero (si gnal back to ze ro) is formed with r4 an d c4. ? fzero~1/(2 r4 c4) for exampl e, if l = 27 h, c3 = 47f , the cu t of f frequency of the pole is app roximat e ly 4.5khz. t o make the cut of f freque ncy of the pol e as mu ch a s 4.5khz, set r4 = 33 k ? an d c4 = 100 0pf . if v out is s e t at 2.5v , r2 = 22 k ? is a ppro p riate. r3 prevent s feedb ack of the noise to v fb pin, about 2.7k ? is a ppro p riate value. ce con t rol c3 l lo ad c1 r1 c2 pm o s sd c4 r3 r4 r2 r 1224n ext gnd v fb v in ce 5 1 2 3 4 9
r1224n operation of step-down dc/dc conv erter and output current the step -do w n dc/dc con v erter ch arg e s energy in th e inducto r wh en lx transist o r is on, and discha r g e s the energy from t he ind u cto r when lx tran si stor i s o ff a nd control s with less en erg y loss, so tha t a lowe r o u tput volt age tha n the input volt age i s obt ain ed. the ope ration will be explaine d with referen c e to the follo wing diagram s: i out lx t r l sd v in i1 v out cl i2 gnd t = 1 / f o sc ton t of f tope n ilm i n ilm a x il s t ep 1: lx t r . turns o n and cu rrent il (=i1) flo w s, and ener gy is ch arg ed int o cl. at this moment, il increa se s from ilmin. (= 0) to reac h il max. in prop ortion to the o n -time pe riod (ton) of lx t r . s t ep 2: whe n lx t r . turn s of f, schottky diode (sd) turn s on in order that l maint a in s il at ilmax, a nd current il (=i2 ) flow s. s t ep 3: il de cre a ses grad ually an d rea c h e s il min. af ter a time peri od of top en, and s d tu rns of f, provid ed that in the contin uou s mode, next cycle st art s before il b e come s to 0 be cau s e tof f time is not enou gh. in this c a s e , il value is from this ilmin (> 0). in the case of pwm control system, t he output volt ag e is maint a in ed by contro ll ing the on-tim e period (to n ), with the oscillator freque ncy (fo s c) bein g mai n t a ine d co nst ant. discon t inuo us cond ucti on mode an d contin uou s condu ctio n mode the maximu m value (ilm ax) and th e minimum val ue (ilmin ) cu rre nt whi c h fl ow throug h the indu cto r is th e same a s tho s e whe n lx t r . is on an d when it is off . the dif f ere n ce betwe en il max and ilmi n, which is re pre s ente d by ? i; ? i = ilmax-ilmin = v ou t to p en/l = (v in -v ou t ) ton/l ................................... e quation 1 whe r ein, t = 1/fosc = ton+ tof f duty (%) = ton/ t 10 0 = ton fo s c 1 00 topen < = tof f in equation 1 , v out tope n/l and (v in -v ou t ) ton/l a r e respe c tively shown the cha nge of the cu rre nt at on, and the cha nge of the current a t off . whe n the out put cu rrent (i out ) is relative ly small, tope n0). the former m ode is refe rre d to as the di scon tinuou s mode and the latter mode is referred to a s cont inuou s mod e . 10
r1224 n in the continu ous mo de, when equatio n 1 is solv ed fo r ton and a s sumed that the solution i s tonc, tonc t u v ou t /v in ..................................................................................... equat ion 2 whe n ton r1224n external components 1. inducto r select an ind u ctor that pe ak current do es not excee d ilmax. if large r cu rrent than allo wabl e curre n t flows, magneti c sat u ration o c cu rs and ma ke transfo rm ef fici ency worse. whe n the loa d curre n t is d e finite, the smaller valu e of l, the large r the rippl e cu rre nt. provided th at the allo wabl e cu rrent is l a rge in that ca se a nd dc current is sm al l, therefore, for la rge outp u t curre n t, ef ficiency is b e tter than usin g a n indu ct or wit h a large valu e of l and vice versa. 2. diod e use a diod e with low v f (schottky type is re comme n ded.) an d hig h swit chin g speed. reverse volt a ge rating sho u ld be mo re than v in and current rating sho u ld be e q ual or mo re than ilmax. 3. ca p a citors as for c in , use a cap a cito r with lo w esr (equivale nt serie s resi st ance) a nd a cap a city of at least 1 0 f for st abl e ope rati on. c ou t ca n red u ce ri pple of output v o lt age, therefo r e 47 f or m o re value of t ant alu m type ca p a citor i s recomme nde d. 4. lx t r an si stor pc h power mosfet is required for this ic. it s bre a kdown volt age bet wee n gate an d sou r ce sh o u ld be a few v higher tha n input v o lt age . in the case o f input v o lt age is low , to turn on mosf et completel y , to use a mosfet with low thre sh old volt age is ef fe ctive. if a large load current is necessa ry for your appli c ation and im port a nt, choo se a mosfe t with low o n resi st a n ce for good ef ficie n c y . if a small load current is mainly neces sa ry for your a p p lication, cho o s e a m o sfe t with lo w gat e ca p a city fo r good ef fici en cy . maximum co ntinuou s drai n curre n t of mosfet sh o u ld be large r than pe ak current, ilmax. 12
r1224 n timing chart v ou t s e t out put v o l t age uv lo v o l t age i nput v o l t age ri s i ng t i m e uv lo res e t v ou t s e t out put v o l t age p r o t ect i on ci r c ui t del a y t i m e v ou t se t o u tp u t v o l t age v in ce ex t v ou t v ou t se t o u tp u t v o l t age s t abl e operat i o n s t abl e operat i o n s t abl e operat i on s o ft s t a r t s o ft s t a r t s o ft s t a r t s o ft s t a r t res e t p r ot e c t i on the timing chart sh own above de scri bes the cha nging p r o c e s s of input volt age ri sing, st abl e ope rat i ng, operating wit h large current, st able o peratin g, inp u t volt age falling, input volt age recovering, an d st able operating. first, until when the inpu t volt age (v in ) rea c he s uvlo volt age, the circuit insid e kee p s the condition of pre - st and by . sec o nd, af ter v in becom es beyon d the uvlo thresh old, sof t -s t a rt operatio n st art s , wh en the sof t -st a rt operation fini she s , the ope ration be co m e s st able. if too large cu rre nt flows through th e ci rc uit becau se o f short o r oth e r rea s on s, ext sign al ign o re s that du ri ng the delay time of prote c tion circuit. (t h e current value depen ds o n the circuit.) af ter the dela y time p a sse s, reset prote c tion wo rks, or ext signa l will be ?h?, then output wi ll turn of f, then sof t -st a rt operation st art s . af ter the sof t -st a rt operati on, ext signal will be ?l ?, but if the large current is stil l flowing, af ter the delay tim e of protection circuit p a sses , reset prot ection circuit will work agai n, the operati on will be co ntinuo u s ly repe ated unle ss the ca use of large current flowin g is not remov ed. once the ca u s e of the larg e curre n t flowing is rem o ve d, within the delay time, t he operation will be back to the st abl e one. if the timing for rele ase the large curre n t is in the pr otection p r o c ess, the operati on will be b a ck to the normal one af te r the sof t -st a rt ope ration. if the v in becomes l o wer t han the set v out , that sit uation is sa m e as la rg e cu rre nt co nditio n , so p r ote c tion circuit may b e ready to wo rk, therefore, af ter t he dela y time of protection circuit, ext will be ?h?. furthe r , if the v in is lower t han uvl o volt age, the ci rcui t inside will be stop ped b y uvlo funct i on. af ter that, if v in rise s, unt il when the v in reache s uvlo volt a g e , the circuit inside kee p s the conditi on of spre-st a ndby . 13 then af ter v in beco m e s b e yond the uv lo threshold, sof t -st a rt op eration st art s , whe n the sof t -st a rt ope rati on finishe s , the operation be comes st a b le.
r1224n test ci rcuits output v o lt age, oscillator frequenc y , ce ? h ? input v o lt age, ce ? l ? input v o lt age, sof t -st a rt time r 1224n ex t gnd v out v in ce d1 c1 pm o s v o scil l os co pe c2 (v fb ) 2 31 5 4 l1 supply current 1 s t andb y current a r1224n gnd v out v in ce (v fb ) 2 3 1 5 a r1224n gnd v out v in ce (v fb ) 2 31 5 e x t ?h ? out put cu rren t e x t ?l? ou t put cu rren t a r 1224n gnd v ou t v in ce (v fb ) ext 2 3 1 5 4 a r 1224n gnd v ou t v in ce (v fb ) ext 2 31 5 4 ce ?h? inpu t curren t , ce ?l ? input cu rrent outpu t dela y t i me for pr otec tion circ uit a r 1224n gnd v out v in ce (v fb ) 2 3 1 5 r 1 224n gnd v out v in ce (v fb ) ext o scil l os co pe c2 2 31 5 4 pmos : ha t104 4m (hit a c hi ) l : cd10 4 -2 70 mc (sumi da, 27 h) sd1 : rb491d (rohm) c1 : 47 f (t ant alum t y pe) c2 : 47 f (t ant alum t y pe) 14
r1224 n typical characteristics 1)output voltage vs. output current (*note) r12 2 4 n 182e l=10h r12 2 4 n 182 f l=10h v in 5v v in 3.3v v in 5v v in 3.3v output current i out (ma) 0.1 1 1 0 10000 1000 100 1.830 1.850 1.810 1.790 1.770 1.750 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 1.850 1.770 1.790 1.810 1.830 1.750 output voltage v out (v) 1.830 1.850 1.810 1.790 1.770 1.750 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 1.830 1.850 1.810 1.790 1.770 1.750 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 1.830 1.850 1.810 1.790 1.770 1.750 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 1.830 1.850 1.810 1.790 1.770 1.750 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 r12 2 4 n 182 g l=10? r12 2 4 n 182 h l=10? v in 12v v in 5v v in 3.3v v in 12v v in 5v v in 3.3v r12 2 4 n 182 l l=27? r12 2 4 n 182 m l=27? v in 5v v in 3.3v v in 12v v in 5v v in 3.3v 15
r1224n r12 2 4 n 332e l=10h r12 2 4 n 332 f l=10h v in 7v v in 4.8v v in 7v v in 4.8v 3.34 3.40 3.30 3.28 3.24 3.20 output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.38 3.36 3.32 3.26 3.22 output current l out (ma) 3.340 3.400 3.300 3.280 3.240 3.200 output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.380 3.360 3.320 3.260 3.220 output current l out (ma) 3.340 3.400 3.300 3.280 3.240 3.200 output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.380 3.360 3.320 3.260 3.220 output current l out (ma) 3.32 3.35 3.30 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.34 3.33 3.31 3.32 3.35 3.30 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.34 3.33 3.31 3.340 3.400 3.300 3.280 3.240 3.200 output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.380 3.360 3.320 3.260 3.220 output current l out (ma) r12 2 4 n 332 g l=10? r12 2 4 n 332 g (v in =10v ) v in 15v v in 12v v in 4.8v r 1 22 4n 3 3 2 g ( v in =16v ) r12 2 4 n 332 h l=10? v in 15v v in 12v v in 4.8v 16
r1224 n r12 2 4 n 332 l l=27h r12 2 4 n 332 m l=27h v in 7v v in 4.8v v in 15v v in 12v v in 4.8v 3.340 3.400 3.300 3.280 3.240 3.200 output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.380 3.360 3.320 3.260 3.220 output current l out (ma) 3.340 3.400 3.300 3.280 3.240 3.200 output voltage v out (v) 0.1 1 1 0 100 1000 10000 3.380 3.360 3.320 3.260 3.220 output current l out (ma) 3.32 3.35 3.30 output voltage v out (v) 3.34 3.33 3.31 output current l out (a) 0 1234 5 3.32 3.35 3.30 output voltage v out (v) 3.34 3.33 3.31 output current l out (a) 0 1234 5 3.32 3.35 3.30 output voltage v out (v) 3.34 3.33 3.31 output current l out (a) 0 123 4 5.040 5.100 5.000 4.980 4.940 4.900 output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.080 5.060 5.020 4.960 4.920 output current l out (ma) r 1 22 4n 3 3 2 m ( v in = 5 v) r 1 22 4n 3 3 2 m ( v in =1 0v ) r 1 22 4n 3 3 2 m ( v in =1 8v) r12 2 4 n 502e l=10? v in 10v v in 6.5v 17
r1224n r12 2 4 n 502 f l=10h r12 2 4 n 502 g l=10h v in 10v v in 6.5v v in 15v v in 12v v in 6.5v 5.040 5.100 5.000 4.980 4.940 4.900 output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.080 5.060 5.020 4.960 4.920 output current l out (ma) 5.040 5.100 5.000 4.980 4.940 4.900 output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.080 5.060 5.020 4.960 4.920 output current l out (ma) 5.02 5.05 5.00 0.1 1 1 0 100 1000 10000 5.04 5.03 5.01 output voltage v out (v) output current l out (ma) 5.02 5.05 5.00 output current l out (ma) output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.04 5.03 5.01 5.040 5.100 5.000 4.980 4.940 4.900 output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.080 5.060 5.020 4.960 4.920 output current l out (ma) 5.040 5.100 5.000 4.980 4.940 4.900 output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.080 5.060 5.020 4.960 4.920 output current l out (ma) r 1 22 4n 5 0 2 g ( v in =10v ) r12 2 4 n 502 g (v in =16v ) r12 2 4 n 502 h l=10? r12 2 4 n 502 l l=27? v in 15v v in 12v v in 6.5v v in 10v v in 6.5v 18
r1224 n r12 2 4 n 502 m l=27h v in 15v v in 12v v in 6.5v *note : t y p i c a l c h ar ac ter i s t ic s 1) ar e obtain ed with us in g the f o l l o w ing c o m p one nt s ; pmo s : irf74 0 6 ( i r) l : cdrh1 27-1 00m c (sum i d a: 10 h ) sd : rb0 8 3l- 20 ( r o h m ) c1 : 25 sc47 ( s a n y o / o s -c on : 47f/25 v ) 2 c2 : 0.1f ( c er am ic t y p e ) c3 : 10 sa 220 ( s an y o /o s- c on: 220f / 1 0 v ) r1 : 10 ? 5.040 5.100 5.000 4.980 4.940 4.900 output voltage v out (v) 0.1 1 1 0 100 1000 10000 5.080 5.060 5.020 4.960 4.920 output current l out (ma) output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 19
r1224n r 1 22 4n 1 8 2 g ( v in =12v ) cdrh12 7-1 0 h r12 2 4 n 182 h (v in =3.3v) cdr h1 27- 1 0 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 20
r1224 n r 1 22 4n 1 8 2 m ( v in =3.3v ) cdr h12 7 - 27 h r12 2 4 n 182 m (v in =5.0v ) cdr h12 7 - 27 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 21
r1224n r 1 22 4n 3 3 2 f ( v in =4.8v) cdr h1 27- 1 0 h r12 2 4 n 332 g (v in =12v ) cdrh12 7-1 0 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 22
r1224 n r 1 22 4n 3 3 2 h ( v in =12v ) cdrh12 7-1 0 h r12 2 4 n 332 h (v in =4.8v) cdr h1 27- 1 0 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 23
r1224n r 1 22 4n 3 3 2 m ( v in =4.8v ) cdr h12 7 - 27 h r12 2 4 n 332 m (v in =5v ) output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 24
r1224 n r12 2 4 n 502e (v in =10v ) cdrh12 7-1 0 h r12 2 4 n 502 f (v in =6.5v) cdr h1 27- 1 0 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 25
r1224n r 1 22 4n 5 0 2 g ( v in =12v ) cdrh12 7-1 0 h r12 2 4 n 502 g (v in =15v ) cdrh12 7-1 0 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency 26
r1224 n r 1 22 4n 5 0 2 l ( v in =10v ) cdrh12 7-2 7 h r12 2 4 n 502 m (v in =6.5v ) cdr h12 7 - 27 h output current l out (ma) 0.1 1 1 0 100 1000 10000 30 40 100 90 0 efficiency *note: t y pical cha r a c teri stics 2) a r e obt ai ned with using the f o llowin g co m pone nt s; pmos : irf7406 (i r) l : cdrh1 27-1 00mc (sumid a: 10h) c2 : 0.1f (ce r a m ic t y pe ) sd : rb083l -20 (ro h m) c3 : 10sa220 (s anyo/os-con: 220f/10v) c1 : 25sc47 (sa n yo/os-con: 47f/25v) 2 r 1 : 1 0 ? 27
r1224n 3) ripple voltage vs. output current r12 2 4 n 182e l=10h r12 2 4 n 182 f l=10h v in 5v v in 3.3v v in 5v v in 3.3v 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 r12 2 4 n 182 g l=10? r12 2 4 n 182 h l=10? v in 12v v in 5v v in 3.3v 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 v in 12v v in 5v v in 3.3v 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 r12 2 4 n 182 l l=27? r12 2 4 n 182 m l=27? v in 5v v in 3.3v v in 12v v in 5v v in 3.3v 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 28
r1224 n r12 2 4 n 332e l=10h r12 2 4 n 332 f l=10h v in 7v v in 4.8v v in 7v v in 4.8v 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 60 70 50 40 30 20 10 0 output current l out (ma) ripple voltage vrpp(mv) 0.1 11 0 100 1000 10000 60 70 50 40 30 20 10 0 output current l out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 100 1000 10000 60 70 50 40 30 20 10 0 output current l out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 100 1000 10000 60 70 50 40 30 20 10 0 output current l out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 100 1000 10000 r12 2 4 n 332 g l=10? r12 2 4 n 332 h l=10? v in 15v v in 12v v in 4.8v v in 15v v in 12v v in 4.8v r12 2 4 n 332 l l=27? r12 2 4 n 332 m l=27? v in 7v v in 4.8v v in 15v v in 12v v in 4.8v 29
r1224n r12 2 4 n 502e l=10h r12 2 4 n 502 f l=10h v in 10v v in 6.5v v in 10v v in 6.5v 60 70 50 40 30 20 10 0 output current l out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 100 1000 10000 60 70 50 40 30 20 10 0 output current l out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 100 1000 10000 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 70 30 40 50 60 20 10 0 output current i out (ma) ripple voltage vrpp(mv) 0.1 1 1 0 10000 1000 100 r12 2 4 n 502 g l=10? r12 2 4 n 502 h l=10? v in 15v v in 12v v in 6.5v v in 15v v in 12v v in 6.5v r12 2 4 n 502 l l=27? r12 2 4 n 502 m l=27? v in 10v v in 6.5v v in 15v v in 12v v in 6.5v 30
r1224 n 4) output voltage vs. input voltage r12 2 4 n 182e l=10h r12 2 4 n 182 f l=10h 1ma 500ma 1ma 500ma 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 2.00 1.95 1.90 1.85 1.80 1.75 1.70 1.65 1.60 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 r12 2 4 n 182 g l=10? r12 2 4 n 182 h l=10? -1ma -500ma -1ma -500ma r12 2 4 n 182 l l=27? r12 2 4 n 182 m l=27? 1ma 500ma 1ma 500ma 31
r1224n r12 2 4 n 332e l=10h r12 2 4 n 332 f l=10h 1ma 500ma 1ma 500ma 3.40 3.34 3.36 3.38 3.32 3.30 3.28 3.26 3.24 3.22 3.20 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 3.40 3.34 3.36 3.38 3.32 3.30 3.28 3.26 3.24 3.22 3.20 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 3.40 3.34 3.36 3.38 3.32 3.30 3.28 3.26 3.24 3.22 3.20 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 3.40 3.34 3.36 3.38 3.32 3.30 3.28 3.26 3.24 3.22 3.20 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 3.40 3.34 3.36 3.38 3.32 3.30 3.28 3.26 3.24 3.22 3.20 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 3.40 3.34 3.36 3.38 3.32 3.30 3.28 3.26 3.24 3.22 3.20 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 r12 2 4 n 332 g l=10? r12 2 4 n 332 h l=10? -1ma -500ma -1ma -500ma r12 2 4 n 332 l l=27? r12 2 4 n 332 m l=27? 1ma 500ma 1ma 500ma 32
r1224 n r12 2 4 n 502e l=10h r12 2 4 n 502 f l=10h 1ma 500ma 1ma 500ma 5.20 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 5.20 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 5.20 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 5.20 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 5.20 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 5.20 5.15 5.10 5.05 5.00 4.95 4.90 4.85 4.80 input voltage v in (v) output voltage v out (v) 0 5 10 15 20 r12 2 4 n 502 g l=10? r12 2 4 n 502 h l=10? -1ma -500ma -1ma -500ma r12 2 4 n 502 l l=27? r12 2 4 n 502 m l=27? 1ma 500ma 1ma 500ma 33
r1224n 5) output voltage vs. temperature r12 2 4 n 332e r12 2 4 n 122 f 3.33 3.32 3.31 3.30 3.29 3.28 3.27 temperature topt(?c) output voltage v out (v) -40 10 60 35 -15 85 1.210 1.205 1.200 1.195 1.190 temperature topt(?c) output voltage v out (v) -40 10 60 35 -15 85 r 1 22 4n 6 0 2 l r 1 22 4n 1 0 2 g 6.10 6.05 6.00 5.95 5.90 temperature topt(?c) output voltage v out (v) -40 10 60 35 -15 85 1.010 1.005 1.000 0.995 0.990 temperature topt(?c) output voltage v out (v) -40 10 60 35 -15 85 360 330 300 270 240 temperature topt(?c) oscillator frequency fosc(khz) -40 10 60 35 -15 85 600 550 500 450 400 temperature topt(?c) oscillator frequency fosc(khz) -40 10 35 -15 60 85 6) oscillator frequency vs. temp e rature r 1 22 4n 1 0 2 g r 1 22 4n 1 0 2 h 34
r1224 n r 1 22 4n 1 0 2 m 216 198 180 162 144 temperature topt(?c) oscillator frequency fosc(khz) -40 10 60 35 -15 85 25 20 15 10 5 0 temperature topt(?c) supply current1 iss1( 35
r1224n r 1 22 4n 1 0 2 h r 1 22 4n 1 0 2 m 60 50 40 30 20 10 0 temperature topt(?c) supply current1 iss1( 36
r1224 n 10) ext ?h? output current vs. temperature r12 2 4 n 332e -10 -15 -20 -25 temperature topt(?c) ext "h" output current i exth (ma) -40 10 60 35 -15 85 50 40 30 20 temperature topt(?c) ext "l" output current i extl (ma) -40 10 60 35 -15 85 time(sec) -0 -0 0 1e-04 2e-04 3e-04 4e-04 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -0.04 -0.02 0 0.02 0.04 0.06 0.08 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.50 3.00 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) 11) ext ?l? output current vs. temperature r12 2 4 n 332e 12) load transient response r12 2 4 n 332 g l=10? v in =4.8v r12 2 4 n 332 g l=10? v in =4. 8 v 37
r1224n r12 2 4 n 332 g l=10h v in =10v r12 2 4 n 332 g l=10h v in =10v time(sec) -0.0002 -0.0001 0.0000 0.0001 0.0002 0.0003 0.0004 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -0.04 -0.02 0 0.02 0.04 0.06 0.08 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.50 3.00 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -2e-04 -1e-04 0 1e-04 2e-04 3e-04 4e-04 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -0.04 -0.02 0 0.02 0.04 0.06 0.08 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.50 3.00 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -2e-04 -1e-04 0 1e-04 2e-04 3e-04 4e-04 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) -2e-04 -1e-04 0 0.0001 0.0002 0.0003 0.0004 r12 2 4 n 332 h l=10? v in =4.8v r12 2 4 n 332 h l=10? v in =4. 8 v r12 2 4 n 332 h l=10? v in =10v r12 2 4 n 332 h l=10? v in =10v 38
r1224 n r12 2 4 n 332 m l=27h v in =4.8v r12 2 4 n 332 m l=27h v in =4. 8 v time(sec) -2e-04 -1e-04 0 0.0001 0.0002 0.0003 0.0004 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -0.04 -0.02 0 0.02 0.04 0.06 0.08 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.50 3.00 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -2e-04 -1e-04 0 1e-04 2e-04 3e-04 4e-04 3.40 3.30 3.20 3.10 3.00 2.90 2.80 2.70 2.60 3.50 2.50 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) time(sec) -0.04 -0.02 0 0.02 0.04 0.06 0.08 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 3.05 3.50 3.00 1800 1600 1400 1200 1000 800 600 400 200 2000 0 output voltage v out (v) output current i out (ma) 2.20 2.05 2.10 2.15 2.00 1.95 1.90 temperature topt(?c) -15 -40 10 35 85 60 uvlo voltage v uvlo (v) r12 2 4 n 332 m l=27? v in =10v r12 2 4 n 332 m l=27? v in =10v 12) uvlo voltage vs. temperature r12 2 4 n 332e 39
package information pe-sot-23-5-0610 ? sot-23-5 (sc-74a) unit: mm package dimensions 2.9 0.2 0.4 0.1 1.9 0.2 (0.95) (0.95) 54 123 +0.2 ? 0.1 1.6 +0.2 ? 0.1 1.1 +0.1 ? 0.05 0.15 2.80.3 0 to 0.1 0.8 0.1 0.2 min. taping specification 2.0max. 0.30.1 4.00.1 2.00.05 4.00.1 3.3 3.2 8.00.3 1.750.1 3.50.05 1.5 +0.1 0 ? 1.1 0.1 tr user direction of feed taping reel dimensions reuse reel (eiaj-rrm-08bc) (1reel=3000pcs) 2 0.5 11.4 1.0 9.0 0.3 13 0.2 ? 60 ? +1 0 180 ? 0 ? 1.5 21 0.8
package information pe-sot-23-5-0610 power dissipation (sot-23-5) this specification is at mounted on board. power dissipation (p d ) depends on conditions of mounting on board. this specification is based on the measurement at the condition below: (power dissipation (sot-23-5) is substitution of sot-23-6.) measurement conditions standard land pattern environment mounting on board (wind velocity=0m/s) board material glass cloth epoxy plactic (double sided) board dimensions 40mm 40mm 1.6mm copper ratio top side : approx. 50% , back side : approx. 50% through-hole 0.5mm 44pcs measurement result (topt=25 c,tjmax=125 c) standard land pattern free air power dissipation 420mw 250mw thermal resistance ja = (125 ? 25 c)/0.42w = 263 c/w 400 c/w 0 50 100 25 75 85 125 150 ambient temperature ( c) 0 200 100 300 400 250 420 500 600 power dissipation p d (mw) on board free air 40 40 power dissipation measurement board pattern ic mount area unit : mm recommended land pattern 0.7 max. 0.95 0.95 1.9 2.4 1.0 (unit: mm)
mark information me-r1224n-0612 r1224n series mark specification ? sot-23-5 (sc-74a) 1 2 3 4 5 1 , 2 , 3 : product code (refer to part number vs. product code) 4 , 5 : lot number ? part number vs. product code product code product code product code part number 1 2 3 part number 1 2 3 part number 1 2 3 r1224n102g g 1 0 r1224n102h h 1 0 r1224n102m m 1 0 r1224n122g g 1 2 r1224n122h h 1 2 r1224n122m m 1 2 r1224n152g g 1 5 r1224n132h h 1 3 r1224n152m m 1 5 r1224n182g g 1 8 r1224n152h h 1 5 r1224n182m m 1 8 r1224n252g g 2 5 r1224n182h h 1 8 r1224n252m m 2 5 r1224n302g g 3 0 r1224n252h h 2 5 r1224n302m m 3 0 r1224n332g g 3 3 r1224n302h h 3 0 r1224n312m m 3 1 r1224n362g g 3 6 r1224n332h h 3 3 r1224n332m m 3 3 r1224n402g g 4 0 r1224n362h h 3 6 r1224n502m m 5 0 r1224n502g g 5 0 r1224n402h h 4 0 r1224n552m m 5 5 r1224n552g g 5 5 r1224n462h h 4 6 r1224n602m m 6 0 r1224n602g g 6 0 r1224n472h h 4 7 r1224n122 l l 1 2 r1224n122e e 1 2 r1224n502h h 5 0 r1224n152 l l 1 5 r1224n152e e 1 5 r1224n552h h 5 5 r1224n182 l l 1 8 r1224n182e e 1 8 r1224n602h h 6 0 r1224n252 l l 2 5 r1224n222e e 2 2 r1224n122f f 1 2 r1224n302 l l 3 0 r1224n252e e 2 5 R1224N152F f 1 5 r1224n312 l l 3 1 r1224n262e e 2 6 r1224n182f f 1 8 r1224n332 l l 3 3 r1224n272e e 2 7 r1224n252f f 2 5 r1224n502 l l 5 0 r1224n302e e 3 0 r1224n262f f 2 6 r1224n552 l l 5 5 r1224n332e e 3 3 r1224n302f f 3 0 r1224n602 l l 6 0 r1224n502e e 5 0 r1224n322f f 3 2 r1224n552e e 5 5 r1224n332f f 3 3 r1224n602e e 6 0 r1224n362f f 3 6 r1224n502f f 5 0 r1224n552f f 5 5 r1224n602f f 6 0


▲Up To Search▲   

 
Price & Availability of R1224N152F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X