Part Number Hot Search : 
M54537FP BT8060KC 2M62Z SY5PA 220203 KDR411 SE97TK B0512BA1
Product Description
Full Text Search
 

To Download PIC0518HP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p i c 0 5 1 8 h p r 3 3 m n -   (a) (d) (b) (e) 1. part no. expression : (b) dimension code (c) type code (a) series code 2. configuration & dimensions : a superworld electronics (s) pte ltd 3. schematic : (d) inductance code : r33 = 0.33uh (e) tolerance code : m = 20%, y = 30% pg. 1 5.2 0.2 bc 1.6 0.2 d 2.5 0.3 e unit:m/m 5.7 0.3 1.1 0.3 h) part temperature (ambient+temp. rise) : should not exceed 125 c under worst case operating conditions. f) heat rated current (irms) : will cause the coil temp. rise approximately ? t of 40c (keep 1min.) g) saturation current (isat) : will c ause l0 to drop 20% typical (keep quickly) 5. general specification : d) storage temp. : -10 c to +40 c c) operating temp. : -40 c to +125 c e) humidity range : 50 ~ 60% rh (product without taping) b) ambient temp. : 25 c a) test freq. : l : 100khz/1v (c) (f) (f) no coating 1r0 a b c d e 4. materials : (a) core : magnetic metal powder or equivalent (b) wire : polyester wire or equivalent (c) solder plating : 100% pb free solder 25.02.2011 molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. (d) ink : halogen-free ketone (g) (g) internal control number : 11 ~ 99 a b c d 1104 hf halogen free
superworld electronics (s) pte ltd pg. 2 6. electrical characteristics : inductance l part no. 0 ( h ) @ 0 a dcr typ. @ 25 c ( m  ) irms ( a ) ( a ) isat typ. typ. 7. characteristics curves : dcr ( m  ) max. @ 25 c molded power choke coil PIC0518HP series 25.02.2011 0.33 20% 7.5 11 15 8.6 1.50 20% 26 6.0 9.0 30 2.20 20% 42 4.5 7.5 48.3 3.30 20% 60 3.5 5.0 69 note : specifications subject to change without notice. please check our website for latest information. 4.70 20% 85 3.0 4.5 98 5.60 20% 110 2.5 4.0 127 6.80 20% 118 2.4 3.5 137 1.00 20% 18.2 6.8 10.0 21 PIC0518HPr33mn PIC0518HP1r0mn PIC0518HP1r5mn PIC0518HP2r2mn PIC0518HP3r3mn PIC0518HP4r7mn PIC0518HP5r6mn PIC0518HP6r8mn 8.20 20% 143 2.3 3.0 165 PIC0518HP8r2mn 0.47 20% 9.8 10 14 11.3 PIC0518HPr47mn 0.68 20% 12.4 9 13 14.3 PIC0518HPr68mn 10.0 20% 165 2.3 2.8 190 PIC0518HP100mn 03.5710.514 dc current (a) 0 0.2 0.4 0.6 0.8 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) tmpc0518hp-r47 PIC0518HPr47mn 03691215 dc current(a) 0 0.15 0. 3 0.45 0. 6 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) tmpc0518hp-r33 PIC0518HPr33mn hf halogen free
superworld electronics (s) pte ltd pg. 3 25.02.2011 7. characteristics curves : molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. 0 2.6 5.2 7.8 10.4 13 dc current(a) 0 0. 3 0. 6 0. 9 1. 2 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) tmpc0518hp-r68 PIC0518HPr68mn 0246810 dc current(a) 0 0. 5 1 1. 5 2 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) tmpc0518hp-1r0 PIC0518HP1r0mn 024 6810 dc current (a) 0 0.6 1.2 1.8 2.4 3 inductance (uh) 0 10 20 30 40 50 60 70 80 90 100 temp. rise( o c) tmpc0518hp-1r5 PIC0518HP1r5mn 02468 dc current(a) 0 1 2 3 4 inductance (uh) 0 10 20 30 40 50 60 70 80 90 10 0 temp. rise( o c) tmpc0518hp-2r2 PIC0518HP2r2mn 012345 dc current (a) 0 1.5 3 4.5 6 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) tmpc0518hp-3r3 PIC0518HP3r3mn 0 0 .9 1 .8 2 .7 3 . 6 4 . 5 dc current(a) 0 2 4 6 8 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. rise( o c) tmpc0518hp-4r7 PIC0518HP4r7mn hf halogen free
superworld electronics (s) pte ltd pg. 4 25.02.2011 7. characteristics curves : molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. 0123 4 dc current(a) 0 2 4 6 8 10 inductance (uh) 0 10 20 30 40 50 60 70 80 temp. ri se( o c) tmpc0518hp-5r6 PIC0518HP5r6mn hf halogen free
pg. 5 superworld electronics (s) pte ltd 8. reliability and test condition humidity resistance thermal shock temperature test reliability test measure at room temperature after placing for 2 to 3 hrs. humidity : 85 3% rh time : 1000 12hrs temperature : 85 2 c 3 2 1 total : 300 cycles step conditions of 1 cycle. room temperature +125+2/-0 -40+0/-2 15 1 15 1 temperature ( c) times (min.) measured at room temperature after placing for 2 to 3hrs time : 1000 12hrs temperature : 125 2 c refer to standard electrical characteristics list performance electrical characteristics test saturation current (isat) heat rated current (irms) dcr inductance item hp4284a, ch11025, ch 3302, ch 1320, ch1320s ch16502, agilent33420a micro-ohm meter. lcr meter. test condition random vibration this cycle shall be performed 12 times in each of three mutually perpendicular directions. amplitude: parts mounted within 2" from any secure point frequency : 10-2000-10hz for 20 min. test (mil-prf-27) (aec-q200-rev c) temperature : 260 5 c, 20-40 seconds duration : 5 minutes preheat : 150 5 c reflow test electric specification should be satisfied solder test after dip into flux  dip into solder 235 5 c, 4 1seconds flux, solder for lead free (ansi/j-std-002c method b) terminals should be covered by over 95% solder on visual inspection. 2. temperature measured by digital surface thermometer 1. applied the allowed dc current(keep 1min). approximately ? t of 40c without core loss irms(a) will cause the coil temper ature rise isat(a) will cause lo to drop directions and times : x, y, z directions for 20 min. within <0.2 measured at room temperature after placing for 2 to 3hrs (aec-q200-rev c) 25.02.2011 (total 12hours). (mil-std-202 method 204 d test condition b) (ipc/jedec j-std-020c) molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. ? l20% typical temperature test measured at room temperature after placing for 2 to 3hrs time :500 12hrs temperature : -40 2 c low high hf halogen free
superworld electronics (s) pte ltd pg. 6 9. soldering and mounting : c) never contact the ceramic with the iron tip e) use a 20 watt soldering iron with tip diameter of 1.0mm d) 1.0mm tip diameter (max) f) limit soldering time to 4-5 secs. 9-2.2 soldering iron (figure 2) : in the event that a soldering iron must be em ployed the following precautions are recommended. products attachment with soldering iron is disc ouraged due to the inherent process control limitations. recommended temperature profiles for re-flow soldering in figure 1. mildly activated rosin fluxes are preferred. the minimu m amount of solder can lead to damage from the stresses caused by the difference in coefficients of expansion between solder, chip and substrate. our terminations are suitable for all wave and re-flow soldering systems. if hand soldering cannot be avoided, the preferred technique is the utilization of hot a) preheat circuit and products to 150 c. air soldering tools. 9-2.1 solder re-flow : note : b) 355 c tip temperature (max) 6.2 9-2. soldering 2.8 2.2 9-1. recommended pc board pattern 25.02.2011 temperature c over 1min. figure 2. iron soldering gradual cooling within 4-5s 350 150 preheating soldering cooling natural figure 1. re-flow soldering time(sec.) 60~150s 20~40s soldering temperature c 480s max. 60~180s 150 25 tp(260 c/40s max.) 217 200 preheating cooling natural molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. hf halogen free
superworld electronics (s) pte ltd pg. 7 10. packaging information : bo ko t 4.0 ?1.5 2.0 1.75 bo(mm) 6.2 0.1 10-3. packaging quantity PIC0518HP series ao(mm) 5.5 0.1 5.5 0.1 f(mm) ao p(mm) 8.0 0.1 ko(mm) 2.1 0.1 w(mm) 12.0 0.3 p 0.35 0.05 t(mm) f w 10-2 tape dimension 12.0 0.5 a(mm) 13" x 12mm type 100 2.0 b(mm) d d(mm) 13.5 0.5 330 c(mm) embossed carrier b a cover tape 10-1. reel dimension 0518 24000 6000 carton chip / reel inner box size 3000 2.0 0.5 ?c 25.02.2011 molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. r22 r22 r22 r22 r22 r22 r22 r22 r22 1024 1024 1024 1024 1024 1024 1024 1024 1024 hf halogen free
superworld electronics (s) pte ltd 10-4. tearing off force the force for tearing off cover tape is 10 to 130 grams in the arrow direction under the following conditions. a) products should be handled with care to avoid damage or contamination from perspiration and skin oils. 1. storage conditions : to maintain the solderabililty of terminal electrodes : a) temperature and humidity conditions : less than 30 c and 70% rh. b) recommended products should be used within 6 months from the time of delivery. c) the packaging material should be kept where no chlorine or sulfur exists in the air. b) the use of tweezers or vacuum pick up is strongly recommended for individual components. c) bulk handling should ensure that abrasion and mechanical shock are minimized. 2. transportation : application notice top cover tape f base tape 1 6 5 t o 1 8 0 room temp. ( c) 5~35 room humidity (%) 45~85 tearing speed (mm/min) 300 room atm (hpa) 860~1060 pg. 8 (referenced ansi/eia-481-c- 2003 of 4.11 st andard) 25.02.2011 molded power choke coil PIC0518HP series note : specifications subject to change without notice. please check our website for latest information. hf halogen free


▲Up To Search▲   

 
Price & Availability of PIC0518HP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X