Part Number Hot Search : 
BT101 16V554 PHN1013 2N3724A S28JB B06N03 CHM634 X55C18
Product Description
Full Text Search
 

To Download NL10276AC30-04R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the information in this document is subject to change without notice. please confirm with the delivery specification before starting to design the system. tft color lcd module NL10276AC30-04R document no. en0490ej1v0ds00 date published april 2000 p printed in japan 38 cm (15.0 inches), 1024 768 pixels, 262,144 colors, lvds interface, wide viewing angle, high luminance data sheet 2000 description NL10276AC30-04R is a tft (thin film transistor) active matrix color liquid crystal display (lcd) comprising amorphous silicon tft attached to each signal electrode, a driving circuit and a backlight. NL10276AC30-04R has a built-in backlight with inverter. the 38 cm (15.0 inches) diagonal display area contains 1024 768 pixels and can display 262,144 colors simultaneously. features ? wide viewing angle (with retardation film) ? high luminance ? low reflection ? lvds interface (equivalent of thc63lvdf64a, thine electronics, inc.) ? incorporated edge type backlight (two lamps, inverter) and lamp holder replaceable applications ? desk-top type of pc ? engineering work station ? display terminal for control system ? monitor for process controller
data sheet en0490ej1v0ds00 2 NL10276AC30-04R structure and functions a color tft (thin film transistor) lcd module is comprised of a tft liquid crystal panel structure, lsis for driving the tft array, and a backlight assembly. the tft panel structure is created by sandwiching liquid crystal material in the narrow gap between a tft array glass substrate and a color filter glass substrate. after the driver lsis are connected to the panel, the backlight assembly is attached to the backside of the panel. rgb (red, green, blue) data signals from a source system is modulated into a form suitable for active matrix addressing by the onboard signal processor and sent to the driver lsis which in turn addresses the individual tft cells. acting as an electro-optical switch, each tft cell regulates light transmission from the backlight assembly when activated by the data source. by regulating the amount of light passing through the array of red, green, and blue dots, color images are created with clarity. outline of characteristics (at room temperature) items description display area 304.128 (h) 228.096 (v) mm drive system a-si tft active matrix display colors 262,144 colors number of pixels 1024 768 pixels pixel arrangement rgb vertical stripe pixel pitch 0.297 (h) 0.297 (v) mm module size 350.0 (h) 265.0 (v) 20.0 (typ.) (d) mm weight 1350 g (typ.) contrast ratio 200 : 1 (typ.) viewing angle (more than the contrast ratio of 10 : 1) ? horizontal : 60 (typ., left side, right side) ? vertical : 40 (typ., up side), 50(typ., down side) designed viewing direction ? wider viewing angle wit hout image reversal : up side (12 oclock) ? wider viewing angle with contrast ratio: down side (6 oclock) ? optimum grayscale ( g = 2.2): perpendicular color gamut 40% (typ., at center, to ntsc) response time 15 ms (typ.), white 100% to black 10% luminance 200 cd/m 2 (typ.) signal system rgb 6-bit signals, synchronous signals (hsync, vsync), dot clock (clk) lvds interface (equivalent of thc63lvdf64a, thine electronics, inc.) 1 port supply voltage 5 v (logic, lcd driving), 12 v (backlight) backlight edge light type: two cold cathode fluorescent lamps with inverter ? lamp holder: type no.150 lhs11 ? inverter: type no.141pw201 power consumption 11.8 w (typ.)
data sheet en0490ej1v0ds00 3 NL10276AC30-04R block diagram of basic structure dc/dc converter inverter backlight (edge light type) i/f lcd module ic v cc v ddb aca d1 +/ d0 +/ ck +/ d2 +/ brtc brth brtl gndb h-driver power supply for drivers 3072 lines tft lcd panel 768 lines h: 1024 3 (r,g,b) v: 768 v-driver controller thc63lvdf64a (thine) equivalent of gnd note: neither gnd nor gndb is connected to fg (frame ground). gnd and gndb should be connected to customer equipment fg.
data sheet en0490ej1v0ds00 4 NL10276AC30-04R general specifications items specifications unit module size 350.0 0.6 (h) 265.0 0.6 (v) 20.5 (max.) (d) mm display area 304.128 (h) 228.096 (v) mm number of pixels 1024 (h) 768 (v) pixel dot pitch 0.099 (h) 0.297 (v) mm pixel pitch 0.297 (h) 0.297 (v) mm pixel arrangement rgb (red, green, blue) vertical stripe C display colors 262,144 (rgb, 6 bit) color weight 1350 (typ.), 1500 (max.) g absolute maximum ratings parametesrs symbols ratings unit remarks v cc C0.3 to +6.0 v supply voltage v ddb C0.3 to +14 v logic input voltage v i C0.3 to v cc + 0.3 v logic input voltage (backlight-logic signal) v ibl1 C0.3 to +5.5 v logic input voltage (backlight-brtl signal) v ibl2 C0.3 to +1.5 v t a = 25c storage temp. t st C20 to +60 c operating temp. t op 0 to +50 c module surface note 1 95 % t a 40c relative humidity (rh) note 2 85 % 40 < t a 50c absolute humidity note 2 absolute humidity shall not exceed t a = 50c, relative humidity = 85% level. g/m 3 t a > 50c note 1: measured at the lcd panel of the module. note 2: no condensation.
data sheet en0490ej1v0ds00 5 NL10276AC30-04R electrical characteristics (1) logic, lcd driving t a = 25c parameter symbol min. typ. max. unit remarks supply voltage v cc 4.75 5.0 5.25 v C ripple voltage v rp C C 100 mv for v cc lvds signal input l voltage v il C100 C C mv lvds signal input h voltage v ih C C +100 mv v cm = 1.2 v v cm : common mode voltage in lvds driver input voltage v i 0.25 0.35 0.45 v C common mode voltage v cm 1.125 1.25 1.375 v r t = 100 w terminating resistor r t C 100 C w C supply current i cc C 300 note 600 ma v cc = 5.0 v note: checkered flag pattern (in eiaj ed-2522) (2) backlight t a = 25c parameters symbols min. typ. max. unit remarks supply voltage v ddb 10.8 12.0 13.2 v C logic input l voltage 1 v il1 0C0.6v logic input h voltage 1 v ih1 4.5 C 5.25 v for brtp logic input l voltage 2 v il2 0C0.8v logic input h voltage 2 v ih2 2.2 C 5.25 v for brtc, aca, brtl logic input l current 1 i il1 C1.0 C C ma logic input h current 1 i ih1 CC10ma for brtp logic input l current 2 i il2 C1.0 C C ma logic input h current 2 i ih2 CC0.8ma for brtc, aca, brtl supply current i ddb C 860 1000 ma v ddb = 12.0 v (at max. luminance) 860 (ma) typ. 0 (ma) luminance control frequency duty maximum luminance control: 100 % (duty) minimum luminance control: 20 % (duty) luminance control frequency: 243 to 297 hz 270 hz (typ.)
data sheet en0490ej1v0ds00 6 NL10276AC30-04R supply voltage sequence 0 v 4.75 v tr < 80 ms 0 v 10 < t < 35 ms valid v cc on v cc off 0.5 v 0 < t < 35 ms t > 200 ms v cc signals notes 1: logic signals (synchronous signals and control signals) must be 0 voltage(v), when v cc is not input. if input voltage to signal lines is higher than 0.3 v, the internal circuit will be damaged. 2: the supply voltage for input signals should be the same as v cc . 3: apply v ddb within the lcd operation period. (more than 4 vsync after the vcc are input.) when the backlight turns on before lcd operation or the lcd operation turns off before the backlight turns off, the display may momentarily become white. however, 12 v for backlight should be started up within 80 ms, otherwise, the protection circuit makes the backlight turns off. 4: when the power is off, please keep whole signals low level or high impedance.
data sheet en0490ej1v0ds00 7 NL10276AC30-04R interface and connector pin assignment (1) interface connector for signal and power part no. : fi-se20p-hf adaptable socket: fi-se20m supplier : japan aviation electronics industry limited (jae) cn1 pin no. symbol signal type function 1gnd 2gnd ground note 1 3nc 4nc non-connection C 5 gnd ground note 1 6ck+ 7ckC pixel clock clk for pixel data f = 65 mhz (typ.) (lvds level) 8 gnd ground note 1 9d2+ 10 d2C pixel data lvds differential data input 11 gnd ground note 1 12 d1+ 13 d1C pixel data lvds differential data input 14 gnd ground note 1 15 d0+C 16 d0C pixel data lvds differential data input 17 gnd 18 gnd ground note 1 19 v cc 20 v cc +5.0 v power supply supply +5.0 v 5% notes 1: gnd is signal ground for logic and lcd driving. the gnd should be connected to system ground. the gnd is not connected to fg (frame ground) in this module. 2: connect all pins (expect 3.4) to the appointed places to avoid noise problems. use 100 w twist pair wires for the cable. cn202 cn201 ? insert direction 1 1 9 11 cn1 - insert direction 20 1 note: cn202 should be opened. 20 19 ? ? ? ? 2 1 cn1: figure from socket view
data sheet en0490ej1v0ds00 8 NL10276AC30-04R (2) connector for backlight unit part no. : il-z-11pl1-smty adaptable socket: il-z-11s-s125c3 supplier : japan aviation electronics industry limited (jae) cn201 pin no. symbol signal type function 1v ddb 2v ddb 3v ddb 12 v power supply supply +12 v 10 % 4 gndb 5 gndb 6 gndb ground for backlight note 1 7 aca luminance control signal h or open : normal luminance (100%) l : low luminance (1/2 of the normal luminance) 8 brtc backlight on/off control signal h or open : backlight on l : backlight off 9 brth luminance control signal 10 brtl luminance control signal note 2 11 n.c. ???? 2 1 cn201: figure from socket view 3 11 10
data sheet en0490ej1v0ds00 9 NL10276AC30-04R part no. : il-z-9pl1-smty adaptable socket: il-z-9s-s125c3 supplier : japan aviation electronics industry limited (jae) cn202 pin no. symbol signal type function 1 gndb 2 gndb ground for backlight note 1 3 aca luminance control signal h or open : normal luminance (100%) l : low luminance (1/2 of the normal luminance) 4 brtc backlight on/off control signal h or open : backlight on l : backlight off 5 brth luminance control signal-1 6 brtl luminance control signal-1 note 2 7 brtp luminance control signal-2 note 3 8 gndb ground for backlight note 1 9 pwsel luminance control select signal h or open : variable resistor control or voltage control (note 2) l : brtp signal control (note 3) notes 1: neither gnd nor gndb connected to fg (frame ground) in this module. they should be connected to the fg of customer equipment. 2: the ways to controll luminance are as follows. (1) a way of luminance control by a variable resistor. the variable resistor for luminance control should be 10 k w , and zero point of the resistor corresponds to the minimum of luminance. r brth brtl mating variable resistor maximum luminance (100 %) minimum luminance (30 %) : 10 k w 5% (1/10 w), b curve : r = 10 k w : r = 0 w (2) a way of luminance control by voltage brth should be fixed to 0 v to control luminance by voltage. the range of input voltage between brtl and gndb is as follows. maximum luminance (100%, aca = h) : 1 v (typ.) minimum luminance (30%, aca = h) : 0 v
data sheet en0490ej1v0ds00 10 NL10276AC30-04R 3: the way of luminance control with brtp signal when pwsel is l, inputting signal pulse from the outside to brtp enables to control the luminance. the luminance can be controlled by the duty value of the input signal. duty = 100%: luminance is maximum. (100%) duty = 20%: luminance is minimum. (30%) timing for brtp brtc brtp thpw 0 < t 500ms 0 < tlpw 500 ms tlpw: ? period 0 < t 500ms tlpw tpw brtp v ih v il 50% parameters symbols min. typ. max. unit remarks frequency 1/tpw 185 C 340 hz C pulse-width thpw/tpw 20 C 100 % at max. luminance (100%) v il 0C0.6v C input voltage v ih 4.5 C 5.0 v C regarding set up for frequency, refer to the below formula. set up frequency = vsync frequency (n + 0.25) or (n + 0.75) but, please fix the frequency after evaluating the display quality sufficiently, because it can be disturbed due to the frequency.
data sheet en0490ej1v0ds00 11 NL10276AC30-04R method of connection for thc63lvdf63a r0 r1 r5 g0 g5 b0 b5 hsync vsync de dclk +3.3v vcc (+5 v) gnd d0 d1 d5 d6 d11 d12 d17 d18 d19 d20 clkin y0p y0m y1p y1m y2p y2m clkoutp clkoutm d0+ d0 d1+ d1 d2+ d2 ck+ ck lcd controller note 2 v cci note 3 dc/dc converter note 1 thc63lvdf63a (thine) nl10276ac30-04 equivalent of thc63lvdf64a (thine) gnd notes 1: 100 w twist pair. 2: these signals should be kept the range specified by page 13 input signal timing . 3: v cci = 3.3 v (lcd internal voltage) 4: thc63lvdf63a is used as lvds transmitter at the shipping inspection.
data sheet en0490ej1v0ds00 12 NL10276AC30-04R display colors vs. input data signals data signal (0: low level, 1: high level) display colors r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 black 000000000000000000 blue 000000000000111111 red 111111000000000000 magenta 111111000000111111 green000000111111000000 cyan 000000111111111111 yellow111111111111000000 basic colors white111111111111111111 black 000000000000000000 000001000000000000 dark 000010000000000000 - bright111101000000000000 111110000000000000 red grayscale red 111111000000000000 black 000000000000000000 000000000001000000 dark 000000000010000000 - bright000000111101000000 000000111110000000 green gra yscale green000000111111000000 black 000000000000000000 000000000000000001 dark 000000000000000010 - bright000000000000111101 000000000000111110 blue grayscale blue 000000000000111111 note: colors are developed in combination with 6-bit signals (64 steps in grayscale) of each primary red, green, and blue color. this process can result in up to 262,144 (64 64 64) colors.
data sheet en0490ej1v0ds00 13 NL10276AC30-04R input signal timing (1) input signal specifications for lcd controller parameter symbol min. typ. max. unit remarks frequency 1/t c 60.0 65.0 68.0 mhz 15.385 ns (typ.) duty tch/t c CC clk rise, fall tcrf note ns C 16.0 20.676 22.7 m s period th 1110 1344 C clk 48.363 khz (typ.) display period thd C 1024 C clk C front-porch thf 0 C C clk C pulse width thp* 12 C C clk C back-porch thb* 2 C C clk C *thp + thb 86 C C clk C hsync-clk timing ths ns C clk-hsync timing thh ns C de-clk timing tes ns C clk-de timing teh ns C hsync rise, fall thrf note ns C C 16.666 C ms period tv C 806 C h 60.004 hz (typ.) display period tvd C 768 C h C front-porch tvf 1 C C h C pulse width tvp*13Ch C back-porch tvb* 1 C C h C *tvp + tvb 3 C C h C vsync-hsync timing tvs 1 C C clk C hsync-vsync timing tvh 1 C C clk C vsync rise, fall tvrf ns C data-clk (set up) tds ns C data clk-data (hold) tdh note ns C note: these values are in the timing standards of thc63lvdf63a. the timing standard prescribes in the input of lcd transmitter. thc63lvdf63a is recommended for lvds transmitter.
data sheet en0490ej1v0ds00 14 NL10276AC30-04R ( 2) input signal of lvds receiver (it is preseribed for the part cn1 input) parameters symbols min typ. max. unit remarks clk frequency trcp 14.71 t 16.66 ns C bit0 position trip1 C0.5 0 0.5 ns t = 15.38 ns bit1 position trip0 t/7C0.5 t/7 t/7+0.5 ns t = 15.38 ns bit2 position trip6 2t/7C0.5 2t/7 2t/7+0.5 ns t = 15.38 ns bit3 position trip5 3t/7C0.5 3t/7 3t/7+0.5 ns t = 15.38 ns bit4 position trip4 4t/7C0.5 4t/7 4t/7+0.5 ns t = 15.38 ns bit5 position trip3 5t/7C0.5 5t/7 5t/7+0.5 ns t = 15.38 ns bit6 position trip2 6t/7C0.5 6t/7 6t/7+0.5 ns t = 15.38 ns note: see the specifications of lvds manufactures for detailed design. in case that clk jitter value between current cycle and next cycle is big, skew timeof the next cycle decreases with the value of the jitter. clk jitter + lvds output skew + cable skew 500 ps e.q. lvds output skew: 200 ps cable skew: 100 ps acceptable clk jitter = 200 ps (500 - (200 + 100) = 200 ps)
data sheet en0490ej1v0ds00 15 NL10276AC30-04R (3) definition of input signal timing for lcd controller tvp tv vsync display period tvb tvf tvd de 1234 768 thp th thpb display period thb thf thd de hsync
data sheet en0490ej1v0ds00 16 NL10276AC30-04R r1 r0 g0 r5 r4 r3 r2 r1 r0 g2 g1 b1 b0 g5 g4 g3 g2 g1 b3 b2 de v sync h sync b5 b4 b3 b2 ck trcp next cycle current cycle ck+ d0+/ d1+/ d2+/ trip1 trip0 trip6 trip5 trip4 trip3 trip2
data sheet en0490ej1v0ds00 17 NL10276AC30-04R t c tch clk hsync tvs tvh v cci 50% v ih v cci 50% v il tvrf vsync v ih v cci 50% v il terf de v ih (r0 - r5) tdrf tdrf tdh tds invalid v il (g0 - g5) (b0 - b5) v ih = v cci 0.7 (min.) v il = v cci 0.3 (max.) v cci = 3.3 v (lcd internal voltage) terf tes teh tes teh invalid v ih v cci 50% v il tcrf v ih v cci 50% v il thrf thh ths hsync
data sheet en0490ej1v0ds00 18 NL10276AC30-04R (4) input signal timing chart for lcd tvb 768 h (fixed) tvf tvp vsync hsync de data de data d (x, 0) d (0, y) d (1, y) d (x, y) d (1023, y) d (x, 767) d (x, y) 12 1 thb 1024 clk (fixed) thf thp hsync clk de data 12 1 d (0, y) d (1, y) ? (1023, y) invalid invalid invalid invalid invalid invalid note: these values are in the output of thc63lvdf64a. (refer to page 11 method of connection for thc63lvdf63a ).
data sheet en0490ej1v0ds00 19 NL10276AC30-04R (5) display position of input data d (0, 0) d (1, 0) d (x, 0) d (1022, 0) d (1023, 0) d (0, 1) d (1, 1) d (x, 1) d (1022, 1) d (1023, 1) d (0, y) d (1, y) d (x, y) d (1022, y) d (1023, y) d (0, 766) d (1, 766) d (x, 766) d (1022, 766) d (1023, 766) d (0, 767) d (1, 767) d (x, 767) d (1022, 767) d (1023, 767)
data sheet en0490ej1v0ds00 20 NL10276AC30-04R optical characteristics (t a = 25c, v cc = 5 v, v ddb = 12 v, note1 ) parameters symbols conditions min. typ. max. unit remarks contrast ratio cr white/black, note1 80 200 C C note 2 luminance lumax white 150 200 C cd/m 2 note 3 maximum luminance C C 1.30 C note 4 luminance uniformity C minimum luminance reference data (t a = 25c, v cc = 5 v, v ddb = 12 v) parameters symbols conditions min. typ. max. unit remarks contrast ratio cr best contrast angle, q r = 0, q l = 0 q d = 5 white/black, at center C 450 C C note 2 color gamut c q r, q l, q u, q d = 0 at center, to ntsc 35 40 C % C q r cr > 10, white/black 50 60 C deg. horizontal q l q u = 0, q d = 0 50 60 C deg. q u cr > 10, white/black 30 40 C deg. viewing angle range (cr>10) vertical q d q r = 0, q l = 0 35 50 C deg. note 5 ton white (100%) to black (10%) C 15 40 response time toff black (0%) to white (90%) C 40 80 ms note 6 luminance control range C maximum luminance: 100% C 30 to100 C % C notes 1: viewing angle : q r = 0; q l = 0, q u = 0, q d = 0, at center 2: the contrast ratio is calculated by using the following formula. luminance with all pixels in white contrast ratio (cr) = luminance with all pixels in black the luminance is measured in darkroom. 3: the luminance is measured after 20 minutes from the module works, with all pixels in white. typical value is measured after luminance saturation. 1 photodetector (topcon bm-5a) 50 cm lcd
data sheet en0490ej1v0ds00 21 NL10276AC30-04R 4. the luminance uniformity is calculated by using the formula in the table. the luminance is measured at near the five points shown below. 171 column line 512 853 128 384 640 2 5 3 1 4 5. definitions of viewing angle are as follows. left right lower normal upper 12 o?lock r l d q q q q u 6. definition of response time is as follows. 100 % luminance 10 % 0 % ton toff 90 % white black time
data sheet en0490ej1v0ds00 22 NL10276AC30-04R reliability test specifications test items test conditions judgment high temperature/humidity (operation) 50 2c, 85% relative humidity 240 hours display data is black. note 1 heat cycle (operation) <1> 0c 3c 1 hour 55c 3c 1 hour <2> 50 cycles, 4 hours/cycle <3> display data is black. note 1 thermal shock (non-operation) <1> C20c 3c 30 minutes 60c 3c 30 minutes <2> 100 cycles <3> temperature transition time within 5 minutes. note 1 vibration (non-operation) <1> 5 - 100 hz, 19.6 m/s 2 (2g) 1 minute/cycle x, y, z direction <2> 50 times each direction notes 1, 2 mechanical shock (non-operation) <1> 294 m/s 2 (30g), 11 ms x, y, z direction <2> 3 times each direction notes 1, 2 esd (operation) 150 pf, 150 w , 10 kv 9 places on a panel 10 times each place at one-second intervals notes 1, 3 dust (operation) 15 kinds of dust (jis z 8901) hourly 15 seconds stir, 8 times repeat note 1 notes 1: display function is checked by the same condition as lcd module out-going inspection. 2: physical damage. 3: discharge points z are shown in the figure.
data sheet en0490ej1v0ds00 23 NL10276AC30-04R general cautions next figures and sentence are very important. please understand the following contents. caution this mark indicates that you will get hurt and/or the module will have damages when you make a mistake to operate. this mark indicates that you will get an electric shock when you make a mistake to operate. this mark indicates that you will get hurt when you make a mistake to operate caution do not touch an inverter, on which a caution label is stucked, while the lcd module is under the operation, because of dangerous high voltage. (1) caution when taking out the module a) pick the pouch only, in taking out module from a carrier box. (2) cautions for handling the module a) as the electrostatic discharges may break the lcd module, handle the lcd module with care against electrostatic discharges. b) as the lcd panel and backlight element are made from fragile glass material, impulse and pressure to the lcd module should be avoided. c) as the surface of polarizer is very soft and easily scratched, use a soft dry cloth without chemicals for cleaning. d) do not pull the interface connectors in or out while the lcd module is operating. e) put the module display side down on a flat horizontal plane. f) handle connectors and cables with care. g) when the module is operating, do not lose clk, hsync or vsync signal. if any one or more of these signals is lost, the panel would be damaged. h) the torque to mounting screw should never exceed 0.392 nm (4 kgfcm). i) dont push or rub the surface of the module. if you do it, the scratches or the rubbing marks may be left on the module surface. (3) cautions for the atmosphere a) dew drop atmosphere should be avoided. b) do not store and/or operate the module in a high temperature and/or high humidity atmosphere. storage in an anti-static pouch and under the room temperature atmosphere is recommended. c) this module uses cold cathod fluorescent lamps. therefore, the life time of the lamps become short if the module is operated under the low temperature environment. d) do not operate the module in a high magnetic field.
data sheet en0490ej1v0ds00 24 NL10276AC30-04R (4) caution for the module characteristics a) do not apply fixed pattern data signal for a long time to the module. it may cause image sticking. please use screen savers if the display pattern is fixed more than one hour. b) this module has the retardation film which may cause the variation of the color hue in the different viewing angles. the ununiformity may appear on the screen under the high temperature operation. c) the light vertical stripe may be observed depending on the display pattern. this is not defects or malfunctions. d) the noise from the inverter circuit may be observed in the luminance control mode. this is not defects or malfunctions. (5) other cautions a) do not disassemble and/or reassemble lcd module. b) do not readjust variable resistors or switches in the module. c) when returning the module for repair etc., please pack the module properly to avoid any damages. we recommend using the original shipping packages. liquid crystal display has the following specific characteristics. there are not defects or malfunctions. the optical characteristics of this module may be affected by the ambient temperature. this module has cold cathode tube for backlight. optical characteristics, like luminance or uniformity, will be changed by the progress in time. uneven brightness and/or small spots may be observed depending on different display patterns.
data sheet en0490ej1v0ds00 25 NL10276AC30-04R outline drawing (1/2): front view (unit: mm) 6 0.3 2 10 0.3 2 2 204 0.3 8 0.2 2 2 6 0.3 2 a a b b 4? 3.5 0.1 f 308.8 (bezel opening) 0.3 340 0.3 350 0.6 15.6 0.3 5 0.2 170 0.7 6 0.3 2 2 4 2 5 0.3 6 0.3 2 2 52 5 0.3 18.6 0.3 31 0.3 197 212 0.3 265 0.6 3 a f 8?4.4 b 97.8 0.7 232.7 0.3 (bezel opening) active area center 4?.4 0.3 5 4?.7 0.3 max 20.5 5 0.3 304.128 (active area) 228.096 (active area) typ 20.0 * the tolerance of the dimensions that are not shown is 0.5 mm. 5.1 0.2 0.4 0.2 0.4 0.2 detail b sec b-b (scale 2/1) sec a-a (scale 2/1) f 4.5 0.2 f 3.1 + 0.2 ? f 3.1 + 0.2 ? detail a
data sheet en0490ej1v0ds00 26 NL10276AC30-04R outline drawing (2/2): rear view (unit: mm) material information light guide: >pmma< a10 0 0 a 7 6 3 0 r c 4 138 7.6 29 1 224.5 28.7 1 138 72 22 5 20 5 cn202 cn201 11 11 1 9 1 1 126.8 1 106.8 1 219.8 54 31 48.6 152 214 115 108.5 1 5 6.5 6.7 13.9 35.7 14.7 13.5 19 max 80 8.2 53 the tft color lcd panel contains cold cathode flourescest lamps. please follow localordinances or regulations for its disposal * the tolerance of the dimensions that are not shown is 0.5 mm. max 20.5 typ 20.0 14 6 caution high voltage 9.7 34.2 1 1.5 8.6 81.1 cn1 20 1 106.3 25.3 18.3 10.5 10 10 6 40.5 1 9.7 11.9 2.5 20 8.5 272.8 1 14 8.2 m3 a m3 fpc 231 serial: b0910036 panel: a100092018301 99.9.30 e170832 made in japan model: nl10276bc30-04r cus 8.3 4.3 6 detail a 9 1.6 0.8
data sheet en0490ej1v0ds00 27 NL10276AC30-04R
NL10276AC30-04R data sheet no part of this document may be copied or reproduced in any form or by any means without the prior written consent of nec corporation. nec corporation assumes no responsibility for any errors which may appear in this document. nec corporation does not assume any liability for infringement of patents. copyrights or other intellectual property rights of third parties by or arising from use of a device described herein or any other liability arising from use of such device. no license, either express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of nec corporation or others. while nec corporation has been making continuous effort to enhance the reliability of its electronic components, the possibility of defects cannot be eliminated entirely. to minimize risks of damage or injury to persons or property arising from a defect in an nec electronic components, customers must incorporate sufficient safety measures in its design, such as redundancy, fire-containment, and anti-failure features. nec devices are classified into the following three quality grades: standard, special, and specific. the specific quality grade applies only to devices developed based on a customer designated quality assurance program for a specific application. the recommended applications of a device depend on its quality grade, as indicated below. customers must check the quality grade of each device before using it in a particular application. standard: computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots special: transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) specific: aircrafts, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems or medical equipment for life support, etc. the quality grade of nec devices is standard unless otherwise specified in necs data sheets or data books. if customers intend to use nec devices for applications other than those specified for standard quality grade, they should contact an nec sales representative in advance. anti-radioactive design is not implemented in this product.


▲Up To Search▲   

 
Price & Availability of NL10276AC30-04R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X