Part Number Hot Search : 
6PT06G AK4543 OP42EZ D4112 256ZB 3BR176 UC3844DG BUJ101AU
Product Description
Full Text Search
 

To Download MPC560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro/sys 3730 park place, montrose, ca 91020 (818)244-4600 fax (818)244-4246 email: info@embeddedsys.com pc/104 standard example code for all functions c-code/mathcad ? for advanced algorithms any micro/sys cpu with pc/104 expansion connector high accuracy analog and digital i/o for pc/104 MPC560 features software support compatible hardware mounting/packaging the MPC560 provides up to 32 single-ended 16- bit analog inputs that are fault protected to 40v. the analog input section offers individual channel selection of single-ended or differential modes in any combination. the MPC560 also features basic and autoscan modes. basic mode directly controls all modes, gains, channel selection, and filters. with autoscan mode, a user can preset individual channel attributes ? channel on/off, mode, gain, and lowpass filter in on-board ram. in autoscan mode, a pacer clock and the dma controller automatically move samples to system memory. the analog input includes a low-drift reference, noise-protected by a faraday shield.      32 channels of 16-bit analog input      fault protection on analog/digital      ultra-low noise design      dsp and noise analysis software      low-pass filtering      14-bit, 4-channel dac      digital i/o, counter/timer      5v only operation from pc/104      extended temperature range available the optional 14-bit analog outputs have full- scale output of 10.1v. the digital-to-analog converter is noise-protected by a faraday shield. each output has a 1-pole lowpass filter. twelve digital i/o lines can be individually set for input or output, with fault protection against power sequencing and static discharge. all analog power supplies are generated from the 5v input. the on-board analog supplies include input and output filtering, and post- regulation of the initial converters, providing low- noise and stable power.
p c/ 1 0 4 fpga, read, write, irq, dma 14 bit dac power supply ref 16 bit a/d filter/ buffer esd dio, ctr, tmr 12 lines 4 channels ao fault protection, mux, gain, lpf 32 channels ai specifications: mechanical:  pc/104 standard  3.55" (plus i/o region) x 3.775" power requirements:  +5v 5% at 500ma environmental:  0 - +70c operating  -40 - +85c operating, -et version  5%-95% relative humidity, non-condensing pc/104 interface:  16-bit transfers  irq 3, 4, 5, 6, 7, 9, 10, 11, 12, 14, 15 supported  dma 5, 6, 7 supported digital i/o:  12 multi-function ttl-level bit selectable i/o at 8ma sink/source  ext-trigger, ext-pacer clock, user i/o  any/all inputs can generate an irq  read-back function on outputs analog inputs:  16-bit, 32-channels individually selected for single/differential  adc conversion time of 5usec  -3db typical full-power response of input circuitry: 20vpp @35khz, 5vpp @ 100khz  each channel can be set by software for the following attributes: on/off, single/differential, input range of 5.05v or 10.1v, lowpass filter(1khz or 100khz)  default basic mode from reset allows readings of individual channels from software directly with eoc being polled/irq.  auto-scan mode waits for an ext-trigger or software to start the pacer-clock to systematically run through each channel with its preset values and store the data into cpu dram with dma analog outputs:  14-bit, 4-channels  10usec dac settling time  each channel has a 1-pole reconstruction filter and output buffer  10.1v output micro/sys 3730 park place, montrose, ca 91020 (818)244-4600 fax (818)244-4246 email: info@embeddedsys.com
micro/sys 3730 park place, montrose, ca 91020 (818)244-4600 fax (818)244-4246 email: info@embeddedsys.com counter/timer:  1mhz 16-bit timer for pacer-clock external connections:  50-pin header for analog input  16-pin header for digital/counter/timer i/o  10-pin header for analog output ordering information: MPC560 16-bit, 16-channel analog input, digital i/o MPC560 -et 16-bit, 16-channel analog input, digital i/o, extended temperature operation 560opt11 16-bit, 32-channel analog input, digital i/o 560opt12 14-bit, 4-channel analog output add -et to option for extended temp operation related products: ca5049 50-pin to 50-pin ribbon cable ca4002 16-pin to 16-pin ribbon cable ca5052 10-pin to 10-pin ribbon cable tb5001 breakout board, 50-point terminal strip mathcad trademark mathsoft engineering and education, inc.


▲Up To Search▲   

 
Price & Availability of MPC560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X