Part Number Hot Search : 
SC450 A1225 PIC12F SD300C LZZ57B BD00GA HT46R P6KE12CA
Product Description
Full Text Search
 

To Download MBRD1045 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2010 july, 2010 ? rev. 7 1 publication order number: mbrb1045/d mbrb1045, MBRD1045 preferred device switchmode  schottky power rectifier surface mount power package this series of power rectifiers employs the schottky barrier principle in a large metal ? to ? silicon power diode. state ? of ? the ? art geometry features epitaxial construction with oxide passivation and metal overlay contact. ideally suited for use in low voltage, high frequency switching power supplies, free wheeling diodes, and polarity protection diodes. features ? guardring for stress protection ? low forward voltage ? 175 c operating junction temperature ? epoxy meets ul 94 v ? 0 @ 0.125 in ? short heat sink tab manufactured ? not sheared! ? pb ? free packages are available mechanical characteristics: ? case: epoxy, molded, epoxy meets ul 94 v ? 0 ? weight: 1.7 grams for d 2 pak (approximately) 0.4 grams for dpak (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? device meets msl1 requirements ? esd ratings: machine model, c (>400 v) human body model, 3b (>8000 v) maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 45 v average rectified forward current (rated v r ) t c = 135 c i f(av) 10 a peak repetitive forward current (rated v r , square wave, 20 khz) t c = 135 c i frm 20 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 150 (mbrb) 70 (mbrd) a operating junction and storage temperature range (note 1) t j , t stg ? 65 to +175 c voltage rate of change (rated v r ) dv/dt 10000 v/  s stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. the heat generated must be less than the thermal conductivity from junction ? to ? ambient: dp d /dt j < 1/r  ja . schottky barrier rectifier 10 amperes, 45 volts 1 3 4 preferred devices are recommended choices for future use and best overall value. http://onsemi.com see detailed ordering and shipping information in the package dimensions sect ion on page 2 of this data sheet. ordering information d 2 pak case 418b plastic 3 4 1 marking diagram mbrb1045g aka a = assembly location y = year ww = work week mbrb1045 = device code g = pb ? free package aka = diode polarity ay ww dpak case 369c yww b10 45g y = year ww = work week b1045 = device code g = pb ? free package marking diagram 1 2 3 4
mbrb1045, MBRD1045 http://onsemi.com 2 thermal characteristics characteristic symbol value unit thermal resistance, (mbrb1045) ? junction ? to ? case (note 2) ? junction ? to ? ambient (note 2) (MBRD1045) ? junction ? to ? case (note 2) ? junction ? to ? ambient (note 2) r  jc r  ja r  jc r  ja 1.0 50 2.43 68 c/w 2. when mounted using minimum recommended pad size on fr ? 4 board. electrical characteristics characteristic symbol value unit maximum instantaneous forward voltage (note 3) (i f = 10 amps, t j = 125 c) (i f = 20 amps, t j = 125 c) (i f = 20 amps, t j = 25 c) v f 0.57 0.72 0.84 v maximum instantaneous reverse current (note 3) (rated dc voltage, t j = 125 c) (rated dc voltage, t j = 25 c) i r 15 0.1 ma 3. pulse test: pulse width = 300  s, duty cycle 2.0% ordering information device package shipping ? mbrb1045 d 2 pak 50 units / rail mbrb1045g d 2 pak (pb ? free) 50 units / rail mbrb1045t4 d 2 pak 800 units / tape & reel mbrb1045t4g d 2 pak (pb ? free) 800 units / tape & reel MBRD1045t4g dpak (pb ? free) 2500 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mbrb1045, MBRD1045 http://onsemi.com 3 figure 1. maximum forward voltage 1.2 v f , instantaneous voltage (volts) 100 70 5.0 10 3.0 i f , instantaneous forward current (amps) 1.0 0.6 0.2 0.4 0.8 1.0 1.4 2.0 20 0.1 0.5 0.7 30 7.0 0.3 50 t j = 150 c figure 2. typical forward voltage 0.2 1.2 v f , instantaneous voltage (volts) 100 70 5.0 10 3.0 i f , instantaneous forward current (amps) 1.0 0.6 0.2 0.4 0.8 1.0 1.4 2.0 20 0.1 0.5 0.7 30 7.0 0.3 50 t j = 150 c 0.2 100 c 25 c 100 c 25 c
mbrb1045, MBRD1045 http://onsemi.com 4 5.0 15 0 v r , reverse voltage (volts) 10 1.0 0.1 0.01 0.001 v r , reverse voltage (volts) 25 0 100 10 0.1 0.01 0.001 10 10 , reverse current (ma) i r 20 30 25 100 5.0 50 1.0 i r , reverse current (ma) 35 40 50 45 figure 3. maximum reverse current figure 4. typical reverse current 20 15 35 30 45 40 t j = 150 c 125 c 100 c 75 c 25 c 25 c 75 c 100 c 125 c 150 c 0 v r , reverse voltage (volts) 800 600 200 0 t c , case temperature ( c) 145 130 18 8.0 4.0 2.0 0 135 10 c, capacitance (pf) 20 30 1400 155 6.0 40 50 figure 5. typical capacitance figure 6. current derating, case, r  jc = 1.0 c/w 140 150 2.0 0 i f(av) , average forward current (amps) 8.0 5.0 4.0 2.0 0 4.0 , average forward power dissipation (watts) p f(av) 6.0 10 8.0 10 12 18 14 figure 7. forward power dissipation , average forward current (amps) i f(av) 14 10 12 3.0 1.0 9.0 7.0 6.0 dc square wave rated voltage applied dc square wave 400 1200 1000 16 16 number of cycles at 60 hz 10 1.0 200 100 50 30 20 3.0 2.0 100 70 i fsm , peak half-wave current (amps) figure 8. maximum surge capability 7.0 5.0 30 20 70 50
mbrb1045, MBRD1045 http://onsemi.com 5 package dimensions seating plane s g d ? t ? m 0.13 (0.005) t 23 1 4 3 pl k j h v e c a dim min max min max millimeters inches a 0.340 0.380 8.64 9.65 b 0.380 0.405 9.65 10.29 c 0.160 0.190 4.06 4.83 d 0.020 0.035 0.51 0.89 e 0.045 0.055 1.14 1.40 g 0.100 bsc 2.54 bsc h 0.080 0.110 2.03 2.79 j 0.018 0.025 0.46 0.64 k 0.090 0.110 2.29 2.79 s 0.575 0.625 14.60 15.88 v 0.045 0.055 1.14 1.40 ? b ? m b w w notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 418b ? 01 thru 418b ? 03 obsolete, new standard 418b ? 04. f 0.310 0.350 7.87 8.89 l 0.052 0.072 1.32 1.83 m 0.280 0.320 7.11 8.13 n 0.197 ref 5.00 ref p 0.079 ref 2.00 ref r 0.039 ref 0.99 ref d 2 pak 3 case 418b ? 04 issue k *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 8.38 5.080 dimensions: millimeters pitch 2x 16.155 1.016 2x 10.49 3.504
mbrb1045, MBRD1045 http://onsemi.com 6 package dimensions dpak (single gauge) case 369c ? 01 issue d b d e b3 l3 l4 b2 e m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.030 0.045 0.76 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within dimensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 12 3 4 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243  mm inches  scale 3:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.108 ref 2.74 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. sc illc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems in tended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hol d scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding th e design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resa le in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 mbrb1045/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of MBRD1045

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X