Part Number Hot Search : 
81431 MC33201 P1300 LM317 330M1 03000 C820UG 4815D
Product Description
Full Text Search
 

To Download LX432CSET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 1 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company    

the lx432 series are low-voltage precision adjustable shunt regulators with a reference voltage of 1.24v. the output voltage may be set to any value between 1.24v and 20v by two external resistors. these devices offer low output impedance for improved load regulation C typical output impedance is 200m w . the lx432 series operates with an operating current as low as 80a, making these devices suitable for portable and micropower applications. low voltage operation enables the lx432 to be used in the feedback loop of isolated low voltage power supplies. the minimum output voltage is determined by the lx432 output voltage plus the forward voltage drop of the opto-coupler led (typically 1.24 + 1.4 = 2.64v minimum). see figure 12. the lx432 is offered in 3 and 5-pin sot-23 or to-92 packages, and is a drop- in replacement for the tlv431 and sc431l devices. important: for the most current data, consult microsemi s website: http://www.microsemi.com      low voltage operation: 1.24v reference  initial voltage reference accuracy 1%  adjustable output voltage from vref to 20v  typical output dynamic impedance less than 250m w  sink current capability 80a to 20ma  direct alternative to tlv431 
 
  low voltage adjustable power supplies  instrumentation  computers  portable equipment       r2 r1 gnd v ka v in lx432 reference cathode anode    
    
 t a ( c) sc / se package marking sc plastic sot-23 3-pin se plastic sot-23 5-pin lp plastic to-92 3-pin 0 to 70 432c lx432csc lx432cse lx432clp -40 to 85 432i lx432isc lx432ise lx432ilp note: available in tape & reel. append the letter t to the part number. (i.e. LX432CSET) to-92 (lp) package also available in ammo-pack. l l x x 4 4 3 3 2 2
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 2 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company            
 
     cathode to anode voltage (v ka ) ................................................................. -0.3v to +20v reference input current (i ref ).....................................................................-50a to 10a continuous cathode current (i k )............................................................... -25ma to 25ma operating junction temperature ............................................................................... 150c storage temperature.................................................................................... -65oc to 150c lead temperature...................................................................................................... 300c note 1: exceeding these ratings could cause damage to the device. all voltages are with respect to ground. currents are positive into, negative out of specified terminal.     sc 3-pin plastic package (pc mounted) 220c/w thermal resistance C junction to ambient, q ja (non-pc mounted) 410c/w se 5-pin plastic package (pc mounted) 220c/w thermal resistance C junction to ambient, q ja (non-pc mounted) 410c/w lp 3-pin plastic package thermal resistance C junction to ambient, q ja 156c/w junction temperature calculation: t j = t a + (p d x q ja ). the q ja numbers are guidelines for the thermal performance of the device/pc-board system. all of the above assume no ambient airflow.   
   
 anode ref cathode 1 2 3 sc p ackage C 3-p in anode ref n.c. cathode n.c. 1 2 34 5 n.c. - no internal connection se p ackage C 5-p in 3. c athode 2. a node 1. r ef lp p ackage C 3-p in (all views top view)       + - v ref ref(r) anode(a) cathode (k) figure 1 C simplified block diagram p p a a c c k k a a g g e e d d a a t t a a
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 3 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company          unless otherwise specified, the following specifications apply over the operating ambient temperature for the lx432c with 0 c t a 70 c and the lx432i with -40c < t a < 85c except where otherwise noted. lx432 parameter symbol test conditions min typ max units reference voltage v ref i k = 10ma, v ka = v ref , t a = 25c 1.228 1.24 1.252 v reference voltage drift (note 2)  ref i k = 10ma, v ka = v ref , 0c < t a < 70c 3 12 mv i k = 10ma, v ka = v ref , -40c < t a < 85c 4 20 mv ratio of v ref change in cathode voltage change (note 3) ka ref   i k = 10ma, v ka = v ref to 16v, t a = 25c -1 -2.7 mv/v reference terminal current i ref i k = 10ma, v ka = v ref , t a =25c, r1=10k w , r2=open 0.1 0.5 a i k = 10ma, v ka = v ref , 0c < t a < 70c 0.05 0.3 a reference current drift (note 2)  ref i k = 10ma, v ka = v ref , -40c < t a < 85c 0.1 0.4 a minimum cathode current for regulation i k(min) v ka = v ref , t a = 25c 55 80 a dynamic impedance z ka i k = 0.1ma to 15ma, v ka = v ref , t a = 25c 0.2 0.4 w off-state cathode current i off v ka = 16v, t a = 25c 0.004 a note 2: these parameters are guaranteed by design. note 3: ka ref   ratio of change in reference input voltage to the change in cathode voltage e e l l e e c c t t r r i i c c a a l l s s
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 4 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company          stability boundary condition? 0 5 10 15 20 25 30 0.001 0.010 0.100 1.000 10.000 c l - load capacitance (uf) i k cathode current (ma) unstable * stable v ka = v ref v ka = 2v v ka = 3v figure 2 C stability * unstable below 700a as indicated ? the unstable areas indicate loading conditions that may cause the device to oscillate . s s t t a a b b i i l l i i t t y y
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 5 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company          1.235 1.236 1.237 1.238 1.239 1.24 1.241 1.242 -50 0 25 50 75 100 125 t j : junction temperature (c) v ref : reference voltage (v) 0 0.02 0.04 0.06 0.08 0.1 0.12 0.14 0.16 0.18 0.2 -50 0 25 50 75 100 125 t j : junction temperature (c) i ref : reference current(a) figure 3 C reference voltage vs. junction temperature figure 4 C reference current vs. junction temperature -100 0 100 200 300 400 500 600 700 800 900 -1 -0.8 -0.5 -0.3 0 0.25 0.5 0.75 1 1.25 1.5 cathode voltage (v) i k : cathode current (a) -1.2 -1 -0.8 -0.6 -0.4 -0.2 0 t j : junction temperature (c)  ref  ka (mv/v) -50 0 25 50 75 100 125 figure 5 C cathode current vs. cathode voltage figure 6 C  ref  ka vs. junction temperature c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 6 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company          0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 -50 0 25 50 75 100 125 t j : junction temperature (c) dynamic impedance (ohm) 0 20 40 60 80 100 120 -50 0 25 50 75 100 125 t j : junction temperature (c) minimum cathode current (a) figure 7 C dynamic impedance vs. junction temperature figure 8 C minimum cathode current for regulation vs. junction temperature 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 -50 0 25 70 85 125 t j : junction temperature (c) off-state current (a) 0 50 100 150 200 250 300 350 10 100 1k 10k 100k frequency (hz) noise voltage (nv/sqrt(hz)) figure 9 C off-state current vs. junction temperature figure 10 C equivalent input noise voltage vs. frequency c c h h a a r r a a c c t t e e r r i i s s t t i i c c s s
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 7 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company     
 
  
 

 
v ref input v ka i k figure 11 C test circuit for v ka = v ref v ref input v ka r1 r2 i ref i k figure 12 C test circuit for v ka > v ref r1 i r2 r1 1 v v v ref ref ka o + + = = ? ? ? ? input v ka i off figure 13 C test circuit for i off m m e e a a s s u u r r e e m m e e n n t t
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 8 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company      
  
_ + + + + + drv gnd v cc i sense v fb lx432 v out 3.3v v in 110 / 220v ac controller uc384x / lx155x figure 12 C lx432 in a power supply isolated feedback application 500 w 0.1f 140 w 120 w 1000f 0.1f 470f 0.1f 12v 3.3v 2.7v (e.g. intel i740 a chipset) lx432 figure 13 C lx432 in a 3.3v to 2.7v low dropout regulator application a a p p p p l l i i c c a a t t i i o o n n s s
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 9 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company        

   

 se 5 pin plastic sot-23 h g f e a1 j i c k a b d m illimeters i nches dim min max min max a 0.90 1.30 0.035 0.051 a1 0.90 1.45 0.035 0.057 b 0.25 0.50 0.010 0.020 c 0.09 0.20 0.004 0.008 d 2.80 3.10 0.110 0.122 e 1.50 1.75 0.059 0.069 f 0.95 bsc 0.038 bsc g 1.90 bsc 0.075 bsc h 2.60 3.00 0.102 0.118 i 0.35 0.55 0.014 0.022 j 0.00 0.15 0.000 0.006 k 10 max 10 max sc 3-pin plastic sot-23 h g f e j i a b d c note: 1. dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006) on any side. lead dimension shall not include solder coverage. m illimeters i nches dim min max min max a 0.89 1.12 0.035 0.044 b 0.37 0.51 0.015 0.020 c 0.085 0.18 0.003 0.007 d 2.80 3.04 0.110 0.120 e 1.20 1.40 0.047 0.055 f 0.89 1.09 0.035 0.043 g 1.78 2.05 0.070 0.080 h 2.10 2.64 0.083 0.104 i 0.35 0.55 0.014 0.022 j 0.013 0.10 0.0005 0.0039 m m e e c c h h a a n n i i c c a a l l s s
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 1 0 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company      

    

  

 

 lp 3-pin plastic to-92 b k g n c n h a d j x x sect x-x f v note: 1. dimensions do not include mold flash or protrusions; these shall not exceed 0.155mm(.006) on any side. lead dimension shall not include solder coverage. m illimeters i nches dim min max min max a 4.45 5.20 0.175 0.205 b 4.32 5.33 0.170 0.210 c 3.18 4.19 0.125 0.165 d 0.41 0.55 0.016 0.022 f 0.41 0.48 0.016 0.019 g 1.15 1.39 0.045 0.055 h 2.42 2.66 0.095 0.105 j 0.39 0.50 0.015 0.020 k 12.70 - 0.500 - n 2.05 2.66 0.080 0.105 v 3.43 - 0.135 - m m e e c c h h a a n n i i c c a a l l s s
microsemi linfinity microelectronics division 11861 western avenue, garden grove, ca. 92841, 714-898-8121, fax: 714-893-2570 page 11 copyright ? 2000 rev. 1.2c, 2001-04-11 www. microsemi . com lx432 low voltage adjustable precision shunt regulator p r o d uc ti o n d ata s heet a microsemi company   

 production data C information contained in this document is proprietary to linfinity and is current as of publication date. this document may not be modified in any way without the express written consent of linfinity. product processing does not necessarily include testing of all parameters. linfinity reserves the right to change the configuration and performance of the product and to discontinue product at any time. n n o o t t e e s s


▲Up To Search▲   

 
Price & Availability of LX432CSET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X