Part Number Hot Search : 
14499DW PM4344 74AHC139 RL5C476A 74AHC139 D4812 SRR6603 SB156
Product Description
Full Text Search
 

To Download KBPC3510FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k b p c 3 5 0 0 f p . . . k b p c 3 5 1 4 f p , k b p c 3 5 0 0 w p . . . k b p c 3 5 1 4 w p k b p c 3 5 0 0 f p . .. k b p c 3 5 1 4 f p , k b p c 3 5 0 0 w p . .. k b p c 3 5 1 4 w p s i l i c o n- b r i d g e - r e c t i f i e r s s i l i z i u m - b r c k e n g l e i c hr i c h t e r v e rs i o n 2 0 0 7 - 1 1 - 0 5 t y p e f p t y p e w p d i m e n s i o n s - m a? e [ m m ] n o mi n al c u rre n t n e n n s t r o m 3 5 a al t e rn at i n g i n p u t v o l t ag e e i n g an g s w e c h s e l s p an n u n g 3 5 . . . 9 0 0 v p l as t i c c a s e w i t h al u b o t t o m p l as t i k g e h ?u s e mi t al u - b o d e n d i me n s i o n s a b me s s u n g e n 2 8 . 6 x 2 8 . 6 x 7 . 3 [ mm] w e i g h t ap p ro x . g e w i c h t c a. 1 7 g c o mp o u n d h as c l a s s i f i c at i o n u l 9 4 v - 0 v e rg u s s ma s s e n a c h u l 9 4 v - 0 k l as s i f i z i e rt s t a n d ard p ac k ag i n g b u l k s t a n d ard l i e f e r f o rm l o s e i m k art o n r e c o g n i z e d p ro d u c t C u n d e r w ri t e rs l ab o rat o ri e s i n c . ? f i l e e 1 7 5 0 6 7 a n e r k a n n t e s p r o d u k t C u n d e rw ri t e rs l a b o rat o ri e s i n c . ? n r . e 1 7 5 0 6 7 m a x i m u m r a t i n g s g r e nz w e r t e t y p e t y p m ax . al t e r n at i n g i n p u t v o l t ag e m ax . e i n g a n g s w e c h s e l s p an n u n g v v r m s [ v ] r e p e t i t i v e p e ak re v e r s e v o l t ag e p e ri o d i s c h e s p i t z e n s p e rrs p a n n u n g v rrm [ v ] 1 ) k b p c 3 5 0 0 f p / w p 3 5 5 0 k b p c 3 5 0 1 f p / w p 7 0 1 0 0 k b p c 3 5 0 2 f p / w p 1 4 0 2 0 0 k b p c 3 5 0 4 f p / w p 2 8 0 4 0 0 k b p c 3 5 0 6 f p / w p 4 2 0 6 0 0 k b p c 3 5 0 8 f p / w p 5 6 0 8 0 0 k b p c 3 5 1 0 f p / w p 7 0 0 1 0 0 0 k b p c 3 5 1 2 f p / w p 8 0 0 1 2 0 0 k b p c 3 5 1 4 f p / w p 9 0 0 1 4 0 0 1 v al i d p e r d i o d e C g l t i g p r o d i o d e ? d i o t e c s e m i c o n d u c t o r ag h t t p : / / w w w . d i o t e c . c o m / 1 1 4 . 3 0 . 5 2 8 . 6 0 . 2 2 1 . 6 1 0 . 8 6 . 3 ? 5 . 2 1 8 . 1 0 . 5 7 . 9 1 6 . 6 0 . 5 1 6 . 6 0 . 5 6 . 7 + 7 . 3 + t y p e = = 2 8 . 6 0 . 2 m i n . 3 0 1 . 2 ? 5 . 2 1 8 0 . 5 1 1 . 6 0 . 5 + 7 . 3 + 1 8 0 . 5 t y p e = = = =
k b p c 3 5 0 0 f p . . . k b p c 3 5 1 4 f p , k b p c 3 5 0 0 w p . . . k b p c 3 5 1 4 w p m a x i m u m r a t i n g s g r e nz w e r t e r e p e t i t i v e p e ak f o rw ard c u rre n t p e ri o d i s c h e r s p i t z e n s t ro m f > 1 5 h z i f rm 8 0 a 1 ) p e ak f o rw ard s u rg e c u r re n t 5 0 / 6 0 hz h a l f s i n e - w av e s t o ? s t r o m f r e i n e 5 0 / 6 0 hz s i n u s - ha l b w e l l e t a = 2 5 c i f s m 3 7 5 / 4 0 0 a r at i n g f o r f u s i n g , t < 1 0 m s g re n z l as t i n t e g ral , t < 1 0 ms t a = 2 5 c i 2 t 6 6 0 a 2 s o p e rat i n g j u n c t i o n t e mp e rat u re C s p e rrs c h i c h t t e mp e rat u r s t o rag e t e mp e rat u re C l ag e r u n g s t e mp e rat u r t j t s - 5 0 . . . + 1 5 0 c - 5 0 . . . + 1 5 0 c c h a r a c t e r i s t i c s k e n nw e r t e m ax . c u rre n t w i t h c o o l i n g f i n 3 0 0 c m 2 d a u e rg re n z s t r o m m i t k h l b l e c h 3 0 0 c m 2 t a = 5 0 c r - l o ad c - l o ad i f a v i f a v 3 5 a 2 8 a f o rw ard v o l t ag e C d u r c h l as s - s p a n n u n g t j = 2 5 c i f = 1 7 . 5 a v f < 1 . 1 v 2 ) l e a k ag e c u rre n t C s p e rrs t r o m t j = 2 5 c v r = v rrm i r < 2 5 a i s o l at i o n v o l t ag e t e rmi n al s t o c as e i s o l at i o n s s p an n u n g a n s c h l s s e z u m g e h ?u s e v i s o > 2 5 0 0 v t h e rmal re s i s t an c e j u n c t i o n t o c a s e w ?rme w i d e rs t an d s p e rrs c h i c h t C g e h ? u s e r t h c < 1 . 5 k / w a d mi s s i b l e t o rq u e f o r mo u n t i n g z u l ?s s i g e s a n z u g s d re h m o me n t 1 0 - 3 2 u n f m 5 1 8 1 0 % l b . i n . 2 1 0 % n m 1 v al i d , i f t h e t e m p e r a t u r e o f t h e c as e i s k e p t t o t c = 1 2 0 c C g l t i g , w e n n d i e g e h ?u s e t e m p e r a t u r au f t c = 1 2 0 c g e h al t e n w i r d 2 v al i d p e r d i o d e C g l t i g p r o d i o d e 2 h t t p : / / w w w . d i o t e c . c o m / ? d i o t e c s e m i c o n d u c t o r ag r a t e d f o r w a r d c u r r e n t v e r s u s a m b i e n t t e m p e r a t u r e ) z u l . r i c h t s t r o m i n a b h . v o n d e r u m g e b u n g s t e m p . ) 1 1 i f a v [ % ] 1 2 0 1 0 0 8 0 6 0 4 0 2 0 0 [ c ] t a 1 5 0 1 0 0 5 0 0 f o r w a r d c h a r a c t e r i s t i c s ( t y p i c a l v a l u e s ) d u r c h l a s s k e n n l i n i e n ( t y p i s c h e w e r t e ) 0 . 4 v f 0 . 8 1 . 0 1 . 2 1 . 4 [ v ] 1 . 8 1 0 1 0 1 0 1 1 0 3 2 - 1 [ a ] i f t = 2 5 c j t = 1 2 5 c j 3 7 5 a- ( 1 7 . 5 a - 1 . 1 v )


▲Up To Search▲   

 
Price & Availability of KBPC3510FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X