Part Number Hot Search : 
5STRR 24223 MSEP855 LM2423TE AAT3783 SK223 MAX739 TMPZ84C
Product Description
Full Text Search
 

To Download IXGX82N120B3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2009 ixys corporation, all rights reserved symbol test conditions maximum ratings v ces t j = 25c to 150c 1200 v v cgr t j = 25c to 150c, r ge = 1m 1200 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25c ( chip capability ) 230 a i c110 t c = 110c 82 a i lrms t c = 25c ( lead rms limit ) 120 a i cm t c = 25c, 1ms 500 a i a t c = 25c 41 a e as t c = 25c 750 mj ssoa v ge = 15v, t vj = 125c, r g = 2 i cm = 164 a (rbsoa) clamped inductive load v ce < v ces p c t c = 25c 1250 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold 1.6 mm (0.062 in.) from case for 10 260 c m d mounting torque ( ixgk ) 1.13/10 nm/lb.in. f c mounting force ( ixgx ) 20..120/4.5..14.6 n/lb. weight to-264 10 g plus247 6 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv ces i c = 250 a, v ce = 0v 1200 v v ge(th) i c = 1ma, v ce = v ge 3.0 5.0 v i ces v ce = v ces , v ge = 0v 50 a t j = 125 c, note 1 5 ma i ges v ce = 0v, v ge = 20v 100 na v ce(sat) i c = i c110 , v ge = 15v, note 2 2.70 3.20 v t j = 125c 2.64 v ds100155(05/09) genx3 tm 1200v igbts ixgk82n120b3 IXGX82N120B3 v ces = 1200v i c110 = 82a v ce(sat) 3.20v high-speed low-vsat pt igbts for 3 - 20 khz switching g = gate e = emitter c = collector tab = collector (tab) to-264 (ixgk) e g c e plus247 tm (ixgx) g c (tab) e advance technical information features z optimized for low conduction and switching losses z square rbsoa z high avalanche capability z international standard packages advantages z high power density z low gate drive requirement applications z power inverters z ups z smps z pfc circuits z welding machines z lamp ballasts
ixys reserves the right to change limits, test conditions, and dimensions. ixgk82n120b3 IXGX82N120B3 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 60a, v ce = 10v, note 2 35 60 s c ies 7900 pf c oes v ce = 25v, v ge = 0v, f = 1 mhz 640 pf c res 170 pf q g(on) 350 nc q ge i c = i c110 , v ge = 15v, v ce = 0.5 ? v ces 50 nc q gc 150 nc t d(on) 30 ns t ri 77 ns e on 5.0 mj t d(off) 210 ns t fi 100 180 ns e off 3.3 6.2 mj t d(on) 32 ns t ri 80 ns e on 6.8 mj t d(off) 240 ns t fi 520 ns e off 7.1 mj r thjc 0.10 c/w r thck 0.15 c/w inductive load, t j = 25c i c = 80a, v ge = 15v v ce = 0.5 ? v ces , r g = 2 note 3 inductive load, t j = 125c i c = 80a, v ge = 15v v ce = 0.5 ? v ces , r g = 2 note 3 ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 terminals: 1 - gate 2 - drain (collector) 3 - source (emitter) plus247 tm (ixgx) outline to-264 (ixgk) outline dim. millimeter inches min. max. min. max. a 4.83 5.21 .190 .205 a 1 2.29 2.54 .090 .100 a 2 1.91 2.16 .075 .085 b 1.14 1.40 .045 .055 b 1 1.91 2.13 .075 .084 b 2 2.92 3.12 .115 .123 c 0.61 0.80 .024 .031 d 20.80 21.34 .819 .840 e 15.75 16.13 .620 .635 e 5.45 bsc .215 bsc l 19.81 20.32 .780 .800 l1 3.81 4.32 .150 .170 q 5.59 6.20 .220 0.244 r 4.32 4.83 .170 .190 advance technical information the product presented herein is under development. the technical specifications offered are derived from a subjective evaluation of the design, based upon prior knowledge and experience, and constitute a "considered reflection" of the anticipated result. ixys reserves the right to change limits, test conditions, and dimensions without notice. notes: 1. part must be heatsunk for high-temp ices measurement. 2. pulse test, t 300 s; duty cycle, d 2%. 3. switching times & energy losses may increase for higher v ce (clamp), t j or r g .
? 2009 ixys corporation, all rights reserved ixgk82n120b3 IXGX82N120B3 fig. 1. output characteristics @ 25oc 0 20 40 60 80 100 120 140 160 180 0.00.51.01.52.02.53.03.54.04.5 v ce - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 2. extended output characteristics @ 25oc 0 40 80 120 160 200 240 280 320 0 2 4 6 8 101214161820 v ce - volts i c - amperes v ge = 15v 13v 11v 7v 9v 5v fig. 3. output characteristics @ 125oc 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v ce - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 4. dependence of v ce(sat) on junction temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 -50-25 0 255075100125150 t j - degrees centigrade v ce(sat) - normalized v ge = 15v i c = 164a i c = 82a i c = 41a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6 7 8 9 10 11 12 13 14 15 v ge - volts v ce - volts i c = 164 a t j = 25oc 41 a 82 a fig. 6. input admittance 0 20 40 60 80 100 120 140 160 180 3.54.04.55.05.56.06.57.07.58.08.5 v ge - volts i c - amperes t j = 125oc 25oc - 40oc
ixys reserves the right to change limits, test conditions, and dimensions. ixgk82n120b3 IXGX82N120B3 ixys ref: g_82n120b3h1(8t)5-14-09 fig. 11. maximum transient thermal impedance 0.001 0.010 0.100 1.000 0.00001 0.0001 0.001 0.01 0.1 1 pulse width - second z (th)jc - oc / w fig. 11. maximum transient thermal impedance fig. 7. transconductance 0 10 20 30 40 50 60 70 80 90 100 0 20 40 60 80 100 120 140 160 180 i c - amperes g f s - siemens t j = - 40oc 25oc 125oc fig. 10. reverse-bias safe operating area 0 20 40 60 80 100 120 140 160 180 200 300 400 500 600 700 800 900 1000 1100 1200 v ce - volts i c - amperes t j = 125oc r g = 2 ? dv / dt < 10v / ns fig. 8. gate charge 0 2 4 6 8 10 12 14 16 0 50 100 150 200 250 300 350 q g - nanocoulombs v ge - volts v ce = 600v i c = 82a i g = 10ma fig. 9. capacitance 100 1,000 10,000 0 5 10 15 20 25 30 35 40 v ce - volts capacitance - picofarads f = 1 mhz c ies c oes c res
? 2009 ixys corporation, all rights reserved ixgk82n120b3 IXGX82N120B3 fig. 12. inductive switching energy loss vs. gate resistance 3 4 5 6 7 8 9 10 11 2 3 4 5 6 7 8 9 10 11 12 13 14 15 r g - ohms e off - millijoules 2 3 4 5 6 7 8 9 10 e on - millijoules e off e on - - - - t j = 125oc , v ge = 15v v ce = 600v i c = 80a i c = 40a fig. 15. inductive turn-off switching times vs. gate resistance 300 350 400 450 500 550 600 650 700 2 3 4 5 6 7 8 9 10 11 12 13 14 15 r g - ohms t f i - nanoseconds 100 200 300 400 500 600 700 800 900 t d(off) - nanoseconds t f i t d(off) - - - - t j = 125oc, v ge = 15v v ce = 600v i c = 80a i c = 40a fig. 13. inductive switching energy loss vs. collector current 0 1 2 3 4 5 6 7 8 9 20 25 30 35 40 45 50 55 60 65 70 75 80 i c - amperes e off - millijoules 0 1 2 3 4 5 6 7 8 9 e on - millijoules e off e on - - - - r g = 2 ? , v ge = 15v v ce = 600v t j = 125oc t j = 25oc fig. 14. inductive switching energy loss vs. junction temperature 0 1 2 3 4 5 6 7 8 9 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules 1 2 3 4 5 6 7 8 9 10 e on - millijoules e off e on - - - - r g = 2 ? , v ge = 15v v ce = 600v i c = 80a i c = 40a fig. 16. inductive turn-off switching times vs. collector current 0 100 200 300 400 500 600 700 20 25 30 35 40 45 50 55 60 65 70 75 80 i c - amperes t f i - nanoseconds 150 200 250 300 350 400 450 500 t d(off) - nanoseconds t f i t d(off) - - - - r g = 2 ? , v ge = 15v v ce = 600v t j = 125oc t j = 25oc fig. 17. inductive turn-off switching times vs. junction temperature 0 100 200 300 400 500 600 700 800 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f i - nanoseconds 180 200 220 240 260 280 300 320 340 t d(off) - nanoseconds t f i t d(off) - - - - r g = 2 ? , v ge = 15v v ce = 600v i c = 40a, 80a
ixys reserves the right to change limits, test conditions, and dimensions. ixgk82n120b3 IXGX82N120B3 ixys ref: g_82n120b3h1(8t)5-14-09 fig. 19. inductive turn-on switching times vs. collector current 0 20 40 60 80 100 120 140 20 25 30 35 40 45 50 55 60 65 70 75 80 i c - amperes t r i - nanoseconds 22 24 26 28 30 32 34 36 t d ( on ) - nanoseconds t r i t d(on) - - - - r g = 2 ? , v ge = 15v v ce = 600v t j = 125oc, 25oc fig. 20. inductive turn-on switching times vs. junction temperature 20 30 40 50 60 70 80 90 100 110 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r i - nanoseconds 22 24 26 28 30 32 34 36 38 40 t d ( on ) - nanoseconds t r i t d(on) - - - - r g = 2 ? , v ge = 15v v ce = 600v i c = 40a i c = 80a fig. 18. inductive turn-on switching times vs. gate resistance 20 40 60 80 100 120 140 160 23456789101112131415 r g - ohms t r i - nanoseconds 20 30 40 50 60 70 80 90 t d ( on ) - nanoseconds t r i t d(on) - - - - t j = 125oc, v ge = 15v v ce = 600v i c = 40a i c = 80a


▲Up To Search▲   

 
Price & Availability of IXGX82N120B3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X