integrated circuit systems, inc. general description features ics9112-31/32 block diagram frequency generator for fibre channel systems applications 9112-31 9 11 2 - 32 rev d 3/2/99 the ics9112-31/32 are high-speed clock generators designed to support fibre channel system requirements. the ics9112- 31/32 generates 106.25 mhz from a 25 mhz crystal. an exact frequency multiplying ratio ensures better than 100 ppm frequency accuracy using a standard at crystal with external load capacitors (typically 33pf 5% for an 18pf load crystal). achieving 100 ppm over four years requires the crystal to have a 20 ppm initial accuracy, 30 ppm temperature and 5 ppm/year aging coefficients. the ics9112-31/32 with less than 25ps accumulative jitter is well suited for fibre channel applications. ? generates 106.25 mhz clocks from a 25 mhz crystal ? less than 45ps one sigma jitter (15ps typ.) ? less than 130ps absolute jitter ? less than 25ps accumulative jitter @ 256 cycles ? rise/fall times less than 1.2ns driving 15pf ? on-chip loop filter components ? 3.0v-5.5v supply range ? 8 -pin, 150-mil soic package ? specifically designed to support the high-speed clocking requirements of fibre channel systems. product preview documents contain information on new products in the sampling or preproduction phase of development. characteristic data and other specifications are subject to change without notice. preliminary product preview
2 ics9112-31/32 preliminary product preview pin descriptions pin configurations 8-pin soic functionality e o 2 x , 1 x ) z h m ( t u o f ) z h m ( 10 0 . 5 25 2 . 6 0 1 00 0 . 5 2e t a t s i r t 8-pin soic n i p r e b m u n e m a n n i pe p y tn o i t p i r c s e d 1d n g ar w p. d n u o r g g o l a n a 2d n gr w p. d n u o r g l a t i g i d 31 xn i . s r o t i c a p a c d a o l l a n r e t x e s e r i u q e r . z h m 0 0 . 5 2 y l l a n i m o n ; e c i v e d o t t u p n i k c o l c r o l a t s y r c 42 xn i. s r o t i c a p a c d a o l l a n r e t x e s e r i u q e r . e c i v e d m o r f t u p t u o e v i r d l a t s y r c 5e on i ) t u o f ( t u p t u o k c o l c e h t s e t a t s i r t t i , w o l s i e o n e h w : ) . p u _ l l u p l a n r e t n i s a h ( e l b a n e t u p t u o 6 d d vr w p) 1 3 - ( y l p p u s t l o v 0 . 5 + r o 3 . 3 + 2 k l ct u o) 2 3 - ( ) z h m 5 2 . 6 0 1 ( t u p t u o k c o l c 7 d d v ar w p) 1 3 - ( . ) e g a t l o v r e w o p l a t i g i d l a u q e t s u m ( . r e w o p g o l a n a d d v a + d d vr w p) 2 3 - ( y l p p u s t l o v 0 . 5 + r o 3 . 3 + , r e w o p g o l a n a d n a l a t i g i d 81 k l ct u o) z h m 5 2 . 6 0 1 ( t u p t u o k c o l c
3 ics9112-31/32 preliminary product preview note 1: parameter is guaranteed by design and characterization. not 100% tested in production. electrical characteristics at 5.0v operating v dd = +4.5v to +5.5v; t a =0c to 70c unless otherwise stated absolute maximum ratings avdd, vdd referenced to gnd . . . . . . . . . . . . . . . 7v operating temperature under bias. . . . . . . . . . . . . . . . 0c to +70c storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -65c to +150c voltage on i/o pins referenced to gnd. . . . . . . . . . . gnd -0.5v to vdd +0.5v power dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 watts stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect product reliability. s c i t s i r e t c a r a h c c d r e t e m a r a pl o b m y ss n o i t i d n o c t s e tn i mp y tx a ms t i n u e g a t l o v w o l t u p n iv l i -- 8 . 0v e g a t l o v h g i h t u p n iv h i 0 . 2--v t n e r r u c w o l t u p n ii l i v n i ) t u p n i p u - l l u p ( v 0 =0 . 6 1 -0 . 6 --a t n e r r u c h g i h t u p n ii h i v n i v = d d 0 . 2 --0 . 2a e g a t l o v w o l t u p t u o 1 v l o i l o a m 0 1 =-5 1 . 00 4 . 0v e g a t l o v h g i h t u p t u o 1 v h o i h o a m 0 3 - =4 . 25 2 . 3-v t n e r r u c w o l t u p t u o 1 i l o v l o v 8 . 0 =0 . 2 20 . 5 3-a m t n e r r u c h g i h t u p t u o 1 i h o v h o v 0 . 2 =-0 . 0 5 -0 . 5 3 -a m t n e r r u c y l p p u si d d d e d a o l n u-0 . 2 20 . 5 4a m r o t s i s e r p u - l l u p 1 r u p -0 0 1- s m h o k s c i t s i r e t c a r a h c c a e m i t e s i r 1 t 1 r v 0 . 2 o t 8 . 0 , d a o l f p 5 1-8 . 02 . 1s n e m i t l l a f 1 t 1 f v 8 . 0 o t 0 . 2 , d a o l f p 5 1-7 . 02 . 1s n e l c y c y t u d 1 d t v 4 . 1 @ d a o l f p 5 10 . 2 40 . 9 40 . 5 5% a m g i s e n o , r e t t i j 1 t s 1 j d a o l f p 5 1-0 . 5 10 . 5 4s p e t u l o s b a , r e t t i j 1 t b a j d a o l f p 5 10 . 0 3 1 -0 . 0 3 1s p r e t t i j e v i t a l u m u c c a 1 t c c a j e l c y c 6 5 2 @ d a o l f p 5 1-0 . 7 1-s p y c n e u q e r f t u p n i 1 f i -0 . 5 2- z h m y c n e u q e r f t u p t u o 1 f o -5 2 . 6 0 1-z h m e m i t p u - r e w o p 1 t u p -8 5 . 70 . 8 1s m e c n a t i c a p a c t u p n i l a t s y r c 1 c x n i ) 1 n i p ( 1 x ) 8 n i p ( 2 x -0 . 3-f p
4 ics9112-31/32 preliminary product preview electrical characteristics at 3.3v note 1: parameter is guaranteed by design and characterization. not 100% tested in production. operating v dd = +3.0v to +3.7v; t a =0c to 70c unless otherwise stated s c i t s i r e t c a r a h c c d r e t e m a r a pl o b m y ss n o i t i d n o c t s e tn i mp y tx a ms t i n u e g a t l o v w o l t u p n iv l i --v 0 2 . 0 d d v e g a t l o v h g i h t u p n iv h i v 7 . 0 d d --v t n e r r u c w o l t u p n ii l i v n i ) t u p n i p u - l l u p ( v 0 =0 . 7 -5 . 2 --a t n e r r u c h g i h t u p n ii h i v n i v = d d 0 . 2 --0 . 2a e g a t l o v w o l t u p t u o 1 v l o i l o a m 6 =-v 5 0 . 0 d d v 1 . 0 d d v e g a t l o v h g i h t u p t u o 1 v h o i h o a m 5 - =v 5 8 . 0 d d v 2 9 . 0 d d -v t n e r r u c w o l t u p t u o 1 i l o v l o v 2 . 0 = d d 0 . 5 10 . 2 2-a m t n e r r u c h g i h t u p t u o 1 i h o v h o v 7 . 0 = d d -0 . 7 1 -0 . 0 1 -a m t n e r r u c y l p p u si d d d e d a o l n u-0 . 4 10 . 0 3a m r o t s i s e r p u - l l u p 1 r u p -0 . 5 7 1- s m h o k s c i t s i r e t c a r a h c c a e m i t e s i r 1 t 1 r v 0 . 2 o t 8 . 0 , d a o l f p 5 1-5 6 . 02 . 1s n e m i t l l a f 1 t 1 f v 8 . 0 o t 0 . 2 , d a o l f p 5 1-6 . 02 . 1s n e l c y c y t u d 1 d t v 4 . 1 @ d a o l f p 5 10 . 0 40 . 0 50 . 0 6% a m g i s e n o , r e t t i j 1 t s 1 j d a o l f p 5 1-0 . 5 10 . 5 4s p e t u l o s b a , r e t t i j 1 t b a j d a o l f p 5 10 . 0 3 1 --0 . 0 3 1s p r e t t i j e v i t a l u m u c c a 1 t c c a j e l c y c 6 5 2 @ d a o l f p 5 1-0 . 7 1-s p y c n e u q e r f t u p n i 1 f i -0 . 5 2- z h m y c n e u q e r f t u p t u o 1 f o -5 2 . 6 0 1-z h m e m i t p u - r e w o p 1 t u p -8 5 . 70 . 8 1s m e c n a t i c a p a c t u p n i l a t s y r c 1 c x n i ) 1 n i p ( 1 x ) 8 n i p ( 2 x -0 . 3-f p
5 ics9112-31/32 preliminary product preview 8-pin plastic soic package ics xxxx m-ppp example: package type m=soic, sop device type (consists of 3 or 4 digit numbers) ics=standard device prefix ordering information ICS9112M-31/32 pattern number(2 or 3 digit number for parts with rom code patterns) product preview documents contain information on new products in the sampling or preproduction phase of development. characteristic data and other specifications are subject to change without notice.
|