Part Number Hot Search : 
16245 KD70F120 AD7799 GL34G MAX5933C MCW1012 FJP5355 4HC245
Product Description
Full Text Search
 

To Download C527RT290-S0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   features thin 95 m chip reduced forward voltage 2.9v typical at 5 ma razerthin led performance 460nm - 3.8-11.1 mw 470nm - 3.4-10.4 mw 527nm - 1.7-6.0 mw single wire bond structure class 2 esd rating ? ? C ? C C C ? ? applications mobile phone key pads white leds blue leds green leds cellular phone lcd backlighting digital camera flash for mobile appliance automotive dashboard lighting led video displays audio product display lighting ? C C C ? ? ? ? ? razerthin ? leds c xxx rt290-s000 crees razerthin leds are a new generation of solid-state led emitters that combine highly effcient ingan materials with crees proprietary g?sic? substrate to deliver superior price/performance for high-intensity blue and green leds. these vertically structured led chips are approximately 95 microns in height and require a low forward voltage. crees razerthin series chips have the ability to withstand 1000v esd. applications for razerthin leds include next-generation keypad backlighting where sub-miniaturization and thinner form factors are required. d a t a s h e e t : c p r 3 b u , r e v . d c xxx rt290-s000 chip diagram top view bottom view g?sic led chip 270 x 270 m sic substrate h = 95 m backside metallization gold bond pad 110 m diameter die cross section cathode (-) anode (+) mesa (junction) 246 x 246 m ingan subject to change without notice. www.cree.com
copyright ? 2003-2006 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, g?sic and razerthin are registered trademarks of cree, inc. 2 cpr3bu rev. d cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com maximum ratings at t a = 25c notes &3 c xxx rt290-s000 dc forward current 30 ma peak forward current (1/10 duty cycle @ 1khz) 100 ma led junction temperature 125c reverse voltage 5 v operating temperature range -40c to +100c storage temperature range -40c to +100c electrostatic discharge threshold (hbm) note 2 1000 v electrostatic discharge classifcation (mil-std-883e) note 2 class 2 typical electrical/optical characteristics at t a = 25c, if = 5ma note 3 part number forward voltage (v f , v) reverse current [i(vr=5v), a] min. typ. max. max. c460rt290-s0100 2.7 2.9 3.1 1 c470rt290-s0100 2.7 2.9 3.1 1 C527RT290-S0100 2.6 2.9 3.2 1 mechanical specifcations c xxx rt290-s000 description dimension tolerance p-n junction area (m) 246 x 246 25 top area (m) 270 x 270 25 bottom area (m) 270 x 270 25 chip thickness (m) 95 15 au bond pad diameter (m) 110 20 au bond pad thickness (m) 1.2 0.5 back contact metal width (m) 20 10 notes: maximum ratings are package dependent. the above ratings were determined using a t-1 3/4 package (with hysol os4000 epoxy) for characterization. seller makes no representations regarding ratings for packages other than the t-1 3/4 package used by seller. the forward currents (dc and peak) are not limited by the g?sic die but by the effect of the led junction temperature on the package. the junction temperature limit of 125c is a limit of the t-1 3/4 package; junction temperature should be characterized in a specifc package to determine limitations. assembly processing temper ature must not exceed 325c (< 5 seconds). product resistance to electrostatic discharge (esd) is measured by simulating esd using a rapid avalanche energy test (raet). the raet procedures are designed to approximate the maximum esd ratings shown. seller gives no other assurances regarding the ability of products to withstand esd. all products conform to the listed minimum and maximum specifcations for electrical and optical characteristics when assembled and operated at 5 ma within the maximum ratings shown above. effciency decreases at higher currents. typical values given are the average values expected by seller in large quantities and are provided for information only. seller gives no assurances products shipped will exhibit such typical ratings. all measurements were made using lamps in t-1 3/4 packages (with hysol os4000 epoxy). dominant wavelength measurements taken using illuminance e. for reference only, typical v f for c460, c470, and c527 is 3.2 v and at 20 ma. 1. 2. 3. 4.
copyright ? 2003-2006 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, g?sic and razerthin are registered trademarks of cree, inc. 3 cpr3bu rev. d cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com standard bins for rt290 all led chips are sorted onto die sheets according to the bins shown below. all radiant fux values shown and specifed are at if = 20 ma (see note 1) and all dominant wavelength values shown and specifed are at if = 5 ma (see note 2). c460rt290-s000 c460rt290-0105 c460rt290-0106 c460rt290-0107 c460rt290-0108 c460rt290-0101 c460rt290-0102 c460rt290-0103 c460rt290-0104 455 nm 457.5 nm 460 nm 462.5 nm 465 nm 11.1 mw 7.2 mw 3.8 mw dominant wavelength radiant flux c470rt290-s000 c470rt290-0105 c470rt290-0106 c470rt290-0107 c470rt290-0108 c470rt290-0101 c470rt290-0102 c470rt290-0103 c470rt290-0104 465 nm 467.5 nm 470 nm 472.5 nm 475 nm 10.4 mw 6.7 mw 3.4 mw dominant wavelength radiant flux c527rt290-s000 c527rt290-0104 c527rt290-0105 c527rt290-0106 c527rt290-0101 c527rt290-0102 c527rt290-0103 520 nm 525 nm 530 nm 535 nm 6.0 mw 3.5 mw 1.7 mw dominant wavelength radiant flux notes: for reference only, radiant fux values at if = 5 ma are typically 29% and 32% of the corresponding radiant fux at if = 20 ma for 455-475 nm range and 520-535 nm range, respectively. for reference only, wavelength values at if = 20 ma are typically 2 nm less and 7 nm less than the corresponding wavelength values at if = 5 ma for 455-475 nm range and 520-535 nm range, respectively. sorted die dits may contain any or all of the bins shown above, respectively. 1. 2. 3.
copyright ? 2003-2006 cree, inc. all rights reserved. the information in this document is subject to change without notice. cree, the cree logo, g?sic and razerthin are registered trademarks of cree, inc. 4 cpr3bu rev. d cree, inc. 4600 silicon drive durham, nc 27703 usa tel: +1.919.313.5300 www.cree.com characteristic curves these are representative measurements for the razerthin products. actual curves will vary slightly for the various radiant fux and dominant wavelength bins. forward current vs forward voltage 0 5 10 15 20 25 30 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 volts if (ma) wavelength shift vs forward current -12.00 -10.00 -8.00 -6.00 -4.00 -2.00 0.00 2.00 4.00 6.00 8.00 10.00 0 5 10 15 20 25 30 if (ma) shift (nm) 527nm 470nm relative intensity vs wavelength - all products 0% 20% 40% 60% 80% 100% wavelength (nm) relative intensity (%) 500 470 nm 527 nm relative intensity vs forward current 0 20 40 60 80 100 120 140 0 5 10 15 20 25 30 if (ma) % intensity


▲Up To Search▲   

 
Price & Availability of C527RT290-S0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X