Part Number Hot Search : 
MPC2003 1N4148WS 2SK2679 X9401 5KE350CA AOZ101 HC373 HZ4C2
Product Description
Full Text Search
 

To Download BCX71JR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot23 pnp silicon planar small signal transistors issue 2 ? february 95 partmarking detail ? bcx71g ? bg bcx71h ? bh bcx71j ? bj bcx71k ? bk bcx71gr ? cg bcx71hr ? 6p BCX71JR ? j8 bcx71kr ? ck absolute maximum ratings. parameter symbol value unit collector-base voltage v ces -45 v collector-emitter voltage v ceo -45 v emitter-base voltage v ebo -5 v continuous collector current i c -200 ma base current i b -50 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c bcx71 page no electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-emitter breakdown voltage v (br)ceo -45 v i ceo =-2ma emitter-base breakdown voltage v (br)ebo -5 v i ebo =-1 m a collector-emitter cut-off current i ces -20 -20 na m a v ces =-45v v ces =-45v ,t amb =150 o c emitter-base cut-off current i ebo -20 na v ebo =-4v collector-emitter saturation voltage v ce(sat) -0.12 -0.25 -0.25 -0.55 v v i c =-10ma,i b = -0.25ma i c =-50ma, i b =-1.25ma base-emitter saturation voltage v be(sat) -0.60 -0.68 -0.70 -0.80 -0.85 -1.05 v v i c =-10ma, i b =-0.25ma i c =-50ma, i b =-1.25ma base - emitter voltage v be -0.6 -0.55 -0.65 -0.72 -0.75 v v v i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v static forward bcx71g current transfer ratio bcx71h bcx71j bcx71k h fe 120 60 140 170 220 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v 30 180 80 200 250 310 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v 40 250 100 270 350 460 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v 100 380 110 340 500 630 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v transition frequency f t 180 mhz i c =-10ma, v ce = -5v f = 100mhz emitter-base capacitance c ebo 11 pf v ebo = -0.5v,f =1mhz collector-base capacitance c cbo 6pfv cbo = -10v, f =1mhz noise figure n 2 6 db i c =- 0.2ma, v ce =- 5v r g =2k w, f=1khz d f=200hz switching times: delay time rise time turn-on time storage time fall time turn-off time t d t r t on t s t f t off 35 50 85 400 80 480 150 800 ns ns ns ns ns ns -i c : i b1 : - i b2 =10:1:1ma r 1 =r 2 =5k w v bb =-3.6v, r l =990 w *measured under pulsed conditions. pulse width=300 m s. duty cycle c b e sot23 bcx71 r 1 r 2 50 w bay63 r l t r < 5nsec z in >100k w oscilloscope v cc (-10v) +v bb 1 m s -10v t r <5nsec mark/space ratio < 0.01 z s = 50 w h fe group g h fe group f h fe group j h fe group k min. typ. max. min. typ max. min. typ max. min. typ max. h 11e 1.6 2.7 4.5 2.5 3.6 6.0 3.2 4.5 8.5 4.5 7.5 12 k h 12e 1.5 2 2 3 10 -4 h 21e 200 260 330 520 h 22e 18 30 24 50 30 60 50 100 m s four terminal network data (i c =2ma, v ce =5v, f=1khz) spice parameter data is available upon request for this device switching circuit
sot23 pnp silicon planar small signal transistors issue 2 ? february 95 partmarking detail ? bcx71g ? bg bcx71h ? bh bcx71j ? bj bcx71k ? bk bcx71gr ? cg bcx71hr ? 6p BCX71JR ? j8 bcx71kr ? ck absolute maximum ratings. parameter symbol value unit collector-base voltage v ces -45 v collector-emitter voltage v ceo -45 v emitter-base voltage v ebo -5 v continuous collector current i c -200 ma base current i b -50 ma power dissipation at t amb =25c p tot 330 mw operating and storage temperature range t j :t stg -55 to +150 c bcx71 page no electrical characteristics (at t amb = 25c unless otherwise stated). parameter symbol min. typ. max. unit conditions. collector-emitter breakdown voltage v (br)ceo -45 v i ceo =-2ma emitter-base breakdown voltage v (br)ebo -5 v i ebo =-1 m a collector-emitter cut-off current i ces -20 -20 na m a v ces =-45v v ces =-45v ,t amb =150 o c emitter-base cut-off current i ebo -20 na v ebo =-4v collector-emitter saturation voltage v ce(sat) -0.12 -0.25 -0.25 -0.55 v v i c =-10ma,i b = -0.25ma i c =-50ma, i b =-1.25ma base-emitter saturation voltage v be(sat) -0.60 -0.68 -0.70 -0.80 -0.85 -1.05 v v i c =-10ma, i b =-0.25ma i c =-50ma, i b =-1.25ma base - emitter voltage v be -0.6 -0.55 -0.65 -0.72 -0.75 v v v i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v static forward bcx71g current transfer ratio bcx71h bcx71j bcx71k h fe 120 60 140 170 220 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v 30 180 80 200 250 310 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v 40 250 100 270 350 460 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v 100 380 110 340 500 630 i c =-10 m a, v ce =-5v i c =-2ma, v ce =-5v i c =-50ma, v ce =-1v transition frequency f t 180 mhz i c =-10ma, v ce = -5v f = 100mhz emitter-base capacitance c ebo 11 pf v ebo = -0.5v,f =1mhz collector-base capacitance c cbo 6pfv cbo = -10v, f =1mhz noise figure n 2 6 db i c =- 0.2ma, v ce =- 5v r g =2k w, f=1khz d f=200hz switching times: delay time rise time turn-on time storage time fall time turn-off time t d t r t on t s t f t off 35 50 85 400 80 480 150 800 ns ns ns ns ns ns -i c : i b1 : - i b2 =10:1:1ma r 1 =r 2 =5k w v bb =-3.6v, r l =990 w *measured under pulsed conditions. pulse width=300 m s. duty cycle c b e sot23 bcx71 r 1 r 2 50 w bay63 r l t r < 5nsec z in >100k w oscilloscope v cc (-10v) +v bb 1 m s -10v t r <5nsec mark/space ratio < 0.01 z s = 50 w h fe group g h fe group f h fe group j h fe group k min. typ. max. min. typ max. min. typ max. min. typ max. h 11e 1.6 2.7 4.5 2.5 3.6 6.0 3.2 4.5 8.5 4.5 7.5 12 k h 12e 1.5 2 2 3 10 -4 h 21e 200 260 330 520 h 22e 18 30 24 50 30 60 50 100 m s four terminal network data (i c =2ma, v ce =5v, f=1khz) spice parameter data is available upon request for this device switching circuit


▲Up To Search▲   

 
Price & Availability of BCX71JR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X