Part Number Hot Search : 
16X5R1E1 MAX40 B260007 MAX85 2SC1162C RT8855 GSA1604 AD830
Product Description
Full Text Search
 

To Download ADF4251BCP-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev. 0 adf4251 dual fractional-n/integer-n frequency synthesizer information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 www.analog.com fax: 781/326-8703 ? 2003 analog devices, inc. all rights reserved. features 3.0 ghz fractional-n/1.2 ghz integer-n 2.7 v to 3.3 v power supply separate v p allows extended tuning voltage to 5 v programmable dual modulus prescaler rf: 4/5, 8/9 if: 8/9, 16/17, 32/33, 64/65 programmable charge pump currents 3-wire serial interface digital lock detect power-down mode programmable modulus on fractional-n synthesizer trade-off noise versus spurious performance software and hardware power-down applications base stations for mobile radio (gsm, pcs, dcs, cdma, wcdma) wireless handsets (gsm, pcs, dcs, cdma, wcdma, phs) wireless lans communications test equipment catv equipment functional block diagram adf4251 2 doubler output mux 4-bit r counter phase frequency detector lock detect charge pump reference ref in v dd 1 v dd 2 v dd 3 dv dd v p 1 v p 2r set 24-bit data register clk data le rf in a rf in b cp rf cp if 2 doubler 15-bit r counter charge pump phase frequency detector muxout a gnd 1 a gnd 2 d gnd cp gnd 1 cp gnd 2 if in b if in a fractional n rf divider integer n if divider ce from refin general description the adf4251 is a dual fractional-n/integer-n frequency synthesizer that can be used to implement local oscillators (lo) in the upconversion and downconversion sections of wireless receivers and transmitters. both the rf and if syn- thesizers consist of a low noise digital pfd (phase frequency de tec tor), a precision charge pump, and a programmable refer- ence divider. the rf synthesizer has a  -  based fractional interpolator that allows progr ammable fractional-n division. the if synthesizer has programmable integer-n counters. a complete pll (phase-locked loop) can be implemented if the synthesizer is used with an ex ternal loop filter and vco (volt- age controlled oscillator). control of all the on-chip registers is via a simple 3-wire inter- face. the devices operate with a power supply ranging from 2.7 v to 3.3 v and can be powered down when not in use.
rev. 0 e2e adf4251especifications 1 (v dd 1 = v dd 2 = v dd 3 = dv dd = 3 v  10%, v p 1 = v p 2 = 5 v  10%, gnd = 0 v, r set = 2.7 k  , dbm referred to 50  , t a = t min to t max , unless otherwise noted.) parameter b version unit test conditions/comments rf characteristics rf input frequency (rf in a, rf in b) 2 0.25/3.0 ghz min/max rf input sensitivity C C C C C C C C C C C
rev. 0 adf4251 e3e timing characteristics * limit at t min to t max parameter (b version) unit test conditions/comments t 1 10 ns min le setup time t 2 10 ns min data to clock setup time t 3 10 ns min data to clock hold time t 4 25 ns min clock high duration t 5 25 ns min clock low duration t 6 10 ns min clock to le setup time t 7 20 ns min le pulsewidth * guaranteed by design but not production tested. (v dd 1 = v dd 2 = v dd 3 = dv dd = 3 v  10%, v p 1 = v p 2 = 5 v  10%, gnd = 0 v, unless otherwise noted.) t 6 db1 (control bit c2) t 3 t 4 t 5 db2 t 2 t 1 t 7 clock db23 (msb) db22 data le le db0 (lsb) (control bit c1) figure 1. timing diagram
rev. 0 ? adf4251 caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the adf4251 features proprietary esd protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. therefore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. pin configuration pin 1 indicator t op view (not to scale) 18 cp gnd 2 17 dv dd 16 if in a 15 if in b cp rf 1 cp gnd 1 2 rf in a 3 24 v p 1 14 a gnd 2 13 r set ref in 7 ce 8 d gnd 9 clk 10 data 11 le 12 rf in b 4 a gnd 1 5 muxout 6 23 v dd 1 22 v dd 3 21 v dd 2 20 v p 2 19 cp if adf4251 ordering guide model temperature range package option * adf4251bcp ?0? to +85? cp-24 ADF4251BCP-REEL ?0? to +85? cp-24 ADF4251BCP-REEL7 ?0? to +85? cp-24 * cp = lead frame chip scale package absolute maximum ratings 1, 2 (t a = 25?, unless otherwise noted.) v dd 1, v dd 2, v dd 3, dv dd to gnd 3 . . . . . . . . ?.3 v to +4 v ref in , rf in a, rf in b to gnd . . . . . . ?.3 v to v dd + 0.3 v v p 1, v p 2 to gnd . . . . . . . . . . . . . . . . . . . . . ?.3 v to +5.8 v v p 1, v p 2 to v dd 1 . . . . . . . . . . . . . . . . . . . . . ?.3 v to +3.5 v digital i/o voltage to gnd . . . . . . . . ?.3 v to v dd + 0.3 v analog i/o voltage to gnd . . . . . . . . ?.3 v to v dd + 0.3 v operating temperature range industrial (b version) . . . . . . . . . . . . . . . . ?0? to +85? storage temperature range . . . . . . . . . . . . ?5? to +150? maximum junction temperature . . . . . . . . . . . . . . . . . 150? lfcsp  ja thermal impedance . . . . . . . . . . . . . . . . 122?/w soldering reflow temperature vapor phase (60 sec max) . . . . . . . . . . . . . . . . . . . . . 240? ir reflow (20 sec max) . . . . . . . . . . . . . . . . . . . . . . . 240? notes 1 stresses above those listed under absolute maximum ratings may cause perma- nent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 this device is a high performance rf integrated circuit with an esd rating of <2 k w , and it is esd sensitive. proper precautions should be taken for handling and assembly. 3 gnd = cp gnd 1, a gnd 1, d gnd , a gnd 2, and cp gnd 2.
rev. 0 adf4251 ? pin function descriptions mnemonic function cp rf rf charge pump output. this is normally connected to a loop filter that drives the input to an external vco. cp gnd 1 rf charge pump ground rf in a input to the rf prescaler. this small signal input is normally taken from the vco. rf in bc omplementary input to the rf prescaler a gnd 1a nalog ground for the rf synthesizer muxout this multiplexer output allows either the rf or if lock detect, the scaled rf or if, or the scaled reference fre- quency to be accessed externally. ref in reference input. this is a cmos input with a nominal threshold of v dd /2 and an equivalent input resistance of 100 k w . this input can be driven from a ttl or cmos crystal oscillator. ce chip enable. a logic low on this bit powers down the device and puts the charge pump outputs into three-state. a logic high on this pin powers up the device, depending on the status of the software power-down bits. d gnd digital ground for the fractional interpolator clk serial clock input. this serial clock is used to clock in the serial data to the registers. the data is latched into the shift register on the clk rising edge. this input is a high impedance cmos input. data serial data input. the serial data is loaded msb first with the three lsbs being the control bits. this input is a high impedance cmos input. le load enable, cmos input. when le goes high, the data stored in the shift registers is loaded into one of the seven latches, the latch being selected using the control bits. r set connecting a resistor between this pin and ground sets the minimum charge pump output current. the relationship between i cp and r set is: i r cp min set = 1 6875 . therefore, with r set = 2.7 k w , i cp min = 0.625 ma. a gnd 2g round for the if synthesizer if in bc omplementary input to the if prescaler if in a input to the if prescaler. this small signal input is normally taken from the if vco. dv dd positive power supply for the fractional interpolator section. decoupling capacitors to the ground plane should be placed as close as possible to this pin. dv dd must have the same voltage as v dd 1, v dd 2, and v dd 3. cp gnd 2i f charge pump ground cp if if charge pump output. this is normally connected to a loop filter that drives the input to an external vco. v p 2i f charge pump power supply. decoupling capacitors to the ground plane should be placed as close as possible to this pin. this voltage should be greater than or equal to v dd 2. v dd 2p ositive power supply for the if section. decoupling capacitors to the ground plane should be placed as close as possible to this pin. v dd 2 has a value 3 v ?10%. v dd 2 must have the same voltage as v dd 1, v dd 3, and dv dd . v dd 3 positive power supply for the rf digital section. decoupling capacitors to the ground plane should be placed as close as possible to this pin. v dd 3 has a value 3 v ?10%. v dd 3 must have the same voltage as v dd 1, v dd 2, and dv dd . v dd 1 positive power supply for the rf analog section. decoupling capacitors to the ground plane should be placed as close as possible to this pin. v dd 1 has a value 3 v ?10%. v dd 1 must have the same voltage as v dd 2, v dd 3, and dv dd . v p 1 rf charge pump power supply. decoupling capacitors to the ground plane should be placed as close as possible to this pin. this voltage should be greater than or equal to v dd 1.
rev. 0 e6e adf4251 adf4251  2 doubler output mux 4-bit r counter phase frequency detector lock detect charge pump reference ref in v dd 1 v dd 2 v dd 3 dv dd v p 1 v p 2r set 24-bit data register clk data le rf in a rf in b cp rf cp if  2 doubler 15-bit r counter charge pump phase frequency detector muxout a gnd 1 a gnd 2 d gnd cp gnd 1 cp gnd 2 if in b if in a fractional n rf divider integer n if divider ce from refin figure 2. detailed functional block diagram
rev. 0 t ypical performance characteristicseadf4251 e7e frequency 0 ?60 ?2khz output power ? db ?1khz 1.7518ghz 1khz 2khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?99. 19dbc/hz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 10mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 10hz reference level = ? 4.2dbm tpc 1. phase noise plot, lowest noise mode, 1.7518 ghz rf out , 10 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 ?2khz output power ? db ?1khz 1.7518ghz 1khz 2khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?90.36dbc/hz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 10mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 10hz reference level = ? 4.2dbm tpc 2. phase noise plot, low noise and spur mode, 1.7518 ghz rf out , 10 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 ?2khz output power ? db ?1khz 1.7518ghz 1khz 2khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?85.86dbc/hz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 10mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 10hz reference level = ? 4.2dbm tpc 3. phase noise plot, lowest spur mode, 1.7518 ghz rf out , 10 mhz pfd frequency, 200 khz channel step resolution tpcs 1 C
rev. 0 e8e adf4251 frequency 0 ?60 ?2khz output power ? db ?1khz 1.7518ghz 1khz 2khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?102dbc/hz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 20mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 10hz reference level = ? 4.2dbm tpc 7. phase noise plot, lowest noise mode, 1.7518 ghz rf out , 20 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 ?2khz output power ? db ?1khz 1.7518ghz 1khz 2khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?93.86dbc/hz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 20mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 10hz reference level = ? 4.2dbm tpc 8. phase noise plot, low noise and spur mode, 1.7518 ghz rf out , 20 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 ?2khz output power ? db ?1khz 1.7518ghz 1khz 2khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?89.52dbc/hz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 20mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 10hz reference level = ? 4.2dbm tpc 9. phase noise plot, lowest spur mode, 1.7518 ghz rf out , 20 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 output power ? db ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 ?53dbc@ 100khz v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 20mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 1khz reference level = ? 4.2dbm ?400khz ?200khz 1.7518ghz 200khz 400khz tpc 10. spurious plot, lowest noise mode, 1.7518 ghz rf out , 20 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 ?400khz output power ? db ?200khz 1.7518ghz 200khz 400khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 20mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 1khz reference level = ? 4.2dbm ?63.2dbc@ 100khz tpc 11. spurious plot, low noise and spur mode, 1.7518 ghz rf out , 20 mhz pfd frequency, 200 khz channel step resolution frequency 0 ?60 ?400khz output power ? db ?200khz 1.7518ghz 200khz 400khz ?10 ?50 ?70 ?90 ?30 ?40 ?80 ?20 ?100 v dd = 3v, v p = 5v i cp = 1.875ma pfd frequency = 20mhz channel step = 200khz loop bandwidth = 20khz fraction = 59/100 rbw = 1khz reference level = ? 4.2dbm ?72.33dbc@ 100khz tpc 12. spurious plot, lowest spur mode, 1.7518 ghz rf out , 20 mhz pfd frequency, 200 khz channel step resolution
rev. 0 adf4251 e9e frequency ? ghz ?70 ?120 1.430 1.460 1.435 phase noise ? dbc/hz 1.440 1.445 1.450 1.455 ?75 ?90 ?105 ?110 ?115 ?80 ?85 ?95 ?100 lowest spur mode low noise and spur mode lowest noise mode tpc 13. in-band phase noise vs. frequency * frequency ? ghz ?10 ?110 1.430 1.460 1.435 spurious level ? dbc 1.440 1.445 1.450 1.455 ?20 ?50 ?80 ?90 ?100 ?30 ?40 ?60 ?70 lowest noise mode lowest spur mode tpc 14. 100 khz spur vs. frequency * frequency ? ghz ?20 ?120 1.430 1.460 1.435 spurious level ? dbc 1.440 1.445 1.450 1.455 ?30 ?60 ?90 ?100 ?110 ?40 ?50 ?70 ?80 lowest noise mode lowest spur mode tpc 15. 200 khz spur vs. frequency * * tpcs 13 C C
rev. 0 e10e adf4251 frequency ? ghz 0 ?35 06 1 amplitude ? dbm 2345 ?5 ?10 ?15 ?25 ?30 ?20 prescaler = 4/5 prescaler = 8/9 tpc 19. rf input sensitivity if input frequency ? ghz 0 5 35 ?0.4 1.6 0.1 if input power ? dbm 0.6 1.1 15 20 25 30 10 40 v dd = 3v v p 2 = 3v tpc 20. if input sensitivity phase detector frequency ? hz ?120 ?130 ?180 10k 10m 100k phase noise ? db/hz 1m ?150 ?160 ?170 ?140 v dd = 3v v p = 5v tpc 21. phase noise (referred to cp output) vs. pfd frequency, rf side phase detector frequency ? hz ?120 ?130 ?180 10k 10m 100k phase noise ? db/hz 1m ?150 ?160 ?170 ?140 v dd = 3v v p = 3v tpc 22. phase noise (referred to cp output) vs. pfd frequency, if side v cp ? v 6 4 00.5 i cp ? ma 1.5 0 ?2 ?4 2 ?6 v dd = 3v v p 1 = 5.5v 1.0 2.0 3.0 2.5 4.0 3.5 4.5 5.5 5.0 tpc 23. rf charge pump output characteristics v cp ? v 6 4 0 0.5 i cp ? ma 1.5 0 ?2 ?4 2 ?6 v dd = 3v v p 2 = 3v 1.0 2.0 3.0 2.5 tpc 24. if charge pump output characteristics
rev. 0 adf4251 e11e circuit description reference input section the reference input stage is shown in figure 3. sw1 and sw2 are normally closed switches. sw3 is normally open. when power-down is initiated, sw3 is closed and sw1 and sw2 are opened. this ensures that there is no loading of the ref in pin on power-down. power-down control ref in nc nc no sw3 sw2 sw1 100k  bu ffer to r counter nc = normally closed no = normally open ref out xoeb figure 3. reference input stage rf and if input stage the rf input stage is shown in figure 4. the if input stage is the same. it is followed by a two-stage limiting amplifier to generate the cml clock levels needed for the n counter. 2k  2k  1.6v bias generator rf in a rf in b v dd 1 a gnd figure 4. rf input stage rf int divider the rf int cmos counter allows a division ratio in the pll feedback counter. division ratios from 31 to 255 are allowed. int, frac, mod, and r relationship the int, frac, and mod values, in conjunction with the rf r counter, make it possible to generate output frequencies that are spaced by fractions of the rf phase frequency detector (pfd). the equation for the rf vco frequency ( rf out ) is rf f int frac mod out pfd = + ? ? ? (1) where rf out is the output frequency of external voltage controlled oscillator (vco). fref d r pfd in = + () 1 (2) ref in = the reference input frequency, d = rf ref in doubler bit, r = the p reset divide ratio of the binary 4-bit program- mable reference counter (1 to 15), int = the preset divide ratio of the binary 8-bit counter (31 to 255), mod = the preset modulus ratio of binary 12-bit programmable frac counter (2 to 4095), and frac = the preset fractional ratio of the binary 12-bit programmable frac counter (0 to mod). n = int + frac/mod from rf i nput stage to pfd rf n divider third-order f ractional in terpolator mod reg int reg frac value n-counter figure 5. n counter rf r counter the 4-bit rf r counter allows the input reference frequency (ref in ) to be divided down to produce the reference clock to the rf pfd. division ratios from 1 to 15 are allowed. if r counter the 15-bit if r counter allows the input reference frequency (ref in ) to be divided down to produce the reference clock to the if pfd. division ratios from 1 to 32767 are allowed. if prescaler (p/p + 1) the dual modulus if prescaler (p/p + 1), along with the if a and b counters, enables the large division ratio, n, to be realized (n = pb + a). operating at cml levels, it takes the clock from the if input stage and divides it down to a manageable frequency for the cmos if a and cmos if b counters. if a and b counters the if a cmos and if b cmos counters combine with the dual modulus if prescaler to allow a wide ranging division ratio in the pll feedback counter. the counters are guaranteed to work when the prescaler output is 150 mhz or less. pulse swallow function the if a and if b counters, in conjunction with the dual modulus if prescaler, make it possible to generate output frequencies that are spaced only by the reference frequency divided by r. see the device programming after initial power-up section for examples. the equation for the if vco ( if out ) frequency is if p b a f out pfd = () + [] (3) where if out = the output frequency of the external voltage controlled oscillator (vco), p = the preset modulus of the if dual modulus prescaler, b = the preset divide ratio of the binary 12-bit counter (3 to 4095), and a = the preset divide ratio of the binary 6-bit swallow counter (0 to 63). f pfd is obtained using equation 2.
rev. 0 e12e adf4251 phase frequency detector (pfd) and charge pump the pfd takes inputs from the r counter and n counter and produces an output proportional to the phase and frequency difference between them. figure 6 is a simplified schematic. the pfd includes a delay element that controls the width of the antibacklash pulse. this pulse ensures that there is no dead zone in the pfd transfer function and minimizes phase noise and reference spurs. +in d1 q1 clr1 u1 u3 delay element hi up d2 q2 clr2 u2 hi down charge pump cp ?in figure 6. pfd simplified schematic muxout and lock detect the output multiplexer on the adf4251 allows the user to access various internal points on the chip. the state of muxout is controlled by m4, m3, m2, and m1 in the master register. table vi shows the full truth table. figure 7 shows the muxout section in block diagram format. logic low if analog lock detect if r divider output if n divider output rf analog lock detect if/rf analog lock detect if digital lock detect logic high rf r divider output rf n divider output three state output rf digital lock detect rf/if digital lock detect logic high logic low mux control muxout dv dd d gnd figure 7. muxout circuit lock detect muxout can be programmed for two types of lock detect: digital and analog. digital is active high. the n-channel open-drain analog lock detect should be operated with an external pull-up resistor of 10 k w nominal. when lock has been detected, this output will be high with narrow low going pulses. hardware power-down/chip enable in addition to the software power-down methods described on pages 21 and 22, the adf4251 also has a hardware power- down feature. this is accessed via the chip enable (ce) pin. when this pin is logic high, the device is in normal operation. bringing the ce pin logic low will power down the device. when this happens, the following events occur: 1. all active dc current paths are removed. 2. the rf and if counters are forced to their load state conditions. 3. the rf and if charge pumps are forced into three-state mode. 4. the digital lock detect circuitry is reset. 5. the rf in and if in inputs are debiased. 6. the ref in input buffer circuitry is disabled. 7. the serial interface input register remains active and capable of loading and latching data. bringing the ce pin back up again to logic high will reinstate normal operation, depending on the software power-down settings. input shift register data is clocked in on each rising edge of clk. the data is clocked in msb first. data is transferred from the input register to one of seven latches on the rising edge of le. the destination latch is determined by the state of the three control bits (c2, c1, and c0) in the shift register. these are the three lsbs: db2, db1, and db0, as shown in figure 1. the truth table for these bits is shown in table i. table ii shows a summary of how the registers are programmed. table i. control bit truth table c2 c1 c0 data latch 000 rf n divider reg 001 rf r divider reg 010 rf control reg 011 master reg 100 if n divider reg 101 if r divider reg 110 if control reg
rev. 0 adf4251 e13e table ii. register summary rf control reg db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (0) a1 a2 a3 a4 a5 b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 b12 p13 a6 6-bit if a counter 12-bit if b counter db21 if prescaler db22 db23 if cp gain p14 p15 c3 (1) db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (1) r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13 r15 p16 15-bit if r counter c3 (1) r14 if ref in do ubler rf n divider reg if r divider reg rf r divider reg db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (1) m1 m2 m3 m4 m5 m6 m7 m8 m9 m10 m11 m12 r1 r3 r4 p2 p3 12-bit interpolator modulus value (mod) c3 (0) 4-bit rf r counter r2 pres caler rf ref in do ubler m aster reg if n divider reg if control reg db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (1) p9 p10 p11 m1 m2 m3 m4 m uxout c3 (0) reserved p ower- d own cp three- state co unter r eset db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (0) f1 f2 f3 f4 f5 f6 f7 f8 f9 f10 f11 f12 n1 n3 n4 n5 n6 cont rol bits 12-bit rf fractional value (frac) db23 db22 db21 n7 r eserved n8 p1 c3 (0) 8-bit rf integer value (int) n2 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (0) p4 p5 p6 n1 p8 0 cp1 cp2 n2 t1 t2 t3 n3 rf cp c urrent se tting rf pd pol arity c3 (0) r eserved n oise and s pur se tting 1 rf p ower- d own rf cp three- state rf co unter r eset r eserved n oise and s pur se tting 2 n oise and s pur se tting 3 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (0) p17 p18 p19 p20 p21 cp1 cp2 cp3 pr1 t7 t8 pr2 pr3 if cp current if pd pol arity c3 (1) r eserved if ldp if power- down if cp three- state if co unter r eset rf phase r esync rf phase r esync se tting cont rol bits cont rol bits cont rol bits cont rol bits cont rol bits cont rol bits
rev. 0 e14e adf4251 table iii. rf n divider register map f12 f11 f10 f3 f2 f1 fractional value (frac) 000 .......... 0 0 0 0 000 .......... 0 0 1 1 000 .......... 0 1 0 2 000 .......... 0 1 1 3 ... .......... . . . . ... .......... . . . . ... .......... . . . . 111 .......... 1 0 0 4092 111 .......... 1 0 1 4093 111 .......... 1 1 0 4094 111 .......... 1 1 1 4095 rf integer n8 n7 n6 n5 n4 n3 n2 n1 00011111 31 00100000 32 00100001 33 00100010 34 ........ . ........ . ........ . 11111101 253 11111110 254 11111111 255 p1 reserved 0r eserved db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (0) f1 f2 f3 f4 f5 f6 f7 f8 f9 f10 f11 f12 n1 n3 n4 n5 n6 cont rol bits 12-bit rf fractional value (frac) db23 db22 db21 n7 n8 p1 c3 (0) 8-bit rf integer value (int) n2 reserved value (int) * * when p = 8/9, n min = 91
rev. 0 adf4251 e15e table iv. rf r divider register map interp olator modulus m12 m11 m10 m3 m2 m1 value (mod) divide ratio 000 .......... 0102 000 .......... 0113 000 .......... 1004 ... .......... . . . . ... .......... . . . . ... .......... . . . . 111 .......... 100 4092 111 .......... 101 4093 111 .......... 110 4094 111 .......... 111 4095 rf r counter r4 r3 r2 r1 divide ratio 00011 00102 00113 ..... ..... ..... 110113 111014 111115 p2 rf ref in do ubler 0d isabled 1e nabled db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (1) m1 m2 m3 m4 m5 m6 m7 m8 m9 m10 m11 m12 r1 r3 r4 p2 p3 cont rol bits 12-bit interpolator modulus value (mod) c3 (0) 4-bit rf r counter r2 rf ref in do ubler pre- scaler p3 rf prescaler 04/5 18/9
rev. 0 e16e adf4251 table v. rf control register map p6 rf power-down 0d isabled 1en abled db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (0) p4 p5 p6 n1 p8 0 cp1 cp2 n2 t1 t2 t3 n3 cont rol bits rf cp c urrent se tting rf pd pol arity c3 (0) r eserved n oise and s pur se tting 1 rf power- d own rf cp three- state rf co unter r eset r eserved n oise and s pur se tting 2 n oise and s pur se tting 3 i cp (ma) cp2 cp1 1.5k 2.7k 5.6k 001. 125 0.625 0.301 013. 375 1.875 0.904 105. 625 3.125 1.506 11 7.7875 4.375 2.109 p8 rf pd polarity 0neg ative 1posit ive p5 rf cp three-state 0d isabled 1t hree-state p4 rf counter r eset 0d isabled 1en abled n3 n2 n1 noise and spur setting 000lowest spur 001low noise and spur 111lowest noise t hese bits should each be set to 0 for no rmal operation
rev. 0 adf4251 e17e table vi. master register map p11 0 1 p12 0 this bit should be set to ?0? for normal operation. p10 0 1 p9 0 1 0 0 0 0 logic low 0 0 0 1 if analog lock detect 0 0 1 0 if r divider output 0 0 1 1 if n divider output 0 1 0 0 rf analog lock detect 0 1 0 1 rf/if analog lock detect 0 1 1 0 if digital lock detect 0 1 1 1 logic high 1 0 0 0 rf r divider output 1 0 0 1 rf n divider output 1 0 1 0 three-state output 1 0 1 1 logic low 1 1 0 0 rf digital lock detect 1 1 0 1 rf/if digital lock detect 1 1 1 0 logic high 1 1 1 1 logic low db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (1) p9 p10 p11 m1 m2 m3 m4 cont rol bits m uxout c3 (0) reserved power- d own cp three- state co unter r eset m uxout m1 m2 m3 m4 co unter reset di sabled e nabled cp three-state di sabled three-state p ower-down di sabled e nabled reserved
rev. 0 e18e adf4251 table vii. if n divider register map b12 b11 b10 b3 b2 b1 b counter divide ratio 000 .......... 0113 000 .......... 1004 ... .......... .... ... .......... .... ... .......... .... 111 .......... 100 4092 111 .......... 101 4093 111 .......... 110 4094 111 .......... 111 4095 a counter a6 a5 .......... a2 a1 divide ratio 00 .......... 0 0 0 00 .......... 0 1 1 00 .......... 1 0 2 00 .......... 1 1 3 .. .......... . . . .. .......... . . . .. .......... . . . 11 .......... 0 0 60 11 .......... 0 1 61 11 .......... 1 0 62 11 .......... 1 1 63 * n = bp + a, p is prescaler value. b must be greater than or equal to a for contiguous values of n, n min is (p 2 ? p) . p14 p13 prescaler value 00 8/9 01 16/17 10 32/33 11 64 /65 p15 if cp gain 0d isabled 1e nabled db20 db19 db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (0) a1 a2 a3 a4 a5 b1 b2 b3 b4 b5 b6 b7 b8 b9 b10 b11 b12 p13 a6 cont rol bits 6-bit if a counter * 12-bit if b counter * db21 if p rescaler * db22 db23 if cp gain p14 p15 c3 (1)
rev. 0 adf4251 e19e table viii. if r divider register map r14 r13 r12 .......... r3 r2 r1 divide ratio 000 .......... 0011 000 .......... 0102 000 .......... 0113 000 .......... 1004 ... .......... .... ... .......... .... ... .......... .... 111 .......... 10016380 111 .......... 10116381 111 .......... 11016382 111 .......... 11116383 p16 if ref in do ubler 0d isabled 1e nabled db18 db17 db16 db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (0) c1 (1) r1 r2 r3 r4 r5 r6 r7 r8 r9 r10 r11 r12 r13 r15 p16 cont rol bits 15-bit if r counter c3 (1) r14 if ref in do ubler r15 0 0 0 0 . . . 32764 32765 32766 32767
rev. 0 e20e adf4251 table ix. if control register map p19 if power-down 0 disabled 1 enabled p20 if ldp 0 3 1 5 if cp3 if cp2 if cp1 1.5k 2.7k 5.6k 000 1.1250. 625 0.301 001 2.251 .25 0.602 010 3.3751. 875 0.904 011 4.52. 51.205 100 5.6253. 125 1.506 101 6.753 .75 1.808 110 7.78754 .375 2.109 111 95. 02.411 p21 if pd polarity 0 negative 1 positive p18 if cp three-state 0 disabled 1 three-state p17 if counter reset 0 disabled 1 enabled db15 db14 db13 db12 db11 db10 db9 db8 db7 db6 db5 db4 db3 db2 db1 db0 c2 (1) c1 (0) p17 p18 p19 p20 p21 cp1 cp2 cp3 pr1 t7 t8 pr2 pr3 cont rol bits if cp current se tting if pd pol arity c3 (1) r eserved if ldp if power- d own if cp three- state if co unter r eset rf phase r esync rf phase r esync t hese bits should be set to 0 for normal operation pr3 pr2 pr1 rf phase resync 000di sabled 111e nabled i cp (ma)
rev. 0 adf4251 e21e rf n divider register (address r0) with r0[2, 1, 0] set to [0, 0, 0], the on-chip rf n divider register will be programmed. table iii shows the input data format for programming this register. 8-bit rf int value these eight bits control what is loaded as the int value. this is used to determine the overall feedback division factor. it is used in equation 1. 12-bit rf frac value these 12 bits control what is loaded as the frac value into the fractional interpolator. this is part of what determines the overall feedback division factor. it is used in equation 1. the frac value must be less than or equal to the value loaded into the mod register. rf r divider register (address r1) with r1[2, 1, 0] set to [0, 0, 1], the on-chip rf r divider register will be programmed. table iv shows the input data format for programming this register. rf prescaler (p/p + 1) the rf dual-modulus prescaler (p/p +1), along with the int, frac, and mod counters, determine the overall division ratio from the rf in to the pfd input. operating at cml levels, it takes the clock from the rf input stage and divides it down to am anageable frequency for the cmos counters. it is based on a synchron ous 4/5 core (see table iv). rf ref in doubler setting this bit to 0 feeds the ref in signal directly to the 4-bit rf r counter, disabling the doubler. setting this bit to 1 multiplies the ref in frequency by a factor of 2 before feeding into the 4- bit rf r counter. when the doubler is disabled, the ref in falling edge is the active edge at the pfd input to the fractional-n synthesizer. when the doubler is enabled, both the rising and falling edges of ref in become active edges at the pfd input. when the doubler is enabled and lowest spur mode is chosen, the in-band phase noise performance is sensitive to the ref in duty cycle. the phase noise degradation can be as much as 5 db for ref in duty cycles outside a 45% to 55% range. the phase noise is insensitive to ref in duty cycle in the lowest noise mode and in low noise and spur mode. the phase noise is insensitive to ref in duty cycle when the doubler is disabled. 4-bit rf r counter the 4-bit rf r counter allows the input reference frequency (ref in ) to be divided down to produce the reference clock to the phase frequency detector (pfd). division ratios from 1 to 15 are allowed. 12-bit interpolator modulus this programmable register sets the fractional modulus. this is the ratio of the pfd frequency to the channel step resolution on the rf output. rf control register (address r2) with r2[2, 1, 0] set to [0, 1, 0], the on-chip rf control register will be programmed. table v shows the input data format for programming this register. upon initialization, db15 C
rev. 0 e22e adf4251 rf phase detector polarity db7 in the adf4251 sets the rf phase detector polarity. when the vco characteristics are positive, this should be set to 1. when they are negative, it should be set to 0. rf charge pump current setting db9 and db10 set the rf charge pump current setting. this should be set to whatever charge pump current the loop filter has been designed with (see table v). rf test modes these bits should be set to 0, 0, 0 for normal operation. master register (address r3) with r3[2, 1, 0] set to 0, 1, 1, the on-chip master register will be programmed. table vi shows the input data format for program- ming the master register. rf and if counter reset db3 is the counter reset bit for the adf4251. when this is 1, both the rf and if r, int, and mod counters are held in reset. for normal operation, this bit should be 0. upon powering up, the db3 bit needs to be disabled, the int counter resumes counting in C C
rev. 0 adf4251 e23e when a power-down is activated, the following events occur: 1. all active if dc current paths are removed. 2. the if synthesizer counters are forced to their load state conditions. 3. the if charge pump is forced into three-state mode. 4. the if digital lock detect circuitry is reset. 5. the if in input is debiased. 6. the input register remains active and capable of loading and latching data. if phase detector polarity db7 in the adf4251 sets the if phase detector polarity. when the vco characteristics are positive, this should be set to 1. when they are negative, it should be set to 0. if charge pump current setting db8, db9, and db10 set the if charge pump current setting. this should be set to whatever charge pump current the loop filter has been designed with (see table vii). if test modes these bits should be set to 0, 0 for normal operation. rf phase resync setting the phase resync bits [15, 14, 11] to 1, 1, 1 enables the phase resync feature. with a fractional modulus of m, a fractional-n pll can settle with any one of (2   )/m valid phase offsets with respect to the reference input. this is different to integer-n (where the rf output always settles to the same static phase offset with respect to the input reference, which is zero ideally), but does not matter in most applications where all that is required is consistent frequency lock. for applications where a consistent phase relationship between the output and reference is required (i.e., digital beamforming), the adf4251 fractional-n synthesizer can be used with the phase resync feature enabled. this ensures that if the user pro grams the pll to jump from frequency (and phase) a to frequency (and phase) b and back again to frequency a, the pll will return to the original phase (phase a). when enabled, it will activate every time the user programs register r0 or r1 to set a new output frequency. however, if a cycle slip occurs in the settling transient after the phase re-resync operation, the phase resync will be lost. this can be avoided by delaying the resync activation until the locking transient is close to its final frequency. in the if r divider register, bits r5[17 C 26 150 3900 mhz s = m note that if it is required to use the if synthesizer with phase resync enabled on the rf synth, the if synth must operate with a pfd frequency of 26 mhz/3900. in an application where the if synth is not required, the user should ensure that registers r4 and r6 are not programmed so that the rest of the if circuitry remains in power-down. device programming after initial power-up after initially applying power to the supply pins, there are three ways to operate the device. rf and if synthesizers operational all registers must be written to when powering up both the rf and if synthesizer. rf synthesizer operational, if power-down it is necessary to write to registers r3, r2, r1, and r0 only when powering up the rf synthesizer only. the if side will remain in power-down until registers r6, r5, r4, and r3 are written to. if synthesizer operational, rf power-down it is necessary to write only to registers r6, r5, r4, and r3 when powering up the if synthesizer only. the rf side will remain in power-down until registers r3, r2, r1, and r0 are written to. rf synthesizer: an example t he rf synthesizer should be programmed as follows: rf int frac mod f out pfd =+ ? ? ? (4) where rf out = the rf frequency output, int = the integer division f actor, frac = the fractionality, and mod = the modulus. f ref d r pfd in = + ? ? ? 1 (5) where ref in = the reference frequency input, d = the rf ref in doubler bit, and r = the rf reference division factor. for example, in a gsm 1800 system where 1.8 ghz rf frequency output (rf out ) is required, a 13 mhz reference frequency input ( ref in ) is available and a 200 khz channel resolution ( f res ) is required on the rf output. mod ref f mod in res = == 13 200 65 mhz khz so, from equation 5: f mhz pfd = + = = ? ? ? 13 10 1 13 18 13 mhz . ghz mhz int + frac 65 where int = 138 and frac = 30. if synthesizer: an example the if synthesizer should be programmed as follows: if p b a f out pfd = () + [] (6) where if out = the output frequency of external voltage controlled oscillator (vco), p = the if prescaler, b = the b counter value, and a = the a counter value. equation 5 applies in this example as well.
rev. 0 ?4 adf4251 for example, in a gsm1800 system, where 540 mhz if fre- quency output (if out ) is required, a 13 mhz reference frequency i nput (ref in ) is available and a 200 khz channel resolution (f res ) is required on the if output. the prescaler is set to 16/17. if ref in doubler is disabled. by equation 5: 200 13 10 khz mhz = + r if r = 65. by equation 6: 540 200 16 mhz khz = () + [] ba if b = 168 and a = 12. modulus the choice of modulus (mod) depends on the reference signal (ref in ) available and the channel resolution (f res ) required at the rf output. for example, a gsm system with 13 mhz ref in would set the modulus to 65. this means that the rf output resolution (f res ) is the 200 khz (13 mhz/65) necessary for gsm. reference doubler and reference divider there is a reference doubler on-chip. this allows the input reference signal to be doubled. this is useful for increasing the pfd comparison frequency. making the pfd frequency higher improves the noise performance of the system. doubling the pfd frequency will usually result in an improvement in noise performance of 3 db. it is important to note that the pfd can- not be operated above 30 mhz. this is due to a limitation in the speed of the  -  circuit of the n divider. 12-bit programmable modulus unlike most other fractional-n plls, the adf4251 allows the user to program the modulus over a 12-bit range. this means that the user can set up the part in many different configurations for his or her application, when combined with the reference doubler and the 4-bit r counter. take for example an application that requires 1.75 ghz rf and 200 khz channel step resolution. the system has a 13 mhz reference signal. one possible setup is feeding the 13 mhz directly to the pfd and programming the modulus to divide by 65. this would result in the required 200 khz resolution. another possible setup is using the reference doubler to create 26 mhz from the 13 mhz input signal. this 26 mhz is then fed into the pfd. the modulus is now programmed to divide by 130. this also results in 200 khz resolution. this would offer superior phase noise performance over the previous setup. the programmable modulus is also very useful for multistandard applications. if a dual-mode phone requires pdc and gsm1800 standards, the programmable modulus is of huge benefit. pdc requires 25 khz channel step resolution, whereas gsm1800 requires 200 khz channel step resolution. a 13 mhz reference signal could be fed directly to the pfd. the modulus would be programmed to 520 when in pdc mode (13 mhz /520 = 25 khz). the modulus would be reprogrammed to 65 for gsm1800 op eration (13 mhz/65 = 200 khz). it is important that the pfd frequency remains constant (13 mhz). this allows the user to design one loop filter that can be used in both setups without running into stability issues. it is the ratio of the rf frequency to the pfd frequency that affects the loop design. keeping this relationship constant and instead changing the modulus factor, results in a stable filter. spurious optimization and fastlock as mentioned in the noise and spur setting section, the part can be optimized for spurious performance. however, in fast-lock- ing applications, the loop bandwidth needs to be wide. therefore, the filter does not provide much attenuation of the spurious. the programmable charge pump can be used to get around this issue. the filter is designed for a narrow loop band- width so that steady- state spurious specifications are met. this is designed using the lowest charge pump current setting. to implement fastlock during a frequency jump, the charge pump current is set to the maximum setting for the duration of the jump. this has the effect of widening the loop bandwidth, which im- proves lock time. when the pll has locked to the new frequency, the charge pump is again programmed to the lowest charge pump current setting. this will narrow the loop bandwidth to its origi- nal cutoff frequency to allow for better attenuation of the spurious than the wide loop bandwidth. spurious signals predicting where they will appear just as in integer-n plls, spurs will appear at pfd frequency offsets on either side of the carrier (and multiples of the pfd frequency). in a fractional-n pll, spurs will also appear at frequencies equal to the rf out channel step resolution (f res ). the adf4251 uses a high order fractional interpolator engine. this results in spurious signals also appearing at frequencies equal to 1/2 of the channel step resolution. for example, examine the gsm-1800 setup with a 26 mhz pfd and 200 khz resolution. spurs will appear at 26 mhz from the rf carrier (at an ex tremely low level due to filtering). also, there will be spurs at 200 khz from the rf carrier. due to the fractional interpolator architecture used in the adf4251, spurs will also appear at 100 khz from the rf carrier. harmonics of all spurs mentioned will also appear. with lowest spur setting enabled, the spurs will be attenuated into the noise floor. prescaler the prescaler limits the int value. with p = 4/5, n min = 31. with p = 8/9, n min = 91. the prescaler can also influence the phase noise performance. if int < 91, a prescaler of 4/5 should be used. for applications where int > 91, p = 8/9 should be used for optimum noise performance. filter design: adisimpll a filter design and analysis program is available to help users implement their pll design. visit www.analog.com/pll for a free download of the adisimpll software. the software designs, simulates, and analyzes the entire pll frequency domain and time domain response. various passive and active filter architectures are allowed.
rev. 0 adf4251 e25e if side not in use if the if side is not being used, the following pinout is recom- mended for the if side: pin no. mnemonic description 14 a gnd 2 short to all other ground pins. 15 if in bl eave open circuit. (this is biased up to v dd /2 internally.) 16 if in al eave open circuit. (this is biased up to v dd /2 internally.) 19 cp_if leave open circuit. (this is internally three-stated until power-up.) 20 v p 2 short to v p 1. (v p 1 is the rf cp supply.) 21 v dd 2 short to v dd 1 (v dd 1 is the rf v dd supply.) interfacing the adf4251 has a simple spi compatible serial interface for writing to the device. sclk, sdata, and le control the data transfer. when le (latch enable) goes high, the 24 bits that have been clocked into the input register on each rising edge of sclk will be transferred to the appropriate latch. see figure 1 for the timing diagram and table i for the control bit truth table. the maximum allowable serial clock rate is 20 mhz. this means that the maximum update rate possible for the device is 833 khz or one update every 1.2 s. this is certainly more than adequate for systems that will have typical lock times in hundreds of microseconds. aduc812 adf4251 sclk sdata le ce muxout (lock detect) sclock mosi i/o ports figure 8. aduc812 to adf4251 interface aduc812 interface figure 8 shows the interface between the adf4251 and the aduc812 microconverter. since the aduc812 is based on an 8051 core, this interface can be used with any 8051-based microcontroller. the microconverter is set up for spi master mode with cpha = 0. to initiate the operation, the i/o port driving le is brought low. each latch of the adf4251 needs (at most) a 24-bit word. this is accomplished by writing three 8-bit bytes from the microconverter to the device. when the third byte has been written, the le input should be brought high to complete the transfer. i/o port lines on the aduc812 are also used to control power- down (ce input) and to detect lock (muxout configured as lock detect and polled by the port input). when operating in the mode described, the maximum sclock rate of the aduc812 is 4 mhz. this means that the maximum rate at which the output frequency can be changed will be 166 khz. rf vco v cc rf loop filter gnd adf4251 rf out 100pf 100pf 18  18  18  d ecoupling capacitors and interface signals have been omitted from the diagram in the interests of greater clarity. 51  100pf 100pf rf in a rf in b ref in refin v dd v p ce v dd dv dd v p rf cp cp gnd a gnd d gnd 2.7k  p ower-down control adg702 in d sv dd gnd r set if out 100pf 100pf 18  18  18  if vco v cc gnd if loop filter 51  100pf 100pf if in a if in b if cp figure 9. power-down circuit
rev. 0 e26e adf4251 if out j6 c15 100pf r12 18  r13 18  c16 100pf vco2 rf out vcc v in 10 14 2 c4 10pf c3 22  f 6.3v r48 0  vvco r17 13k  c20 82pf c19 2.2nf c18 270pf r16 7.5k  r15 51  c17 100pf r14 18  c10 10pf c9 22  f 6.3v r44 0  v p c6 10pf c5 22  f 6.3v c8 10pf c7 22  f 6.3v v dd 1 v dd 2 v dd 3 dv dd v p 2 cp if if in a r43 0  r1 20  vdd
rev. 0 adf4251 e27e outline dimensions 24-lead frame chip scale package [lfcsp] 4 mm  4 mm body (cp-24) dimensions shown in millimeters 1 24 6 7 13 19 18 bottom view 12 2.25 1.70 0.75 0.60 max 0.50 0.40 0.30 0.30 0.23 0.18 2.50 ref 0.50 bsc 12  max 1.00 max 0.65 nom 0.05 max 0.02 nom 1.00 0. 9 0 0.85 seating plane pin 1 indicator top view 3.75 bsc sq 4.0 bsc sq 0.25 min pin 1 indicator 0.25 ref compliant to jedec standards mo-220-vggd-2 0.60 max coplanarity 0.08 sq 0.20 ref
c03269??0/03(0) ?8


▲Up To Search▲   

 
Price & Availability of ADF4251BCP-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X