Part Number Hot Search : 
SA101 5R4FKR36 KJ04BB XC6SLX16 H11AAX 2SK2177 CTTD1 BOARD
Product Description
Full Text Search
 

To Download 8125J80HPI115A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a-29 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a 8020 series snap-acting momentary pushbutton switches features/benefits ? positive tactile feel ? multi-positions available ? wide variety of termination options ? epoxy terminal seal compatible with bottom wash cleaning ? rohs compliant models available t ypical applications ? instrumentation ? computer peripherals ? telecommunications equipment specifications contact rating: b contact material (8x25 models): 0.4 va max. @ 20 v ac or dc maximum. g contact material (8x21, u8x1 models): 1 amp @ 120 v ac or 28 v dc or 0.4 va max. @ 20 v ac or dc max. note: break-before-makecontacts. multi-pole contacts do not make and br eak simultaneously. see page a-43 for additional ratings. electrical life: 60,000 make-and-break cycles at full load. contact resistance: below 50 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: 8x2x models: C0?oto 75?. u8x1 models: C0?oto 65?. cap inst alla tion force: 10 lbs. max. permissible. solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). note: any models supplied with b, p, r, or g contact material are rohs compliant. note: specifications and materials listed above ar e for switches with standard options. for information on specific and custom switches, consult customer service center. materials case: glass filled nylon 6/6 or diallyl phthalate (dap), flame r etardant (ul 94v-0). plunger: glass filled nylon or glass filled polyester (pbt) (ul 94v-0). cap & frame: nylon, black, standard. bushing: brass or zinc, nickel plated. housing: stainless steel. switch support: brass or steel, matte-tin plated. n.o. & n.c. contacts: 8x21, u8x1 models: g contact material: coin silver, with gold plate over nickel plate. see page a-43 for additional contact materials. 8x25 models: b contact material: copper alloy , with gold plate over nickel plate. see page a-43 for additional contact materials. common cont act & all terminals: copper alloy , with gold plate over nickel plate. terminal seal: epoxy. refer to slodering and cleaning technical data chapter. hardw are: nut & locking ring: brass, nickel plated; lockwasher: steel, nickel plated. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages a-30 thru a-45. for additional options not shown in catalog, consult customer service center . all models have epoxy terminal seal and are compatible with all ottom--ash?cb cleaning methods. switch function 8121 spdt on-mom. 1 amp 8125 spdt on-mom. 0.4va 8221 dpdt on-mom. 1 amp 8225 dpdt on-mom. 0.4va 8321 3pdt on-mom. 1 amp 8325 3pdt on-mom. 0.4va 8421 4pdt on-mom. 1 amp 8425 4pdt on-mom. 0.4va note: ul/csa models available, see page a-30 and a-31. actuator or plunger s plunger none snap-in j80 snap-in j81 snap-in w/frame j82 snap-in w/frame for led j83 snap-in w/frame & flush cap j84 snap-in w/frame for led, flush cap j85 sna p-in w/frame & led j95 pc w/v -bracket & led l plunger m snap-fitting plunger bushing d9 .280" high, keyway h .250" high, flat none no bushing choice required d .280" high, keyway d2 .288" high, flat d3 .180" high d8 .288" high, flat h9 .250" high, flat, hi torque y .350" high, keyway y3 6.35mm high, keyway, hi torque y4 .378" high, fla t, hi torque y9 .350" high, keyway contact material b gold p gold, matte-tin g gold over silver r gold over silver, matte-tin seal e epoxy i epoxy potted base cap color 2 black none models without caps 1 white 3 red 4 orange 5 y ellow 6 green 7 blue 9 gray frame color 2 black none models without frame 1 white 3 red 5 yellow 6 green 9 gray led color 3 red none models without led 5 yellow 6 green models a vailable t erminations a right angle, pc thru-hole a v2 v ertical right angle, pc thru-hole c pc thru-hole z solder lug a2 right angle, pc thru-hole a3 right angle, snap-in, pc thru-hole a4 right angle, pc thru-hole, reversed terminals a6 right angle, pc thru-hole av vertical right angle, pc thru-hole av1 vertical right angle, pc thru-hole av3 vertical right angle, snap-in, pc thru-hole r right angle with pcb r2 right angle with pcb, reversed terminals v2 .555" high, v-bracket v3 .460" high, v-bracket v4 .630" high, v-bracket v6 .460" high, v-bracket v7 .630" high, v-bracket v8 .953" high, v-bracket v9 1.150" high, v -bracket v31 .460" high, snap-in v-bracket v61 .460" high, snap-in v-bracket w .750" long, wire wrap w1 .964" long, wire wrap w3 .425" long, wire wrap w4 1.062" long, wire wrap z3 quick connect
a-30 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches switch function 3pdt 1-2,4-5,7-8 1-3,4-6,7-9 mom. mom. on on u831 8321 8325 3p dpdt 1-2,4-5 1-3,4-6 mom. mom. on on u821 8221 8225 dp spdt 1-2 1-3 mom. mom. on on u811 8121 8125 sp schematic connected terminals pos. 1 pos. 2 switch function pos. 1 pos. 2 ul/csa* model no. model no. no. poles spdt dpdt 3pdt terminal nos. for refer ence only terminal nos. for refer ence only part number shown: 8121shzge part number shown: 8221shzge terminal nos. for refer ence only part number shown: 8321shzge c&k marking on opposite side c&k marking on opposite side mom. = momentary *u811 thru u841 model numbers with all options (except r, r2 terminations) when ordered with g or r contact material. 8x25 models must be ordered with b or p contact material. 8x21 and u8x1 models must be or dered with g or r contact material.
a-31 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches switch function actuatornap--n front mount ** panel mo unting ** panel mounting 4pdt 1-2,4-5,7-8,10-11 1-3,4-6,7-9,10-12 mom. mom. on on u841 8421 8425 4p schema tic connected terminals pos. 1 pos. 2 switch function pos. 1 pos. 2 ul/csa* model no. model no. no. poles 4pdt terminal nos. for reference only part number shown: 8421shzge mom. = momentary * u811 thru u841 model numbers with all options (except r, r2 terminations) when ordered with g or r contact material. other colors available, consult customer service center. cap and frame finish: matte. note: caps and frames available separately, see pages a-44 and a-45. note: no frame color choice required. ** increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels. note: a vailable with c, w-w4, z or z3 terminations and spdt and dpdt models only. ** increase this dim. to .620/.625 (15,75/15,88) for .091/.125 (2,31/3,18) thk. panels. 8x25 models must be ordered with b or p contact material. 8x21 and u8x1 models must be ordered with g or r contact material. c&k marking on opposite side c&k marking on opposite side 2 black none no frame color (j80 option) 1 white 3 red 4 orange 5 yellow 6 green 7 blue 9 gray cap and frame color option code j80 snap-in j81 snap-in with frame actuator or plunger cap color frame color
a-32 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches actuatornap--n front mount ** panel mounting j83 snap-in with frame and flush cap led not included. for led information, see page a-45. led not included. for led information, see page a-45. j84 snap-in with frame for led, flush cap j82 snap-in with frame for led other colors available, consult customer service center. cap and frame finish: matte. available with c, w-w4, z or z3 terminations and spdt and dpdt models only . note: caps and frames available separately , see pages a-44 and a-45. 2 black 1 white 3 red 4 orange 5 yellow 6 green 7 blue 9 gray cap and frame color option code actua tor or plunger cap color frame color
a-33 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches actuatornap--n front mount actuatorc mount * * increase t his dim. t o .620/.625 ( 15,75/15,88) for .091/.125 (2,31/3,18) thk. panels. panel mo unting pc mo unting j85 snap-in with frame and led j95 pc with v -bracket and led actua tor or plunger cap color led color frame color actua tor or plunger cap color led color a vailable with c, w-w4, z or z3 terminations and spdt models only. for led information see page a-45. note: caps & frames available separately , see pages a-44 and a-45. for led information see page a-45. 2 black 1 white 3 red 4 orange 5 yellow 6 green 7 blue 9 gray cap and frame color option code 3 red 5 yellow 6 green led color option code note: caps available separately , see page a-44. a vailable with v3 terminations and spdt models only . for led information see page a-45. 2 black 1 white 3 red 4 orange 5 yellow 6 green 7 blue 9 gra y cap and frame color option code 3 red 5 yellow 6 green led color option code 8121j85zge223 spst 8121j95v3ge23 spst
a-34 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches plunger bushing 1/4-40 uns-2a none no bushing choice required (jxx actua tors) y9 .350" high unthreaded, keyway h9 .250" high unthreaded, flat h .250" high threaded, flat y .350" high threaded, keyway d9 .280" high unthreaded, keyway d .280" high threaded, keyway m snap-fitting plunger l plunger none no plunger choice required (jxx actuators) s plunger actua tor or plunger d, d9 .244 (6,20) .228 (5,79) .224 (5,69) h, h9 .218 (5,54) .202 (5,13) .198 (5,03) y , y9 .203 (5,16) .187 (4,75) .183 (4,65) y3 (5,54) (5,13) (5,03) y4 .185 (4,70) .169 (4,29) .165 (4,19) d2, d8 n/a .232 (5,89) .228 (5,79) d3 n/a .162 (4,11) .158 (4,01) dim. for v3-v61 terminations dim. for a, a2, a3, a4, a6, av-a 3, r & r2 terminations dim. for c, w-w4, z & z3 terminations available bushings d, d9 .297 (7,54) .281 (7,14) .277 (7,04) h, h9 .267 (6,78) .251 (6,38) .247 (6,27) y , y9 .259 (6,58) .243 (6,17) .239 (6,07) y3 (6,78) (6,37) (6,27) y4 .259 (6,58) .243 (6,17) .239 (6,07) d2, d8 n/a .273 (6,93) .269 (6,83) d3 n/a .361 (9,17) .357 (9,07) dim. for v3-v61 termina tions dim. for a, a2, a3, a4, a6, a v - a 3, r & r2 termina tions dim. for c, w-w4, z & z3 termina tions a v ailable bushings y , y9 .178 (4,52) .162 (4,11) .158 (4,01) y4 .090 (2,29) .074 (1,88) .070 (1,78) dim. for v3-v61 termina tions dim. for a, a2, a3, a4, a6, a v-a 3, r & r2 termina tions dim. for c, w-w4, z & z3 termina tions a vailable bushings note: when selecting plunger option, bushing selection must also be made, see next page. no plunger option is required when any jxx actuator option is selected. additional plunger lengths ar e available on spdt and dpdt models, consult customer service center . not all plunger lengths sufficient for use with caps, see page a-44. h bushing standard with c, w-w4, z or z3 terminations. h, h9 bushings not available on single pole models witha3-a6, r, r2 terminations. will withstand 12 in./lbs. of tor que with no distortion. d9 bushing standard with a-a6, r, r2 a v -av3 terminations. n/a = not available
a-35 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches bushing terminations 1/4-40 uns-2a pc mounting dim `a' w w1, w3, w4 wire wrap z3 quick connect c pc thru-hole z solder lug d3 .180" high unthreaded d8 .288" high unthreaded, fla t d2 .288" high threaded, fla t y4 .378" high threaded, fla t y3 6.35mm threaded, keyw ay spdt thru 4pdt spdt thru 4pdt spdt thru 4pdt spdt thru 4pdt not available with j95 actuator , p or r contact material. mating quick connector available, order part number 530100000, page a-44. not available with j95 actuator option. not available with j95 actuator option. not available with j95 actuator , p or r contact material. note: no bushing option choice required when jxx actuator option is selected. when selecting bushing option, plunger selection must also be made, see previous page. plunger lengths vary with bushing and termination options selected. note: t wo mounting nuts, locking ring and lockwasher supplied standar d with thr eaded bushings. optional mounting nut and locking ring styles available, see section echnical data and additional hardware y3 & y4 bushings not available on single pole models with a3-a6, r, r2 terminations. will withstand 12 in./lbs. of torque with no distortion. d2, d8 bushings not available with c, w-w4, z, z3 terminations. d3 bushing available with a, a2, a3, a v, av2, av3 and v2-v61 terminations only . w .750 (19,05) w1 .964 (24,49) w3 .425 (10,80) w4 1.062 (26,97) dim option code
a-36 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches terminations pc mounting pc mounting section a-a .138 (3,51 ) a3 right angle, snap-in, pc thru-hole a right angle, pc thru-hole a right angle, pc thru-hole a3 right angle, snap-in, pc thru-hole 8121sd9age spdt 8221sd9age dpdt not available with jxx actuators and i seal. terminal bend radii and lead-in manufacturing option. not available with jxx actuators and i seal option. t erminal bend radii and lead-in manufacturing option.
a-37 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches terminations section a-a pc mounting 8321sd9age 3pdt 8121sd9a2ge spdt 8121sd9a4ge spdt a4 right angle, pc thru-hole, reversed terminals a2 right angle, pc thru-hole a right angle, pc thru-hole not available with jxx actuators and i seal option. t erminal bend radii and lead-in manufacturing option. not available with jxx actuators, i seal option. t erminal bend radii and lead-in manufacturing option. not available with jxx actuators, d3, h, h9, y3, y4 bushings and i seal. t erminal bend radii and lead-in manufacturing option. the a4 and r2 termination options ar e functionally identical and fit the same pc mounting patter n. the switches, however, are shifted relative to the mounting holes. the pc pattern must clear the switch support legs. unlike the r2, the a4 option is available with ul/csa. pc mounting
a-38 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches terminations pc mounting pc mounting reversed terminals pc mounting pc mounting av vertical right angle, pc thru-hole, .100" pitch a6 right angle, pc thru-hole r2 right angle with pcb, reversed terminals r right angle with pcb not available with jxx actuators, d3, h, h9, y3, y4 bushings and i seal. terminal bend radii and lead-in manufacturing option. not available with jxx actuators, d3, h, h9, y3, y4 bushings, i seal option. r termination not ul/csa approved. not available with jxx actuators, d3, h, h9, y3, y4 bushings, i seal option. r2 termination not ul/csa approved. the a6 and r termination options are functionally identical and fit the same pc mounting pattern, the switches, however , are shifted relative to the mounting holes. the pc pattern must clear the switch support legs. unlike the r, the a6 option is available with ul/csa. 8121sd9a6ge spdt 8121sd9rge spdt 8121sd9r2ge spdt 8121sd9a vge spdt
a-39 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches terminations .15 (3,8) .33 typ. (8,4) pc mounting pc mounting av2 ver tical right angle, pc thru-hole, .150" pitch a v1 ver tical right angle, extended, pc thru-hole, .150" pitch a v3 ver tical right angle, snap-in,, pc thru-hole, .150" pitch av1 vertical right angle, extended, pc thru-hole, .150" pitch av3 vertical right angle, snap-in, pc thru-hole, .150" pitch av2 vertical right angle, pc thru-hole, .150" pitch 8121sd9av2ge spdt 8221sd9a v2ge dpdt not available with jxx actuators and i seal. t erminal bend radii and lead-in manufacturing option. not available with jxx actuators and i seal. t erminal bend radii and lead-in manufacturing option.
a-40 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches terminations .15 (3,8) .33 typ. (8,4) pc mounting pc mounting pc mounting 8321sd9av2ge 3pdt 8421sd9a v2ge 4pdt 8121sd3__ge spdt av2 ver tical right angle, pc thru-hole, 150" pitch av1 vertical right angle, extended, pc thru-hole, .150" pitch av3 vertical right angle, snap-in, pc thru-hole, .150" pitch v2, v6, v7, v8 vertical mount, v-bracket v61 vertical mount, v-bracket, snap-in a v1 ver tical right angle, extended, pc thru-hole, .150" pitch a v3 ver tical right angle, snap-in, pc thru-hole, .150" pitch a v2 ver tical right angle, pc thru-hole, 150" pitch not available with jxx actuators and i seal. terminal bend radii and lead-in manufacturing option. not available with jxx actuators and i seal. terminal bend radii and lead-in manufacturing option. not available with jxx actuators and i seal. v2 .555 (14,10) v6, v61 .460 (11,68) v7 .630 (16,00) v8 .953 (24,21) dim option code
a-41 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches terminations pc mounting pc mounting pc mounting v61 vertical mount, v-bracket, snap-in v2, v6, v7, v8 ver tical mount, v-bracket v2, v7, v8 vertical mount, v-bracket v2, v7, v8 vertical mount, v-bracket 8221sd3__ge dpdt 8321sd3__ge 3pdt 8421sd3__ge 4pdt not available with jxx actuators and i seal. not available with jxx actuators and i seal. not available with jxx actuators and i seal. v2 .555 (14,10) v6, v61 .460 (11,68) v7 .630 (16,00) v8 .953 (24,21) dim option code v2 .555 (14,10) v7 .630 (16,00) v8 .953 (24,21) dim option code v2 .555 (14,10) v7 .630 (16,00) v8 .953 (24,21) dim option code
a-42 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches terminations pc mounting pc mounting .630 (16,00) pc mounting v31 ver tical mount, v-bracket, snap-in v3, v4, v9 ver tical mount, v-bracket v4, v9 vertical mount, v-bracket v31 vertical mount, v-bracket, snap-in v3, v4, v9 ver tical mount, v-bracket v3, v31 .460 (11,68) v4 .630 (16,00) v9 1.150 (29,21) dim option code v3, v31 .460 (11,68) v4 .630 (16,00) v9 1.150 (29,21) dim option code v4 .630 (16,00) v9 1.150 (29,21) dim option code not available with j8x actuators and i seal. not available with j8x actuators and i seal. not available with jxx actuators and i seal. 8121sd3__ge spdt 8221sd3__ge dpdt 8321sd3v4ge 3pdt
a-43 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches terminations contact material seal pc mounting .630 (16,00) v4 .630 (16,00) v9 1.150 (29,21) dim option code not available with jxx actuators and i seal. 8421sd3v4ge 4pdt v4, v9 ver tical mount, v-bracket e epoxy seal i epoxy potted base * note: see technical data section of this catalog for rohs compliant and compatible definitions and specifications. 1 all contacts & terminals: copper alloy, with gold plate over nickel plate. 2 n.o. and n.c. contacts: coin silver, with gold plate over nickel plate. 3 common contacts & all terminals: copper alloy, with gold plate over nickel plate. 4 terminals: copper alloy, with matte-tin over nickel plate. note: any models supplied with b, p, r or g contact material are rohs compliant. u811-u841 models with all options (except r, r2 terminations) when ordered with mandatory g or r contact material. b or p contact material must be ordered with 8x25 models. g or r contact material must be or der ed with 8x21, u8x1 models. p or r contact material not available with z, z3 terminations. note: a vailable with c, w-w4, z, z3 terminations only . sp .410 (10,41) dp .440 (11,18) 3p .505 (12,83) 4p .505 (12,83) dim no. poles option code cont act material terminal plating ratings gold 1 gold 3 ma tte-tin 4 gold 1 ma tte-tin 4 low level/dry circuit low level/dr y circuit or power 8x25 models only: 0.4 max. @ 20 v ac or dc max. 8x21, u8x1 models onl y: 0.4 va max @ 20 v ac or dc max. or 1 amp @ 120 v ac or 28 v dc. b p g r gold over sil ver 2,3
a-44 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com a pu shbu tt on third angle projection 8020 series snap-acting momentary pushbutton switches available hardware cap part no. 708901000 white 708902000 black 708903000 red 708904000 orange 708905000 yellow 708906000 green 708907000 blue 708909000 gray material: nylon finish: gloss cap part no. 752701000 white 752702000 black 752703000 red 752704000 orange 752705000 yellow 752706000 green 752707000 blue 752709000 gray material: nylon finish: gloss cap part no. 801801000 white 801802000 black 801803000 red 801804000 orange 801805000 yellow 801806000 green 801807000 blue 801809000 gray material: nylon finish: gloss cap, snap-fitting plunger p ar t no. 894001000 white 894002000 black 894003000 red 894004000 orange 894005000 yellow 894006000 green 894007000 blue 894009000 gra y material: nylon finish: gloss cap, snap-fitting plunger p ar t no. 894101000 white 894102000 black 894103000 red 894104000 orange 894105000 yellow 894106000 green 894107000 blue 894109000 gra y material: nylon finish: gloss cap, j80, j81, j82, j83 & j84 options only p ar t no. 484601000 white 484602000 black 484603000 red 484604000 orange 484605000 yellow 484606000 green 484607000 blue 484609000 gra y material: nylon finish: gloss frame part no. 615601000 white 615602263 black 615603000 red 615605000 yellow 615606000 green 615609000 gra y material: nylon finish: matte fits z3 termination female connector part no. 530100000 available in loose pieces. frame part no. 613301000 white 613302263 black 613303000 red 613305000 yellow 613306000 green 613309000 gray material: nylon finish: matte cap, j85 & j95 options only p ar t no. 459701000 459702000 459703000459704000 459705000 459706000 459707000 459709000 material: nylon finish: gloss part no. 476801000 white 476802000 black 476803000 red 476804000 orange 476805000 yellow 476806000 green 476807000 blue 476809000 gray material: nylon finish: matte p ar t no. 798201000 white 798202263 black 798203000 red 798204000 orange 798205000 yellow 798206000 green 798207000 blue 798209000 gra y material: nylon finish: matte note: additional nuts, locking rings and lockwashers available separately, see section echnical data and additional hardware other cap & frame colors available, consult customer service center.
a-45 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com pu shbu tt on a third angle projection 8020 series snap-acting momentary pushbutton switches available hardware .030 (0,76) .200 dia. (5,08?) .025 sq. typ. (0,63) .750 (19,05) .340 (8,64) .230 dia. (5,84?) flat denotes cathode. suggested led for j82 & j84 options. dimensions for reference only. typical applica tion above frames (part nos. 432xxxxxx) are also available with insert which accepts led for indicator light assembly. order insert separately from frame. blank insert panel (without hole for led) also available. led not included. panel inserts special colors, custom markings available, consult customer service center. p anel inser t with hole for led part no. 894901000 894902000 894903000 894905000894906000 894909000 blank p anel inser t without hole for led part no. 476601000 white 476602000 black 476603000 red 476605000 yellow 476606000 green 476609000 gra y .047" (1,19) panel thk. part no. 432501000 432502263 432503000432505000 432506000 432509000 .062" (1,57) panel thk. part no. 432601000 432602263 432603000432605000 432606000 432609000 .090" (2,29) panel thk. part no. 432701000 432702263 432703000432705000 432706000 432709000 .125" (3,18) panel thk. part no. 432801000 white 432802263 black 432803000 red 432805000 yellow 432806000 green 432809000 gray frames snap into panel opening and are independent from switch mounting. accurate positioning of the pc mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and frame. available in two basic styles and four panel thicknesses .047-.125 in. material: nylon. finish: matte. led informa tion switches with led supplied: j85, j95 options: rectangular leds ar e supplied on 8020 series pushbutton switches with j85 and j95 options. these leds are factory installed and are not replaceable. the following specifications apply: process information: soldering to led leads must be completed within 5 seconds at 500o (260?o maximum. caution: cir cuit elements must limit forwar d current of led to 50ma max. continuous. * extra-bright r ed led available (typ. intensity 4.5 mcd), consult customer service center . leds are not supplied with j82, j84 options. led snaps into switch frame surrounding actuator and is wired externally. 125 mw 75 mw 125 mw 50 ma 30 ma 50 ma 2.5 v 20 ma 10 ma 20 ma 2.1 v 1.0 mcd 0.5 mcd 4.0 mcd green red* y ellow 6 3 5 max ratings at 25o ambient temperature forward continuous power vol t age for w ard current dissip ation typ. forward current typ. forward voltage typ. intensity color option code


▲Up To Search▲   

 
Price & Availability of 8125J80HPI115A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X