Part Number Hot Search : 
GP1A91LC M38B79M3 MT1210 MSC71 MT1210 NSPY500S PA153 GRM32ER
Product Description
Full Text Search
 

To Download 3P106D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
series 3t and 3p general specifications contact rating : 06 ; 6a @ 125 vac , 3a @ 250vac (resistive load) 03 ; 3a @ 125vac , 3a @ 250vac 01 ; 1a @ 125vac , 50ma @ 28vdc contact resistance: 06 ; 10m q max. (initial) 03 ; 10m q max. 01 ; 2 0m q ma x . insulati on res istance: 1 ,000 m q m in ., @ 5 00vdc d ielectric s trength: te rminal-terminal , 1 ,000vac ( sea level) terminal-housing (gnd) , 1 ,500vac e lectrical life: 25 ,000 cycles (make-and-break) (resistive l oad) m echanical lif e: 100 ,000 cycles operating temperature: -20 c to +80 c v ibration: 10 to 55hz , 1.5mm 3 directions , 2 hrs. ea shock: 5 0g , 11 msec , 3 directions high temperatur e exposure: low temperature exposure: - 25 c 3 c , 2 hrs . soldering heat: 350 c 10 c , 3 sec . construction two-po ints of contact materials and finishes case: diallyl phthalate (dap) , 94-vo toggle handle: brass , chrome plated bushing: brass , nickel plated housing: stainless stee l end contact: see table end terminal: see table center contact & terminal: brass , silver plate d hardware: nut- brass , nickel plated locking ring - steel , zinc plated lockwasher - steel zinc plated contact rating vs contact materials contact materials finishes rating end contact end terminal 06 coin-silver brass silver 03 copper copper silver 01 copper copper silver ul listed csa listed scope series : 3t and 3p current rating : 06 ; 6a @ 125vac, 3a @ 250vac 03 ; 3a @ 125vac , 3a @ 250vac tocosam erica
series 3t and 3p ordering information 3t f 1 06 d g pic s eri es a ctu ator p ole c onta ct sw itch pl ating t ermin als i i r ating fun cti on ~ i blank standard 1 1p blank standard bl ank solder lug s short 2 2p g gold p ic printed circu it l long 3 3p wiw wire -wrap f fs fl k t j e r w flatted flatted & short flatted & long locking plasti c large toggle lever handle rocker w/splashproof 4 06 03 01 00 4p 6 a ac 1 25v 3 a ac 250v 3a ac 125 v 3 a a c 2 50 v 1a a c 1 25v 50 ma d c 2 8v 50 ma dc 28v 1,3p d e f g h 2,4p n on p on off r on s (on) off t on off pa on on sa (on) on ta on on on on (on) (on) (on) on (on) (on) ria v im b im right angle vertical mount support m ount ( for l ow current) ( on) : i nd ica t es m ome nt ary model switch functions spdt dpdt * sp3t 3pdt 4pdt *dp3t 1 jj. j.. 3t106d 3t206n 3t306d 3t406n on - on 3t106e 3t206p 3t306e 3t406p on off on 3t106f 3t206r 3t306f 3t406r on - (on) 3t106g 3t206s 3t306g 3t406s (on ) off (on) 3t106h 3t206t 3t306h 3t406t on off (on ) * 3t2 06pa * 3t4 06pa on on on * 3t406sa (on ) on (on ) * 3t406ta on on (on) con s ult t o c o s f or detail s . 3p j 1 06 d g pic i s eri es a ctu ator p ole cont act swit ch pl ating t ermin als r ating fun ction i i blank standard 1 1p j large 2 2p w w /splashproof 06 6 a ac 1 25v 3 a a c 250v 03 3 a a c 1 25v 3 a a c 250v 01 1a a c 1 25v 50m a d c28v ~ i blank standard blank solder lug g gold p ic pr inted circuit wiw wire -wrap ria right angle 1p 2p v im vertical mount d n on on bim support mount f r on (on) (on) : indi ca tes mo m entary model i switch functions ... 1 spdt dpdt 3P106D 3p206n on on on alternate (on ) momentary 3p106f 3p206r tocosameri ca
??? series 3t toggle switches 3t solder lug spdt 2pdt 3pdt 4pdt i- r ~ i ~ - , ~ ~ i -= r ~ , - i --i -- r i c> i c> ..:... i ;;: i ;;: i ;;: r- m - ~y- ~ ..i-...l ~ i ' r - " [ ~ r i 2 " - ~ 1' " 1 e2 ? ' 8 .0 1 3. 00 17.6 22.4 3t printed circuit (pic) spdt 2pdt 3pdt 4pdt 2 40 ' ~ --i i i ;;: - i ~ _ l - 1 6 i .-i , i';, ' ? : /: m 6 x075 - ~ ~
keyw ay ~ o ,,; . - ~ 1 i~ - i ~ i 0 ,,; -'---- { qj l : r 80 i w . t . 1 3 . 0 1 2.8 17 .6 224 ~ ~ oo~ r 0 o'i ~ ~ ~ 6 ~o li fil p o o o 0 ~ ~~ o 0 ~ v 4 ; - ? ~ ~ vt--i- _g _ *_~ . m 4 . 8 4 . 8 4 .8 4 8 4 .8 48 3t right angle (ria) spdt 2pdt top 1 2 .7 to p 12 .7 pc b p cb 10 .5 8. 7 9 .3 i- ~o _ -i ~ i l - l 1- - 13 .0 -., r ~ rear - ifl-- h-' -++-++- l side re ar 3t vertical mount (vim) spdt 2pdt r 1.8 d - 5 ? - -i 1- - 254 ? 1 2.7 '--j '- - - " oa t dp pcb m6x0 .75 k eyway 1.8 d-8 ~ _ . _ {i . : l ----! f = 1 keyw ay t op 12 . 8 87 93 i; b.7 . 9 .3 - - ' -j - - +-- ., - t- "" 2 4 . 0 ' jf j i ~ - - r 1- - -1 1 2 . 7
si de re ar
rear tocosamerica 4.8 i 2
series 3p pushbutton switches
3p solder lug spdt dpdt 3p pic mount pic spdt dpdt o ia . 1 0 0 ~ ; l ., q l ~ j 1 3 0 1 2 . 8 ( ) m om ent ary 3p right angle (ria) spdt ~ 1 80 5 + - r "' i '" ~ . ~ . ~ ' ''' i q ~ - - .- - ,- 1 2.7 ? ~, l -- -' t op p cb 1 3.0 f----1 m st r ok e ~-i 4.7 4 7 2 . 3 ( 1 . 6) 25 s i de r ear ( ) m om ent ary 3p vertical mount (vim) spdt .. r- 18 d- 5 i'l] ??? . 2.3 ( 1 .6) co n '" n'::::' - i co m -'- 1 1 2 . 8 13 .0 6 ro- o 4- r f ~ i 0 i ;,;; u o 0 4 . 8 ( ) m om ent a ry dpdt k e y w a y 1 .8 0 8 i + ~ ' -:: t , ~ -- ---- ~ ~ l . .l..l. :; . j l ~ _{.....t ~ t op p cb 3.8 1 0 2 8 .0 ( 9.8) 9 .3 - 1 '" 13 .0 i -i r - r -l ' ; i ~ ~ n j _ ..ll 2.7 ~ - s tr ok e 2.3 (1 .6 ) 2 .5 re ar s ide ( ) m omentary dpdt /' 18 0 -8 i'l .. ??? - 1' ~ actuators for series 3t example: 3t81 06d , for short (8) toggle. short (s ~ ~standard _-+-_ long (l) dia '"' ,- - ,- 30 - - \ \.. \ 24.0 ' i ! \\\ 11 '" ~r j - r- ~ i 80 l i 1 . 0 1 0 large toggle (j) \ - 2 40 ' -/ \ , d ia_ ~ ' c' d' : ,i { -\ : 6 0 \ i ,i \ i / \ i : m 1 2 ~ i p ~ l i i i j- 1 i , 1 i 11 5 -+ 1 2 0 - , 1 flatted short (fs) flatted (f) -------+----- --- - , 24. 0 ' 1 \- -i ~ i " / !; ;- 6 5 ",j , --+ . : ~
: i 80 ---' - t l- 1 1. 0 locking (k) plastic (t)* d ia 30 \ \ 240 ' i - -< \ i 80 \ ' j " - t 1. 0 1.0 50 n 1 1. 0 w/splashproof (w) * plastic tip ( t) colors : red , black , blue , green , yellow , gray , white . \ - 240' 7 ! di a --\ " '\' : , " i i : : 30 ) 'a \ l ! , '! --. l \. ! ! 10 5 ' i _
i
! 75 i "t i i 1.5 i flatted long (fl) -- ---- 1 50 i-- .j i[ i 1 .0 1 1 i i 1 1 i i 1 i [j panel layout standard standard standard large large large toggle w / locking r ing w ig locki ng r ing w / splashproof w / locking r ing w ig l ocking ring w / splashproof 0 6 5 " 0 12 . 3
_ lp _ ~22
_ ~ 2 _ ~ -; l - ;:.j 6 .4 $j" " g1 8 - 5 .6 5 . 6 c~ 9 .0 1 15 11 . 5 tocosamerica 4
- - toggle caps for series 3t
plastic * (r) ( ~ - t t o ia 50 - "\ o> :l o l a 2 5 ~ / i l ola. 3 .8 plastic * (s) 4 . b - ' r : .a: - r i "" ~ _ .,; i_ i- / 1 o r a.2 . 5 o ia. 3 . b metal (al) __ i ~ i _~ q l e r
~ m4 . 5po . 5 rubber
(m6)
o ia.3 . b _ l ~ q . - r- l m j 'p07 / 1\ ~ i i r., ' d i a. 1 0 . 0 1 08 , i m 12 , rubber (m12) '- _ ~ ..l l.. ~ / c- , i ~ -~ ~ 1 -'1 , ' ~ b l ~ l o p1 .0 ~ t d i a. 1 5 i ~ 18 . 0 0 - - - , i
actuators for series 3p
standard (3p) * w/splashproof (3pw) * large (3pj) 1 ' - 1 i i q ~ = 0 -'- ~ -- t ~ '" -_ ~ j o ia . 1 0.0 1 -1 o ia. 7 .0 ~ t m j -.l ~ ~ =- = f -t i ::: r =- = - l - ~~~ ~ ~ ~ k e y way ,/ !--"-'----\ _ l i hardware mounting nut (hex) ! r m 6 p =0 . 75 -0 ~
ii - ~ - 1 . 5 l j o ~ locking ring 56 l. ..l 6.1 , --; 12 . 0 lockwa sher / ~~ -r ?r ~ ' : * t l - + - 0 5 11. 0 , m ounting n ut (r ound) m6p =075 i
i i ,. 1 00 .., -1 ~ 2 0 designation of actuator caps: 1) for toggle 3t series plastic (r) & (8)
3t106d . . .. .. with red cap (r)
1a) metal (al): ni plated, black, red, blue 2) for push-button 3p series 3P106D with red button colors: for plastic toggle and push-button caps . red , black, green, blue , yellow , gray , wh ite black is the standard. tocos america 5
sp switches
specifications: contact rating (resistive load): 3a @ 125 vac contact resistance (initial): max . 20 milli-ohm insulation resistance: min. 100meg-ohm @ 500 voc dielectric strength: 1000 vac , 1 min. electrical life (resistive load): min. 10 ,000 cycles mechanical life: min. 30,000 cycles operating temperature: - 20c to +70c i sp 11 [}] 03
c
3a @ 125 vac b g [e] on (off) off (on) on on [] on (on) circuit part number sp1103b contact rating 0 switch function on 1 -2 (off) -- --- spst sp1103c off - ---- (on) 1-2 sp11030 3a 125 vac on 2-3 on 1-2 on 2 -3 (on) 1-2 spot sp1103f ( ) indi c at es m om ent ary spst spot r , r ' w -=- ~ n mounting nut (hex) _ i 0 lockwasher =:=i i j l . 1. 5 1177 e . tower road, schaumburg , il 60173 tocosamerica 708-884-6664 fax 708-884-6665 ? 1 995 ro cos . all ri g ht s r e s erv e d . pr inted i n u .s.a.


▲Up To Search▲   

 
Price & Availability of 3P106D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X