Part Number Hot Search : 
MSHV85U BYD72D 102M16 RB2545CT 07K010 M54531P 102M16 H1300
Product Description
Full Text Search
 

To Download 2SD1781 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SD1781 0.8a, 40v npn silicon plastic encapsulated transistor elektronische bauelemente 30-dec-2010 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view a l c b d g h j f k e 1 2 3 1 2 3 ? ? emitte r ? ? base collector ? ? features ? very low v ce (sat).v ce (sat) < 0.4 v (typ.) (i c /i b = 500ma / 50ma) ? complements to 2sb1197 classification of h fe package information package mpq leadersize sot-23 3k 7? inch absolute maximum ratings (t a = 25c unless otherwise noted) parameter symbol ratings unit collector to base voltage v cbo 40 v collector to emitter voltage v ceo 32 v emitter to base voltage v ebo 5 v collector current - continuous i c 0.8 a collector power dissipation p c 200 mw junction and storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise noted) parameter symbol min. typ. max. unit test conditions collector?base breakdown voltage bv cbo 40 - - v i c = 50 ? a, i e = 0 collector?emitter breakdown voltage bv ceo 32 - - v i c = 1ma, i b = 0 emitter?base breakdown voltage bv ebo 5 - - v i e = 50 ? a, i c = 0 collector cut-off current i cbo - - 0.5 ? a v cb = 20v, i e = 0 emitter cut-off current i ebo - - 0.5 ? a ? v eb = 4v, i c = 0 dc current gain h fe 120 - 390 i c = 100ma, v ce = 3v collector?emitter saturation voltage v ce(sat) - - 0.4 v i c = 500ma, i b = 50ma transition frequency f t - 150 - mhz v ce = 5v, i c = 50ma, f = 100mhz collector output capacitance c ob - 10 - pf v cb = 10v, i e = 0, f = 1.0mhz product-rank 2SD1781-q 2SD1781-r range 120 ~ 270 180 ~ 390 marking afq afr rohs compliant product a suffix of ?-c? specifies halogen & lead-free sot-23 ref. millimete r ref. millimete r min. max. min. max. a 2.80 3.00 g 0.10 ref. b 2.25 2.55 h 0.55 ref. c 1.20 1.40 j 0.08 0.15 d 0.90 1.15 k 0.5 ref. e 1.80 2.00 l 0.95 typ. f 0.30 0.50
2SD1781 0.8a, 40v npn silicon plastic encapsulated transistor elektronische bauelemente 30-dec-2010 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristics curve
2SD1781 0.8a, 40v npn silicon plastic encapsulated transistor elektronische bauelemente 30-dec-2010 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristics curve


▲Up To Search▲   

 
Price & Availability of 2SD1781

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X