Part Number Hot Search : 
FM24C TGA4509 NTE709 FDD6612A TPS2H100 CMUD2 FDS6892 E332M
Product Description
Full Text Search
 

To Download T101KH9AVBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gC7 g to g gle dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k t series subminiature toggle switches features/benefits ? compact sizemall footprint ? single and double pole models ? pc and panel mount options available ? rohs compliant models available t ypical applications ? hand-held telecommunications ? instrumentation ? medical equipment specifications cont act rating: b contact material: 0.4 va max. @ 20 v ac or dc max. q contact material (tx01 models): 3 amps @120 v ac or 28 v dc. all other models: 2 amps @ 120 v ac or 28 v dc. see page g-42 for additional ratings. electrical life: tx01 models: 60,000 make-and-break cycles at full load. all other models: 30,000 cycles. contact resistance: below 20 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insula tion resistance: 10 9 min. dielectric strength: 1000 vrms min. @ sea level. opera ting tempera ture: C0?oto 85?. solderability : per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). note: any models supplied with p , r, q, b or g contact material ar e rohs compliant and compatible. for the latest information r egar ding rohs compliance, please go to: www.ittcannon.com/rohs. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center. materials case: glass filled nylon 6/6, flame r etardant, heat stabilized or diallyl phthalate (dap), (ul 94v-0). actuator: brass, chrome plated. bushing: brass, nickel plated. housing: stainless steel. switch support: brass, matte-tin plated. end cont acts: b contact material: copper alloy, with gold plate over nickel plate. q contact material: coin silver, silver plated. see above for additional contact materials. center contacts & terminals: b contact material: copper alloy, with gold plate over nickel plate. q contact material: copper alloy, silver plated. see page g-42 for additional contact materials. terminal seal: epoxy. hardw are: nut & locking ring: brass, nickel plated. lockwasher: steel, nickel plated. additional hardware available separately , see section o. build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages g-37 thru g-42. for additional options not shown in catalog, consult customer service center . all models have epoxy terminal seal and are compatible with all ottom--ash?cb cleaning methods. switch function t101 spdt on-none-on t102 spdt off-none-on t103 spdt on-off-on t105 spdt mom.-off-mom. t107 spdt on-off-mom. t201 dpdt on-none-on t205 dpdt mom.-off-mom. actuator p3 flatted, anti-rotation, .490" high s .370" high k locking lever, round tip l1 .620" high m1 .220" high s1 .410" high t erminations a right angle, pc thru-hole a v v ertical right angle, pc thru-hole c pc thru-hole v3 vertical mount v-bracket z solder lug w wire wra p bushing h .220" high, threaded, flat h9 .220" high, unthreaded, flat cf splashproof, .310" high, threaded, flat d9 .260" high, unthreaded, keyway t .310" high, threaded, flat t9 .310" high, unthreaded, flat td .260" high, threaded, keyway tk .310" high, threaded, keyway y .220" high, threaded, keyway y9 .220" high, unthreaded, keyway contact material b gold k gold, tin-lead p gold, matte tin q silver g gold over silver l gold over silver , tin-lead r gold over silver, matte-tin seal e epoxy models a vailable
gC8 g to g gle dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com c&k t series subminiature toggle switches switch function dpdt mom. = momentary all models with all options when or dered with g, l, r or q contact material. sp dt sp st 2-1 2-1 3-1 n/ a op e n n/ a 2-3 2-3 open on no n eon on off on mo m . off mo m . on off mo m. off no n eon t1 0 1 t1 0 3 t1 0 5 t1 0 7 t1 0 2 sp sc h ema ti c co n ne ct ed te r mi na ls pos. 1 pos . 2 pos . 3 sw itc h fun ction pos. 1 pos. 2 pos. 3 model no . no . poles c&k ma r ki n g on op p os i te side c&k mark i ng on opp osit e si de spdt part number shown: t101shzqe dp dt 2- 1,5- 4 2- 1,5- 4 n/ a op e n 2- 3 ,5 - 6 2- 3 ,5 - 6 on no n eon mo m . off mo m . t2 0 1 t2 0 5 dp t erminal nos. for reference only part number shown: t201shzqe
gC9 g to g gle dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k t series subminiature toggle switches actuator bushing 2 locking positions C1 & ?C models 2 position lock C3 & ?1 models 3 position lock C8 models 1 position lock 2 2 1 h .220" high threaded, flat y .220" high threaded, keyway t .310" high threaded, flat h9 .220" high unthreaded, flat y9 .220" high unthreaded, keyway t9 .310" high unthreaded, flat l1 .620" high k locking lever p3 anti-rot ation, flatted, .450" high s .370" high m1 .220" high (with ?ushing) s1 .410" high (with ?ushing) a vailable with t & t9 bushings only . dress nut part number 709901201 supplied standar d with thr eaded bushing. 1 actuator shown with standard h bushing. subtract .040 (1,02) for td and d9 bushings, subtract .090 (2,29) for t, t9, tk, k9 & cf bushings. 2 actuators shown with t , t9, tk & cf bushings, add .050 (1,27) for td and d9 bushings, add .090 (2,29) for h, h9, y & y9 bushings. all actuators have chr ome finish (except k). not available with cf bushing option. bushing option code not required. not available with tx05 & tx07 models. k actuators have natural aluminum finish. keyway on right side. to prevent accidental actuation, toggles must be lifted before being actuated. when released, toggles again lock in place. overtightening mounting nut may cause actuator to bind. h standard with c, w & z terminations. h9 standar d with a, a v & v3 terminations. standard with z, c or w terminations.
gC0 g to g gle dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com c&k t series subminiature toggle switches bushing terminations p anel mounting 10-48 bushing without locking ring with standard locking ring 1/4 in. bushing with standard locking ring without locking ring with small locking ring without locking ring without locking ring sp dp pc mounting t102 Comit center hole. sp dp sp dp tk .310" high threaded, keyway z solder lug w wire wrap c pc thru-hole td .260" high threaded, keyway d9 .260" high unthreaded, keyway cf splashproof, .310" high threaded, flat ip67 degr ee of protection. internal o-ring actuator seal and external bushing seal washer standard. not available with k locking lever option. not available with k, p, l or r contact materials.
gC1 g to g gle dimensions are shown: inch (mm) specifications and dimensions subject to change www .ittcannon.com c&k t series subminiature toggle switches terminations actuator shown in pos. 1 pc mounting actuator shown in pos. 1 pc mounting actuator shown in pos. 1 pc mo unting actuator shown in pos. 1 pc mounting t102 models: omit terminal 2 actuator shown in pos. 1 pc mo unting t102 models: omit center hole. a right angle, pc thru-hole a right angle, pc thru-hole a v ver tical right angle, pc thru-hole a v ver tical right angle, pc thru-hole v3 vertical mount, v-bracket not available with t102 model. note: terminal bend radii and lead-in manufacturing option. t102 models: omit terminal 2 note: terminal bend radii and lead-in manufacturing option. t101mh9abe horizontal actuation spdt t201mh9abe horizontal actuation dpdt t101mh9avbe vertical actuation spdt t201mh9avbe vertical actuation dpdt t101mh9v3be spdt
gC2 g to g gle dimensions are shown: inch (mm) specifications and dimensions subject to change www.ittcannon.com c&k t series subminiature toggle switches terminations actuator shown in pos. 1 pc mounting v3 vertical mount, v-bracket cont act material * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications. 1 contacts & terminals: copper alloy, with gold plate over nickel plate. 2 end cont acts: coin silver, with gold plate over nickel plate. 3 center contacts & all terminals: copper alloy, with gold plate over nickel plate. 4 end contacts: coin silver, silver plated. 5 center contact & all terminals: copper alloy, silver plated. 6 terminals: copper alloy , with tin-lead alloy over nickel plate. 7 terminals: copper alloy , with matte-tin over nickel plate. note: any models supplied with p , r, q, b or g contact material ar e rohs compliant. for the latest information r egarding rohs compliance, please go to: www.ittcannon.com/rohs. all models with all options when ordered with r, g, l or q contact material. b contact material standard with a, av, v3 & w terminations. q contact material standard with c & z terminations. seal e epoxy seal t201mh9v3be dpdt option code contact material terminal plating ratings silver 5 gold 1 silver 4,5 gold over sil ver 2,3 gold 3 tin-lead 6 matte-tin 7 gold 1 tin-lead 6 matte-tin 7 low level/ dr y circuit power low level/dr y circuit or power 0.4 v a max. @ 20 v ac or dc max. tx01 models: 3 amps @ 120 v ac or 28 v dc. all other models: 2 amps @ 120 v ac or 28 v dc. tx01 models: 0.4 va max @ 20 v ac or dc max. or 3 amps @ 120 v ac or 28 v dc.all other models: 0.4 v a max @ 20 v ac or dc max. or 2 amps @ 120 v ac or 28 v dc. b k p qg l r yes no yes yesyes no yes yes yes yes yesyes yes yes rohs compliant rohs compatible


▲Up To Search▲   

 
Price & Availability of T101KH9AVBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X