Part Number Hot Search : 
NC7S86 0YR10MNC LT117510 T1100 AFL05290 DM8093 BA895 A4810
Product Description
Full Text Search
 

To Download P1101UCLXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors 109 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection 1 4 6 3 2 5 (t 1 ) (r 1 ) (g 1 ) (t 2 ) (r 2 ) (g 2 ) fixed voltage multiport series - ms-013 electrical characteristics fixed voltage multiport series ms-013 are sidactor ? devices designed to protect sensitive slic (subscriber line interface circuit) devices from damaging overvoltage transients. the series provides a high surge current rated dual port protection solution incorporating a ?xed voltage switching threshold for negatives surges. all positive surges are routed through an internal diode to a ground reference. description agency approvals agency agency file number e133083 schematic symbol pinout designation features and bene?ts t low voltage overshoot t low on-state voltage t does not degrade with use t fails short circuit when surged in excess of ratings t two-port protection t integrated diodes for positive voltage surges t replaces four discrete devices part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 amps v f capacitance v min v max ma min ma max a max v max v max p0641ualxx p0641ua 58 77 120 800 2.2 4 5 see capacitance values table p0721ualxx p0721ua 65 88 120 800 2.2 4 5 p0901ualxx p0901ua 75 98 120 800 2.2 4 5 p1101ualxx p1101ua 95 130 120 800 2.2 4 5 p1301ualxx p1301ua 120 160 120 800 2.2 4 5 p1701ualxx p1701ua 160 200 120 800 2.2 4 5 p0641uclxx p0641uc 58 77 120 800 2.2 4 5 p0721uclxx p0721uc 65 88 120 800 2.2 4 5 p0901uclxx p0901uc 75 98 120 800 2.2 4 5 P1101UCLXX p1101uc 95 130 120 800 2.2 4 5 p1301uclxx p1301uc 120 160 120 800 2.2 4 5 p1701uclxx p1701uc 160 200 120 800 2.2 4 5 1 2 3 6 5 4 applicable global standards t tia-968-a t5*"# t itu k.20/21 enhanced level* t itu k.20/21 basic level t gr 1089 inter-building* t gr 1089 intra-building t iec 61000-4-5 t yd/t 1082 t yd/t 993 t yd/t 950 *a-rated parts require series resistance notes: - absolute maximum ratings measured at t a = 25oc (unless otherwise noted). - devices are uni-directional - all electrical characteristics shown are de?ned from tip (pins 1 & 6) to ground (pins 2 & 5), and ring (pins 3 & 4) to ground (pins 2 & 5) - xx = part number suf?x: tp (tube pack) or rp (reel pack).
sidactor ? protection thyristors 110 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection surge ratings series i pp i tsm 50/60 hz di/dt 0.2x310 1 0.5x700 2 2x10 1 2x10 2 8x20 1 1.2x50 2 10x160 1 10x160 2 10x560 1 10x560 2 5x320 1 9x720 2 10x360 1 10x360 2 10x1000 1 10x1000 2 5x310 1 10x700 2 a min a min a min a min a min a min a min a min a min a min a/s max a20 15015090 507575 45 7520500 c 50 500 400 200 150 200 175 100 200 30 500 thermal considerations package symbol parameter value unit modi?ed ms-013 1 2 3 6 5 4 t j operating junction temperature range up  c t s storage temperature range up  c r 0 ja thermal resistance: junction to ambient 60 c/w note: off-state capacitance (c o ) is measured at 1 mhz with a -2v bias. capacitance values part number pf pin 1-2 / 3-2 (4.5/6.5) tip-ground, ring-ground pf pin 1-3 (4.6) tip-ring min max min max p0641ualxx 50 205 30 135 p0721ualxx 45 195 20 125 p0901ualxx 40 180 20 115 p1101ualxx 40 160 15 105 p1301ualxx 35 160 15 100 p1701ualxx 30 125 15 80 p0641uclxx 65 205 40 130 p0721uclxx 60 195 20 125 p0901uclxx 60 180 20 115 P1101UCLXX 50 160 15 105 p1301uclxx 35 160 15 100 p1701uclxx 40 125 15 80 notes: 1 current wavef orm in s 2 voltage wavef orm in s - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$
sidactor ? protection thyristors 111 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d t r x t d pulse waveform 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature v-i characteristics i h i drm v drm v t +v +i v s i s i t v f -v -i -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c
sidactor ? protection thyristors 112 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection part marking part numbering time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 soldering parameters physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 xxxxxxx xxxxx part marking code (refer to electrical characteristics table) date code p x l xx xxx1 u construction variable packing options package type rohs compliant type p =sidactor median voltage i pp rating high temp voltage blocking 80% rated v drm (v dc
 ?$ps ?$ ps 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) ?$ 3) bun vqupist&*" jedec, jesd22-a-102 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$1fbl
+&%&$+45%  -fwfm re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed ?$
sidactor ? protection thyristors 113 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. slic protection dimensions ms-013 package type description quantity added suf?x industry standard u modi?ed ms-013 6-pin tape and reel pack 1500 rp eia-481-d modi?ed ms-013 6-pin tube pack 500 (50 per tube) tp n/a packing options 7o typ e d a b mold split line a 7o typ 7o typ pad outline 0.065 (1.65) 0.460 (11.68) 0.138 (3.50) 0.059 (1.50) c a f 7o typ g j h dimension are in inches (and millimeters). burr side min length of flat 4o 96o detail a k bsc* dimensions inches millimeters min max min max a 0.360 0.364 9.14 9.25 b 0.352 0.356 8.94 9.04 c 0.400 0.412 10.16 10.46 d 0.043 0.045 1.09 1.13 e 0.047 0.055 1.19 1.40 f 0.293 0.297 7.44 7.54 g 0.289 0.293 7.34 7.44 h 0.089 0.093 2.26 2.36 j 0.041 0.049 1.04 1.24 k 0.020 0.51 bsc* 0.133 0.143 3.38 3.63 * bsc = b asic s pacing between c enters tape and reel speci?cation ms-013 direction of feed 0.700 (17.8) . 5 12 (13.0) arbor hole dia. 12.99 (330) .630 (16.0) dimensions are in inches (and millimeters) .472 (12.0) .1 5 7 (4.0) interior of the tube .045 (1.14) .165 (4.19) .150 (3.81) 90? .525 (13.34) a .225 (5.72) message location .310 (7.87) .108 (2.74) .005 20.000 .030 (508.00 0.76) .020 .005 (0.51 0.13) wall typ. .110 (2.79) a 6 dimensions are in inches (and millimeters) tube pack dimensions ms-013


▲Up To Search▲   

 
Price & Availability of P1101UCLXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X