Part Number Hot Search : 
LTC1655 MAX756 XP6114 RB751 USD3045C MAX96 STZ8082 36445
Product Description
Full Text Search
 

To Download NKG103P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 t able of contents description of terminology? structural drawing 2 reliability test and measuring method ? handling precautions ? super bright led light bar module description of part number 4 characteristics by color 4 led light bar module product line 4-7 super bright led numeric display (seven segment display) description of part number 8 characteristics by color ? 7.5mm type ? 10.0mm type ?0-12 15.0mm type 13 25.0mm type 14 bi-color led numeric display ?5 alpha numeric led display 16 index by part number ?7-19
absolute max. ratings items symbols unit definition power dissipation forward current peak forward current current derating forward voltage reverse current luminous intensity peak wavelength spectral line half width power dissipated by forward current and forward voltage current from anode to cathode forward peak current driven during pulse lighting derating over 25? ambient temperature vo ltage drop when forward current goes from anode to cathode leakage current when bias voltage is applied from cathode to anode flux in lumens per unit of solid angle on optical axis w avelength at which radiant intensity becomes greatest w avelength range in which radiant intensity becomes more than 50% of its peak value (pd) (i f ) (i fm ) ( ? i f ) (v f ) (i r ) (i v ) ( p) ( ? ) (mw) (ma) (ma) (ma/?) (v) ( a) (mcd) (nm) (nm) electro-optical characteristics description of terminology reliability test and measuring method items to be guaranteed for leds measuring method luminous intensity (iv) test item standards test condition sample size operating endurance test resistance to soldering heat t emperature cycling humidity (steady state) high temperature (storage) low temperature (storage) lead tension v ibration fatigue jis c 7035 added documents jis c 7021 a-1 jis c 7021 a-4 jis c 7021 b-11 jis c 7021 b-10 jis c 7021 a-12 jis c 7021 a-11 jis c 7021 a-10 t a=25?, i f =maximum rated current, t=1000 hrs. 260+ 5?, 10+ 1sec., 3mm from package base -30? (30 min) to normal temperature (15 min) to +100? (30 min) to normal temperature (15 min) 5 cycles t a=60+ 2?, rh=90+ 5%, t=1000hr t a=100+ 2?, t=1000hr t a=30+ 2?, t=1000hr *1kg/10 sec. one time (thin lead: 0.5kg) 10g, 100 to 2000hz sweep for 20 min., 2 hours for directions x, y and z 25 25 25 25 25 25 10 10 epoxy resin led chip lead frame lamp house 2 structural drawing for numeric display led a dark room detector 7 (0.01sr) 100mm constant current power supply
3 soldering conditions please refer to each product to see if its compatible with lead-free soldering. soldering iron dip soldering reflow soldering iron tip temperature: 300? max. (30w max.) soldering time: 3 seconds max. location: at least 3.0mm away from resin pre-heat: 80? max. / 60 sec. max. (resin surface temperature) bath temperature: 260? max. dipping time: 5 sec. max. position: at least 3.0mm away from resin body not recommended residual solder of flux left on the led housing could reduce intensity and could affect the optical characteristics. excess flux can be removed by the following chemical method: 1. cleaning solvents (dipping time: 3 minutes maximum at normal temperature) ethyl alcohol isopropyl alcohol pure water (after cleaning, the water must be removed by drying) ? r ying condition: 90? max., 30 sec. max. and 4 times max. 2. the effect of ultrasonic cleaning on the led resin body depends on such factors as the oscillator output, size of pcb and led mounting method. ultrasonic cleaning is strongly recommended after confirming that there are no problems. 1. ultrasonic wave frequency: 28 khz or 40 khz 2. output: 20 w/i 3. the solvent for freon equivalent (recommended after confirming that there are no problems). ?ak-225aes ?clean through ?pine alpha st-100s cleaning chemicals freon substitute detergent ethyl alcohol isopropyl alcohol pure water ak225aes clean through 705h pine alpha st-100s handling precautions * dip soldering and cleaning is not recommended for alpha-numeric (aar121and aaa121) led displays. lead-free soldering conditions conventional soldering conditions soldering iron dip soldering reflow soldering iron tip temperature: 400? max. soldering iron: 30w max. soldering time: 3 seconds max. position: at least 2.0mm away from resin pre-heat: 100? max. / 60 seconds max. (resin surface temperature) bath temperature: 265? max. dipping time: 5 sec. max. position: at least 2.0mm away from resin body not recommended
4 super bright led light bar module description of part number stanleys mu series of super-bright led light bar modules can be selected from a wide variety of configurations and colors to s uit a broad range of requirements. by using front mask patterns, including letters, numbers and even graphics, this series is usable for a myriad of display applications. mu 02- 2201 shape code emitted color suffix 2.red 3.orange 4.yellow 5.green / pure green characteristics by color characteristics by shape pa c kage dimensions unit : mm r r ++ + + 5 6 7 8 1234 15 14 10 1 0.5 (2.54) 15 14 0.25 (12.7) (10.16) + ++ + ++ 5.5min. 9 10 5 6 7 8 1234 9 10 g g g g r r (top view) t olerance : ?.25mm fig.1 fig.2 part no. material emitted color absolute maximum ratings electro-optical characteristics forward current i f 1 peak forward current i fm 2 reverse v oltage v r operating t emperature t opr 3 storage t emperature t stg 4 typ. forward voltage max. i f i r reverse current v f max. v r w avelength i f typ. typ spectral line half width ? peak p 2 3 4 5 1 5 2 5 5 9 1 9 2 9 3 gaaias (red) gaasp (orange) gap (yellow) gap (pure green) gap (green) gap (pure green) gaaias (red) gap (pure green) gaaias (red) gap (yellow) gaaias (red) 30 25 30 25 30 25 30 25 30 30 30 60 60 60 60 60 60 60 60 60 60 60 4 4 4 4 4 4 4 4 4 4 4 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 gaasp (orange) 25 60 4 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 0.40 0.33 0.40 0.33 0.40 0.33 0.40 0.33 0.40 0.40 0.40 0.33 1.7 2.2 2.1 2.2 2.1 2.2 1.7 2.2 1.7 2.1 1.7 2.2 2.0 2.5 2.5 2.5 2.5 2.5 2.0 2.5 2.0 2.5 2.0 2.5 20 20 20 20 20 20 20 20 20 20 20 20 100 100 100 100 100 100 100 100 100 100 100 100 4 4 4 4 4 4 4 4 4 4 4 4 660 605 570 555 560 555 660 555 660 570 660 605 30 30 30 30 30 30 30 30 30 30 30 30 20 20 20 20 20 20 20 20 20 20 20 20 ma nm v a ma v ma/? ? v ma ma units shape part no. emitted color resin color light emitting surface (outer size) no. of chips absolute max. rating power dissipation pd electro-optical characteristics luminous intensity iv min. typ. i f fig. 1 2 3 20 14 x 14 (15 x 15) 6 x 9 (7 x 10) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ma 42 42 20 20 42 42 20 32 20 12 12 20 20 10 10 20 20 7 16 10 7 4 20 20 10 10 20 20 10 15 10 8 8 10 10 5 5 10 10 3 8 5 5 3 mcd 240 240 250 250 300 300 250 300 250 240 250 120 120 125 125 150 150 125 150 125 60 62.5 mw 4 4 4 4 4 4 4 4 4 4 4 2 2 2 2 2 2 2 2 2 1 1 pcs red milky white orange milky white y ellow milky white green green milky white green red milky white orange milky white y ellow milky white green green milky white milky white mm red orange y ellow pure green green pure green red pure green red orange y ellow pure green green pure green red pure green mu02-2201 mu02-2205 mu02-3201 mu02-3205 mu02-4201 mu02-4205 mu02-5201 mu02-5202 mu02-5205 mu02-9301 mu03-2201 mu03-2205 mu03-3201 mu03-3205 mu03-4201 mu03-4205 mu03-5201 mu03-5202 mu03-5205 mu03-9201 units derating ? i f 1 : mu91, mu92 and mu93 series are all 30 ma. 2 : tw 2 msec, duty 1/5 however, for the mu91, mu92 and mu93 series, 300 ma for red and 100 ma for yellow, orange and pure green (tw 1 msec, duty 1/20) 3 4 : for mu91, mu92 and mu93 series, the temperature range is -30? to +85?. ta =25? ta =25? * lead-free soldering compatible product * *
5 characteristics by shape ++ + 1 3 10 9 6.5 0.5 0.5 (2.54) 7 6 0.25 (2.2) 4min . rg 2 2250type only 9201type only 123 123 (top view) v iew) 123 (5.08) pa c kage dimensions unit : mm 1 3 20 19 0.5 1.5 7 6 2 (2.54) ++ 46 5 6.5 0.5 0.25 (2.2) 4min. + + (top view) 1 3 2 46 5 + + (12.7) t olerance : ?.25mm fig.3 fig.4 super bright led light bar module + 1 17 16 15 (12.7) 14 2 + 7 1 0 . 25 4min. (top view) + + 15 2 3.5 1 (2.54) 0.5 ++ + + 1 3 2 4 6 5 7 8 3 4 5 6 7 8 (7.62) fig.5 fig.6 + 17 16 15 14 + 7 1 0. 25 (12.7) 5.5min. + + 15 2 3.5 1 (2.54) 0.5 1 2 4 5 7 8 g r g g g r r r + 3 ++ + ++ 9 10 6 7 8 9 10 6 1 2 4 5 3 (10.16) (top view) fig.7 mu04-2101 mu04-2105 mu04-3101 mu04-3105 mu04-4101 mu04-4105 mu04-5101 mu04-5102 mu04-5105 mu07-2101 mu07-4101 mu07-5101 mu08-2201 mu08-3201 mu08-4201 mu08-5201 mu08-9301 units mu07-3101 4 20 6 x 19 (7 x 20) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ma 32 32 16 16 32 32 16 20 16 40 20 40 20 40 20 40 20 12 12 15 15 8 8 15 15 8 10 8 20 10 20 10 20 10 20 10 8 8 mcd 180 180 190 190 225 225 190 225 190 300 320 375 320 240 250 300 250 240 250 mw 3 3 3 3 3 3 3 3 3 5 5 5 5 4 4 4 4 4 4 pcs red milky white orange milky white y ellow milky white green green milky white y ellow green red orange y ellow green green mm red orange y ellow pure green green pure green red orange red pure green y ellow pure green red orange y ellow pure green red orange 6 x 29 (7 x 30) 14 x 16 (15 x 17) 5 6 7 shape part no. emitted color resin color light emitting surface (outer size) no. of chips absolute max. rating power dissipation pd electro-optical characteristics luminous intensity iv min. typ. i f fig. t a=25? * lead-free soldering compatible product * * *
6 characteristics by shape super bright led light bar module pa c kage dimensions unit : mm ++ + 1 3 (top view) 10.5 9.5 5.6 0.5 (2.54) 5.6 4.6 0.25 (2.2) 4min. 1 2 3 2 0.5 (5.08) fig.8 fig.9 fig.10 fig.11 absolute max. rating power dissipation pd electro-optical characteristics luminous intensity iv min. typ. i f fig. shape part no. emitted color resin color light emitting surface (outer size) no. of chips mu09-9101 mu09-9102 mu09-9103 mu11-2201 mu11-3201 mu11-4201 mu11-5201 mu13-9102 units 8 20 6 . 4 ( 7) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 8 6 8 12 8 8 20 10 20 10 12 14 12 40 16 16 12 12 16 4 4 4 6 4 4 10 5 10 5 6 7 6 20 8 8 6 6 8 60 125 60 150 60 125 120 125 150 125 60 310 60 375 120 120 125 125 150 mw 1 2 1 2 1 2 2 2 2 2 1 5 1 5 2 2 2 2 2 pcs milky white milky white milky white red orange y ellow milky white red milky white orange milky white mm red orange y ellow pure green red y ellow pure green pure green red y ellow red orange green milky white 4.6 x 9.5 (5.6 x 10.5) 4 x 12 (5 x 13) 10 11 12 mu17-2101 mu17-2105 mu17-3101 mu17-3105 mu17-4101 mu17-4105 mu17-5101 mu17-5105 mu16-2101 mu16-2105 mu16-3101 mu16-3105 mu16-4101 mu16-4105 mu16-5101 mu16-5105 y ellow pure green red orange mu13-9101 red pure green red y ellow red orange y ellow milky white green milky white red milky white orange milky white y ellow milky white green milky white 9 x 9 ( 10.1 x 10.1) 4 x 19 (5 x 20) 2 3 3 3 3 3 3 3 3 2 2 150 125 125 180 180 190 190 225 225 190 190 8 4 4 12 12 9 9 12 12 5 5 16 8 8 24 24 18 18 24 24 10 10 mcd ma 20 20 20 20 20 20 20 20 20 20 20 9 ta =25? t olerance : ?.25mm * lead-free soldering compatible product * * * * *
7 characteristics by shape super bright led light bar module pa c kage dimensions unit : mm 10 9 6 5 (2) 1 0.4 0.6max. 8 3.8 27min. 1 0.4 25min. 2 0.5 (2.5) t olerance : ?.25mm fig.12 fig.13 fig.14 fig.15 10 10 0.4 0.6max. 15 4.6 16.5min. 14.5min. 1 (2.5) fig.16 absolute max. rating power dissipation pd electro-optical characteristics luminous intensity iv min. typ. i f fig. shape part no. emitted color resin color light emitting surface (outer size) no. of chips mu20-2101 mu20-2105 mu20-3101 mu20-3105 mu20-4101 mu20-4105 mu20-5101 mu20-5105 mu91-2001 mu91-3001 mu91-5001 mu92-2001 mu92-3001 mu92-4001 mu92-5001 mu93-2001 mu93-3001 13 20 5 x 9 (6 x 10) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 8 8 6 6 8 8 4 4 6 6 6 2.4 6 6 6 2.4 8 8 8 4 4 3 3 4 4 2 2 3 3 3 1.2 3 3 3 1.2 4 4 4 60 60 62.50 62.50 75 75 62.50 62.50 60 75 75 75 60 75 75 75 60 75 75 75 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 red milky white orange milky white y ellow milky white green milky white red green red orange y ellow green mm red orange y ellow pure green red orange y ellow pure green orange y ellow 6 x 6 (6 x 6) 9 x 5 (9 x 5) 14 15 16 ma pcs mw 1.5 3 10 x 10 (10 x 10) red orange y ellow green units red orange y ellow pure green red orange y ellow pure green mu93-4001 mu93-5001 mu91-4001 mcd t a=25? * lead-free soldering compatible product * * * *
8 super bright led numeric display (seven segment display) description of part number stanleys numeric displays which incorporate super-bright leds produce vivid, brilliant displays. available colors are red, pur e green, green, yellow and orange. display types include segment type (character heights 7.5mm to 25mm) and the alpha-numeric type (character heights 25mm and 51mm). these are suitable for dynamic drive due to the low-current drive characteristics. characteristics by color number of chips per segment ratings and specifications are for one segment when both colors of a bi-color led are driven simultaneously, the rating of narg types are the total of the pd, 1 f and 1 fm values. 1 : narg 10 type in dynamic drive has a duty cycle of 1/2 and f=500hz and the others have a duty cycle of 1/5 and f =1 khz. part no. material emitted color chip/ segment typ. electro-optical characteristics max. i f max. v r typ i f w avelength p n r13 n r13 s,me n g13 p ,sp,mp n a13 ,s,m n r14 ,n r24 n r14 s gap(red) gaaias(red) gap(green) gaasp(orange) gaaias(red) gaaias(red) gap(green) gap(green) gaasp(orange) gaasp(orange) gaaias(red) 1 1 1 1 1 1 1 1 1 1 1 37.5 40 48 48 60 40 63 48 63 48 36 15 20 20 20 30 20 25 20 25 20 15 gap(green) ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 70 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 85 ?0~ + 80 2.0 1.7 2.0 2.0 1.7 1.7 2.2 2.0 2.2 2.0 1.7 2.0 2.5 2.0 2.4 2.4 2.0 2.0 2.5 2.4 2.5 2.4 2.0 2.4 10 10 10 10 20 10 20 10 20 10 10 10 100 100 100 100 100 100 100 100 100 100 20 4 4 4 4 4 4 4 4 4 4 4 700 660 565 605 660 660 565 565 605 605 660 570 0.25 0.33 0.33 0.33 0.41 0.33 0.34 0.33 0.34 0.33 0.22 v ma vc mw mm units derating ? if 10 10 10 10 20 10 20 10 20 10 10 10 7.5 10 15 25 size reverse current i r forward voltage v f absolute maximum rating power dissipation forward current peak forward current reverse v oltage operating t emp storage t emp t stg t opr t r i fm i f pd ma ma nm ma/? ma a v ta =25? 60 80 80 80 120 80 100 80 100 80 70 4 4 4 4 4 4 4 4 4 4 4 gaaias(red) 1 60 30 ?0~ + 85 ?0~ + 85 1.7 2.0 20 100 4 660 0.41 20 120 4 gap(green) 1 63 25 ?0~ + 85 ?0~ + 85 2.2 2.5 20 100 4 565 0.34 20 100 4 gaasp(orange) 1 63 25 ?0~ + 85 ?0~ + 85 2.2 2.5 20 100 4 605 0.34 20 100 4 gaaias(red) 1 36 15 ?0~ + 70 ?0~ + 80 1.7 2.0 10 20 4 660 0.22 10 70 4 gap(green) 2.0 2.4 10 570 10 4 gaaias(red) 2 120 30 ?0~ + 85 ?0~ + 85 3.4 4.0 20 100 8 660 0.41 20 120 4 gap(green) 2 126 25 ?0~ + 85 ?0~ + 85 4.4 5.0 20 100 8 565 0.34 20 100 4 gaasp(orange) 2 126 25 ?0~ + 85 ?0~ + 85 4.4 5.0 20 100 8 605 0.34 20 100 4 gaaias(red) 2 80 20 ?0~ + 70 ?0~ + 80 3.4 4.0 10 100 4 660 0.33 10 ? 1 40 4 gap(green) 2 96 4.0 4.8 10 570 10 4 n g14 p, n g24p n g14 sp n a14 ,n a24 n a14 s narg14 n r16 ,n r26 n g16 p, n g26 p n a16 ,n a26 narg16 n r10 n g10 p n a10 narg10
9 7.5mm type ta =25? super bright led numeric display 1. cathode 2. cathode 3. cathode 4. cathode 5. cathode 6. anode dp 7. cathode dp 8. cathode c 9. common anode 10. cathode b 1 2 3 4 5 2.5 11 1.0 8 4.0 7 10 9 8 7 6 0.25 (5.3) 54 0.5 (8) 2 0.1 3.5 a f g e d st ype e c g d a b f dp the polarity of pin no.6 and no.7 is reversed except for the emitting red color. common cathode types have a reverse polarity. however, the polarity of pin no.6 or no.7 is not changed even if it is the common cathode type. 10 pa c kage dimensions unit : mm t olerance : ?.25mm fig.1 fig.2 fig.3 common cathode types shown in fig. 2 and 3 have a reverse polarity. shape anode common cathode common emitted color luminous intensity iv fig. case size (wxh) rank c i f min. typ. part no. typ. min. rank b 7.0 x 11.0 10.0 x 15.0 10.0 x 19.0 mm units mcd ma nar131s/133s nag131sp/133sp naa131s/133s nag131me/133me nag131mp/133mp naa131m/133m nar131/133 nag131p/133p naa131/133 arrow feather type arrow feather type arrow feather type nkr131s/133s nkg131sp/133sp nka131s/133s nkr131me/133me nkg131mp/133mp nka131m/133m nkr131/133 nkg131p/133p nka131/133 red green orange red green orange red green orange 1.4 1 0.6 1.2 0.6 0.8 0.3 0.6 0.8 2.8 2 1.2 2.4 1.2 1.6 0.6 1.2 1.6 2.8 5.6 10 10 10 10 10 10 10 10 10 1 2 3
10 10mm type ta =25? super bright led numeric display pa c kage dimensions unit : mm t olerance : ?.25mm fig.4 fig.5 shape emitted color luminous intensity iv fig. case size (wxh) rank c i f min. typ. typ. min. rank b 12.5 x 19.0 12.5 x 19.0 mm units mcd ma nsr141/143 nsg141p/143p nsa141/143 nsr145/147 nsg145p/147p nsa145/147 square shape type arrow feather type red green orange red green orange 4 1 3 3.2 0.8 2.4 8 2 6 6.4 1.6 4.8 8 6.4 11 8.8 20 20 20 20 20 20 4 5 part no.
11 10mm type t a=25? super bright led numeric display pa c kage dimensions unit : mm t olerance : ?.25mm fig.6 fig.7 6.8 10 12.5 (15.24) 0.25 4 19 1. cathode e 2. cathode d 3. common anode anode 4. cathode c 5. cathode dp 5 6.3 0?10 6. cathode b 7. cathode a 8. common 9. cathode f 10. cathode g 10.72 12345 10 9 876 1.5 6.3 e c g d a b f dp 1.6 (10.16) 0.6 2.54 1.7 leave a minimum clearance of 1.7 mm from body resin to solder. fig.8 common cathode types shown in fig. 6, 7, and 8 have a reverse polarity. shape anode common cathode common emitted color luminous intensity iv fig. case size (wxh) rank c i f min. typ. part no. typ. min. rank b 9.6 x 13.0 12.5 x 19.0 12.5 x 19.0 mm units mcd ma nar141s/143s nag141sp/143sp naa141s/143s nar141/143 nag141p/143p naa141/143 nar145/147 nag145p/147p naa145/147 arrow feather type square shape type arrow feather type nkr141s/143s nkg141sp/143sp nka141s/143s nkr141/143 nkg141p/143p nka141/143 nkr145/147 nkg145p/147p nka145/147 red green orange red green orange red green orange 1.6 0.6 0.8 4 1 3 3.2 0.8 2.4 3.2 1.2 1.6 8 2 6 6.4 1.6 4.8 3.2 8 6.4 6.4 11 8.8 10 10 10 20 20 20 20 20 20 6 7 8
12 10mm type ta =25? super bright led numeric display pa c kage dimensions unit : mm t olerance : ?.25mm fig.9 fig.10 common cathode types shown in fig. 9 and 10 have a reverse polarity. shape emitted color luminous intensity iv fig. case size (wxh) rank c i f min. typ. typ. min. rank b 25.2 x 19.0 25.2 x 19.0 mm units mcd ma nar241/243 nag241p/243p naa241/243 nar245/247 nag245p/247p naa245/247 square shape type arrow feather type red green orange red green orange 4 1 3 3.2 0.8 2.4 8 2 6 6.4 1.6 4.8 8 6.4 11 8.8 20 20 20 20 20 20 9 10 anode common cathode common part no. nkr241/243 nkg241p/243p nka241/243 nkr245/247 nkg245p/247p nka245/247
13 15mm type t a=25? super bright led numeric display pa c kage dimensions unit : mm t olerance : ?.25mm fig.11 fig.12 fig.13 common cathode types shown in fig. 12 and 13 have a reverse polarity. shape anode common cathode common emitted color luminous intensity iv fig. case size (wxh) rank c i f min. typ. part no. typ. min. rank b 12.5 x 19.0 12.5 x 19.0 25.2 x 19.0 mm units mcd ma nsr161/163 nsg161p/163p nsa161/163 nar161/163 nag161p/163p naa161/163 nar261/263 nag261p/263p naa261/263 arrow feather type arrow feather type arrow feather type nkr161/163 nkg161p/163p nka161/163 nkr261/263 nkg261p/263p nka261/263 red green orange red green orange red green orange 6 2 4 6 2 4 6 2 4 12 4 8 12 4 8 12 4 8 12 12 12 15 15 15 20 20 20 20 20 20 20 20 20 11 12 13
14 25mm type ta =25? super bright led numeric display pa c kage dimensions unit : mm t olerance : ?.25mm fig.14 fig.15 fig.16 common cathode types shown in fig. 15 and 16 have a reverse polarity. shape anode common cathode common emitted color luminous intensity iv fig. case size (wxh) rank c i f min. typ. part no. typ. min. rank b 22.8 x 33.0 22.8 x 33.0 22.8 x 33.0 mm units mcd ma nsr101/103 nsg101p/103p nsa101/103 nar101/103 nag101p/103p naa101/103 nar105/107 nag105p/107p naa105/107 *square shape type *square shape type *arrow feather type nkr101/103 nkg101p/103p nka101/103 nkr105/107 nkg105p/107p nka105/107 red green orange red green orange red green orange 10 4 8 10 4 8 10 4 8 20 8 16 20 8 16 20 8 16 20 20 20 25 25 25 20 20 20 20 20 20 20 20 20 14 15 16 * lead-free soldering compatible product
15 bi-color led numeric displays 10/15/25mm type t a=25? super bright led numeric display pa c kage dimensions unit : mm t olerance : ?.25mm fig.17 fig.18 fig.19 shape anode common cathode common emitted color luminous intensity iv fig. case size (wxh) i f typ. part no. min. 10.0 x 19.0 12.5 x 19.0 22.8 x 33.0 mm units mcd ma narg141/143 narg161/163 narg105/107 *arrow feather type *arrow feather type *arrow feather type nkrg141/143 nkrg161/163 10 17 18 19 10 10 10 10 10 2.4 2.4 2.4 4 4 1.2 1.2 1.2 2 2 red red green red green 2.4 1.2 green * lead-free soldering compatible product
16 characteristics by color ta =25? alpha-numeric led display pa c kage dimensions unit : mm t olerance : ?.25mm fig.20 fig.21 characteristics by shape (25/50 mm type) ta =25? description of part number ? 20 ma/segment is for segments a,b,e,f,u and p. part no. size absolute maximum ratings 25 50 mm units ? ma/? material (emitted color) ? peak forward current i fm forward current i f power dissipation pd reverse volt age v r electro-optical characteristics operating te mp. t opr storage te mp. t stg forward voltage v f typ. max. i f reverse current i r max. v r w avelength p typ. v r derating i f ma nm v ? ma v v ma ma mw aar aaa aar aaa gaaias (red) gaasp (orange) gaaias (red) gaasp (orange) 25 25 100 100 8 8 1 2 1 2 4 2 4 2 50 100 60 120 100 200 100 200 40 20 40 20 200 100 200 100 4 8 4 8 -20~+85 -20~+85 -30~+70 -30~+70 -20~+100 -20~+100 -30~+80 -30~+80 1.7 2.1 1.7 3.4 2.2 4.4 2.0 2.5 2.0 4.0 2.5 5.0 20 20 40 20 40 20 100 100 20 10 20 10 8 8 4 8 4 8 660 605 660 605 20 20 40 20 40 20 0.33 0.33 0.66 0.33 0.66 0.33 mm units ma mcd aar101 aaa101 aar121 aaa121 red orange red orange 20 20 40 ? 40 ? 15 30 12 24 12 4 6 3 8 24 6 2 4 2 4 12 1 1 2 2 20 21 22.8 x 33 40 x 74 shape case size (wxh) part no. anode common luminous intensity iv emitted color ? min. typ. min. typ. i f fig. rank b rank c * lead-free soldering compatible product * *
17 aaa101 16 aaa121 16 aar101 16 aar121 16 mu02-2201 4 mu02-2205 4 mu02-3201 4 mu02-3205 4 mu02-4201 4 mu02-4205 4 mu02-5201 4 mu02-5202 4 mu02-5205 4 mu02-9301 4 mu03-2201 4 mu03-2205 4 mu03-3201 4 mu03-3205 4 mu03-4201 4 mu03-4205 4 mu03-5201 4 mu03-5202 4 mu03-5205 4 mu03-9201 4 mu04-2101 5 mu04-2105 5 mu04-3101 5 mu04-3105 5 mu04-4101 5 mu04-4105 5 mu04-5101 5 mu04-5102 5 mu04-5105 5 mu07-2101 5 mu07-3101 5 mu07-4101 5 mu07-5101 5 pa rt number p age mu08-2201 5 mu08-3201 5 mu08-4201 5 mu08-5201 5 mu08-9301 5 mu09-9101 6 mu09-9102 6 mu09-9103 6 mu11-2201 6 mu11-3201 6 mu11-4201 6 mu11-5201 6 mu13-9101 6 mu13-9102 6 mu16-2101 6 mu16-2105 6 mu16-3101 6 mu16-3105 6 mu16-4101 6 mu16-4105 6 mu16-5101 6 mu16-5105 6 mu17-2101 6 mu17-2105 6 mu17-3101 6 mu17-3105 6 mu17-4101 6 mu17-4105 6 mu17-5101 6 mu17-5105 6 mu20-2101 7 mu20-2105 7 mu20-3101 7 mu20-3105 7 mu20-4101 7 mu20-4105 7 mu20-5101 7 pa rt number p age index mu20-5105 7 mu91-2001 7 mu91-3001 7 mu91-4001 7 mu91-5001 7 mu92-2001 7 mu92-3001 7 mu92-4001 7 mu92-5001 7 mu93-2001 7 mu93-3001 7 mu93-4001 7 mu93-5001 7 naa101 14 naa103 14 naa105 14 naa107 14 naa131 9 naa131m 9 naa131s 9 naa133 9 naa133m 9 naa133s 9 naa141 11 naa141s 11 naa143 11 naa143s 11 naa145 11 naa147 11 naa161 13 naa163 13 naa241 12 naa243 12 naa245 12 naa247 12 naa261 13 naa263 13 pa rt number p age
18 nag101p 14 nag103p 14 nag105p 14 nag107p 14 nag131mp 9 nag131p 9 nag133mp 9 nag133p 9 nag141p 11 nag141sp 11 nag143p 11 nag143sp 11 nag145p 11 nag147p 11 nag161p 13 nag163p 13 nag241p 12 nag243p 12 nag245p 12 nag247p 12 nag261p 13 nag263p 13 nar101 14 nar103 14 nar105 14 nar107 14 nar131 9 nar131me 9 nar131s 9 nar131sp 9 nar133 9 nar133me 9 nar133s 9 nar133sp 9 nar141 11 nar141s 11 nar143 11 pa rt number p age nar143s 11 nar145 11 nar147 11 nar161 13 nar163 13 nar241 12 nar243 12 nar245 12 nar247 12 nar261 13 nar263 13 narg105 15 narg107 15 narg141 15 narg143 15 narg161 15 narg163 15 nka101 14 nka103 14 nka105 14 nka107 14 nka131 9 nka131m 9 nka131s 9 nka133 9 nka133m 9 nka133s 9 nka141 11 nka141s 11 nka143 11 nka143s 11 nka145 11 nka147 11 nka161 13 nka163 13 nka241 12 nka243 12 pa rt number p age index nka245 12 nka247 12 nka261 13 nka263 13 nkg101p 14 NKG103P 14 nkg105p 14 nkg107p 14 nkg131mp 9 nkg131p 9 nkg131sp 9 nkg133mp 9 nkg133p 9 nkg133sp 9 nkg141p 11 nkg141sp 11 nkg143p 11 nkg143sp 11 nkg145p 11 nkg147p 11 nkg161p 13 nkg163p 13 nkg241p 12 nkg243p 12 nkg245p 12 nkg247p 12 nkg261p 13 nkg263p 13 nkr101 14 nkr103 14 nkr105 14 nkr107 14 nkr131 9 nkr131me 9 nkr131s 9 nkr133 9 nkr133me 9 pa rt number p age
19 nkr133s 9 nkr141 11 nkr141s 11 nkr143 11 nkr143s 11 nkr145 11 nkr147 11 nkr161 13 nkr163 13 nkr241 12 nkr243 12 nkr245 12 nkr247 12 nkr261 13 nkr263 13 nkrg141 15 nkrg143 15 nkrg161 15 nkrg163 15 nsa101 14 nsa103 14 nsa141 10 nsa143 10 nsa145 10 nsa147 10 nsa161 13 nsa163 13 nsg101p 14 nsg103p 14 nsg141p 10 nsg143p 10 nsg145p 10 nsg147p 10 nsg161p 13 nsg163p 13 nsr101 14 nsr103 14 pa rt number p age nsr141 10 nsr143 10 nsr145 10 nsr147 10 nsr161 13 nsr163 13 pa rt number p age index


▲Up To Search▲   

 
Price & Availability of NKG103P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X