Part Number Hot Search : 
85HFR80M MTB20 10100F B16100 SK310 BTS41 T321055 C1GT0
Product Description
Full Text Search
 

To Download LU1S041X-43 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ?lan -mate ? series single rj45 connector module with integrated 10/100 base - tx magnetics and led s p/n: lu1s041x -43 page : 1 / 2 feature l complies with requiremen t of ieee802.3u standards. l rj 45 connector with 10/100 base-tx magnetic. l meet ul safety standard. l includes integrated 2 leds (option). l leds are isolated to reduce cross talk and electro-magnetics interference. l operating temperature range: 0 j to +70j . l storage temperature range: -25j to +85j. l recommended panel part number standard led forward*v(max) (typ) 3 yellow 2.6v 2.1v 4 green 2.6v 2.2v *with a forward current 20ma electrical specifications @ 25c turns ratio (5%) insertion loss (db max) part number tx rx ocl (uh min) @100 khz/0.1v with 8ma dc bias c w/w (pf max) l.l (uh max) 0.3 -100mhz hi -pot (vrms) lu1s041x -43 1ct:1ct 1ct:1ct 350 56 0.5 -0.8 1500 continue return loss (db min) tx/rx cross talk (db min) cmr (db min) part number 30mhz 40mhz 50mhz 60mhz 80mhz 0.3 -30mhz 30-60mhz 60-100mhz 1-30mhz 30-60mhz 60-125mhz lu1s041x -43 -16 -14 -13.5 -13 -10 -40 -35 -30 -30 -25 -20 schematic bothhandusa.com
?lan -mate ? series single rj45 connector module with integrated 10/100 base - tx magnetics and led s p/n: lu1s041x -43 page : 2 / 2 mechanical 1. plastic material : thermoplastic (ul 94v -0), black housing 2. metal shield : brass, 20u" inches thick nickel 3. spring wire : phosphor bronze with selective gold plating 4. solder pin : 0.4x0.4mm, phosphor bronze with solder plated 5. durability : 750 mating cycles min. pcb layout mounting hole(top view) bothhandusa.com


▲Up To Search▲   

 
Price & Availability of LU1S041X-43

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X