Part Number Hot Search : 
MC13190D H100J P80N0 003930 LBT08014 P6KE51 C09AN 24004
Product Description
Full Text Search
 

To Download GSIB2020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GSIB2020 thru gsib2080 vishay semiconductors formerly general semiconductor document number 88645 www.vishay.com 27-jun-02 1 new product single-phase single in-line bridge rectifiers reverse voltage 200 to 800v forward current 20a 2.5 0.2 2.2 0.2 1 0.1 10 0.2 7.5 0.2 4 0.2 5 20 0.3 17 . 5 0.5 11 0.2 2.7 0.2 3.5 0.2 3.2 0.2 0.7 0.1 4.6 0.2 3.6 0.2 + 7.5 0.2 30 0.3 case style gsib-5s dimensions in millimeters maximum ratings & thermal characteristics ratings at 25? ambient temperature unless otherwise specified. parameter symbol GSIB2020 gsib2040 gsib2060 gsib2080 unit maximum repetitive peak reverse voltage v rrm 200 400 600 800 v maximum rms voltage v rms 140 280 420 560 v maximum dc blocking voltage v dc 200 400 600 800 v maximum average forward rectified t c = 87? (1) 20 output current at t a = 25? (2) i f(av) 3.5 a peak forward surge current single sine-wave superimposed on rated load (jedec method) i fsm 240 a rating for fusing (t < 8.3ms) i 2 t 240 a 2 sec maximum thermal resistance per leg r ja 22 (2) r jc 1.5 (1) ?/w operating junction and storage temperature range t j , t stg 55 to +150 ? electrical characteristics ratings at 25? ambient temperature unless otherwise specified. parameter symbol GSIB2020 gsib2040 gsib2060 gsib2080 unit maximum instantaneous forward voltage drop per leg at 10a v f 1.00 v maximum dc reverse current at t a = 25? 10 rated dc blocking voltage per leg t a = 125? i r 250 a notes: (1) unit case mounted on al plate heatsink. (2) units mounted on p.c.b. without heatsink (3) recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw features ?plastic package has underwriters laboratory flammability classification 94v-0 ?this series is ul listed under the recognized component index, file number e54214. ?high case dielectric strength of 2500 v rms ?ideal for printed circuit boards ?glass passivated chip junction ?high surge current capability ?high temperature soldering guaranteed: 260?/10 seconds, 0.375 (9.5mm) lead length, 5lbs. (2.3kg) tension mechanical data case: gsib-5s molded plastic body terminals: plated leads solderable per mil-std-750, method 2026 mounting position: any (note 3) mounting torque: 8 in-lbs max. weight: 0.26 oz., 7.0 g
GSIB2020 thru gsib2080 vishay semiconductors formerly general semiconductor www.vishay.com document number 88645 2 27-jun-02 ratings and characteristic curves (t a = 25? unless otherwise noted) 0 50 100 150 200 300 350 400 1 100 fig. 2 ?maximum non-repetitive peak forward surge current per leg peak forward surge current (a) number of cycles at 60 h z 0 15 20 0 25 50 75 100 125 150 average forward output current (a) 0.60 1.00 1.20 1.40 0.80 instantaneous forward voltage (v) fig. 3 ?typical forward characteristics per leg 020 60 40 100 80 fig. 4 ?typical reverse characteristics per leg instantaneous reverse current ( a) percent of rated peak reverse voltage (%) 10 5 heat-sink mounting, t c p.c.b. mounting, 0.01 0.1 10 1 100 instantaneous forward current (a) t a = 125 c t a = 25 c fig. 5 ?typical junction capacitance per leg reverse voltage (v) junction capacitance (pf) 1 10 100 1000 1 10 100 fig. 6 ?typical transient thermal impedance t, heating time (sec) 1.0 cycle 0.1 1 100 10 1000 10 1 0.1 0.1 1 10 25 30 temperature ( c) 10 fig. 1 ?derating curve output rectified current transient thermal impedance ( c/w) 0.01


▲Up To Search▲   

 
Price & Availability of GSIB2020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X