Part Number Hot Search : 
CR6002AA LF222S BC107A F1510 IR2383C 20L15T 00N06 LH17AS15
Product Description
Full Text Search
 

To Download GS04MCBE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  i slide iC7 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com gs series sealed ultraminiature slide switches c & k marking on opposite side total travel gs02 model actuator shown in pos. 1 actuator shown in pos. 1 pc mounting gs02-omit center hole. spst on off 1-3 open GS04MCBE conn. terms. spst off on open 3-1 gs02mcbe conn. terms. spdt on on 2-1 2-3 gs01mcbe conn. t erms. schema tic switch function pos.1 pos. 2 p art number gs01mcbe spdt features/benefits ? ultraminiature design saves pcb space ? sealed construction, process compatible with most pcb wash processes ? available in thru-hole and surface mount ? long life contact design ? rohs compliant typical applications ? computer peripherals & network products ? test & measurement equipment ? telephone & cable modems specifications cont act rating: 0.4 va max. @ 20 v ac or dc max. mechanical & electrical life: 40,000 make-and-break cycles at full load. cont act resistance: below 50 m typ. initial @ 2C v dc, 100 ma. insulation resistance: 10 9 min. dielectric strength: 500 v rms min. @ sea level. storage & operating temperature: C0?oto 85?. solderability: per mil-std-202f method 208d, or eia rs-186e method 9 (1 hour steam aging). packaging: switches available in embossed anti-static tape and reels per eia 481a. some models available on embossed anti-static tape and reels per eia 481-3, consult customer service center. materials housing & base: glass filled 4/6, flame r etardant, heat stabilized (ul 94v-0). actuator: polyetherimide pei (ul 94v-0), with standard inter nal seal. switch support: brass, matte-tin plated. movable contact: copper with gold plate over nickel plate. st ationary contacts: copper alloy, with gold plate over nickel plate. terminals: copper alloy, with gold plate over nickel plate. terminal seal: epoxy. all terminals insert molded. note: all models are rohs compliant and compatible with all options. note: specifications and materials listed above are for switches with standard options. for information on specific and custom switches, consult customer service center . how to order complete part numbers for gs series sealed ultraminiatur e slide switches ar e shown below and on page iC8.
iC8 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide gs series sealed ultraminiature slide switches to tal tr avel actuator shown in pos. 1 gs02 model pc mounting pc mounting to tal travel gs02 model actuator shown t ape & reel for part numbers gs01msabe, gs02msabe, gs04msabe outside diameter 13.00 (330,0) pilot hole .512 (13,0) quantity per reel 600 reel information spst on off 1-3 open gs04mabe conn. terms. spst off on open 3-1 gs02mabe conn. t erms. spdt on on 2-1 2-3 gs01mabe conn. t erms. schematic switch function pos.1 pos. 2 part number spst on off 1-3 open gs04msabe conn. terms. spst off on open 3-1 gs02msabe conn. terms. spdt on on 2-1 2-3 gs01msabe conn. terms. schematic switch function pos.1 pos. 2 part number gs01mabe horizontal actuation spdt gs01msabe horizontal actuation spdt smt


▲Up To Search▲   

 
Price & Availability of GS04MCBE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X