Part Number Hot Search : 
A7BW99AA BZX55 BC328 MAX44 BGA2011 MAX2664 TFS70Q LT350112
Product Description
Full Text Search
 

To Download DDTA123JE-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lead-free ds30318 rev. 6 - 2 1 of 5 ddta (r1  r2 series) e www.diodes.com  diodes incor p orated ddta (r1  r2 series) e pnp pre-biased small signal sot-523 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1  r2  lead free finish/rohs compliant (note 2) characteristic symbol value unit supply voltage, (2) to (3) v cc -50 v input voltage, (1) to (2) ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we v in +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 v output current ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we i o -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 ma output current all i c (max) -100 ma power dissipation p d 150 mw thermal resistance, junction to ambient air (note 1) r  ja 833  c/w features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g top view n mechanical data new product p/n r1 (nom) r2 (nom) marking ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we 1k  2.2k  2.2k  4.7k  4.7k  4.7k  10k  10k  22k  47k  47k  10k  10k  47k  10k  22k  47k  47k  4.7k  47k  10k  22k  p02 p05 p06 p09 p10 p11 p14 p15 p18 p21 p22 sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2 . no purposefully added lead.  case: sot-523  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 3)  weight: 0.002 grams (approx.)  ordering information (see page 2) r1 o ut b c e r2 3 2 1 in gnd(+) schematic and pin configuration 1 3 2 gnd (+) c b in ou t e equivalent inverter circuit
ds30318 rev. 6 - 2 2 of 5 ddta (r1  r2 series) e www.diodes.com characteristic symbol min typ max unit test condition input voltage ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we v l(off) -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8  v v cc = 5v, i o = 100  a ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we v l(on)  -3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -3ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -1ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma output voltage v o(on)  -0.1 -0.3 v i o /i l = -5ma/-0.25ma ddta123e i o /i l = -5ma/-0.25ma ddta143e i o /i l = -5ma/-0.25ma ddta114e i o /i l = -10ma/-0.5ma all others input current ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we i l  -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 ma v i = -5v output current i o(off)  -0.5  a v cc = -50v, v i = 0v dc current gain ddta113ze ddta123ye ddta123je ddta143xe ddta143fe ddta143ze ddta114ye ddta114we ddta124xe ddta144ve ddta144we g l -33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56   v o = -5v, i o = -10ma input resistor tolerance r 1 -30  +30 %  resistance ratio tolerance r 2 /r 1 -20  +20 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified new product * transistor - for reference only device packaging shipping ddta113ze-7-f sot-523 3000/tape & reel ddta123ye-7-f sot-523 3000/tape & reel DDTA123JE-7-F sot-523 3000/tape & reel ddta143xe-7-f sot-523 3000/tape & reel ddta143fe-7-f sot-523 3000/tape & reel ddta143ze-7-f sot-523 3000/tape & reel ddta114ye-7-f sot-523 3000/tape & reel ddta114we-7-f sot-523 3000/tape & reel ddta124xe-7-f sot-523 3000/tape & reel ddta144ve-7-f sot-523 3000/tape & reel ddta144we-7-f sot-523 3000/tape & reel ordering information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. (note 3)
ds30318 rev. 6 - 2 3 of 5 ddta (r1  r2 series) e www.diodes.com marking information xxxym date code key year 2006 2007 2008 2009 code t uv w month jan feb mar apr may jun jul aug sep oct nov dec code 1234567 89 o nd new product xxx = product type marking code (see page 1, e.g. p02 = ddta113ze) ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september
ds30318 rev. 6 - 2 4 of 5 ddta (r1  r2 series) e www.diodes.com 0.1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v = 0.2v o v , input voltage (v) in -25c 25c 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in -25c 5 67 25c 0.1 v=5v o 75c 0 2 4 6 12 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 8 10 f=1mhz 10 1000 100 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - ddta123je new product
ds30318 rev. 6 - 2 5 of 5 ddta (r1  r2 series) e www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated. new product


▲Up To Search▲   

 
Price & Availability of DDTA123JE-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X