Part Number Hot Search : 
MC1413 SWSS017 A986A 1100S AR09089 74LVC1 29LV64 SDA3112
Product Description
Full Text Search
 

To Download DDTA123JCA-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a e j l top view m b c h g d d k ds30334 rev. 6 - 2 1 of 5 ddta (r1  r2 series) ca www.diodes.com  diodes incorporated ddta (r1  r2 series) ca pnp pre-biased small signal sot-23 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1  r2  lead free/rohs compliant (note 2) features mechanical data  case: sot-23  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  marking: date code and marking code (see table below & page 3)  ordering information (see page 2)  weight: 0.008 grams (approximate) new product r1 o ut b c e r2 3 2 1 in gnd(+) p/n r1 (nom) r2 (nom) marking ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca 1k  2.2k  2.2k  4.7k  4.7k  4.7k  10k  10k  22k  47k  47k  10k  10k  47k  10k  22k  47k  47k  4.7k  47k  10k  22k  p02 p05 p06 p09 p10 p11 p14 p15 p18 p21 p22 maximum ratings @ t a = 25  c unless otherwise specified 1 3 2 gnd (+) c b in ou t e schematic and pin configuration sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180  0  8  all dimensions in mm equivalent inverter circuit characteristic symbol value unit supply voltage, (3) to (2) v cc -50 v input voltage, (1) to (2) ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v in +5 to -10 +5 to -12 +5 to -12 +7 to -20 +6 to -30 +5 to -30 +6 to -40 +10 to -30 +10 to -40 +15 to -40 +10 to -40 v output current ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca i o -100 -100 -100 -100 -100 -100 -70 -100 -50 -30 -30 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead.
ds30334 rev. 6 - 2 2 of 5 ddta (r1  r2 series) ca www.diodes.com characteristic symbol min typ max unit test condition input voltage ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v l(off) -0.3 -0.3 -0.5 -0.3 -0.3 -0.5 -0.3 -0.8 -0.4 -1.0 -0.8  v v cc = 5v, i o = 100  a ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca v l(on)  -3.0 -3.0 -1.1 -2.5 -1.3 -1.3 -1.4 -3.0 -2.5 -5.0 -4.0 v o = -0.3v, i o = -20ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -20ma v o = -0.3v, i o = -3ma v o = -0.3v, i o = -5ma v o = -0.3v, i o = -1ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma v o = -0.3v, i o = -2ma output voltage v o(on)  -0.1 -0.3 v i o /i l = -5ma/-0.25ma ddta123jca i o /i l = -5ma/-0.25ma ddta143zca i o /i l = -5ma/-0.25ma ddta114yca i o /i l = -10ma/-0.5ma all others input current ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca i l  -7.2 -3.8 -3.6 -1.8 -1.8 -1.8 -0.88 -0.88 -0.36 -0.16 -0.16 ma v i = -5v output current i o(off)  -0.5  a v cc = -50v, v i = 0v dc current gain ddta113zca ddta123yca ddta123jca ddta143xca ddta143fca ddta143zca ddta114yca ddta114wca ddta124xca ddta144vca ddta144wca g l -33 -33 -80 -30 -68 -80 -68 -24 -68 -33 -56   v o = -5v, i o = -10ma input resistor tolerance  r 1 -30  +30 %  resistance ratio tolerance  r 2 /r 1 -20  +20 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified new product * transistor - for reference only device packaging shipping ddta113zca-7-f sot-23 3000/tape & reel ddta123yca-7-f sot-23 3000/tape & reel DDTA123JCA-7-F sot-23 3000/tape & reel ddta143xca-7-f sot-23 3000/tape & reel ddta143fca-7-f sot-23 3000/tape & reel ddta143zca-7-f sot-23 3000/tape & reel ddta114yca-7-f sot-23 3000/tape & reel ddta114wca-7-f sot-23 3000/tape & reel ddta124xca-7-f sot-23 3000/tape & reel ddta144vca-7-f sot-23 3000/tape & reel ddta144wca-7-f sot-23 3000/tape & reel notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. ordering information (note 3)
ds30334 rev. 6 - 2 3 of 5 ddta (r1  r2 series) ca www.diodes.com new product month jan feb mar apr may jun jul aug sep oct nov dec code 1234567 89 o nd xxx ym marking information date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw
ds30334 rev. 6 - 2 4 of 5 ddta (r1  r2 series) ca www.diodes.com new product 0.1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v = 0.2v o v , input voltage (v) in t= a -25c t= a 25c t= a 75 c 0.001 0.01 1 10 100 0 1 234 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in t= a -25c 5 67 t= a 25c 0.1 v=5v o t= a 75c 0 2 4 6 12 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 10 5 15 25 8 10 i=0v e f = 1mhz 10 1000 100 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce t= a 75 c t= a -25 c t= a 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter saturation voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb t= a -25 c t=75c a t= a 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - ddta123jca
ds30334 rev. 6 - 2 5 of 5 ddta (r1  r2 series) ca www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated. new product


▲Up To Search▲   

 
Price & Availability of DDTA123JCA-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X