Part Number Hot Search : 
HSP451 MC74LV 28F640 CN25M P4840 ADF4208 BYC10 ISL3680
Product Description
Full Text Search
 

To Download BD13003B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BD13003B 1.5a , 700v npn plastic encapsulated transistor elektronische bauelemente 23-jun-2011 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. 1 base 3 emitter collector 2 rohs compliant product a suffix of -c specifies halogen & lead-free features  power switching applications classification of t s product-rank bd3dd13003-a1 bd3dd13003-a2 range 2-2.5 ( s) 2.5-3 ( s) product-rank bd3dd13003-b1 bd3dd13003-b2 range 3-3.5 ( s) 3.5-4 ( s) absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9 v collector current - continuous i c 1.5 a collector power dissipation p c 1.5 w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 700 - - v i c =5ma, i e =0 collector to emitter breakdown voltage v (br)ceo 400 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 9 - - v i e =2ma, i c =0 collector cut C off current i cbo - - 1 ma v cb =700v, i e =0 collector cut C off current i ceo - - 0.5 ma v ce =400v, i b =0 emitter cut C off current i ebo - - 1 ma v eb =9v, i c =0 dc current gain h fe (1) 20 - 30 v ce =5v, i c =0.5a h fe (2) 5 - - v ce =5v, i c =1.5a collector to emitter saturation voltage v ce(sat) - - 0.6 v i c =1a, i b =250ma base to emitter saturation voltage v be(sat) - - 1.2 v i c =1a, i b =250ma transition frequency f t 5 - - mhz v ce =10v, i c =100ma, f =1mhz fall time t f - - 0.5 s i c =1a,i b1 = -i b2 =0.2a,v cc =100v storage time t s 2 - 4 s i c =250ma (ui9600) to-126 c d b a e n f l g k j h m ref. millimeter ref. millimeter min. max. min. max. a 7.40 7.80 h 1.10 1.50 b 2.50 2.90 j 0.45 0.60 c 10.60 11.00 k 0.66 0.86 d 15.30 15.70 l 2.10 2.30 e 3.70 3.90 m 1.17 1.37 f 3.90 4.10 n 3.00 3.20 g 2.29 typ. www..net
BD13003B 1.5a , 700v npn plastic encapsulated transistor elektronische bauelemente 23-jun-2011 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curve


▲Up To Search▲   

 
Price & Availability of BD13003B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X