Part Number Hot Search : 
1M250 BPC350 FCH20A AM1320N MC9S08L 24FC1026 MS3472 9C5131
Product Description
Full Text Search
 

To Download B72205S0301K111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  206 04/02 taping (leaded varistors) all leaded varistors are available on tape. exception: s10k510 k680, s14k510 k1000, s20k385 k1000. tape packaging for lead spacing = 5 fully conforms to iec 60286-2, while for lead spacings = 7,5 and 10 the taping mode is based on this standard. the ordering tables on page 213 ff list disk types available on tape in detail, i. e. with complete type designation and ordering code. taping mode and, if relevant, crimp style and lead spacing are cod- ed in the type designation. for types not listed please contact epcos. upon request parts with lead spacing = 5 mm are available in ammopack too. designation system for taping mode example siov-s10k250gs3r5 example siov-s07k60g2as2 ga g2a see page 209 type designation bulk default = no extra designation taped, reel type g g2 g3 see page 208 g4 g5 crimp style (if relevant) s s2 s3 see page 212 s4 s5 lead spacing (if relevant) r5 lead spacing r7 differs from standard version taped, ammopack siov-s10k250 g taped reel type i seating plane height h 0 =16 s3 crimp style 3 r5 lead spacing 5,0 (differs from ls 7,5 of standard version s10k250) siov-s07k60 g2a taped seating plane height h 0 =18 ammopack s2 crimp style 2 leaded varistors taping
207 04/02 taping modes/reel types taped varistors have the letter g appended to the type designation. the different tapes and matching reel types are identified by numbers as shown in the table on page 208. types with lead spacing = 5, reel diameter 360 mm, have the code letter g while types with lead spacing = 7,5 and 10 on 500-mm reels are identified by g5 . furthermore types with lead spacing = 5 are available in ammopack, code letters ga . versions g2, g3 and g4 are special tapes on 360-mm reels resp. ammopack: g2 denotes the seat- ing plane height h 0 = 18 for crimped versions. tapes g3 and g4 are available on 360-mm reels in case the 500-mm reels are too big for your insertion machine. crimp styles both crimped and straight leads are standard for taped disk varistors. the leads are differently crimped for technical reasons; the individual crimp styles are denoted by consecutive numbers (s, s2 s5) as shown in the dimensional drawings on page 212. the crimp styles of the individual types can be seen from the type designation in the ordering tables. example straight leads: s10k250g5 example crimped leads: s10k250g5s5 lead spacing type series siov-s10 is available with two different lead spacings: = 5,0 (wire  0,6 mm) = 7,5 (wire  0,8 mm) for taped varistors having a different lead spacing from their untaped equivalents, the actual is appended to type designation. example: s10k250gs3r5 the standard lead spacing of series siov-s10 is = 7,5. the version with = 5,0 has the appendix r5 . taping leaded varistors
208 04/02 assignment of taping mode to reel type taping modes g2, g3, g4, ga and g2a: delivery upon request. if reel type iii is not compatible with insertion equipment because of its large diameter, type series s10 and s14 can be supplied on reel ii upon request (taping mode g3). 1) 1 is omitted. taping mode reel type seating plane height h 0 for crimped types mm seating plane height h for uncrimped types mm g 1) i 16 18 g2 i 18 g3 ii 16 18 g4 ii 18 g5 iii 16 18 ga ammopack 16 18 g2a ammopack 18 reel dimensions (in mm) reel type df nw i ii iii 360 max. 360 max. 500 max. 31  1 31  1 23  1 approx. 45 approx. 55 approx. 59 54 max. 64 max. 72 max. reel tape direction of unreeling taping leaded varistors
209 04/02 ammopack dimensions var0402-g bamboo sticks, carton cardboard folding 340 226 55 mm paper adhesive tape, width 50 mm paper adhesive tape, width 50 mm 55 340 226 label taping leaded varistors
210 04/02 taping in accordance with iec 60286-2 taping based on iec 60286-2 var0410-x h ? h ? s l h 1 w 02 w 0 h w 1 w h h 1 f b p ? p ? direction of unreeling t 0 d p 0 d 1 p section a-b ab = 5,0 mm (except s ... r5) = < fe var0395-j h ? h ? s l h 1 w 02 w 0 h w 1 w h h 1 f b direction of unreeling t 0 d p 0 d 1 p p ? p ? b a section a-b = 7,5 mm (including s ... r5) < = fe e = 10 mm (including s ... r5) f = < taping leaded varistors
211 04/02 tape dimensions (in mm) sym- bol = 5,0 tolerance = 7,5 tolerance = 10,0 tolerance remarks b max. max. max. see tables s max. max. max. on page 169 ff d 0,6 1) 1) shcv 0,5  0,05 0,8  0,05 1,0  0,05 p 0 12,7  0,3 12,7 2) 2) taping with p 0 = 15,0 mm upon request  0,3 12,7  0,3  1 mm/20 sprocket holes p 1 3,85  0,7 8,95  0,8 7,7  0,8 f 5,0 + 0,6/ 0,1 7,5  0,8 10,0  0,8  h 0  2,0 depends on s depends on s measured at  p 0  1,3 0  2,0 0  2,0 top of compo- nent body w 18,0  0,5 18,0  0,5 18,0  0,5 w 0 5,5 min. 11,0 min. 11,0 min. peel-off force  5 n w 1 9,0  0,5 9,0 + 0,75/ 0,5 9,0 + 0,75/ 0,5 w 2 3,0 max. 3,0 max. 3,0 max. h 18,0 + 2,0/ 0 18,0 + 2,0/ 0 18,0 + 2,0/ 0 3) 3) applies only to uncrimped types h 0 16,0  0,5 16,0  0,5 16,0  0,5 4) 4) applies only to crimped types ( h 0 = 18 upon request) (18,0) (18,0) h 1 32,2 max. 45,0 max. 45,0 max. d 0 4,0  0,2 4,0  0,2 4,0  0,2 t 0,9 max. 0,9 max. 0,9 max. without lead l 11,0 max. 11,0 max. 11,0 max. l 4,0 max. taping leaded varistors
212 04/02 standard crimp styles crimp style s 2) crimp style s3 crimp style s2 crimp style s4 crimp style s5 2) 1 is omitted. missing dimensions are shown on page 169 ff. type siov- mm h max mm s05k11 175(e2)s2 5,0 10,0 s05k210 460(e2)s3 5,0 10,0 s07k11 175(e2)s2 5,0 12,0 s07k210 460(e2)s3 5,0 12,0 s10k11 300(e2)s5 7,5 15,5 s10k320 460(e2)(s3)(s5) 7,5 16,5 s10k510(e2)(s3)(s5) 7,5 17,5 s10 autos5 7,5 17,0 s10 autod1s5 7,5 16,0 s10k11 175(e2)s4r5 5,0 16,5 s10k210 460(e2)s3r5 5,0 16,5 s14k11 300(e2)s5 7,5 20,0 s14k320 460(e2)(s3)(s5) 7,5 20,0 s14k510(e2)(s3)(s5) 7,5 21,5 s14 autos5 7,5 21,0 s14 autod1s5 7,5 20,0 s20k11 320(e2)(e3)s5 10,0 27,0 s20k385 510(e2)s5 10,0 27,5 var0412-n b s 1) h e 1) seating plane according to iec 60717 ? d a b s e h ? d 1) seatin g plane accordin g to iec 60717 b s 1) h e a ? d b s 1) h e ? d 1 ) seatin g plane accordin g to ie c var0411-f var0411-f var0396-r var0403-o var0404-w b s 1) h e ? d 1) seating plane according to iec 60717 1) seating plane according to iec 60717 taping leaded varistors
213 04/02 type ordering code crimp style pieces/reel i type series siov-s05, straight leads = 5,0 siov-s05k11g b72205s0110k111 1500 siov-s05k14g b72205s0140k111 1500 siov-s05k17g b72205s0170k111 1500 siov-s05k20g b72205s0200k111 1500 siov-s05k25g b72205s0250k111 1500 siov-s05k30g b72205s0300k111 1500 siov-s05k35g b72205s0350k111 1500 siov-s05k40g b72205s0400k111 1500 siov-s05k50g b72205s0500k111 1500 siov-s05k60g b72205s0600k111 1500 siov-s05k75g b72205s0750k111 1500 siov-s05k95g b72205s0950k111 1500 siov-s05k115g b72205s0111k111 1500 siov-s05k130g b72205s0131k111 1500 siov-s05k140g b72205s0141k111 1500 siov-s05k150g b72205s0151k111 1500 siov-s05k175g b72205s0171k111 1500 siov-s05k230g b72205s0231k111 1500 siov-s05k250g b72205s0251k111 1500 siov-s05k275g b72205s0271k111 1500 siov-s05k300g B72205S0301K111 1000 type series siov-s05, crimped leads = 5,0 siov-s05k11gs2 b72205s0110k211 s2 1500 siov-s05k14gs2 b72205s0140k211 s2 1500 siov-s05k17gs2 b72205s0170k211 s2 1500 siov-s05k20gs2 b72205s0200k211 s2 1500 siov-s05k25gs2 b72205s0250k211 s2 1500 siov-s05k30gs2 b72205s0300k211 s2 1500 siov-s05k35gs2 b72205s0350k211 s2 1500 siov-s05k40gs2 b72205s0400k211 s2 1500 siov-s05k50gs2 b72205s0500k211 s2 1500 siov-s05k60gs2 b72205s0600k211 s2 1500 siov-s05k75gs2 b72205s0750k211 s2 1500 siov-s05k95gs2 b72205s0950k211 s2 1500 taping leaded varistors
214 04/02 type series siov-s05, crimped leads = 5,0 (continued) siov-s05k115gs2 b72205s0111k211 s2 1500 siov-s05k130gs2 b72205s0131k211 s2 1500 siov-s05k140gs2 b72205s0141k211 s2 1500 siov-s05k150gs2 b72205s0151k211 s2 1500 siov-s05k175gs2 b72205s0171k211 s2 1500 siov-s05k230gs3 b72205s0231k311 s3 1500 siov-s05k250gs3 b72205s0251k311 s3 1500 siov-s05k275gs3 b72205s0271k311 s3 1500 siov-s05k300gs3 b72205s0301k311 s3 1000 siov-s05k385gs3 b72205s0381k311 s3 1000 siov-s05k420gs3 b72205s0421k311 s3 1000 siov-s05k440gs3 b72205s0441k311 s3 1000 siov-s05k460gs3 b72205s0461k311 s3 1000 type series siov-s07, straight leads = 5,0 siov-s07k11g b72207s0110k111 1500 siov-s07k14g b72207s0140k111 1500 siov-s07k17g b72207s0170k111 1500 siov-s07k20g b72207s0200k111 1500 siov-s07k25g b72207s0250k111 1500 siov-s07k30g b72207s0300k111 1500 siov-s07k35g b72207s0350k111 1500 siov-s07k40g b72207s0400k111 1500 siov-s07k50g b72207s0500k111 1500 siov-s07k60g b72207s0600k111 1500 siov-s07k75g b72207s0750k111 1500 siov-s07k95g b72207s0950k111 1500 siov-s07k115g b72207s0111k111 1500 siov-s07k130g b72207s0131k111 1500 siov-s07k140g b72207s0141k111 1500 siov-s07k150g b72207s0151k111 1500 siov-s07k175g b72207s0171k111 1500 siov-s07k230g b72207s0231k111 1500 siov-s07k250g b72207s0251k111 1500 siov-s07k275g b72207s0271k111 1000 siov-s07k300g b72207s0301k111 1000 type ordering code crimp style pieces/reel i taping leaded varistors
215 04/02 type series siov-s07, crimped leads = 5,0 siov-s07k11gs2 b72207s0110k211 s2 1500 siov-s07k14gs2 b72207s0140k211 s2 1500 siov-s07k17gs2 b72207s0170k211 s2 1500 siov-s07k20gs2 b72207s0200k211 s2 1500 siov-s07k25gs2 b72207s0250k211 s2 1500 siov-s07k30gs2 b72207s0300k211 s2 1500 siov-s07k35gs2 b72207s0350k211 s2 1500 siov-s07k40gs2 b72207s0400k211 s2 1500 siov-s07k50gs2 b72207s0500k211 s2 1500 siov-s07k60gs2 b72207s0600k211 s2 1500 siov-s07s60ags2 b72207s0600s212 s2 1500 siovs007k75gs2 b72207s0750k211 s2 1500 siovs007k95gs2 b72207s0950k211 s2 1500 siovs007s95ags2 b72207s0950s212 s2 1500 siov-s07k115gs2 b72207s0111k211 s2 1500 siov-s07k130gs2 b72207s0131k211 s2 1500 siov-s07k140gs2 b72207s0141k211 s2 1500 siov-s07k150gs2 b72207s0151k211 s2 1500 siov-s07k175gs2 b72207s0171k211 s2 1500 siov-s07k230gs3 b72207s0231k311 s3 1000 siov-s07k250gs3 b72207s0251k311 s3 1000 siov-s07k275gs3 b72207s0271k311 s3 1000 siov-s07k300gs3 b72207s0301k311 s3 1000 siov-s07k385gs3 b72207s0381k311 s3 1000 siov-s07k420gs3 b72207s0421k311 s3 1000 siov-s07k440gs3 b72207s0441k311 s3 1000 siov-s07k460gs3 b72207s0461k311 s3 1000 type ordering code crimp style pieces/reel i taping leaded varistors
216 04/02 type ordering code crimp style pieces/reel iii type series siov-s10, straight leads = 7,5 siov-s10k11g5 b72210s0110k151 1500 siov-s10k14g5 b72210s0140k151 1500 siov-s10k17g5 b72210s0170k151 1500 siov-s10k20g5 b72210s0200k151 1500 siov-s10k25g5 b72210s0250k151 1500 siov-s10k30g5 b72210s0300k151 1500 siov-s10k35g5 b72210s0350k151 1500 siov-s10k40g5 b72210s0400k151 1500 siov-s10k50g5 b72210s0500k151 1500 siov-s10k60g5 b72210s0600k151 1500 siov-s10k75g5 b72210s0750k151 1500 siov-s10k95g5 b72210s0950k151 1500 siov-s10k115g5 b72210s0111k151 1500 siov-s10k130g5 b72210s0131k151 1500 siov-s10k140g5 b72210s0141k151 1500 siov-s10k150g5 b72210s0151k151 1500 siov-s10k175g5 b72210s0171k151 1500 siov-s10k230g5 b72210s0231k151 1000 siov-s10k250g5 b72210s0251k151 1000 siov-s10k275g5 b72210s0271k151 1000 siov-s10k300g5 b72210s0301k151 1000 type ordering code crimp style pieces/reel i type series siov-s10, crimped leads = 5,0 siov-s10k11gs4r5 b72210s0110k412 s4 1500 siov-s10k14gs4r5 b72210s0140k412 s4 1500 siov-s10k17gs4r5 b72210s0170k412 s4 1500 siov-s10k20gs4r5 b72210s0200k412 s4 1500 siov-s10k25gs4r5 b72210s0250k412 s4 1500 siov-s10k30gs4r5 b72210s0300k412 s4 1500 siov-s10k35gs4r5 b72210s0350k412 s4 1500 siov-s10k40gs4r5 b72210s0400k412 s4 1500 siov-s10k50gs4r5 b72210s0500k412 s4 1500 siov-s10k75gs4r5 b72210s0750k412 s4 1500 siov-s10k95gs4r5 b72210s0950k412 s4 1500 taping leaded varistors
217 04/02 type series siov-s10, crimped leads = 5,0 (continued) siov-s10k115gs4r5 b72210s0111k412 s4 1500 siov-s10k130gs4r5 b72210s0131k412 s4 1500 siov-s10k140gs4r5 b72210s0141k412 s4 1500 siov-s10k150gs4r5 b72210s0151k412 s4 1500 siov-s10k175gs4r5 b72210s0171k412 s4 1500 siov-s10k230gs3r5 b72210s0231k312 s3 1500 siov-s10k250gs3r5 b72210s0251k312 s3 1500 siov-s10k275gs3r5 b72210s0271k312 s3 1000 siov-s10k300gs3r5 b72210s0301k312 s3 1000 type ordering code crimp style pieces/reel iii type series siov-s10, crimped leads = 7,5 siov-s10k11g5s5 b72210s0110k551 s5 1500 siov-s10k14g5s5 b72210s0140k551 s5 1500 siov-s10k17g5s5 b72210s0170k551 s5 1500 siov-s10k20g5s5 b72210s0200k551 s5 1500 siov-s10k25g5s5 b72210s0250k551 s5 1500 siov-s10k30g5s5 b72210s0300k551 s5 1500 siov-s10k35g5s5 b72210s0350k551 s5 1500 siov-s10k40g5s5 b72210s0400k551 s5 1500 siov-s10k50g5s5 b72210s0500k551 s5 1500 siov-s10k60g5s5 b72210s0600k551 s5 1500 siov-s10k75g5s5 b72210s0750k551 s5 1500 siov-s10k95g5s5 b72210s0950k551 s5 1500 siov-s10k115g5s5 b72210s0111k551 s5 1500 siov-s10k130g5s5 b72210s0131k551 s5 1500 siov-s10k140g5s5 b72210s0141k551 s5 1500 siov-s10k150g5s5 b72210s0151k551 s5 1500 siov-s10k175g5s5 b72210s0171k551 s5 1500 siov-s10k230g5s5 b72210s0231k551 s5 1000 siov-s10k250g5s5 b72210s0251k551 s5 1000 siov-s10k275g5s5 b72210s0271k551 s5 1000 siov-s10k300g5s5 b72210s0301k551 s5 1000 siov-s10k320 460g.s. upon request type ordering code crimp style pieces/reel i taping leaded varistors
218 04/02 type series siov-s14, straight leads = 7,5 siov-s14k11g5 b72214s0110k151 1500 siov-s14k14g5 b72214s0140k151 1500 siov-s14k17g5 b72214s0170k151 1500 siov-s14k20g5 b72214s0200k151 1500 siov-s14k25g5 b72214s0250k151 1500 siov-s14k30g5 b72214s0300k151 1500 siov-s14k35g5 b72214s0350k151 1500 siov-s14k40g5 b72214s0400k151 1500 siov-s14k50g5 b72214s0500k151 1500 siov-s14k60g5 b72214s0600k151 1500 siov-s14k75g5 b72214s0750k151 1500 siov-s14k95g5 b72214s0950k151 1500 siov-s14k115g5 b72214s0111k151 1500 siov-s14k130g5 b72214s0131k151 1500 siov-s14k140g5 b72214s0141k151 1500 siov-s14k150g5 b72214s0151k151 1500 siov-s14k175g5 b72214s0171k151 1500 siov-s14k230g5 b72214s0231k151 1000 siov-s14k250g5 b72214s0251k151 1000 siov-s14k275g5 b72214s0271k151 1000 siov-s14k300g5 b72214s0301k151 1000 type series siov-s14, crimped leads = 7,5 siov-s14k11g5s5 b72214s0110k551 s5 1500 siov-s14k14g5s5 b72214s0140k551 s5 1500 siov-s14k17g5s5 b72214s0170k551 s5 1500 siov-s14k20g5s5 b72214s0200k551 s5 1500 siov-s14k25g5s5 b72214s0250k551 s5 1500 siov-s14k30g5s5 b72214s0300k551 s5 1500 siov-s14k35g5s5 b72214s0350k551 s5 1500 siov-s14k40g5s5 b72214s0400k551 s5 1500 siov-s14k50g5s5 b72214s0500k551 s5 1500 siov-s14k60g5s5 b72214s0600k551 s5 1500 siov-s14k75g5s5 b72214s0750k551 s5 1500 siov-s14k95g5s5 b72214s0950k551 s5 1500 type ordering code crimp style pieces/reel iii taping leaded varistors
219 04/02 lock-in crimps these crimp styles provide automatic lock-in function on the printed circuit board, for facilitated as- sembly. crimp style s9 (for lead spacing = 5): example: siov-s07k275s9 type series siov-s14, crimped leads = 7,5 (continued) siov-s14k115g5s5 b72214s0111k551 s5 1500 siov-s14k130g5s5 b72214s0131k551 s5 1500 siov-s14k140g5s5 b72214s0141k551 s5 1500 siov-s14k150g5s5 b72214s0151k551 s5 1500 siov-s14k175g5s5 b72214s0171k551 s5 1500 siov-s14k230g5s5 b72214s0231k551 s5 1000 siov-s14k250g5s5 b72214s0251k551 s5 1000 siov-s14k275g5s5 b72214s0271k551 s5 1000 siov-s14k300g5s5 b72214s0301k551 s5 1000 siov-s14k320 460g.(s.) upon request siov-s20k11 320g.(s.) upon request siov-s..k e2g.(s.) taping according to the versions of the standard program upon request siov-s20k e3g.(s.) siov-q14k g.(s.) siov-q20k g.(s.) type ordering code crimp style pieces/reel iii var0413-v e 1) seating plane in according to iec 60717 1) 3,10,5 var0421-m 1,00,02 5,0 0,2 mm a*) *) versatz "a" abh ? nglg von der spannungsklasse layout recommendation recommended pcb thickness: 1,5 + 0,2 mm *) set-off ? a ? depending on voltage ratings taping / lock-in crimps lock-in crimps leaded varistors
220 04/02 crimp style s11 (for lead spacing = 7,5): example: siov-s14k275s11 trimmed leads varistors with cut leads available upon request. lead length tolerances: straight leads +/ 1,0 mm crimped leads +/ 0,8 mm min. lead length +/ 3,5 mm examples: siov-s07k275m4,5: straight leads, lead length 4,5  1,0 mm siov-s14k275s5m4,5: crimpstyle 5, lead length 4,5  0,8 mm var0429-y 1) e 1) seating plane according to iec 60717 var0414-d 7,5 nom. layout recommendation recommended pcb thickness: 1,6 +/ 0,14 mm recommended hole pattern var0549-s 1,500,10 1,20 0 _ +0,10 1,350,05 1,600,14 0,40,15 copper taping / lock-in crimps / trimmed leads trimmed leads leaded varistors
herausgegeben von epcos ag unternehmenskommunikation, postfach 80 17 09, 81617 mnchen, deutschland  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. vervielf?ltigung, ver?ffentlichung, verbreitung und verwertung dieser broschre und ihres inhalts ohne aus- drckliche genehmigung der epcos ag nicht gestattet. bestellungen unterliegen den vom zvei empfohlenen allgemeinen lieferbedingungen fr erzeugnisse und leistungen der elek- troindustrie, soweit nichts anderes vereinbart wird. diese broschre ersetzt die vorige ausgabe. fragen ber technik, preise und lieferm?glichkeiten rich ten sie bitte an den ihnen n?chstgelegenen vertrieb der epcos ag oder an unsere vertriebsgesellschaften im ausland. bauelemente k?nnen aufgrund technischer erfordernisse gefahrstoffe ent- halten. ausknfte darber bitten wir unter angabe des betreffenden typs ebenfalls ber die zust?ndige vertriebsgesellschaft ein - zuholen. published by epcos ag corporate communications, p.o. box 80 17 09, 81617 munich, germany  ++49 89 636 09, fax (0 89) 636-2 26 89 ? epcos ag 2002. reproduction, publication and dissemination of this brochure and the information contained therein without epcos? prior express consent is prohibited. purchase orders are subject to the general conditions for the s upply of products and services of the electrical and electronics industry recommended by the zvei (german electrical and el ectronic manufacturers? associ ation), unless otherwise agreed. this brochure replaces the previous edition. for questions on technology, prices and delivery please contact the sales offices of epcos ag or the international representa- tives. due to technical requirements components may contain dangerous substances. for information on the type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B72205S0301K111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X