Part Number Hot Search : 
AD5582 ANO12ON E008252 MS113X FR603 SMCJ51CA ECXXXXX 106M3
Product Description
Full Text Search
 

To Download B37940K1221B501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  14 10/02 ordering code system b37940 k 5 010 c 5 60 packaging 60 cardboard tape, 180-mm reel 62 blister tape, 180-mm reel 70 cardboard tape, 330-mm reel 72 blister tape, 330-mm reel 01 bulk case ^ ^ ^ ^ ^ decimal place for cap. values < 10 pf, otherwise 0 capacitance tolerance b  0,1 pf c 0,25 pf (standard for capacitance values 4,7 pf) d 0,5 pf (standard for capacitance values 8,2 pf) ^ ^ ^ f  1 % g  2 % j 5 % (standard) k  10 % ^ ^ ^ ^ c r < 10 pf: c r  10 pf: capacitance , coded (example) 010 1 10 0 pf = 1 pf 100 10 10 0 pf = 10 pf 221 22 10 1 pf = 220 pf ^ ^ ^ rated voltage rated voltage [vdc] code 50 100 200 51 2 termination type and size chip size ( inch / mm) 0402 / 1005 0603 / 1608 0805 / 2012 1206 / 3216 1210 / 3225 temperature characteristic c0g b37920 b37930 b37940 b37871 b37949 standard: on request: k nickel barrier for case sizes 0402, 0603, 0805, 1206, 1210 j silver palladium for conductive adhesion: all case sizes ^ ^ chip c0g multilayer ceramic capacitors
15 10/02 features good thermal stability high insulation resistance low dissipation factor low inductance applications resonant circuits filter circuits timing elements coupling and filtering, particularly in rf circuits termination for soldering: nickel-barrier terminations (ni) for conductive adhesion: silver-palladi um terminations (agpd) on request options alternative capacitance tole rances available on request delivery mode cardboard and blister tape (blister tape for chip thickness 1,2 0,1 mm and case size 1210), 180-mm and 330-mm reel available bulk case for case size 0402 on request bulk case for case sizes 0603 (50 v) and 0805 (50 v) electrical data temperature characteristic c0g climatic category (iec 60068-1) 55/125/56 standard eia dielectric class 1 rated voltage v r 50, 100, 200 vdc test voltage v test 2,5 v r /5 s vdc capacitance range / e series c r 1 pf ? 10 nf (e6/e12) temperature coefficient 0 30 10 ?6 /k dissipation factor (limit value) tan < 1,0 10 ?3 insulation resistance 1) at + 25 c r ins > 10 5 m ? insulation resistance 1) at +125 c r ins > 10 4 m ? time constant 1) at + 25 c > 1000 s time constant 1) at +125 c > 100 s operating temperature range t op ?55 ? +125 c ageing none 1) for c r > 10 nf the time constant = c r ins is given. chip c0g multilayer ceramic capacitors
multilayer ceramic capacitors 16 10/02 c0g capacitance tolerances dimensional drawing dimensions (mm) tolerances to cecc 32101-801 c r 4,7 pf 5,6 pf c r 8,2 pf code letter b c (standard) dbcd (standard) to l e r a n c e 0,1 pf (on request) 0,25 pf 0,5 pf 0,1 pf (on request) 0,25 pf (on request) 0,5 pf c r 10 pf code letter f g j (standard) k to l e r a n c e 1 % (on request for 50 v and 100 v; not available for 200 v) 2 % (on request for 50 v and 100 v; not available for 200 v) 5 % 10 % case size (inch) (mm) 0402 1005 0603 1608 0805 2012 1206 3216 1210 3225 l 1,0 0,10 1,6 0,15 2,0 0,20 3,2 0,20 3,2 0,30 b 0,5 0,05 0,8 0,10 1,25 0,15 1,6 0,15 2,5 0,30 s 0,5 0,05 0,8 0,10 1,30 max. 1,30 max. 1,70 max. k 0,1 ? 0,4 0,1 ? 0,4 0,13 ? 0,75 0,25 ? 0,75 0,25 ? 0,75 kke0272-v kk s b kke0329-n k s b k c0g
multilayer ceramic capacitors 17 10/02 c0g recommended solder pad maximum dimensions (mm) termination case size (inch/mm) type a c d 0402/1005 single chip 0,6 1,7 0,6 0603/1608 single chip 1,0 3,0 1,0 0805/2012 single chip 1,2 3,4 1,3 1206/3216 single chip 1,2 4,5 1,8 1210/3225 single chip 1,2 4,5 2,8 kke0308-1 d a c external electrode intermediate electrode substrate electrode kke0484-w ni sn ag inner electrode agpd termination (nickel barrier) ceramic body c0g
multilayer ceramic capacitors 18 10/02 c0g product range chip capacitors c0g size 1) inch mm 0402 1005 0603 1608 0805 2012 1206 3216 1210 3225 type b37920 b37930 b37940 b37871 b37949 50 50 50 100 200 50 100 50 100 1,0 pf 1,2 pf 1,5 pf 1,8 pf 2,2 pf 2,7 pf 3,3 pf 3,9 pf 4,7 pf 5,6 pf 6,8 pf 8,2 pf 10 pf 12 pf 15 pf 18 pf 22 pf 27 pf 33 pf 39 pf 47 pf 56 pf 68 pf 82 pf 1) l b (inch) / l b (mm) v r (vdc) c r c0g
multilayer ceramic capacitors 19 10/02 c0g product range chip capacitors c0g size 1) inch mm 0402 1005 0603 1608 0805 2012 1206 3216 1210 3225 type b37920 b37930 b37940 b37871 b37949 50 50 50 100 200 50 100 50 100 100 pf 120 pf 150 pf 180 pf 220 pf 270 pf 330 pf 390 pf 470 pf 560 pf 680 pf 820 pf 1,0 nf 1,2 nf 1,5 nf 1,8 nf 2,2 nf 2,7 nf 3,3 nf 3,9 nf 4,7 nf 5,6 nf 6,8 nf 8,2 nf 10 nf 1) l b (inch) / l b (mm) v r (vdc) c r c0g
multilayer ceramic capacitors 20 10/02 c0g ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 0402, 50 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs/reel pcs/reel 3,3 pf b37920k5030c3** 0,5 0,05 10000 50000 3,9 pf b37920k5030c9** 0,5 0,05 10000 50000 4,7 pf b37920k5040c7** 0,5 0,05 10000 50000 5,6 pf b37920k5050d6** 0,5 0,05 10000 50000 6,8 pf b37920k5060d8** 0,5 0,05 10000 50000 8,2 pf b37920k5080d2** 0,5 0,05 10000 50000 10 , pf b37920k5100j0** 0,5 0,05 10000 50000 12 , pf b37920k5120j0** 0,5 0,05 10000 50000 15 , pf b37920k5150j0** 0,5 0,05 10000 50000 18 , pf b37920k5180j0** 0,5 0,05 10000 50000 22 , pf b37920k5220j0** 0,5 0,05 10000 50000 27 , pf b37920k5270j0** 0,5 0,05 10000 50000 33 , pf b37920k5330j0** 0,5 0,05 10000 50000 39 , pf b37920k5390j0** 0,5 0,05 10000 50000 47 , pf b37920k5470j0** 0,5 0,05 10000 50000 56 , pf b37920k5560j0** 0,5 0,05 10000 50000 68 , pf b37920k5680j0** 0,5 0,05 10000 50000 82 , pf b37920k5820j0** 0,5 0,05 10000 50000 100 , pf b37920k5101j0** 0,5 0,05 10000 50000 ^ ^ 1) capacitance values < 3,3 pf and > 100 pf on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. c0g; 0402
multilayer ceramic capacitors 21 10/02 c0g ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 0603, 50 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel bulk case ** 60 ** 70 ** 01 c r ordering code 1) mm pcs/reel pcs/reel pcs 1,0 pf b37930k5010c0** 0,8 0,1 4000 16000 15000 1,2 pf b37930k5010c2** 0,8 0,1 4000 16000 15000 1,5 pf b37930k5010c5** 0,8 0,1 4000 16000 15000 1,8 pf b37930k5010c8** 0,8 0,1 4000 16000 15000 2,2 pf b37930k5020c2** 0,8 0,1 4000 16000 15000 2,7 pf b37930k5020c7** 0,8 0,1 4000 16000 15000 3,3 pf b37930k5030c3** 0,8 0,1 4000 16000 15000 3,9 pf b37930k5030c9** 0,8 0,1 4000 16000 15000 4,7 pf b37930k5040c7** 0,8 0,1 4000 16000 15000 5,6 pf b37930k5050d6** 0,8 0,1 4000 16000 15000 6,8 pf b37930k5060d8** 0,8 0,1 4000 16000 15000 8,2 pf b37930k5080d2** 0,8 0,1 4000 16000 15000 10 , pf b37930k5100j0** 0,8 0,1 4000 16000 15000 12 , pf b37930k5120j0** 0,8 0,1 4000 16000 15000 15 , pf b37930k5150j0** 0,8 0,1 4000 16000 15000 18 , pf b37930k5180j0** 0,8 0,1 4000 16000 15000 22 , pf b37930k5220j0** 0,8 0,1 4000 16000 15000 27 , pf b37930k5270j0** 0,8 0,1 4000 16000 15000 33 , pf b37930k5330j0** 0,8 0,1 4000 16000 15000 39 , pf b37930k5390j0** 0,8 0,1 4000 16000 15000 47 , pf b37930k5470j0** 0,8 0,1 4000 16000 15000 56 , pf b37930k5560j0** 0,8 0,1 4000 16000 15000 68 , pf b37930k5680j0** 0,8 0,1 4000 16000 15000 82 , pf b37930k5820j0** 0,8 0,1 4000 16000 15000 100 , pf b37930k5101j0** 0,8 0,1 4000 16000 15000 120 , pf b37930k5121j0** 0,8 0,1 4000 16000 15000 150 , pf b37930k5151j0** 0,8 0,1 4000 16000 15000 180 , pf b37930k5181j0** 0,8 0,1 4000 16000 15000 220 , pf b37930k5221j0** 0,8 0,1 4000 16000 15000 270 , pf b37930k5271j0** 0,8 0,1 4000 16000 15000 330 , pf b37930k5331j0** 0,8 0,1 4000 16000 15000 390 , pf b37930k5391j0** 0,8 0,1 4000 16000 15000 470 , pf b37930k5471j0** 0,8 0,1 4000 16000 15000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. ^ ^ ^ c0g; 0603
multilayer ceramic capacitors 22 10/02 c0g ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 0805, 50 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel bulk case ** 60 ** 70 ** 01 c r ordering code 1) mm pcs/reel pcs/reel pcs 1,0 pf b37940k5010c0** 0,6 0,1 5000 20000 10000 1,2 pf b37940k5010c2** 0,6 0,1 5000 20000 10000 1,5 pf b37940k5010c5** 0,6 0,1 5000 20000 10000 1,8 pf b37940k5010c8** 0,6 0,1 5000 20000 10000 2,2 pf b37940k5020c2** 0,6 0,1 5000 20000 10000 2,7 pf b37940k5020c7** 0,6 0,1 5000 20000 10000 3,3 pf b37940k5030c3** 0,6 0,1 5000 20000 10000 3,9 pf b37940k5030c9** 0,6 0,1 5000 20000 10000 4,7 pf b37940k5040c7** 0,6 0,1 5000 20000 10000 5,6 pf b37940k5050d6** 0,6 0,1 5000 20000 10000 6,8 pf b37940k5060d8** 0,6 0,1 5000 20000 10000 8,2 pf b37940k5080d2** 0,6 0,1 5000 20000 10000 10 , pf b37940k5100j0** 0,6 0,1 5000 20000 10000 12 , pf b37940k5120j0** 0,6 0,1 5000 20000 10000 15 , pf b37940k5150j0** 0,6 0,1 5000 20000 10000 18 , pf b37940k5180j0** 0,6 0,1 5000 20000 10000 22 , pf b37940k5220j0** 0,6 0,1 5000 20000 10000 27 , pf b37940k5270j0** 0,6 0,1 5000 20000 10000 33 , pf b37940k5330j0** 0,6 0,1 5000 20000 10000 39 , pf b37940k5390j0** 0,6 0,1 5000 20000 10000 47 , pf b37940k5470j0** 0,6 0,1 5000 20000 10000 56 , pf b37940k5560j0** 0,6 0,1 5000 20000 10000 68 , pf b37940k5680j0** 0,6 0,1 5000 20000 10000 82 , pf b37940k5820j0** 0,6 0,1 5000 20000 10000 100 , pf b37940k5101j0** 0,6 0,1 5000 20000 10000 120 , pf b37940k5121j0** 0,6 0,1 5000 20000 10000 150 , pf b37940k5151j0** 0,6 0,1 5000 20000 10000 180 , pf b37940k5181j0** 0,6 0,1 5000 20000 10000 220 , pf b37940k5221j0** 0,6 0,1 5000 20000 10000 270 , pf b37940k5271j0** 0,6 0,1 5000 20000 10000 330 , pf b37940k5331j0** 0,6 0,1 5000 20000 10000 390 , pf b37940k5391j0** 0,6 0,1 5000 20000 10000 470 , pf b37940k5471j0** 0,6 0,1 5000 20000 10000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. ^ ^ ^ c0g; 0805
multilayer ceramic capacitors 23 10/02 c0g 560 , pf b37940k5561j0** 0,6 0,1 5000 20000 10000 680 , pf b37940k5681j0** 0,6 0,1 5000 20000 10000 820 , pf b37940k5821j0** 0,6 0,1 5000 20000 10000 1,0 nf b37940k5102j0** 0,6 0,1 5000 20000 10000 1,2 nf b37940k5122j0** 0,8 0,1 4000 16000 ? 1,5 nf b37940k5152j0** 0,8 0,1 4000 16000 ? 1,8 nf b37940k5182j0** 1,2 0,1 3000 2) 12000 3) ? 2,2 nf b37940k5222j0** 1,2 0,1 3000 2) 12000 3) ? ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 0805, 50 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel bulk case ** 60 ** 70 ** 01 c r ordering code 1) mm pcs/reel pcs/reel pcs ^ ^ ^ 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. 2) blister tape, 180-mm reel, ordering code ** 62 3) blister tape, 330-mm reel, ordering code ** 72 ^ ^ c0g; 0805
multilayer ceramic capacitors 24 10/02 c0g ordering codes and packing for c0g, 100 vdc, nickel-barrier terminations case size 0805, 100 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r ordering code 1) mm pcs/reel pcs/reel 1,0 pf b37940k1010c0** 0,6 0,1 5000 20000 1,2 pf b37940k1010c2** 0,6 0,1 5000 20000 1,5 pf b37940k1010c5** 0,6 0,1 5000 20000 1,8 pf b37940k1010c8** 0,6 0,1 5000 20000 2,2 pf b37940k1020c2** 0,6 0,1 5000 20000 2,7 pf b37940k1020c7** 0,6 0,1 5000 20000 3,3 pf b37940k1030c3** 0,6 0,1 5000 20000 3,9 pf b37940k1030c9** 0,6 0,1 5000 20000 4,7 pf b37940k1040c7** 0,6 0,1 5000 20000 5,6 pf b37940k1050d6** 0,6 0,1 5000 20000 6,8 pf b37940k1060d8** 0,6 0,1 5000 20000 8,2 pf b37940k1080d2** 0,6 0,1 5000 20000 10 , pf b37940k1100j0** 0,6 0,1 5000 20000 12 , pf b37940k1120j0** 0,6 0,1 5000 20000 15 , pf b37940k1150j0** 0,6 0,1 5000 20000 18 , pf b37940k1180j0** 0,6 0,1 5000 20000 22 , pf b37940k1220j0** 0,6 0,1 5000 20000 27 , pf b37940k1270j0** 0,6 0,1 5000 20000 33 , pf b37940k1330j0** 0,6 0,1 5000 20000 39 , pf b37940k1390j0** 0,6 0,1 5000 20000 47 , pf b37940k1470j0** 0,6 0,1 5000 20000 56 , pf b37940k1560j0** 0,6 0,1 5000 20000 68 , pf b37940k1680j0** 0,6 0,1 5000 20000 82 , pf b37940k1820j0** 0,6 0,1 5000 20000 100 , pf b37940k1101j0** 0,6 0,1 5000 20000 120 , pf b37940k1121j0** 0,6 0,1 5000 20000 150 , pf b37940k1151j0** 0,6 0,1 5000 20000 180 , pf b37940k1181j0** 0,6 0,1 5000 20000 220 , pf b37940k1221j0** 0,6 0,1 5000 20000 270 , pf b37940k1271j0** 0,6 0,1 5000 20000 330 , pf b37940k1331j0** 0,6 0,1 5000 20000 390 , pf b37940k1391j0** 0,6 0,1 5000 20000 470 , pf b37940k1471j0** 0,6 0,1 5000 20000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. ^ ^ c0g; 0805
multilayer ceramic capacitors 25 10/02 c0g 560 , pf b37940k1561j0** 0,8 0,1 4000 16000 680 , pf b37940k1681j0** 0,8 0,1 4000 16000 820 , pf b37940k1821j0** 1,2 0,1 3000 2) 12000 3) 1,0 nf b37940k1102j0** 1,2 0,1 3000 2) 12000 3) ordering codes and packing for c0g, 100 vdc, nickel-barrier terminations case size 0805, 100 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r ordering code 1) mm pcs/reel pcs/reel ^ ^ 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. 2) blister tape, 180-mm reel, ordering code ** 62 3) blister tape, 330-mm reel, ordering code ** 72 ^ ^ c0g; 0805
multilayer ceramic capacitors 26 10/02 c0g ordering codes and packing for c0g, 200 vdc, nickel-barrier terminations case size 0805, 200 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r 1) ordering code 2) mm pcs/reel pcs/reel 2,2 pf b37940k2020c2** 0,6 0,1 5000 20000 3,3 pf b37940k2030c3** 0,6 0,1 5000 20000 4,7 pf b37940k2040c7** 0,6 0,1 5000 20000 6,8 pf b37940k2060d8** 0,6 0,1 5000 20000 10 , pf b37940k2100j0** 0,6 0,1 5000 20000 15 , pf b37940k2150j0** 0,6 0,1 5000 20000 22 , pf b37940k2220j0** 0,6 0,1 5000 20000 33 , pf b37940k2330j0** 0,6 0,1 5000 20000 47 , pf b37940k2470j0** 0,6 0,1 5000 20000 68 , pf b37940k2680j0** 0,6 0,1 5000 20000 100 , pf b37940k2101j0** 0,6 0,1 5000 20000 150 , pf b37940k2151j0** 0,8 0,1 4000 16000 220 , pf b37940k2221j0** 0,8 0,1 4000 16000 330 , pf b37940k2331j0** 1,2 0,1 3000 3) 12000 4) 1) other capacitance values on request. 2) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. 3) blister tape, 180-mm reel, ordering code ** 62 4) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ c0g; 0805
multilayer ceramic capacitors 27 10/02 c0g ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 1206, 50 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r ordering code 1) mm pcs/reel pcs/reel 1,0 pf b37871k5010c0** 0,8 0,1 4000 16000 1,2 pf b37871k5010c2** 0,8 0,1 4000 16000 1,5 pf b37871k5010c5** 0,8 0,1 4000 16000 1,8 pf b37871k5010c8** 0,8 0,1 4000 16000 2,2 pf b37871k5020c2** 0,8 0,1 4000 16000 2,7 pf b37871k5020c7** 0,8 0,1 4000 16000 3,3 pf b37871k5030c3** 0,8 0,1 4000 16000 3,9 pf b37871k5030c9** 0,8 0,1 4000 16000 4,7 pf b37871k5040c7** 0,8 0,1 4000 16000 5,6 pf b37871k5050d6** 0,8 0,1 4000 16000 6,8 pf b37871k5060d8** 0,8 0,1 4000 16000 8,2 pf b37871k5080d2** 0,8 0,1 4000 16000 10 , pf b37871k5100j0** 0,8 0,1 4000 16000 12 , pf b37871k5120j0** 0,8 0,1 4000 16000 15 , pf b37871k5150j0** 0,8 0,1 4000 16000 18 , pf b37871k5180j0** 0,8 0,1 4000 16000 22 , pf b37871k5220j0** 0,8 0,1 4000 16000 27 , pf b37871k5270j0** 0,8 0,1 4000 16000 33 , pf b37871k5330j0** 0,8 0,1 4000 16000 39 , pf b37871k5390j0** 0,8 0,1 4000 16000 47 , pf b37871k5470j0** 0,8 0,1 4000 16000 56 , pf b37871k5560j0** 0,8 0,1 4000 16000 68 , pf b37871k5680j0** 0,8 0,1 4000 16000 82 , pf b37871k5820j0** 0,8 0,1 4000 16000 100 , pf b37871k5101j0** 0,8 0,1 4000 16000 120 , pf b37871k5121j0** 0,8 0,1 4000 16000 150 , pf b37871k5151j0** 0,8 0,1 4000 16000 180 , pf b37871k5181j0** 0,8 0,1 4000 16000 220 , pf b37871k5221j0** 0,8 0,1 4000 16000 270 , pf b37871k5271j0** 0,8 0,1 4000 16000 330 , pf b37871k5331j0** 0,8 0,1 4000 16000 390 , pf b37871k5391j0** 0,8 0,1 4000 16000 470 , pf b37871k5471j0** 0,8 0,1 4000 16000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. ^ ^ c0g; 1206
multilayer ceramic capacitors 28 10/02 c0g 560 , pf b37871k5561j0** 0,8 0,1 4000 16000 680 , pf b37871k5681j0** 0,8 0,1 4000 16000 820 , pf b37871k5821j0** 0,8 0,1 4000 16000 1,0 nf b37871k5102j0** 0,8 0,1 4000 16000 1,2 nf b37871k5122j0** 0,8 0,1 4000 16000 1,5 nf b37871k5152j0** 0,8 0,1 4000 16000 1,8 nf b37871k5182j0** 0,8 0,1 4000 16000 2,2 nf b37871k5222j0** 0,8 0,1 4000 16000 2,7 nf b37871k5272j0** 0,8 0,1 4000 16000 3,3 nf b37871k5332j0** 0,8 0,1 4000 16000 3,9 nf b37871k5392j0** 0,8 0,1 4000 16000 4,7 nf b37871k5472j0** 1,2 0,1 3000 2) 12000 3) 5,6 nf b37871k5562j0** 1,2 0,1 3000 2) 12000 3) ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 1206, 50 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r ordering code 1) mm pcs/reel pcs/reel ^ ^ 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. 2) blister tape, 180-mm reel, ordering code ** 62 3) blister tape, 330-mm reel, ordering code ** 72 ^ ^ c0g; 1206
multilayer ceramic capacitors 29 10/02 c0g ordering codes and packing for c0g, 100 vdc, nickel-barrier terminations case size 1206, 100 vdc chip thickness cardboard tape, ? 180-mm reel cardboard tape, ? 330-mm reel ** 60 ** 70 c r ordering code 1) mm pcs/reel pcs/reel 1,0 pf b37871k1010c0** 0,8 0,1 4000 16000 1,5 pf b37871k1010c5** 0,8 0,1 4000 16000 2,2 pf b37871k1020c2** 0,8 0,1 4000 16000 3,3 pf b37871k1030c3** 0,8 0,1 4000 16000 4,7 pf b37871k1040c7** 0,8 0,1 4000 16000 6,8 pf b37871k1060d8** 0,8 0,1 4000 16000 10 , pf b37871k1100j0** 0,8 0,1 4000 16000 15 , pf b37871k1150j0** 0,8 0,1 4000 16000 22 , pf b37871k1220j0** 0,8 0,1 4000 16000 33 , pf b37871k1330j0** 0,8 0,1 4000 16000 47 , pf b37871k1470j0** 0,8 0,1 4000 16000 68 , pf b37871k1680j0** 0,8 0,1 4000 16000 100 , pf b37871k1101j0** 0,8 0,1 4000 16000 150 , pf b37871k1151j0** 0,8 0,1 4000 16000 220 , pf b37871k1221j0** 0,8 0,1 4000 16000 330 , pf b37871k1331j0** 0,8 0,1 4000 16000 470 , pf b37871k1471j0** 0,8 0,1 4000 16000 680 , pf b37871k1681j0** 0,8 0,1 4000 16000 1,0 nf b37871k1102j0** 0,8 0,1 4000 16000 1,5 nf b37871k1152j0** 0,8 0,1 4000 16000 2,2 nf b37871k1222j0** 1,2 0,1 3000 2) 12000 3) 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. 2) blister tape, 180-mm reel, ordering code ** 62 3) blister tape, 330-mm reel, ordering code ** 72 ^ ^ ^ ^ c0g; 1206
multilayer ceramic capacitors 30 10/02 c0g ordering codes and packing for c0g, 50 vdc, nickel-barrier terminations case size 1210, 50 vdc chip thickness blister tape, ? 180-mm reel blister tape, ? 330-mm reel ** 62 ** 72 c r ordering code 1) mm pcs/reel pcs/reel 1,0 nf b37949k5102j0** 0,8 0,1 4000 16000 1,5 nf b37949k5152j0** 0,8 0,1 4000 16000 2,2 nf b37949k5222j0** 0,8 0,1 4000 16000 3,3 nf b37949k5332j0** 0,8 0,1 4000 16000 4,7 nf b37949k5472j0** 0,8 0,1 4000 16000 6,8 nf b37949k5682j0** 0,8 0,1 4000 16000 10 , nf b37949k5103j0** 1,2 0,1 3000 12000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. ^ ^ c0g; 1210
multilayer ceramic capacitors 31 10/02 c0g ordering codes and packing for c0g, 100 vdc, nickel-barrier terminations case size 1210, 100 vdc chip thickness blister tape, ? 180-mm reel blister tape, ? 330-mm reel ** 62 ** 72 c r ordering code 1) mm pcs/reel pcs/reel 1,0 nf b37949k1102j0** 0,8 0,1 4000 16000 1,5 nf b37949k1152j0** 0,8 0,1 4000 16000 2,2 nf b37949k1222j0** 0,8 0,1 4000 16000 3,3 nf b37949k1332j0** 0,8 0,1 4000 16000 4,7 nf b37949k1472j0** 1,2 0,1 3000 12000 6,8 nf b37949k1682j0** 1,2 0,1 3000 12000 1) the table contains the ordering codes for the standard capacitance tolerance. for other available capacitance tolerances see page 16. ^ ^ c0g; 1210
multilayer ceramic capacitors 32 10/02 c0g typical characteristics capacitance change ? c / c 25 versus temperature t (tolerance range ) capacitance change ? c / c 0 versus superimposed dc voltage v impedance | z | versus frequency f dissipation factor tan versus temperature t kke0107-f 25 t 020406080?c 120 0 0,2 0,4 0,6 0,8 1,0 % c ? c 55 __ 40 20 _ _ 1,0 0,8 _ 0,6 _ 0,4 _ 0,2 _ kke0458-8 0 v 80 120 160 v 200 0 0,1 0,2 0,3 0,5 % c ? c 40 0 0,1 _ _ 0,2 _ 0,3 _ 0,4 _ 0,5 kke0124-5 10 0 10 1 10 2 10 3 z 10 f 2 _ mhz 10 _ 1 10 0 1 10 10 2 10 3 10 4 5 10 ? 1 pf 10 pf 100 pf 1 nf kke0118-v t an t 0 20 40 60 80 100 ?c 140 60 _ 40 _ 20 _ 5 10 _ 10 4 _ 10 3 _ 10 2 _ c0g
multilayer ceramic capacitors 33 10/02 c0g typical characteristics insulation resistance r ins versus temperature t capacitance change ? c / c 1 versus time t kke0129-b r t 2 10 ins 0 20 40 60 80 100 ?c 140 10 3 10 4 10 5 10 6 10 8 m ? c0g


▲Up To Search▲   

 
Price & Availability of B37940K1221B501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X