Part Number Hot Search : 
ZMD88W 5T567 IRF830 X1TCG 100PG ST33G768 MLL755 16F688
Product Description
Full Text Search
 

To Download 2SC4215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SC4215 0.02a , 40v npn plastic-encapsulate transistor elektronische bauelemente 10-mar-2011 rev. a page 1 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. top view a l c b d g h j f k e 1 2 3 1 2 3 ? ? base ? ? emitte r collector ? ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? small reverse transfer capacitance cre = 0.55pf (typ.). ? low noise figure nf=2db (typ.) (f=100 mhz) classification of h fe product-rank 2SC4215-r 2SC4215-o 2SC4215-y range 40~80 70~140 100~200 marking qr qo qy package information package mpq leadersize sot-323 3k 7? inch absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector-base voltage v cbo 40 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 4 v collector current i c 20 ma collector power dissipation p c 100 mw junction & storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test condition collector-base breakdown voltage v (br)cbo 40 - - v i c =100 a, i e =0 collector-emitter breakdown voltage v (br)ceo 30 - - v i c =1ma, i b =0 emitter-base breakdown voltage v (br)ebo 4 - - v i e =100 a, i c =0 collector cut-off current i cbo - - 0.1 a v cb =40v, i e =0 emitter cut-off current i ebo - - 0.5 a v eb =4v, i c =0 dc current gain h fe 40 - 200 v ce =6v, i c =1ma collector-base time constant cc.r bb - - 25 ps v ce =6v, i c =1ma, f=30mhz transition frequency f t 260 550 - mhz v ce =6v, i c =1ma reverse transfer capacitance c re - 0.55 - pf v cb =10v, f=1mhz noise figure nf - 2 5 db v cc =6v, i c =1ma, f=100mhz, power gain gpe 17 23 - db sot-323 ref. millimete r ref. millimete r min. max. min. max. a 1.80 2.20 g 0.100 ref. b 1.80 2.45 h 0.525 ref. c 1.15 1.35 j 0.08 0.25 d 0.80 1.10 k - - e 1.20 1.40 l 0.650 typ. f 0.20 0.40
2SC4215 0.02a , 40v npn plastic-encapsulate transistor elektronische bauelemente 10-mar-2011 rev. a page 2 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves
2SC4215 0.02a , 40v npn plastic-encapsulate transistor elektronische bauelemente 10-mar-2011 rev. a page 3 of 3 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curves


▲Up To Search▲   

 
Price & Availability of 2SC4215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X