Part Number Hot Search : 
2N2631 U9120 GBU10 TC55257 LN1271 06220 ZMM5253B ESDA1
Product Description
Full Text Search
 

To Download 21FS2RLX-ZC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  color tv service manual caution before servicing the chassis, read the safety precautions in this manual. chassis : mc-049c model : 21fs2rlx model : 21FS2RLX-ZC
- 2 - contents contents ...................................................................................................................2 safety precautions..............................................................................................3 control descriptions..........................................................................................4 specifications........................................................................................................7 adjustment instructions .................................................................................8 trouble shooting.................................................................................................12 printed circuit board.........................................................................................16 block diagram ......................................................................................................18 exploded view....................................................................................................20 exploded view parts list ..............................................................................21 replacement parts list .................................................................................22 svc. sheet..................................................................................................................
- 3 - safety precautions many electrical and mechanical parts in this chassis have special safety-related characteristics. these parts are identified by in the schematic diagram and replacement parts list. it is essential that these special safety parts should be replaced with the same components as recommended in this manual to prevent x-radiation, shock, fire, or other hazards. do not modify the original design without permission of manufacturer. general guidance an isolation transformer should always be used during the servicing of a receiver whose chassis is not isolated from the ac power line. use a transformer of adequate power rating as this protects the technician from accidents resulting in personal injury from electrical shocks. it will also protect the receiver and it's components from being damaged by accidental shorts of the circuitry that may be inadvertently introduced during the service operation. if any fuse (or fusible resistor) in this tv receiver is blown, replace it with the specified. when replacing a high wattage resistor (oxide metal film resistor, over 1w), keep the resistor 10mm away from pcb. keep wires away from high voltage or high temperature parts. due to high vacuum and large surface area of picture tube, extreme care should be used in handling the picture tube . do not lift the picture tube by it's neck. x-ray radiation warning: to determine the presence of high voltage, use an accurate high impedance hv meter. adjust brightness, color, contrast controls to minimum. measure the high voltage. the meter reading should indicate 23.5 ? 1.5kv: 14-19 inch, 26 ? 1.5kv: 19-21 inch, 29.0 ? 1.5kv: 25-29 inch, 30.0 ? 1.5kv: 32 inch if the meter indication is out of tolerance, immediate service and correction is required to prevent the possibility of premature component failure. before returning the receiver to the customer, always perform an ac leakage current check on the exposed metallic parts of the cabinet, such as antennas, terminals, etc., to be sure the set is safe to operate without damage of electrical shock. leakage current cold check(antenna cold check) with the instrument ac plug removed from ac source, connect an electrical jumper across the two ac plug prongs. place the ac switch in the on position, connect one lead of ohm-meter to the ac plug prongs tied together and touch other ohm-meter lead in turn to each exposed metallic parts such as antenna terminals, phone jacks, etc. if the exposed metallic part has a return path to the chassis, the measured resistance should be between 1m? and 5.2m?. when the exposed metal has no return path to the chassis the reading must be infinite. an other abnormality exists that must be corrected before the receiver is returned to the customer. leakage current hot check (see below figure) plug the ac cord directly into the ac outlet. do not use a line isolation transformer during this check. connect 1.5k/10watt resistor in parallel with a 0.15uf capacitor between a known good earth ground (water pipe, conduit, etc.) and the exposed metallic parts. measure the ac voltage across the resistor using ac voltmeter with 1000 ohms/volt or more sensitivity. reverse plug the ac cord into the ac outlet and repeat ac voltage measurements for each exposed metallic part. any voltage measured must not exceed 0.75 volt rms which is corresponds to 0.5ma. in case any measurement is out of the limits specified, there is possibility of shock hazard and the set must be checked and repaired before it is returned to the customer. leakage current hot check circuit the source of x-ray radiation in this tv receiver is the high voltage section and the picture tube. for continued x-ray radiation protection, the replacement tube must be the same type tube as specified in the replacement parts list. 1.5 kohm/10w to instrument's exposed metallic parts good earth ground such as water pipe, conduit etc. ac volt-meter impor t ant safety no tice 0.15uf
all the functions can be controlled with the remote control handset. some functions can also be adjusted with the buttons on the front panel of the set. remote control handset before you use the remote control handset, please install the bat- teries. see the next page. 1. power switches the set on from standby or off to standby. 2. number buttons switches the set on from standby or directly select a number. 3. menu (or index) selects a menu. selects an index page in the teletext mode (only teletext models). (option) 4. eye/ * (option) switches the eye function on or off. 5. d d / e e (programme up/down) selects a programme or a menu item. switches the set on from standby. scans programmes automatically. f f / g g (volume up/down) adjusts the volume. adjusts menu settings. ok accepts your selection or displays the current mode. 6. q.view returns to the previously viewed programme. 7. teletext buttons (option) these buttons are used for teletext. for further details, see the teletext section. 8. psm (picture status memory) recalls your preferred picture setting. 9. favourite selects a favorite programme. 10. turbo picture / sound button (option) selects turbo picture and sound. power mute 12 3 45 6 78 9 menu/index tv/av tv 0 i text/mix/ size/ hold/ eye/ q.view list i / ii / ( ) pr ( ) pr ok vol vol update/ psm ssm/ sleep/ m x time/ reveal/ ? picture sound / turbo/ favourite 1 2 3 4 5 6 8 10 9 11 12 13 14 15 17 16 (with teletext) 7 - 4 - description of controls
- 5 - p o w e r m u t e 1 2 3 4 5 6 7 8 9 m e n u / i n d e x t v / a v 0 e y e / q . v i e w l i s t i / i i / ( ) p r ( ) p r o k v o l v o l p s m s s m / s l e e p p i c t u r e s o u n d / t u r b o / f a v o u r i t e t v 1 2 3 4 5 6 8 10 9 1 1. mute switches the sound on or of f. 12. tv/a v selects tv or a v mode. switches the set on from standby . 13. i/ii/ * (option) selects the language during dual language broadcast. (option) selects the sound output. 14. list displays the programme table. 15. sleep sets the sleep timer . 16. ssm/ * (sound status memory) (option) recalls your preferred sound setting. 17. surround ( ? ? / * ) (option) selects surround sound. * : no function coloured butt ons : these buttons are used for teletext (only teletext models) or programme edit. 1 1 12 13 14 15 17 16 (w ithout teletext)
- 6 - front panel side panel 1. main power (on/off) switches the set on or of f. 2. power/st andby indica t or illuminates brightly when the set is in standby mode. dims when the set is switched on. 3. remote control sensor note : only use the supplied remote control handset. (when you use others, theyll be not able to function.) 4. menu selects a menu. 5. ok accepts your selection or displays the current mode. f f / g g (v olume up/down) adjusts the volume. adjusts menu settings. d d / e e (programme up/down) selects a programme or a menu item. switches the set on from standby . 6. audio/video in sockets (a v2) (option) connect the audio/video out sockets of external equipment to these sockets. 7. headphone socket (option) connect the headphone plug to this socket. note : shown is a simplified representation of front or side panel. here shown may be somewhat dif - ferent from your set. v i d e o l / m o n o r a u d i o a v 2 7 6 21fs2 series 1 2 3 4 5
- 7 - specifica tions note : specification and others are subject to change without notice for improvement. f scope this specification can be applied to all the television related to mc-049c chassis. f test and inspection method 1) capacity : follow lg electronics tv testing standard. 2) another required standard - emi : following ce standard (en55020, en55013) - safety : following cb standard (en55013) f requirement for test testing for standard of each par must be followed in below condition. 1) temperature : 20 5 c (but, cst must be tested 40 5 c . humidity : 50%) 2) relative humidity : 65 10% 3) power : standard input voltage (110-240v~, 50/60hz) 4) measurement must be performed after heat-run more than 20min. 5) adjusting standard for this chassis is followed a special standard. no 1 2 3 4 5 6 7 8 item receiving system receiving channel input voltage market screen size tuning system operating environment storage environment remark for eu/ for non eu for eu/ for non eu ntsc-m (multi - model) non eu eu initial model -> for eu super slim 200 pr. (option) specification 1) pal/secam bg 2) pal/secam dk 3) pal i/i 4) ntsc m 5) secam-l/l 6) ntsc 4.43(av) 1) vhf : e2 ~ e12 uhf : e21 ~ e69 catv : s1 ~ s20 hyper : s21 ~ s41 2) l/l : b,c,d 3) vhf : 02 ~ 13 uhf : 14~ 69 catv : 02 ~ 71 110-240v~, 50/60hz 240v~, 50hz eu,cis, china, asia, africa f 21 fvs 100program 1) temp. : 0 ~ 45 deg 2) humidity: 85% under 1) temp. : -20 ~ 60 deg 2) humidity: 85% under f general specification
1. application object these instructions are applied to all of the color tv, mc-049c. 2. notes (1) because this is not a hot chassis, it is not necessary to use an isolation transformer. however, the use of isolation transformer will help protect test instrument. (2) adjustment must be done in the correct order.but the adjustment can be changed by consideration of mass production. (3) the adjustment must be performed in the circumstance of 25 5 c of temperature and 65 10% of relative humidity if there is no specific designation. (4) the input ac voltage of the receiver must keep rating voltage in adjusting. (5) the receiver must be operated for about 15 minutes prior to the adjustment. 3. focus adjustment 3.1. preliminary steps tune the tv set to receive a digital pattern. (svc mode:automatically mode change the standard mode) 3.2. adjustment method 1) single focus cpt adjust the upper focus volume of fbt for the best focus of horizontal line a,vertical line b. 4. screen voltage adjustment (1) receive the pal or secam(ntsc) signal into rf mode regardless of channel. (2) if you press the adjbutton in line svc mode(in-start button),the line svc mode changes to screen adjustment mode. (3) adjust the screen volume of fbt jack,when width line is seen turn the fbt screen volume at the position of disappearance it. (4) press the tv/av button to exit svc mode. 5. white balance adjustment note : when adjusting white balance automatically,connect the adjustment jig in svc mode.(when pressing ,mute button on remote control, it changes to cpu off mode and screen displays auto.) (1) receive 100% white pattern. (2) adjust low light status(4.5fl) of cut r, cut b at cut g:80. (3) adjust high light status(35fl) of wdr r, wdr b at wdr g:400. (4) repeat above step (2) and (3) for the best condition each status of high light and low light. adjustment instructions a b menu x y color temperature 288 295 9000 k 266 273 13000 k eu n-eu white balance color analyzer menu cut r cut g cut b wdr r wdr g wdr b low light high light 0 ~ 511 0 ~ 511 0 ~ 511 0 ~ 511 0 ~ 511 0 ~ 511 80 80 80 400 400 400 range data
white balance initial data menu 2. white balance iic parameter program sub add start bit stop bit offset polarity ep_rom_s r_amp twbeng_v049 1c8 12 4 0 1 9091 r_cut twbeng_v049 1c3 12 4 0 1 8a8b b_amp twbeng_v049 1ca 12 4 0 1 9495 program vcd slave twbeng_v049 bcf0 program eprom_slave twbeng_v049 ac speed 1 delay 30 b_cut twbeng_v049 1c5 12 4 0 1 8e8f speed/ plus 1 1 1 1
white balance initial data 1. ic vcd ic ep_rom vct49xyi 24c16 micronas st, atmel 0 a 0 name maker algorithm - 8 -
6.sub-brightness adjustment 6-1. preparation for adjustment (1) tune the tv set to receive an digital pattern(eu05ch). (2) deflection setting data adjustment is operate by svc communicator. (3) enter the sub-brightness mode by selection service1 on service menu after pressing line svc mode(in- start key). (4) use the ch d , e key to select adjustment item. (5) use the vol f , g key to increase/decrease data. 6.2 adjustment after authorizating a pal signal, adjust up to the point which divide one or two volume in gray scale of the bottom screen. 7.deflection setting data adjustment 7.1 adjustment preparation (1) tune the tv set to receive an digital pattern(eu05ch). (2) deflection setting data adjustment is operate by svc communicator. (3) enter the deflection adjustment mode by selection service1 on service menu after pressing line svc mode(in-start key). (4) use the ch d , e key to select adjustment item. (5) use the vol f , g key to increase/decrease data. 7.2 adjustment (1) after authorizating a pal signal, adjust to n50ch . (2) after adjusting a pal signal, authorize and notify to ntsc(us13ch), adjust ntsc if necessary. * after finishing deflection adjustment,press the enter button to enter or exit in svc mode. < term explanation> (1) vl(vertical linearity) adjustment: adjust the top & bottom size of inner circle to be equal. (2) va (vertical amplitude) adjustment: adjust so that the circle of a digital circle pattern should be located interval of 6~7mm from the effective screen of the cpt. (3) sc (s correction) adjustment: adjust so that all distance between each lattice width of top/center/bottom are to be the same. * setting the cpt default(initial data) value like that, because it is decide by cpt dy value (4) vs (vertical shift) adjustment: adjust so that the geometric vertical center line is in accord with vertical center line of cpt. (5) hs(horizontal shift) adjustment: adjust so that the geometric horizontal center line is in accord with horizontal center line of cpt. (6) ew(hor. width) adjustment adjust until the outmost left and right lattice of received pattern is accord with 25% of other lattice width. (7) et(trapezoidal) adjustment adjust to make the length of top horizontal line same with it of the bottom horizontal line. (8) ep(pin cushion) adjustment adjust so that middle portion of the outermost left and right vertical line look like parallel with vertical lines of the cpt. (9) angle ajustment when you adjust the angle, adjust correctly raster of left/right screen. (10) bow adjustment after finished ep adjustment, adjust until symmetrize upper and lower corner of the screen. (11) upcor/locor(upper/lower corner) adjustment after finished ep adjustment,adjust vertical line of left-top, right-top, left-bottom, right-bottom of screen to the best straight line. 8. how to inspect condition of a transmission and reception in fm transmitter model. - fm transmitter's efficiency inspections is executed to a finished in a final inspection phase. -fm transmitter is a function which receives voice-singal by an exclusive remote control and earphone, transmitts a fm through transmitter of inner part in micom boadr to tv sound(monitor output) - if the received frequency which set up in osd is being tunned without using an exclusive remote control ,it is available to receive in a general fm receiver. (1) execute in channel generating voice-signal. (2) select a transmitted frequency in menu osd. menu -> sound -> transmitter -> select frequency(87.7mhz) (3) a received frequency in an exclusive remote control or received fm radio is tuned by 87.7mhz which is same as frequency in osd. (4) check out whether a signal generating to main speaker generates in earphone or receiver or not. (5) there is no alternation and setting of adjusted data in the process of inspecting fm tx. - 9 - w/b program twbeng_v049 - w/b adjustment after cutoff : instart -> adj. -> mute(cutoff)-> tv/av(wb) release key is exit key - w/b adjustment : instart -> mute(cpuoff) release key is tv/av key menu vs va vl sc hs -512~511 -512~511 -512~511 -512~511 32~2047 150 -12 140 6 100 140 -12 140 6 123 variable range n50hz(pal) flat 21 n60hz(ntsc) flat 21
initial value of deflection setting
9. option adjustment 9-1. preparation for adjustment 1) this option adjustment decides function in accordance with model. press in-start button on svc communicator, then adjust the option at option1 mode. 2) mark the option adjustment data like [111,111,111,111] in bom. 9-2. adjustment method option data input 1) function : yes, no function : no 2) select each option function by the ch up/down button and then set up each option(yes or no) by the vol up/down button. 9-3. option 1 9-4. option2 9-5. option3 - 10 - inch sys sound ch+au option code 0 1 2 3 4 5 6 7 0 1 2 3 0 1 2 3 0 1 function 21a 21b 21c 29f/25f 28wf/32wf 28n 34f 29n/25n bg/i/dk bg/i/dk/l bg/i/dk/m bg/l rf stereo av stereo mono mono dual no using using av2 dvd scart1 game eye tx key degau option code 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 function without av2 with av2 without dvd with dvd without scart with scart without game function with game function without eye with eye with pip wihtout pip 6,8 key 4 key without degau whit degau text top acms i 2 sv vol tsear t p-s hdev option code 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 function without text (200pr) with text (100pr) flop top without acms with acms without i 2 sv with i 2 sv vol 0 vol 1 without turbo search with turbo search without turbo picture/ sound with turbo picture/ sound without hdev with hdev
- 11 - 9-6. option4 9-7. option5 function osd l txt l hotel max v option code 0 1 2 3 4 5 6 7 8 9 10 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 0 1 0~ 100 function eng only eu-5ea eu etc greece eu-all farsi arab urdu e+hindi e+i+m+v e+thai e+china west eu east eu1 turkey eu east eu2 cyrillic1 cyrillic2 cyrillic3 turk gre1 turk gre2 turk gre3 arab fra arab eng arab heb1 arab heb2 fars eng fars fa fars all auto without hdev with hdev setting vol max lna a2_st eco tilt boost 2scrt china sslim option code 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 function without lan with lan without a2_st with a2_st without scart with scart without tilt with tilt without boost with boost with 2scrt wihtout 2scrt without china with china without sslim cpt whit sslim cpt
trouble shoo ting - 12 - r f - s t e r e o m o d e l s e l e c t e d c o r r e c t s y s t e m i n m e n u c h e c k t h e w a v e f o r m i f 1 o f t u 1 0 1 c h e c k t h e w a v e f o r m a t p i n 4 , 5 o f i c 1 1 c h e c k t h e w a v e f o r m a t p i n 6 o f i c 6 0 1 c h e c k t h e w a v e f o r m a t p i n 2 , 4 o f i c 6 0 1 c h e c k t h e w a v e f o r m a t p i n 8 , 9 , 1 1 , 1 2 o f i c 6 0 1 c h e c k t h e w a v e f o r m a t p i n 5 , 6 o f i c 6 0 1 c h e c k / r e p l a c e q 6 0 1 c h e c k t h e v o l t a g e a t p i n o f i c 8 2 1 , i c 8 2 2 , q 8 0 7 c h e c k / r e p l a c e c 8 2 1 , i c 8 2 2 , q 8 0 7 c h e c k t h e v o l t a g e a t p i n 2 , 1 9 , 2 0 , 2 1 , 2 4 o f i i c 1 1 c h e c k / r e p l a c e t u 1 0 1 c h e c k / r e p l a c e f 8 0 6 , d 8 2 8 ( d 8 0 5 ) o k o k o k o k o k o k n o n o n o n o n o n o n o r a s t e r / s o u n d o k ( 1 / 2 ) c h e c k t h e h e a t e r v o l t a g e o f c p t ( 6 ~ 6 . 4 v r m s ) c h e c k h v , s c r e e n v o l t a g e o f c p t c h e c k t h e h e a t e r p u l s e o f f b t t 4 0 2 c h e c k r , g , b o u t o f c p t b o a r d c h e c k f b t t 4 0 2 c h e c k 1 8 5 v l i n e o f c p t b o a r d & i f n o p r o b l e m c h e c k a n d r e p l a c e c h e c k i c 9 0 1 , p 9 0 3 a c h e c k r f 9 0 1 , p 4 0 2 p 4 0 2 b , f r 4 0 1 c h e c k f b t t 4 0 2 p i c t u r e o . k / n o s o u n d
- 13 - c h e c k b + a t d 8 2 9 c a t h o d e i s t h e v o l t a g e a t e a c h p i n v o l a g e o f i c 1 1 c h e c k f u s e o f a c l i n e o k c h e c k t h e i n / o u t o f r e g u l a t o r ( i c 8 2 1 , i c 8 2 2 i c 8 2 3 , i c 8 2 4 i c 8 2 5 ) c h e c k p i n 6 0 o f i c 1 1 ( h o u t ) c h e c k q 4 0 1 c o l l e c t o r w a v e f o r m c h e c k q 4 0 2 c o l l e c t o r w a v e f o r m c h e c k t 4 0 1 & e a c h p i n v o l t a g e c h e c k & r e p l a c e t 4 0 2 c h e c k t h e v o l t a g e o f c 8 0 3 c h e c k t h e v o l t a g e p i n 4 o f i c 8 0 1 c h e c k / r e p l a c e i c 8 0 1 , i c 8 0 2 , i c 8 2 6 c h e c k f u s e a n d d i o d e o f s e c o n d a r y l o a d o f s m p s t r a n s ( t 8 0 3 ) c h e c k / r e p l a c e i c 1 1 c h e c k & r e p l a c e i c 1 1 c h e c k & r e p l a c e q 4 0 2 c h e c k & r e p l a c e t 4 0 1 c h e c k & r e p l a c e q 4 0 1 c h e c k / r e p l a c e f u s e c h e c k / r e p l a c e d b 8 0 1 c h e c k / r e p l a c e f u s e i c 8 0 1 n o o k o k o k n o o p e n n o 1 8 ~ 2 0 v n o r m a l y e s y e s y e s y e s n o n o n o n o a b n o r m a l n o r a s t e r ( 2 / 2 ) -
- 14 - n o p i c t u r e n o s o u n d i s a n y o s d d i s p l a y e d ? c h e c k i c 1 1 p i n 7 1 , 7 2 , 7 3 ( r , g , b o u t ) o k s t o r e o n m a n u a l - p r o g r a m m e n u d o e s t h e a u t o p r o g r a m o p e r a t e p r o p e r l y c h e c k p i n 4 0 ( v o u t 1 ) 1 v p - p c h e c k 1 8 v 3 . 3 v 5 v d c v o l t a g e c h e c k s m p s t r a n s s e c o n d a r y v o l t a g e c h e c k p i n 1 8 r e s e t v o l t a g e c h e c k i c 1 3 ( r e s e t i c ) c h e c k p i n 5 7 , 5 8 s c l , s d a c h e c k i c 1 2 ( e e p r o m ) & s c l s d a l i n e r e l a c e i c 1 1 q 5 0 1 , q 5 0 3 , q 5 0 4 ( r , g , b o u t o f i c 1 1 ) c h e c k / r e p l a c e c p t b o a r d c o m p o n e n t g o t o n o s o u n d p i c t u r e o k o k o k o k o k n o n o n o n o n o n o 3 3 v d c o k o k 3 3 v d c c h e c k r e c e i v i n g s y s t e m i n m e n u & e x e c u t e a u t o p r o g r a m . - - / , , . / . . ,
- 15 - a v s t e r r o / m o n o m o d e l s e l e c t c o r r e c t s y s t e m i n m e n u o k c h e c k t h e c o n n e c t i o n o f a v e q u i p m e n t c h e c k t u 1 0 1 t u n e r c h e c k t h e w a v e f o r m a t p i n 4 , 5 o f i c 1 1 c h e c k t h e w a v e f o r m a t p i n 1 6 , 1 7 o f i c 1 1 c h e c k t h e v o l t a g e o f p i n 2 , 1 9 , 2 0 , 2 1 , 2 4 o f i c 1 1 c h e c k t h e s i g n a l l i n e o f s p k - l , r c h e c k p i n 5 5 ( m u t e ) o f i c 1 1 c h e c k t h e w a v e f o r m a t p i n 2 , 4 o f i c 6 0 1 c h e c k t h e w a v e f o r m a t p i n 6 o f i c 6 0 1 c h e c k t h e w a v e f o r m a t p i n 8 , 9 , 1 1 , 1 2 o f i c 6 0 1 c h e c k t h e v p l t a g e a t p i n 7 , 5 o f i c 6 0 1 c h e c k / r e p l a c e d 8 2 8 , d 8 0 5 , f 8 0 6 c h e c k t h e c o n n e c t i o n o f s i d e o r f r o n t a v b o a r d p 6 0 3 a r e p l a c e i c 6 0 1 a v o k o k o k o k n o n o o k o k n o n o n o n o c o r r e c t t h e b o a r d n o o k o k
- 16 - printed circuit board main
- 17 - side a/v
block diagram - 18 - m i c o m ( i c 1 1 ) v c t 4 9 * * t u n e r ( t u 1 0 1 ) a v - o u t ( j k 2 0 2 ) * s c a r t / p h o n e / d v d f b t ( t 4 0 2 ) a u d i o a m p ( i c 6 0 1 ) r g b a m p ( t d a 6 1 0 7 q ) s t r - w 6 7 5 4 ( i c 8 0 1 ) a u d i o - o u t r g b h v s c r e e n h / t h - d r i v e ( q 4 0 1 ) v e r t i c a l a m p ( i c 3 0 1 ) t d a 4 8 6 3 a 1 4 v - 1 4 v v a h - o u t 3 5 v ( h - v c c / t u - 3 3 v ) s - v c c 6 . 5 v 1 2 v b + s a w f i l t e r ( z 1 0 1 ) p i p _ b o a r d ( s d a 9 4 8 9 x ) s 1 1 1 7 - 1 8 ( i c 8 2 5 ) s 1 1 1 7 - 3 3 ( i c 8 5 3 ) k i a 7 8 s 0 6 p ( i c 8 2 4 ) k a 7 8 r 3 3 k a 7 8 r 0 5 c s t - 5 v s t - 3 . 3 v s t - 1 . 8 v 3 . 3 v g a m e h i c ( h i c 0 1 ) 1 9 0 v v b h - f l b i i c 3 3 v 5 v t v / m o n i t o r o u t s c a r t r g b - i n y / c b / c r - i n a v - i n h - v c c 5 v s - v c c p i p - r g b p i p - v i d e o i i c v s h - f l b 5 v s t - 5 v o n / o f f d a t a / c l o c k r e s e t v i d e o / a u d i o 1 9 0 v e w a m p ( i c 3 0 2 ) 2 8 v
memo - 19 -
- 20 - exploded view 1 1 2 9 1 3 1 7 0 1 5 0 9 4 3 4 0 0 3 0 0 5 2 0 p 8 0 1 3 3 0 3 1 0 3 2 0 6 0 0 1 2 1 1 2 0
- 21 - exploded view p ar ts list loca. no. part no. descriptions 112 6335921002b cpt assembly, a51ers420x n n(+0.40g) 0g super slim, itc 120 6400va0001a speaker,fullrange kk bukdoo 8 ohm 5/12w 82 db 110*50 121 4810v01183a bracket, speaker rp-21fx40 sc023a abs lgers 150 6140vc2007n coil,degaussing 1uew 0.60pie 44ts 2500mm 11ohm 21inch super slim 170 170-a01d cpt earth(19) 300 3091v00866d cabinet assembly, 21fs2rlx-tc no brand mc049c super slim 310 5020v01127a button. control 21fs2r abs, hf-380 6key superslim 320 320-062h spring, coil 330 5020v01126a button, power 21fs2r abs, hf-380 1key superslim 400 3809v00621h back cover assembly, 21FS2RLX-ZC 1phone super slim mc049c 520 6871vmmh55j pwb(pcb) assembly,main m.i mc049c 21FS2RLX-ZC nupllep sy-ma.ckd 600 6871vsmr18d pwb(pcb) assembly,sub m.i mc049c (21fs2) 21fs2 side-av m/i 913 332-057b screw,drawing assy,hexagon head 943 1ptf0403116 screw tap tite(p),truss head + d4.0 l16.0 mswr3/fzb p801 6410veh001e power cord, 174-009q lgesy local vde/semko 2410mm 300 black the components identified by mark is critical for safety. replace only with part number specified.
- 22 - replacement parts list loca. no part no description d405 d406 d407 d501 d502 d503 d504 d601 d602 d603 d604 d801 d802 d803 d815 d821 d823 d827 d828 d829 d830 d854 d901 d902 d903 d904 db801 zd122 zd401 zd402 zd431 zd432 zd501 zd601 zd801 zd803 c10 c101 c103 c104 c106 c107 c108 c109 c11 c110 c111 0drtw00164b 0drtw00164b 0dr060009aa 0ds141489ab 0ds141489ab 0ds141489ab 0ds141489ab 0ds141489ab 0ds141489ab 0ds141489ab 0ds141489ab 0dd100009am 0dr100009fa 0dr100009fa 0dr060009aa 0dr060009aa 0ds141489ab 0drtw00141a 0drtw00141a 0dd300009ac 0dr060009aa 0dr060009aa 0dr210009ac 0dr210009ac 0dr210009ac 0dr140049ac 0drtw00131c 0dz330009dg 0dz510009bf 0dz240009bh 0dz470009ef 0dz120009af 0dz110009cf 0dz820009bf 0dz620009ah 0dz510009ak 0cx2200k409 0cq2721n409 0cn1040k949 0cn1030f679 0cn1030f679 0cn1030f679 0cn1030f679 0cn1030f679 0cx2200k409 0cn1030f679 0ce227dd618 rgp15j tp52 do15 .v 1.5a 50a 250nsec rgp15j tp52 do15 .v 1.5a 50a 250nsec tvr06j tp do41 600v 0.6a 1n4148 tp grande - 20v 1n4148 tp grande - 20v 1n4148 tp grande - 20v 1n4148 tp grande - 20v 1n4148 tp grande - 20v 1n4148 tp grande - 20v 1n4148 tp grande - 20v 1n4148 tp grande - 20v eu1zv(1) tp e/eo-tmd 200v 0.25a eu1dgr tp do41 200v 1.0a 30a 50nsec eu1dgr tp do41 200v 1.0a 30a 50nsec tvr06j tp do41 600v 0.6a tvr06j tp do41 600v 0.6a 1n4148 tp grande - 20v - sfaf504g st ito220 200v 5a .a .sec 10ua sfaf504g st ito220 200v 5a .a .sec 10ua ru3amv(1) tp r-tmd 600v 1.5a 50a 0.4us tvr06j tp do41 600v 0.6a tvr06j tp do41 600v 0.6a bav21 tp do35 200v 0.2a 1a 50sec 100a bav21 tp do35 200v 0.2a 1a 50sec 100a bav21 tp do35 200v 0.2a 1a 50sec 100a 1n4004a t-81 tp do41 500v 1.0a 30a - 10ua ts6p05g st tsop-6 600v 6a .a .sec .a gdzj33b tp grande do34 0.5w 33.0v gdz5.1b tp grande do34 0.5w 5.1v 0.02a gdzj24b tp grande do34 0.5w 24.0v gdzj4.7b tp do34 0.5w 4.7v 5ma pf mtzj12b tp rohm-k do34 - 12v 5ua gdzj11b tp grande do34 0.5w 11.0v gdzj8.2b tp grande do34 0.5w 8.2v mtzj6.2a tp rohm-k do34 0.5w 6.2v 150ua gdzj5.1b tp grande do34 0.5w 5.1v 22pf d 50v 5% sl ta52 0.0027uf d 100v 5% pe tp5 0.1uf d 50v 80%,-20% f(y5v) ta52 10000pf d 16v 20% x5r ta52 10000pf d 16v 20% x5r ta52 10000pf d 16v 20% x5r ta52 10000pf d 16v 20% x5r ta52 10000pf d 16v 20% x5r ta52 22pf d 50v 5% sl ta52 10000pf d 16v 20% x5r ta52 220uf std 10v 20% fl tp 5 loca. no part no description ic12 ic13 ic301 ic302 ic601 ic801 ic802 ic821 ic822 ic824 ic825 ic826 ic853 ic901 q104 q11 q301 q302 q303 q401 q402 q404 q405 q501 q502 q503 q504 q505 q507 q508 q510 q601 q802 q803 q805 q807 q808 d301 d302 d401 d402 d403 d404 0immr00010a 0ifa752700a 0ipmgph002a 0ike455800e 0ipmgsa024c 0ipmgsk016b 0ili817000g 0imcrke019a 0imcrke018a 0imcrke020a 0imcrau003a 0isk110000a 0imcrau004a 0iph610700b 0tr319709ab 0tr126609aa 0tr198009ba 0tr205900ab 0tr127409ab 0trsa10001c 0tr233109aa 0tr322800ab 0tffc00011a 0tr198009ba 0tr198009ba 0tr198009ba 0tr198009ba 0tr534309aa 0tr198009ba 0tr534309aa 0tr534309aa 0tr198009ba 0tr534309aa 0tr102009ab 0tr534309aa 0tr127409ab 0tr102009ab 0dr140059ac 0ds141489ab 0dd410000ad 0dd410000ac 0drtw00164b 0dr060009aa 24lc16b-i/pg(lead free) micro ka75270z 3 tp re-set ic mc-007 tda4863a 7p sot524-1 st vertical output kia4558 8dip dual op amp - la42152lg-e sanyo sip 12p st 15w str-w6754 sanken 7pin t0220f st ltv817m-vb 4p,dip bk photo coupler kia78r33api kec 4p to220 st 3.3v 1a kia78r05api kec 4p to220 st 5v 1a kia78s06p kec 3p to-92 tp 6v 0.15a s1117-18pic 3p to220f st 1.8v 1a se110n(lf12) 3p 110v error amp - s1117-33pic 3p to220f st 3.3v 1a tda6107jf/n3 9p st rgb amp ktc3197 tp kec to92 npn kta1266-y(kta1015) tp kec to92 pnp 2sa1980y tp auk ktd2059-y to-220is bk kec kta1274-y to-92l tp kec 2sd2689ls sanyo st to220f 1500v 10a ksc2331-y tp samsung to-92l - ktc3228-y(ktc2383), bk kec fqpf11n40c bk to-220fm 400v 10.5a 2sa1980y tp auk 2sa1980y tp auk 2sa1980y tp auk 2sa1980y tp auk 2sc5343y tp auk 2sa1980y tp auk 2sc5343y tp auk 2sc5343y tp auk 2sa1980y tp auk 2sc5343y tp auk krc102m(krc1202) kec tp 2sc5343y tp auk kta1274-y to-92l tp kec krc102m(krc1202) kec tp 1n4005gp tp do41 600v 1.0a 1n4148 tp grande - 20v - ru4am(lf-l1) bk sanken l-tmd6.5 ru4ds,lf-l1 sanken sanken rgp15j tp52 do15 .v 1.5a 50a 250nsec tvr06j tp do41 600v 0.6a ic for capacitor & resistors, the charactors at 2nd and 3rd digit in the p/no. means as follows; cc, cx, ck, cn : ceramic cq : polyestor ce : electrolytic rd : carbon film rs : metal oxide film rn : metal film rf : fusible transistor diode capacitor
- 23 - loca. no p ar t no description c12 c1202 c1203 c1247 c1248 c1258 c1259 c126 c1260 c13 c14 c185 c203 c204 c205 c206 c209 c21 c21 1 c214 c215 c216 c217 c221 c23 c24 c25 c261 c303 c304 c306 c308 c309 c310 c402 c403 c404 c405 c406 c407 c408 c409 c410 c41 1 c413 c414 c415 c416 c417 c419 c420 c421 0ce107dd618 0cn1010k519 0cn1010k519 0cn2210k519 0cn2210k519 0ce107dd618 0ce107dd618 0ce475dk618 0ce226df618 0cn1040k949 0cn1020k519 0cn1040k949 0cn4710k519 0cn4710k519 0cn1010k519 0cn4710k519 0cn4710k519 0ce107dd618 0cn1010k519 0cn4710k519 0cn4710k519 0ce226df618 0ce226df618 0ce476df618 0cn1040k949 0ce226dd618 0ce105dk618 0cn4710k519 0cq1041n409 0ce107dj618 0cq3331n509 0ce476dk618 0cn4710k519 0cq1031n509 0ce475dk618 0cq1521n509 181-015n 181-033r 181-009s 181-033r 0ce685bk652 0ck2220w515 0ce105br618 181-013z 0ce107dj618 0ck2710w515 0ce108dh618 181-009r 0ck2710w515 0ce108dh618 181-009r 0ck2710w515 100uf std 10v 20% fl tp 5 100pf d 50v 10% b(y5p) t a52 100pf d 50v 10% b(y5p) t a52 220pf d 50v 10% b(y5p) t a52 220pf d 50v 10% b(y5p) t a52 100uf std 10v 20% fl tp 5 100uf std 10v 20% fl tp 5 4.7uf std 50v 20% fl tp 5 22uf std 16v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 1000pf d 50v 10% b(y5p) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 470pf d 50v 10% b(y5p) t a52 470pf d 50v 10% b(y5p) t a52 100pf d 50v 10% b(y5p) t a52 470pf d 50v 10% b(y5p) t a52 470pf d 50v 10% b(y5p) t a52 100uf std 10v 20% fl tp 5 100pf d 50v 10% b(y5p) t a52 470pf d 50v 10% b(y5p) t a52 470pf d 50v 10% b(y5p) t a52 22uf std 16v 20% fl tp 5 22uf std 16v 20% fl tp 5 47uf std 16v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 22uf std 10v 20% fl tp 5 1uf std 50v 20% fl tp 5 470pf d 50v 10% b(y5p) t a52 0.1uf d 100v 5% pe tp5 100uf std 35v 20% fl tp 5 0.033uf d 100v 10% pe tp5 47uf std 50v 20% fl tp 5 470pf d 50v 10% b(y5p) t a52 0.01uf d 100v 10% pe tp5 4.7uf std 50v 20% fl tp 5 0.0015uf d 100v 10% pe tp5 mpp 1600v 0.015uf h 2kv b 102k tp7.5(temp .+85) pp 200v 0.027uf k 2kv b 102k tp7.5(temp .+85) 6.8uf kme type 50v 20% fm7.5 bp(s) 2200pf d 500v 10% b(y5p) tr 1uf kme type 250v 20% fl tp 5 mpp 400v 0.30uf j 100uf std 35v 20% fl tp 5 270pf d 500v 10% b(y5p) tr 1000uf std 25v 20% fl tp 5 pp 200v 0.022uf k 270pf d 500v 10% b(y5p) tr 1000uf std 25v 20% fl tp 5 pp 200v 0.022uf k 270pf d 500v 10% b(y5p) tr loca. no p ar t no description c422 c430 c431 c432 c433 c501 c502 c503 c504 c505 c506 c507 c508 c509 c510 c51 1 c512 c513 c514 c515 c516 c517 c518 c519 c520 c521 c523 c524 c525 c526 c527 c528 c529 c530 c531 c532 c533 c534 c535 c536 c537 c538 c540 c541 c542 c543 c545 c546 c547 c548 c550 c552 0ce475dr618 0ce106bk618 181-010e 0cq1041n509 0cq1021n509 0cq3931n509 0cq3931n509 0ce475dk618 0cn1040k949 0cn2710k519 0cn2710k519 0cn1040k949 0ce107dd618 0cn1040k949 0ce475dk618 0cn1040k949 0ce107dd618 0cn1040k949 0ce107dd618 0cn1040k949 0cn1040k949 0cn1040k949 0cn1040k949 0cn1010k519 0ce107dd618 0cn1040k949 0cn1040k949 0ce107dd618 0cn3310k519 0cn1040k949 0cn1040k949 0cn1040k949 0cn1040k949 0cn1010k519 0cn1010k519 0cn1040k949 0ce107dd618 0cn1040k949 0cn1040k949 0cn1040k949 0cn1040k949 0cn1040k949 0ce107dd618 0ce107dd618 0ce107dd618 0ce107dd618 0cx2200k409 0cn1510k519 0cn2710k519 0cn1040k949 0cn1040k949 0cq3331n509 4.7uf std 250v 20% fl tp 5 10uf kme type 50v 20% fl tp 5 pp 400v 0.12uf j 0.1uf d 100v 10% pe tp5 0.001uf d 100v 10% pe tp5 0.039uf d 100v 10% pe tp5 0.039uf d 100v 10% pe tp5 4.7uf std 50v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 270pf d 50v 10% b(y5p) t a52 270pf d 50v 10% b(y5p) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 100uf std 10v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 4.7uf std 50v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 100uf std 10v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 100uf std 10v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 100pf d 50v 10% b(y5p) t a52 100uf std 10v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 100uf std 10v 20% fl tp 5 330pf d 50v 10% b(y5p) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 100pf d 50v 10% b(y5p) t a52 100pf d 50v 10% b(y5p) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 100uf std 10v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 100uf std 10v 20% fl tp 5 100uf std 10v 20% fl tp 5 100uf std 10v 20% fl tp 5 100uf std 10v 20% fl tp 5 22pf d 50v 5% sl t a52 150pf d 50v 10% b(y5p) t a52 270pf d 50v 10% b(y5p) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 0.033uf d 100v 10% pe tp5 for capacitor & resistors, the charactors at 2nd and 3rd digit in the p/no. means as follows; cc, cx, ck, cn : ceramic cq : polyestor ce : electrolytic rd : carbon film rs : metal oxide film rn : metal film rf : fusible
- 24 - loca. no p ar t no description c554 c555 c601 c602 c603 c604 c605 c606 c607 c608 c609 c610 c61 1 c612 c613 c614 c615 c616 c617 c618 c619 c620 c625 c626 c627 c632 c636 c803 c804 c806 c807 c809 c810 c81 1 c815 c816 c817 c818 c819 c820 c821 c822 c823 c824 c826 c827 c828 c829 c830 c831 c833 c835 0cn1020k519 0cx2200k409 0cn1040k949 0ce108dh618 0ce475dk618 0cq2231n509 0ce476df618 181-007c 0ce106df618 0ce106df618 0cq2231n509 0ce475dk618 0ce476dh618 181-007c 181-007c 181-007c 0cn1040k949 0ce476dd618 0cn1040k949 0cn1010k519 0ce105dk618 0cn1010k519 0cq5631n409 0cq5631n409 0ck1030k945 0cq5631n409 0cq5631n409 181-001e 0ck10201515 0ck10201515 181-091p 0ce105dk618 0ce336dk618 181-01 1b 0ck8210k515 0cqzvbk002a 0ck1040k945 0cqzvbk002c 0ck1520k515 0cn1040k949 0ck4710w515 0ce477bh618 0ce477dd618 0ce108dd618 0ce108dd618 0ce108dd618 0ce477bf618 0ce335ck636 0ce108dh618 0ce227dp61a 0ce107cp618 0ck4710w515 1000pf d 50v 10% b(y5p) t a52 22pf d 50v 5% sl t a52 0.1uf d 50v 80%,-20% f(y5v) t a52 1000uf std 25v 20% fl tp 5 4.7uf std 50v 20% fl tp 5 0.022uf d 100v 10% pe tp5 47uf std 16v 20% fl tp 5 mpe ecq-v1h104jl3(tr), 50v 0.1uf 10uf std 16v 20% fl tp 5 10uf std 16v 20% fl tp 5 0.022uf d 100v 10% pe tp5 4.7uf std 50v 20% fl tp 5 47uf std 25v 20% fl tp 5 mpe ecq-v1h104jl3(tr), 50v 0.1uf mpe ecq-v1h104jl3(tr), 50v 0.1uf mpe ecq-v1h104jl3(tr), 50v 0.1uf 0.1uf d 50v 80%,-20% f(y5v) t a52 47uf std 10v 20% fl tp 5 0.1uf d 50v 80%,-20% f(y5v) t a52 100pf d 50v 10% b(y5p) t a52 1uf std 50v 20% fl tp 5 100pf d 50v 10% b(y5p) t a52 0.056uf d 100v 5% pe tp5 0.056uf d 100v 5% pe tp5 0.01uf d 50v 80%,-20% f(y5v) tr 0.056uf d 100v 5% pe tp5 0.056uf d 100v 5% pe tp5 lug 120uf 400v 20% t 1000pf d 1kv 10% b(y5p) tr 1000pf d 1kv 10% b(y5p) tr sl 270pf 1kv 10%,-10% r/tp tp5 1uf std 50v 20% fl tp 5 33uf std 50v 20% fl tp 5 0.001uf d 1.6kv j m/pp ni fm20 820pf d 50v 10% b(y5p) tr a.c 275v 0.1uf m (s=15) 0.1uf d 50v 80%,-20% f(y5v) tr a.c 275v 0.22uf k (s=22.5) 1500pf d 50v 10% b(y5p) tr 0.1uf d 50v 80%,-20% f(y5v) t a52 470pf d 500v 10% b(y5p) tr 470uf kme type 25v 20% fl tp 5 470uf std 10v 20% fl tp 5 1000uf std 10v 20% fl tp 5 1000uf std 10v 20% fl tp 5 1000uf std 10v 20% fl tp 5 470uf kme type 16v 20% fl tp 5 3.3uf shl,sd 50v 20% fm5 bp(d) tp 1000uf std 25v 20% fl tp 5 220uf std 160v 20% fl tp 7.5 100uf shl,sd 160v 20% fl tp 5 470pf d 500v 10% b(y5p) tr loca. no p ar t no description c836 c837 c838 c840 c843 c845 c870 c901 c902 c903 c904 c908 j210 j840 l101 l103 l1 1 l12 l1202 l1203 l1253 l1254 l201 l204 l206 l207 l208 l21 1 l213 l401 l402 l501 l502 l504 l505 l506 l507 l508 l801 t401 t803 c1 c2 p102 p1205 p1206 p201a p401 181-091x 0cq4731n509 0ce227dk618 0ce228bf618 181-120k 0ce107dd618 181-091p 0ce475dr618 0ch3104p56c 181-033s 0ce475dr618 0ch3104p56c 0la0102k1 19 0la0102k1 19 0la0102k139 0la0101k1 19 0la0102k1 19 0la0101k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 0la0102k1 19 150-717j 6140vy0020c 0la0102k1 19 0la0102k1 19 0la0101k1 19 0la0102k1 19 0la0102k1 19 0la0101k1 19 0la0101k1 19 150-c02f 151-c02f 6170vmca13v 6631v25014h 6631v80008j 366-932b 387-a06h 387-a05h 366-932e 366-043k r 560pf 2kv 10%,-10% r/tp tp7.5 0.047uf d 100v 10% pe tp5 220uf std 50v 20% fl tp 5 2200uf kme type 16v 20% fl tp 5 2200pf 4kv m e fmtw lead 4.5 100uf std 10v 20% fl tp 5 sl 270pf 1kv 10%,-10% r/tp tp5 4.7uf std 250v 20% fl tp 5 0.1uf 630v 10% x7r 4532 r/tp 2kv b 122k tp7.5 4.7uf std 250v 20% fl tp 5 0.1uf 630v 10% x7r 4532 r/tp induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 4.0 x 10.5 induct or,axial lead 1uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 1uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 coil,chokechoke 560uh (e/w) coil,linearityjs-e016 24.0uh 25% 1uew induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 1uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 10uh 10% a 2.3 x 3.4 induct or,axial lead 1uh 10% a 2.3 x 3.4 induct or,axial lead 1uh 10% a 2.3 x 3.4 coil,choke82uh phy turn transformer,h-drive,ei-19,bulk transformer,smps[coil] eer4215 300uh 3p 2.5mm 800mm r-h ul1007 a wg26 4p 8.0mm 550mm h-h ul1007a wg18 il-g-03p lgc 2.5mm s/t stick 6p 2.5mm 450mm h-b ul1007a wg26 5p 2.5mm 450mm h-b ul1007a wg26 gil-g-06p lgc 6pin 2.54mm stick 35929-0410 molex 4pin 8.0-6.0mm for capacitor & resistors, the charactors at 2nd and 3rd digit in the p/no. means as follows; cc, cx, ck, cn : ceramic cq : polyestor ce : electrolytic rd : carbon film rs : metal oxide film rn : metal film rf : fusible coil & induct or connect or
- 25 - loca. no p ar t no description p601 p602 p603a p801a p801b p802a p802b p902 p903 f802 f804 f805 f806 fr402 fr403 fr404 fr405 j201 j21 1 j262 j263 r102 r109 r1 10 r1 1 1 r1 12 r1 13 r12 r124 r125 r1254 r1255 r126 r127 r13 r14 r15 r16 r17 r18 r19 r20 r202 r203 r204 r205 r207 r212 r213 r215 366-932b 366-932c 366-932d 366-009d 366-009d 366-009d 366-009d 387-603e 366-009d 0rp0050h709 0rp0050h709 0rp0020j809 0rp0020j809 0rp0050h709 0rp0050h709 0rp0050h709 0rp0050h709 0rd1000f609 0rd1000f609 0rd0102f609 0rd0102f609 0rd6801f609 0rd0562f609 0rd8200f609 0rd0682f609 0rd1501f609 0rd3000f609 0rd1000f609 0rd2202f609 0rd8200a609 0rd2200a609 0rd2200a609 0rd1000f609 0rd1000f609 0rd1301f609 0rd4701f609 0rd3300f609 0rd2200f609 0rd3000f609 0rd3300f609 0rd3900f609 0rd4300f609 0rd0752f609 0rd0752f609 0rd0752f609 0rd0752f609 0rd5602f609 0rd0752f609 0rd0752f609 0rd2402f609 il-g-03p lgc 2.5mm s/t stick il-g-04p lgc 2.5mm s/t stick gil-g-05p lgc 5pin 2.54mm stick 2.36p ai 1p . k/m aut o 2.36p ai 1p . k/m aut o 2.36p ai 1p . k/m aut o 2.36p ai 1p . k/m aut o 9p 2.5mm 430mm b-b ul1007a wg26 2.36p ai 1p . k/m aut o 0.05 ohm 1/2 w 10% t a52 0.05 ohm 1/2 w 10% t a52 0.02 ohm 1 w 20% t a52 0.02 ohm 1 w 20% t a52 0.05 ohm 1/2 w 10% t a52 0.05 ohm 1/2 w 10% t a52 0.05 ohm 1/2 w 10% t a52 0.05 ohm 1/2 w 10% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 10 ohm 1/6 w 5% t a52 10 ohm 1/6 w 5% t a52 6.8k ohm 1/6 w 5.00% t a52 56 ohm 1/6 w 5.00% t a52 820 ohm 1/6 w 5.00% t a52 68 ohm 1/6 w 5.00% t a52 1.5k ohm 1/6 w 5% t a52 300 ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 22k ohm 1/6 w 5% t a52 820 ohm 1/2 w(7.0) 5.00% t a52 220 ohm 1/2 w(7.0) 5.00% t a52 220 ohm 1/2 w(7.0) 5.00% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 1.3k ohm 1/6 w 5.00% t a52 4.7k ohm 1/6 w 5% t a52 330 ohm 1/6 w 5.00% t a52 220 ohm 1/6 w 5.00% t a52 300 ohm 1/6 w 5.00% t a52 330 ohm 1/6 w 5.00% t a52 390 ohm 1/6 w 5% t a52 430 ohm 1/6 w 5.00% t a52 75 ohm 1/6 w 5.00% t a52 75 ohm 1/6 w 5.00% t a52 75 ohm 1/6 w 5.00% t a52 75 ohm 1/6 w 5.00% t a52 56k ohm 1/6 w 5% t a52 75 ohm 1/6 w 5.00% t a52 75 ohm 1/6 w 5.00% t a52 24k ohm 1/6 w 5.00% t a52 loca. no p ar t no description r217 r218 r24 r25 r28 r29 r30 r301 r302 r302 r303 r304 r305 r306 r307 r308 r309 r31 r310 r312 r313 r314 r315 r316 r317 r318 r319 r32 r320 r321 r322 r323 r324 r325 r326 r328 r328 r33 r35 r37 r38 r401 r403 r404 r405 r408 r409 r410 r41 1 r412 r413 r414 0rd1000f609 0rd1000f609 0rd1000f609 0rd1000f609 0rd0682f609 0rd1000f609 0rd3301f609 0rd1501a609 0rn4302f409 0rn4702f409 0rd2400a609 0rd0561a609 0rd1002f609 0rd1002f609 0rd3601f609 0rn7502f409 0rd2001f609 0rd3301f609 0rn7502f409 0rd4701f609 0rd0201a609 0rd0201a609 0rs2700k619 0rd1000f609 0rd2702f609 0rn2001f409 0rn8202f409 0rd3301f609 0rd1001f609 0rd0561a609 0rd1501f609 0rd2702f609 0rd4700f609 0rd2701a609 0rd1501a609 0rn4302f409 0rn4702f409 0rd1000f609 0rd1000f609 0rd1000f609 0rd1002f609 0rd2701a609 0rd5600a609 0rd0332a609 0rs8200k607 0rs0221k619 0rd1801a609 0rmzvbk002d 0rs5102h609 0rd7501a609 0rs2202h609 0rs1001h609 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 68 ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 3.3k ohm 1/6 w 5.00% t a52 1.5k ohm 1/2 w(7.0) 5.00% t a52 43k ohm 1/6 w 1.00% t a52 47k ohm 1/6 w 1.00% t a52 240 ohm 1/2 w(7.0) 5.00% t a52 5.6 ohm 1/2 w(7.0) 5.00% t a52 10k ohm 1/6 w 5% t a52 10k ohm 1/6 w 5% t a52 3.6k ohm 1/6 w 5.00% t a52 75k ohm 1/6 w 1.00% t a52 2k ohm 1/6 w 5% t a52 3.3k ohm 1/6 w 5.00% t a52 75k ohm 1/6 w 1.00% t a52 4.7k ohm 1/6 w 5% t a52 2 ohm 1/2 w(7.0) 5.00% t a52 2 ohm 1/2 w(7.0) 5.00% t a52 270 ohm 2 w 5% tr 100 ohm 1/6 w 5% t a52 27k ohm 1/6 w 5.00% t a52 2k ohm 1/6 w 1.00% t a52 82k ohm 1/6 w 1.00% t a52 3.3k ohm 1/6 w 5.00% t a52 1k ohm 1/6 w 5% t a52 5.6 ohm 1/2 w(7.0) 5.00% t a52 1.5k ohm 1/6 w 5% t a52 27k ohm 1/6 w 5.00% t a52 470 ohm 1/6 w 0.05 t a52 2.7k ohm 1/2 w(7.0) 5.00% t a52 1.5k ohm 1/2 w(7.0) 5.00% t a52 43k ohm 1/6 w 1.00% t a52 47k ohm 1/6 w 1.00% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 10k ohm 1/6 w 5% t a52 2.7k ohm 1/2 w(7.0) 5.00% t a52 560 ohm 1/2 w(7.0) 0.05 t a52 33 ohm 1/2 w(7.0) 5.00% t a52 820 ohm 2 w 5.00% t a62 2.2 ohm 2 w 5% tr 1.8k ohm 1/2 w(7.0) 5.00% t a52 15k ohm 5w +/-5% rsr v -type 51k ohm 1/2 w 5.00% t a52 7.5k ohm 1/2 w(7.0) 5.00% t a52 22k ohm 1/2 w 5.00% t a52 1k ohm 1/2 w 5.00% t a52 for capacitor & resistors, the charactors at 2nd and 3rd digit in the p/no. means as follows; cc, cx, ck, cn : ceramic cq : polyestor ce : electrolytic rd : carbon film rs : metal oxide film rn : metal film rf : fusible resist or
- 26 - loca. no p ar t no description r415 r416 r417 r42 r421 r422 r430 r431 r432 r433 r434 r435 r436 r501 r502 r503 r504 r505 r506 r507 r508 r509 r510 r51 1 r512 r513 r514 r515 r516 r517 r518 r519 r520 r521 r522 r523 r524 r526 r527 r530 r532 r534 r535 r536 r539 r540 r542 r543 r545 r555 r557 r558 0rd1002f609 0rd6801f609 0rd8203f609 0rd4701f609 0rd3600f609 0rd1002f609 0rd4301f609 0rd1503f609 0rd4703f609 0rd1003a609 0rd1003a609 0rd1002f609 0rd1000f609 0rd3301f609 0rn6801f409 0rn6801f409 0rd6801f609 0rd1000f609 0rd2202f609 0rd3300f609 0rd1201f609 0rd3600f609 0rd3600f609 0rd3600f609 0rd0332f609 0rd0332f609 0rd0332f609 0rd1600f609 0rd1600f609 0rd1600f609 0rd0222f609 0rd2701f609 0rd1001f609 0rd3002f609 0rd0302f609 0rd1000f609 0rd1000f609 0rd1201f609 0rd2702f609 0rd5101f609 0rd1000f609 0rd1201f609 0rd2200f609 0rd1801f609 0rd1002f609 0rd4702f609 0rd8200f609 0rd9100f609 0rd1002f609 0rd6800f609 0rd3301f609 0rd3001f609 10k ohm 1/6 w 5% t a52 6.8k ohm 1/6 w 5.00% t a52 820k ohm 1/6 w 5.00% t a52 4.7k ohm 1/6 w 5% t a52 360 ohm 1/6 w 5.00% t a52 10k ohm 1/6 w 5% t a52 4.3k ohm 1/6 w 5.00% t a52 150k ohm 1/6 w 5% t a52 470k ohm 1/6 w 5.00% t a52 100k ohm 1/2 w(7.0) 5.00% t a52 100k ohm 1/2 w(7.0) 5.00% t a52 10k ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 3.3k ohm 1/6 w 5.00% t a52 6.8k ohm 1/6 w 1.00% t a52 6.8k ohm 1/6 w 1.00% t a52 6.8k ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 22k ohm 1/6 w 5% t a52 330 ohm 1/6 w 5.00% t a52 1.2k ohm 1/6 w 5% t a52 360 ohm 1/6 w 5.00% t a52 360 ohm 1/6 w 5.00% t a52 360 ohm 1/6 w 5.00% t a52 33 ohm 1/6 w 5.00% t a52 33 ohm 1/6 w 5.00% t a52 33 ohm 1/6 w 5.00% t a52 160 ohm 1/6 w 5.00% t a52 160 ohm 1/6 w 5.00% t a52 160 ohm 1/6 w 5.00% t a52 22 ohm 1/6 w 5.00% t a52 2.7k ohm 1/6 w 5% t a52 1k ohm 1/6 w 5% t a52 30k ohm 1/6 w 5.00% t a52 30 ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 1.2k ohm 1/6 w 5% t a52 27k ohm 1/6 w 5.00% t a52 5.1k ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 1.2k ohm 1/6 w 5% t a52 220 ohm 1/6 w 5.00% t a52 1.8k ohm 1/6 w 5.00% t a52 10k ohm 1/6 w 5% t a52 47k ohm 1/6 w 5% t a52 820 ohm 1/6 w 5.00% t a52 910 ohm 1/6 w 5.00% t a52 10k ohm 1/6 w 5% t a52 680 ohm 1/6 w 5% t a52 3.3k ohm 1/6 w 5.00% t a52 3k ohm 1/6 w 5.00% t a52 loca. no p ar t no description r563 r601 r602 r603 r604 r605 r606 r607 r608 r609 r610 r61 1 r612 r613 r614 r615 r616 r617 r618 r619 r620 r621 r624 r664 r803 r804 r805 r806 r807 r808 r809 r810 r814 r816 r817 r818 r819 r823 r825 r827 r828 r831 r838 r858 r903 r904 r905 r906 r907 r908 r909 r910 0rd0752f609 0rd0221a609 0rd0221a609 0rd0221a609 0rd0221a609 0rd1001f609 0rd4301f609 0rd1002f609 0rd1001f609 0rd1000f609 0rd1802f509 0rd1001f609 0rd4301f609 0rd0221f609 0rd1000f609 0rd1001f609 0rd2700f609 0rd6801f609 0rd6801f609 0rd6801f609 0rd1000f609 0rd6801f609 0rd6801f609 0rd6801f609 180-822n 0rs4702k619 0rs4702k607 180-a01n 0rd2200a609 0rd1501f609 0rd1001f609 0rd0182f609 0rk8204h609 0rd1001f609 0rd0302f609 0rkzvt a001k 0rf0470k619 0rd4701f609 0rd4701f609 0rd1001f609 0rd1501f609 0rd2201f609 0rd4701f609 0rd4701f609 0rd2200f609 0rd2200f609 0rd2200f609 0rd1000f609 0rd1000f609 0rd1000f609 0rczvt a002d 0rczvt a002d 75 ohm 1/6 w 5.00% t a52 2.2 ohm 1/2 w(7.0) 5.00% t a52 2.2 ohm 1/2 w(7.0) 5.00% t a52 2.2 ohm 1/2 w(7.0) 5.00% t a52 2.2 ohm 1/2 w(7.0) 5.00% t a52 1k ohm 1/6 w 5% t a52 4.3k ohm 1/6 w 5.00% t a52 10k ohm 1/6 w 5% t a52 1k ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 18k ohm 1/6 w 2.00% t a52 1k ohm 1/6 w 5% t a52 4.3k ohm 1/6 w 5.00% t a52 2.2 ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 1k ohm 1/6 w 5% t a52 270 ohm 1/6 w 5% t a52 6.8k ohm 1/6 w 5.00% t a52 6.8k ohm 1/6 w 5.00% t a52 6.8k ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 6.8k ohm 1/6 w 5.00% t a52 6.8k ohm 1/6 w 5.00% t a52 6.8k ohm 1/6 w 5.00% t a52 r wr 7w 1.0 ohm j pd 47k ohm 2 w 5% tr 47k ohm 2 w 5.00% t a62 0.18 ohm 2 w 5% t a62 pr w 220 ohm 1/2 w(7.0) 5.00% t a52 1.5k ohm 1/6 w 5% t a52 1k ohm 1/6 w 5% t a52 18 ohm 1/6 w 5.00% t a52 8.2m ohm 1/2 w 5.00% t a52 1k ohm 1/6 w 5% t a52 30 ohm 1/6 w 5.00% t a52 0.47m ohm 1/2 w 5% t a52 0.47 ohm 2 w 5% tr 4.7k ohm 1/6 w 5% t a52 4.7k ohm 1/6 w 5% t a52 1k ohm 1/6 w 5% t a52 1.5k ohm 1/6 w 5% t a52 2.2k ohm 1/6 w 5.00% t a52 4.7k ohm 1/6 w 5% t a52 4.7k ohm 1/6 w 5% t a52 220 ohm 1/6 w 5.00% t a52 220 ohm 1/6 w 5.00% t a52 220 ohm 1/6 w 5.00% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 100 ohm 1/6 w 5% t a52 1/2 w 1.5k,10%,plikor(high surge) 1/2 w 1.5k,10%,plikor(high surge) for capacitor & resistors, the charactors at 2nd and 3rd digit in the p/no. means as follows; cc, cx, ck, cn : ceramic cq : polyestor ce : electrolytic rd : carbon film rs : metal oxide film rn : metal film rf : fusible
- 27 - loca. no p ar t no description r91 1 r912 r914 sw1 1 sw12 sw13 sw14 sw15 sw16 sw801 fb801 fb802 fb803 fb825 l1255 t802 x1 1 z101 pj1202 pj1203 jk202 a1 a2 f801 ic1 1 p a01 sk901 t402 th801 tu101 vd801 0rczvt a002d 0rd2204a609 0rd0102f609 140-315a 140-315a 140-315a 140-315a 140-315a 140-315a 6600vm2002a 125-022k 125-022k 125-022k 125-022k 125-123a 150-f06w 6202vdb007b 6200ql3001z 6613v00004b 380-068b 6612m00005a 38289u0571m 6710v00124e 0fs4001b53c 6927v2093aj 6712sca226b 6620vbc003a 6174v -5003l 163-051f 6700vs0002h 164-003g 1/2 w 1.5k,10%,plikor(high surge) 2.2m ohm 1/2 w(7.0) 5.00% t a52 10 ohm 1/6 w 5% t a52 skhv17910b 12v 0.05a horizont al 160g skhv17910b 12v 0.05a horizont al 160g skhv17910b 12v 0.05a horizont al 160g skhv17910b 12v 0.05a horizont al 160g skhv17910b 12v 0.05a horizont al 160g skhv17910b 12v 0.05a horizont al 160g sdkea3 alps iec 250v 8a horizont al 480g ferrite axial 62mm 1uh ny 3.5x6.0mm ferrite axial 62mm 1uh ny 3.5x6.0mm ferrite axial 62mm 1uh ny 3.5x6.0mm ferrite axial 62mm 1uh ny 3.5x6.0mm ferrite bfd3565r2f(t aping) sqe2930 36mh 0.5phy 105turn . resona t or,cr yst al hc49u 20.250mhz b39361-x6966-d100 epcos st jack assembl y , 3p jack,phone earphone with sw stereo 3.5 jack,scar t upj-r1-027 ugcom ch1 manual, pl/spec pl 124d/e tx 017b remote controller, mc049b txt 35key fuse, 4000ma 250 v 5.2x20 soft w are, 3.15v 5925 f1 480i remote controller receiver,ksm-913lg1t socket (circ),cpt pcs030a 8pin 14/360 fbt , bsc28-n2334 29 yingy ang thermist or,ptc j503p84d140m290q tuner, t aew -g003d lgit mul ti v arist or, tvr621d14a thinking 620v loca. no p ar t no description accessories miscellaneous jack for capacitor & resistors, the charactors at 2nd and 3rd digit in the p/no. means as follows; cc, cx, ck, cn : ceramic cq : polyestor ce : electrolytic rd : carbon film rs : metal oxide film rn : metal film rf : fusible switch fil ter & cr yst al
p/no: 3854va0204a - s1 2004.12.15
sv c. sheet : 3854v a0204a-s
dec., 2005 printed in korea p/no : 3828vd0219e


▲Up To Search▲   

 
Price & Availability of 21FS2RLX-ZC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X