Part Number Hot Search : 
MBR10005 DDZ10CS PC1006 GP1L53V C4514 FX469J 6LA35PI FN4814
Product Description
Full Text Search
 

To Download ZPS-150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  condor d.c. power supplies, inc., a subsidiary of sl industries, inc. 805-486-4565 ?(800) 235-5929 fax: (805) 487-8911 http://www.condorpower.com model pwr pfc output #1 output #2 output #3 output #4 4.75v to 5.25v 11.5v to 25.2v 9.5v to 15.8v 4.75v to 12.6v ZPS-150a 150 no @ @ @ @ 2a to 20a 0 . 3a to 3a/4.5a pk 0 .3a to 4a/5a pk 0.2a to 2a 4.75v to 5.25v 11.5v to 25.2v 9.5v to 15.8v 4.75v to 12.6v zps-200a 200 no @ @ @ @ 3a to 30a 0 .4a to 4a/6a pk 0. 4a to 5a/6a pk 0.2a to 2a zps-300a no 4.75v to 5.25v 11.5v to 25.2v 4.75v to 15.8v 4.75v to 15.8v 300 @ @ @ @ zps-300ap yes 4.5a to 45a 0 .6a to 6a/9a pk 0.8a to 8a/12a pk 0.4a to 4a/6a pk zps-400a no 4.75v to 5.25v 11.5v to 25.2v 4.75v to 15.8v 4.75v to 15.8v 400 @ @ @ @ zps-400ap yes 5.5a to 55a 0 .7a to 7a/10.5a pk 1a to 10 a/15a pk 0 .6a to 6a/9a pk 150, 200 watts 300, 400 watts (pfc available) wide range adjustable multiple outputs standard zps series flexibility is the key word for these models. since all four outputs are independently isolated and regulated, they can be connected as required to meet the needs of the system. outputs can be connected in either polarity or stacked to obtain greater voltages. an outstanding feature of these models is the wide range adjustability of the auxiliary outputs (up to 3.3:1). the user can adjust the auxiliary out- puts to meet almost any combination of voltage requirements from 4.75 v to 25.2 v. most of the models provide a wide input range for operation anywhere in the world. two of the models feature power factor corrected inputs to meet the international standards for input current harmonics. all models are fully approved to international safety and emi standards (including the ce low voltage directive), simplifying approvals at the system level. all models feature highly reliable designs to ensure years of trouble free operation. ZPS-150 zps-200 zps-300 zps-400 featuring: models rated at 150 w, 200 w, 300 w and 400 w continuous power (180 w, 240 w, 360 w and 480 w peak power respectively) an auto-ranging input (ZPS-150 a, 200 a) or jumper selectable input (zps-300 a, 400 a) or power factor corrected, wide range input (zps- 300 ap, 400 ap) for 115 v or 230 v, 47-65hz, single phase ac typical power factor of 0.99 (zps- 300 ap, 400 ap) four independently isolated and regulated outputs wide range of adjustability on auxiliary outputs (up to 3.3:1) up to 50% greater peak currents on auxiliary outputs low ripple and noise on all outputs typical 70%-75% efficiency meets international safety requirements meets international class b emi requirements (except for zps- 300 ap which meets class a) dc power good signal remote start (enable) and remote sense features optional cover available medically approved version available
condor d.c. power supplies, inc., a subsidiary of sl industries, inc. 805-486-4565 ?(800) 235-5929 fax: (805) 487-8911 http://www.condorpower.com ZPS-150a & zps-200a j1-1 enable j1-2 output #1 rtn zps-300a/ap & zps-400a/ap j3-1 enable j3-2 output #1 rtn ZPS-150a & zps-200a j1-4 dc power good j1-3 output #1 rtn zps-300a/ap & zps-400a/ap j3-4 dc power good j3-3 output #1 rtn ZPS-150a & zps200a j2-2 output #1 sense+ j2-1 output #1 sense- zps-300a/ap & zps-400a/ap tb2-1 output #1 sense+ tb2-2 output #1 sense- ac input (90-264 vac continuous range except zps-300a, 400a which require input jumpers to be set for 115v or 230v) function ZPS-150a & zps-200a zps-300a, 300ap connector zps-400a, 400ap 115v 230v 115v 230v specifications: all models input ac input: auto-ranging (ZPS-150a & 200a) or jumper selectable (zps-300 a & 400 a) or power factor corrected wide range (zps-300ap & 400ap)- input for 115 v or 230 vac, 47-65hz internally fused with appropriate fuses (6a-10a) power factor: typical 0.99 for zps-300ap & 400ap. meets en 61000-3-2. inrush: cold start ac current is less than 70 a peak for one half cycle of applied power at 230 vac, limited by a thermistor. brownout protection: holds regulation to 85 vac. hold-up time: 20 ms @ after removal of power at nominal line and full load. efficiency: 70%-75% typical output adjustability: output #1 is adjustable ?%. wide range on auxiliary outputs up to 3.3:1 (see table). line load cross regulation: 0.6% on all outputs, over ac input range and loads within the ranges specified in the table. ripple & noise: less than 1% p-p on all outputs. remote sense compensates for 250 mv total line drop. open sense lead protection. temperature coefficient: 0.03% per degree c. stability: 0.1% over 8 hours after 30 minutes warm up. transient response: output voltage returns to within 1% in less than 500 ?ec for a 25% load change. peak transient does not exceed 3%. overload protection: all outputs protected against short circuit. input cycling off/on is required to reset latched-off protection mode. overvoltage protection (output #1): protects against power supply induced overvoltage. trip point is factory set so that the output does not exceed 6.4 v. peak output current: peak current should be limited to a maximum of 15 seconds. enable: ttl level ??or contact closure to the ve-sense line inhibits dc outputs. dc power good: provides a ttl level ??when output #1 is above 4.6 v nominal. environmental thermal protection: automatic shutdown if power supply temperature exceeds 90 c. temperature range: 0 c to 40 c at full ratings. output power linearly derated by 1.7% per deg. c over 50 c to 70 c. safety agencies: ul 1950, csa c 22.2 234 level 5, vde 0805 /en 60950, ce marking to low voltage directive. conducted emi: all models except zps-300ap, meet fcc part 15 subpart j, class b, vde 0871/b, en 55022/b. zps-300ap meets class a. output isolation: isolated from ground at 50 vdc. cooling: 5 cfm ZPS-150, 15 cfm zps-200, 25 cfm zps-300 & 300ap, 30 cfm zps-400, 35 cfm zps-400ap. forced air required to achieve full ratings. options: option ?? available with an enclosed cover option ?? intended for medical applications approved to ul 544, iec 601/vde 0750 safety and mds-201-0004 emi. leakage current is less than 500 ?. option ?p? for 300 watt and 400 watt power supplies, power factor corrected. consult factory for other available options. function model location notes connector output #1 ZPS-150a & zps-200a tb2-1 4.75v-5.25v tb-22 rtn (isolated) zps-300a/ap & 400a/ap tb4-1 4.75v-5.25v tb4-2 rtn (isolated) output #2 ZPS-150a & zps-200a tb3-1 11.5v-25.2v tb3-2 rtn (isolated) zps-300a/ap & 400a/ap tb2-3 11.5v-25.2v tb2-4 rtn (isolated) output #3 ZPS-150a & zps-200a tb3-3 9.5v-15.8v tb3-4 rtn (isolated) zps-300a/ap & 400a/ap tb2-5 4.75v-15.8v tb2-6 rtn (isolated) output #4 ZPS-150a & zps-200a tb3-5 4.75v-12.6v tb3-6 rtn (isolated)) zps-300a /ap & 400a/ap tb2-7 4.75v-15.8v tb2-8 rtn (isolated) dc output barrier strip #6-32 screws 0.375? centers function model location notes connector status and control enable dc power good remote sense dimensions: inches millimeters tb1-(1) tb1-(2) tb1-(3) bus bars #8-32 screws barrier strip #6-32 screws .375?centers neutral line 2 line line 1 line line 1 neutral line 2 safety ground safety ground molex part # 22-23-2041 mates with molex part # 22-01-3047 molex part # 22-23-2021mates with 22-01-3027 barrier strip # 6-32 screws .375?centers ZPS-150a, 200a 4.0 lbs - 1.8 kgs zps-250a, 250ap, 300a, 300ap 5.0 lbs - 2.3 kgs zps-400a, 400ap 7.0 lbs - 3.2 kgs 150, 200 watts 300, 400 watts (pfc available) 11? 5? 2.5 13? 6? 2.5 ZPS-150a, 200a, 250a, 300a zps-400a


▲Up To Search▲   

 
Price & Availability of ZPS-150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X