Part Number Hot Search : 
E000473 FSGM300 CMQ04 1N473 GVXO46 FSF05A20 AD73460 OP284
Product Description
Full Text Search
 

To Download SUT390EF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5u005-000 1 description ? complex type bipolar transistor feature ? small package save pcb area ? reduce quantity of parts and mounting cost ? two sbt3904 chips in sot-563f package ordering information type no. marking package code SUT390EF rx sot-563f outline dimensions unit : mm SUT390EF epitaxial planar npn silicon transistor s s e e m m i i c c o o n n d d u u c c t t o o r r pin connections 1. emitter 1 2. base 1 3. collector 2 4. emitter 2 5. base 2 6. collector 1 tr2 1 2 3 6 5 4 tr1 ? equivalent circuit 1.50~1.70 1.00 typ. 1.10~1.30 1.50~1.70 1.00 typ. 0.30 max. 0.53~0.62 0.10 max. 0.18 max. 1 2 3 6 5 4 ?
ksd-t5u005-000 2 < absolute maximum ratings [tr1, tr2] (ta=25 c) characteristic symbol rating unit collector-base voltage v cbo 60 v collector-emitter voltage v ceo 40 v emitter-base voltage v ebo 6 v collector current i c 200 ma collector power dissipation p c 150 mw junction temperature t j 150 c storage temperature range t stg -55~150 c : total rating electrical characteristics [tr1, tr2] (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =10 a, i e =0 60 - - v collector-emitter breakdown voltage bv ceo i c =1ma, i b =0 40 - - v emitter-base breakdown voltage bv ebo i e =10 a, i c =0 6 - - v collector cut-off current i cex v ce =30v, v eb =3v - - 50 na dc current gain h fe v ce =1v, i c =10ma 100 - 300 - collector-emitter saturation voltage v ce(sat) i c =50ma, i b =5ma - - 0.3 v transition frequency f t v ce =20v, i c =10ma, f=100mhz 300 - - mhz collector output capacitance c ob v cb =5v, i e =0, f=1mhz - - 4 pf delay time t d - - 35 ns rise time t r - - 35 ns storage time t stg - - 200 ns fall time t f vcc=10v, ic=10ma ib1=-ib2=1ma - - 50 ns switching time test circuit. SUT390EF
ksd-t5u005-000 3 SUT390EF electrical characteristic curves [tr1, tr2] fig. 1 i c - v be fi g . 3 h fe - i c fig. 4 v ce(sat) - i c fig. 2 i c -v ce ? the auk corp. products are intended for the use as components in general electronic equipment (office and communication equipment, measuri ng equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to the welfare of human life(atomic energy control, airplane, spaceship, transportation, combustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equipments without prior consultation with auk corp.. specifications mentioned in this publicat ion are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SUT390EF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X