Part Number Hot Search : 
2SD1164K Q1V822HJ E220A N87C196K CLL131 PDSP16 C74HC2 BSN20
Product Description
Full Text Search
 

To Download STA513A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  203 characteristic curves STA513A (t a =25 c) symbol ratings unit v dss 250 v v gss 20 v i d 3.5 a i d( pulse ) 7 (pw 1ms, duty 1%) a v rsd 250 v i fsd 7 (pw 10ms) a e as *25mj i as 3.5 a 3.5 ( ta=25 c, with all circuits operating, without heatsink )w 15 ( tc=25 c, with all circuits operating, with infinite heatsink )w j-a 35.7 ( junction-air, ta=25 c, with all circuits operating ) c/w j-c 8.33 ( junction-case, tc=25 c, with all circuits operating ) c/w tch 150 c tstg C40 to +150 c * : v dd =25v, l=C4mh, i d =3a, unclamped, r g =50 ? , see fig. e on page 15. (t a =25 c) symbol unit conditions v (br)dss 250 v i d =100 a, v gs =0v i gss 100 na v gs = 20v i dss 100 av ds =250v, v gs =0v v th 2.0 4.0 v v ds =10v, i d =1ma re ( yfs ) 1.6 2.5 s v ds =10v, i d =1.5a r ds(on) 650 900 m ? v gs =10v, i d =1.5a ciss 175 250 325 pf v ds =10v, coss 110 160 210 pf f=1.0mhz, crss 40 60 80 pf v gs =0v td ( on ) 12 18 24 ns i d =1.5a, t r 21 30 40 ns v dd 100v, td ( off ) 56 80 104 ns r l =66.7 ? , t f 38 55 72 ns v gs =10v, r gs =50 ? , see fig. 3 on page 16. v sd 1.0 1.5 v i sd =3a, v gs =0v t rr 50 75 150 ns i sd =3.5a, v gs =0v di/dt=100a/ s specification min typ max n-channel general purpose/3-phase motor drive external dimensions c ??? sta (10-pin)  equivalent circuit diagram absolute maximum ratings electrical characteristics p t 3 2 1 10 5 4 7 6 nc: 8, 9 pin 0 0.5 1.0 1.5 2.0 2.5 3.0 i d (a) 0 5 10 15 20 v ds (v) 3.5 5.5v 10v 5v 4.5v v gs =4v i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) re (yfs) -i d characteristics (typical) r ds(on) -t c characteristics (typical) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) safe operating area (soa) p t -t a characteristics 0 0.5 1.0 1.5 2.0 2.5 3.0 i d (a) (v ds =10v) 02468 v gs (v) 3.5 t c =C40 c 125 c 25 c 0 0.5 r ds (on) ( ? ) 0 0.5 2.0 1.5 1.0 2.5 3.0 3.5 i d (a) 1.0 v gs =10v 0.2 1 0.5 r e (yfs) (s) (v ds =10v) 0.05 0.5 0.1 1 3.5 i d (a) 5 t c =C40 c 25 c 125 c 0 0.5 1.0 1.5 2.0 r ds (on) ( ? ) C40 0 50 100 150 t c ( c) i d =1.5v v gs =10v 5 10 50 100 500 1000 capacitance (pf) 0 10 20 30 40 50 v ds (v) crss coss ciss v gs =0v f=1mhz 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 i dr (a) 0 0.5 1.0 1.5 v sd (v) (v gs =0v) 0.05 0.1 0.5 1 5 10 i d (a) 3 5 10 50 100 500 v ds (v) 100 s 1ms r d s (o n ) l im it e d id (pulse) max 10ms (1shot) single pulse without heatsink t a =25 c C40 0 p t (w) 2 4 6 8 10 12 14 16 0 50 100 150 t a ( c) 50 50 2 25 50 2 with silicone grease natural cooling heatsink: aluminum with infinite heatsink without heatsink


▲Up To Search▲   

 
Price & Availability of STA513A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X