Part Number Hot Search : 
ISL98608 STV0684 N82586 SA220 1N5244 1H223 Z0109M D54ACT
Product Description
Full Text Search
 

To Download SPD16A1002BQLF13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bi technologies corporation 4200 bonita place fullerton, ca 92835 usa website: www.bitechnologies.com august 25, 2006 page 1 of 3 bi technologies s series s series s series s series thin film resistor network isolated and bussed circuits rohs compliant available features features features features precision nichrome resistors on silicon industry standard packaging jedec 95 ratio tolerances < 0.05% tcr tracking tolerances < 5 ppm/c schematics schematics schematics schematics electrical electrical electrical electrical 1 11 1 standard resistance range, ohms 2 1k to 100k (isolated) 1k to 30k (bussed) resistor tolerances 0.1% ratio tolerances 0.05% tcr reference tcr table operating temperature range -55 c to +125 c interlead capacitance <2pf insulation resistance 10,000 megohms maximum operating voltage 100vdc or pr noise, maximum (mil-std-202, method 308) -25db resistor power rating at 70c 0.1 watts 1 specifications subject to change without notice. 2 e24 codes available.
nichrome on silicon bi technologies corporation 4200 bonita place fullerton, ca 92835 usa website: www.bitechnologies.com august 25, 2006 page 2 of 3 bi technologies package power, watts package power, watts package power, watts package power, watts @ 70c @ 70c @ 70c @ 70c 3 33 3 qsop soic (narrow) soic (wide) p-dip 16 20 24 8 14 16 16 20 24 8 14 16 0.75 1.0 1.0 0.4 0.7 0.8 1.0 1.2 1.2 0.4 0.6 0.8 power dera power dera power dera power derating curve ting curve ting curve ting curve environmental (mil environmental (mil environmental (mil environmental (mil- -- -r rr r- -- -83401) 83401) 83401) 83401) thermal shock plus power conditioning ? r 0.1% short time overload ? r 0.1% terminal strength ? r 0.1% moisture resistance ? r 0.1% mechanical shock ? r 0.1% vibration ? r 0.1% low temperature operation ? r 0.05% high temperature exposure ? r 0.1% resistance to solder heat ? r 0.1% marking permanency per mil-std-202, method 215 flammability ul-94v-0 rated storage temperature range -55 c to +125 c mechanical mechanical mechanical mechanical lead plating 80/20 tin lead (standard) 100 matt tin (rohs) lead material copper alloy lead configuration gull wing lead coplanarity 0.004? (0.102 mm) substrate material silicon resistor material passivated nichrome body material molded epoxy 3 power per resistor @ 70c, maximum is 100 mw, no t to exceed package power
nichrome on silicon bi technologies corporation 4200 bonita place fullerton, ca 92835 usa website: www.bitechnologies.com august 25, 2006 page 3 of 3 bi technologies ordering information ordering information ordering information ordering information 4 44 4 package type package type package type package type package codes lead count mechanical outline 5 qsop qs 16,20, 24 mo-137 soic narrow body sn 8, 14, 16 ms-012 soic wide body sw 16 ms-013 p-dip pd 8, 14, 16 ms-001 resistance resistance resistance resistance 6 66 6 first 3 digits are significant. fourth digit denot es number of trailing zeros. for values less than 100, use ?r? to denote a decimal point. example, 51 and 10000 ohms is coded as 51r0 and 1002 respectively. resistance toleran resistance toleran resistance toleran resistance tolerance cece ce 5 55 5 accuracy code at 25c a b d f g j absolute resistance tolerances (%) 0.1 0.1 0.5 1.0 2.0 5.0 ratio tolerances (r1 ref) (%) 0.05 0.1 0.1 1.0 n/a n/a temperature coeffici temperature coeffici temperature coeffici temperature coefficient of resistance (t ent of resistance (t ent of resistance (t ent of resistance (tcr) cr) cr) cr) 7 77 7 tcr code (-55c to 125c) q p s l absolute (ppm/c) 25 50 100 200 tracking (r1 ref) (ppm/c) 5 5 n/a n/a 4 contact customer service for custom designs and features. 5 jedec (publication 95) reference only. 6 consult factory for custom resistance values. 7 consult factory for custom tolerance values. s qs 16 a xxxx f s lf 13 model series: s = passivated nichrome on silicon package type: lead count: circuit type: a=isolated b=bussed resistance code packaging option: 7=7? tape & reel 13 = 13" tape & reel (no code used for tubes) lead finish: no code=snpb lf=lead free tcr code tolerance code


▲Up To Search▲   

 
Price & Availability of SPD16A1002BQLF13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X