Part Number Hot Search : 
6M42VTA 15N12 AN3254 3SMC110A 25005 NJW4154 AD7824 E220A
Product Description
Full Text Search
 

To Download PF480D25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pf series ? sip ssr ? ratings to 25a (forced air) @ 480 vac ? scr output for heavy industrial loads ? ac or dc control ? zero-crossing (resistive loads) or random-fire (inductive loads) output product selection control voltage 25a 25a 25a 3-15 vdc pf240d25 4-15 vdc pf380d25 pfe480d25 15-32 vdc pfe240d25 pfe380d25 PF480D25 18-36 vac pfe240a25 90-140 vac pf240a25 available options output specifications (1) description operating voltage (47-63hz) [vrms] 12-280 48-530 48-660 transient overvoltage [vpk] 600 1200 1200 maximum off-state leakage current @ rated voltage [marms] 0.1 0.1 0.1 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 maximum load current [arms](3) forced air 25 convection air 10 forced air 25 convection air 10 forced air 25 convection air 10 minimum load current [arms] 0.06 0.06 0.06 maximum surge current (16.6ms) [apk] 250 250 250 maximum on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 maximum i2t for fusing (8.3 msec) [a2 sec] 260 260 260 minimum power factor (with maximum load) 0.5 0.5 0.5 for contact information visit our web site. www.crydom.com ?2008 crydom, inc. specifications subject to change without notice.
input specifications (1) description pf240d25 pf380d/480d pfexxxd25 pf240a25 pfe240a25 control voltage range 3-15 vdc 4-15 vdc 15-32 vdc 90-140 vac 18-36 vac maximum turn on voltage 3.0 vdc 4.0 vdc 15.0 vdc 90.0 vrms 18.0 vrms minimum turn-off voltage 1.0 vdc 1.0 vdc 1.0 vdc 10.0 vrms 2.0 vrms typical input current @ nominal voltage 15 madc 15 madc 15 madc 10 madc 10 madc nominal input impedance 300 ohm 240 ohm 1500 ohm 14.1 k ohm 2.1 k ohm maximum turn-on time [msec] (4) 1/2 cycle 1/2 cycle 1/2 cycle 10 10 maximum turn-off time [msec] 1/2 cycle 1/2 cycle 1/2 cycle 40 40 general specifications description parameters dielectric strength, input/output/base (50/60hz) 4000 vrms minimum insulation resistance (@ 500 vdc) 10 9 ohm maximum capacitance, input/output 8 pf ambient operating temperature range -30 to 80 ? c ambient storage temperature range -30 to 125 ? c weight (typical) 0.85 oz. (25g) encapsulation thermally conductive epoxy general notes 1) all p ara me ters at 25 c unless oth erwi se spe cified . 2) off-state dv/dt test method per eia/narm standard rs-443,13.11.1 3) heatsink temperature 85 ?c maximum. 4) tu rn -on time fo r ra ndom tur n-on ve rsio ns 0.1 m sec (dc co ntrol models) mechanical specifications dc control. pin 1: ac load pin 2: ac load pin 3: +dc control pin 4: -dc control ac cont rol. pin 1: ac load pin 2: ac load pin 3: ac control pin 4: ac control ul e116950 csa lr 70938(dc control only) r ev. 06 16 08 thermal derate information for contact information visit our web site. www.crydom.com ?2008 crydom, inc. specifications subject to change without notice.
agency approvals u l e116950 c sa lr 70938(dc control only) rev. 0061608 for contact information visit our web site. www.crydom.com ?2008 crydom, inc. specifications subject to change without notice.
annex - enviromental information for contact information visit our web site. www.crydom.com ?2008 crydom, inc. specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PF480D25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X