Part Number Hot Search : 
AOT11N70 2SK31 S6003L CDSS355 M13252DH STRLP 70EPF04 STRLP
Product Description
Full Text Search
 

To Download PF480D25 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a c c on t r o l (120vac) p f 240a25 model numbers (24vac) p f e 240a25 d c c on t r o l (5vdc) p f 240d25 p f 380d25 p f 480d25 (24vdc) p f e 240d25 p f e 380d25 p f e 480d25 ou t p u t spe c i f i c a t ion s ? operating voltage (47-63 hz) [vrms] 12-280 48-530 48-660 load current range [arms] forced air.06-25 ? convection air .06-10 transient overvoltage [vpk] 600 1200 1200 max. surge current, (16.6ms) [apk] 250 250 250 max. on-state voltage drop @ rated current [vpk] 1.6 1.6 1.6 maximum i 2 t for fusing, (8.3 msec.) [a 2 sec] 260 260 260 max. off-state leakage current @ rated voltage [marms] 0.1 0.1 0.1 min. off-state dv/dt @ max. rated voltage [v/?ec] ? 500 500 500 max. turn-on time ? 1/2 cycle (dc control), 10.0 msec (ac control) max. turn-off time 1/2 cycle (dc control), 40.0 msec (ac control) power factor (min.) with max. load 0.5 0.5 0.5 in p u t spe c i f i c a t ion s ? d c c on t r o l a c c on t r o l nominal voltage 5vdc 5vdc 24vdc 120vac 24vac p f e 240d25 model numbers p f 380d25 p f e 380d25 p f 240d25 p f 480d25 p f e 480d25 p f 240a25 p f e 240a25 control voltage range 3-15 vdc 4-15 vdc 15-32 vdc 90-140 vrms 18-36 vrms max. turn-on voltage 3.0 vdc 4.0 vdc 15.0 vdc 90.0 vrms 18.0 vrms min. turn-off voltage 1.0 vdc 1.0 vdc 1.0 vdc 10.0 vrms 2.0 vrms nominal input impedance 300 ohm 240 ohm 1500 ohm 14.1k ohm 4.2k ohm typical input current @ nominal voltage 15 madc 15 madc 15 madc 10 marms 5 marms g e n e r a l no t es ? all parameters at 25?c unless otherwise specified. ? off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 ? heatsink temperature 85 c maximum. ? turn-on time for random turn-on versions 0.1msec (dc control models). u ltra h igh s teady s tate c urrent r ating  l ow l eakage (o ff - s tate )  s cr o utput  a c or d c c ontrol  c rydom ' s p atented d e s ign fastfax document no. 115 series pf rev. 041902 page 1 of 2 s erie s p f , p ow er f in t m up to 25amp 120/240, 380, 480 vac ac output crydom's powerfin tm series delivers the highest ratings of any single in-line pack- age (sip). the integral heat sink design can operate at 25 amps rms in forced air at 85? c case temp. with natural convec- tion in free air , it rates 10 amps rms at 25 ? c ambient. built-in advantages include surface mount technology and scr output. manufactured in crydom's iso 9001 certified facility for optimum product performance and reliability. ? 2002 crydom corp, specifications subject to change without notice. for recommended applications and more information contact: usa: sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 crydom corp, 2320 paseo de las americas, ste. 201, san diego, ca 92154 email : sales@crydom.com web site: http://www.crydom.com uk: +44 (0)1202 365070  fax +44 (0)1202 365090 crydom international ltd., 7 cobham road, ferndown industrial estate, ferndown, dorset bh21 7pe, email : intsales@crydom.com. germany: +49 (0)180 3000 506
0 102030405060 70 80 ambient temperature (?c ) 0 2 4 6 8 10 load current (amps) 0 5 10 15 20 25 load current (amps) 0 20406080100120 140 heatsink temperature ( ? c ) g e n e r a l spe c i f i c a t ion s dielectric strength 50/60hz input/output 4000 vrms insulation resistance (min.) @ 500 vdc 10 9 ohm max. capacitance input/output 8 pf ambient operating temperature range -30 to 80 ? c ambient storage temperature range -30 to 125 ? c m e c hani c a l spe c i f i c a t ion s weight: (typical) .85 oz. (25g) encapsulation: thermally conductive epoxy all dimensions are in inches (millimeters) a pp r ova l s ul e116950 vde 70938 (dc control only) 1.35 max. (34.3 ) .700 (17.8) .900 (22.8 ) 1.70 (43.1 ) 1.100 (27.9) .200 (5.1 ) .050 (1.3) .040 (1.0) dia. 4 place s .300 (7.6) typ. .72 (18.3) typ . 1.6 typ. (38.1 ) 43 2 1 fastfax document no. 115 series pf rev. 041902 page 2 of 2 f ig .1 c onve c tion c ooling f ig .2 f or c ed a ir c ooling c u rr e n t d e r a t in g c u r v es s erie s p f , p ow er f in t m up to 25amp 120/240, 380, 480 vac ac output avai l a b l e o p t ion s r random turn-on (ac & dc control, 240v only) phase controllable (dc control, 240v only) example: p f 240a25 r , p f e 240d25 r ?2002 crydom corp, specifications subject to change without notice. dc control pin 1: ac load pin 2: ac load pin 3: +dc control pin 4: -dc control ac control pin 1: ac load pin 2: ac load pin 3: ac control pin 4: ac control for recommended applications and more information contact: usa: sales support (877) 502-5500 tech support (877) 702-7700 fax (619) 710-8540 crydom corp, 2320 paseo de las americas, ste. 201, san diego, ca 92154 email : sales@crydom.com web site: http://www.crydom.com uk: +44 (0)1202 365070  fax +44 (0)1202 365090 crydom international ltd., 7 cobham road, ferndown industrial estate, ferndown, dorset bh21 7pe, email : intsales@crydom.com. germany: +49 (0)180 3000 506


▲Up To Search▲   

 
Price & Availability of PF480D25

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X