Part Number Hot Search : 
EUM6804 AC2626L6 035PT X1637 D27512 SF08S60F TK15125 035PT
Product Description
Full Text Search
 

To Download MBR20120CT08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mbr20120ct 20 amp high voltage features mcc catalog number maximum re current peak reverse voltage maximum rms voltage maximum dc blocking voltage mbr 20120 ct 120 v 84v 120 v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 20 a t c =1 20 c peak forward surge current i fsm 150a 8.3ms, half maximum instantaneous forward voltage v f .8 3 v                     mcc i fm =10a t j =25 c pin 1 pin 3 pin 2 case 120volts maximum ratings ? operating j unction temperature : 15 0 c ? storage temperature: - 5 0 c to +150 c ? per d iode thermal resistance 2.2c/w junction to case  
 omponents 20736 marilla street chatsworth       
     barrier rectifier power schottky revision: 7 2008/01/01 tm micro commercial components www. mccsemi .com 1 of 3 g r b q h u l d c j k a f s t 1 3 2 n v to-220ab min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- dimensions inches mm dim min max ? high junction temperature capability ? low leakage current ? marking: type number ? case material: molded plastic. ul flammability classificationrating94v-0 and msl rating 1 ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) maximum reverse current at rated dc blocking i r 500ua t j =25 c t j =125c 25ma sine wave notes:1.high temperature solder exemption applied, see eu directive annex 7.
mbr201 2 0ct instantaneous reverse leakage current - microamperes versus ereeeeversees vererreeurreeres versus se eerure ure rrerurve eseve essveruve s ure eversererss s s ure errureurre errureurreeres versus uereses s es evs rr rerss us ue ure reres se
mcc revision: 7 2008/01/01 tm micro commercial components www. mccsemi .com 3 of 3 products are represented on our website, harmless against all damages. ***applications disclaimer*** ***important notice*** aerospace or military applications. products offer by micro commercial components corp . are not intended for use in medical, micro commercial components corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose ordering information device packing (part number)-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of MBR20120CT08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X