Part Number Hot Search : 
X2230 D1005 0805H AT75C320 CBBJ79TL 1N626 2SK2011 DTA123J
Product Description
Full Text Search
 

To Download IXFA180N10T2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2010 ixys corporation, all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 100 v v dgr t j = 25 c to 175 c, r gs = 1m 100 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c (chip capability) 180 a i lrms lead current limit, rms 120 a i dm t c = 25 c, pulse width limited by t jm 450 a i a t c = 25 c90 a e as t c = 25 c 750 mj dv/dt i s i dm , v dd v dss , t j 175c 15 v/ns p d t c = 25 c 480 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6mm (0.062in.) from case for 10s 300 c t sold plastic body for 10 seconds 260 c m d mounting torque (to-220) 1.13 / 10 nm/lb.in. weight to-263 2.5 g to-220 3.0 g trencht2 tm hiperfet tm power mosfet n-channel enhancement mode avalanche rated fast intrinsic rectifier ixfa180 n10t2 ixfp180 n10t2 v dss = 100v i d25 = 180a r ds(on) 6m ds100266a(09/10) g = gate d = drain s = source tab = drain to-263 aa (ixfa) g d s to-220ab (ixfp) d (tab) g s d (tab) symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 250 a 100 v v gs(th) v ds = v gs , i d = 250 a 2.0 4.0 v i gss v gs = 20v, v ds = 0v 100 na i dss v ds = v dss , v gs = 0v 10 a t j = 150 c 750 a r ds(on) v gs = 10v, i d = 50a, notes 1, 2 6 m features z international standard packages z avalanche rated z 175c operating temperature z high current handling capability z fast intrinsic rectifier z low r ds(on) advantages z easy to mount z space savings z high power density applications z dc-dc converters z battery chargers z switch-mode and resonant-mode power supplies z dc choppers z ac motor drives z uninterruptible power supplies z high speed power switching applications preliminary technical information
ixys reserves the right to change limits, test conditions, and dimensions. IXFA180N10T2 ixfp180n10t2 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10v, i d = 60a, note 1 50 88 s c iss 10.5 nf c oss v gs = 0v, v ds = 25v, f = 1mhz 945 pf c rss 100 pf t d(on) 21 ns t r 37 ns t d(off) 34 ns t f 13 ns q g(on) 185 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 48 nc q gd 52 nc r thjc 0.31 c/w r thch to-220 0.50 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. i s v gs = 0v 180 a i sm repetitive, pulse width limited by t jm 720 a v sd i f = 100a, v gs = 0v, note 1 1.3 v t rr 66 ns i rm 5.8 a q rm 190 nc notes: 1. pulse test, t 300 s, duty cycle, d 2%. 2. on through-hole package, r ds(on) kelvin test contact location must be 5mm or less from the package body. resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 2 (external) i f = 0.5 ? i d25 , v gs = 0v -di/dt = 100a/ s v r = 0.5 ? v dss ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 pins: 1 - gate 2 - drain 3 - source to-220 outline to-263 outline preliminary technical information the product presented herein is under development. the technical specifications offered are derived from data gathered during objective characterizations of preliminary engineering lots; but also may yet contain some information supplied during a pre-production design evaluation. ixys reserves the right to change limits, test conditions, and dimensions without notice.
? 2010 ixys corporation, all rights reserved IXFA180N10T2 ixfp180n10t2 fig. 1. output characteristics @ t j = 25oc 0 20 40 60 80 100 120 140 160 180 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 7v 5v 6v fig. 2. extended output characteristics @ t j = 25oc 0 50 100 150 200 250 300 350 012345678 v ds - volts i d - amperes v gs = 15v 10v 8v 5v 6v 7v fig. 3. output characteristics @ t j = 150oc 0 20 40 60 80 100 120 140 160 180 0 0.5 1 1.5 2 2.5 3 v ds - volts i d - amperes v gs = 15v 10v 9v 8v 7 v 5 v 6 v fig. 4. r ds(on) normalized to i d = 90a value vs. junction temperature 0.2 0.6 1.0 1.4 1.8 2.2 2.6 3.0 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r ds(on) - normalized v gs = 10v i d = 180a i d = 90a fig. 5. r ds(on) normalized to i d = 90a value vs. drain current 0.6 1.0 1.4 1.8 2.2 2.6 3.0 3.4 0 40 80 120 160 200 240 280 320 360 i d - amperes r ds(on) - normalized v gs = 10v 15v - - - - - t j = 175oc t j = 25oc fig. 6. drain current vs. case temperature 0 20 40 60 80 100 120 140 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit
ixys reserves the right to change limits, test conditions, and dimensions. IXFA180N10T2 ixfp180n10t2 fig. 7. input admittance 0 20 40 60 80 100 120 140 160 180 200 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 v gs - volts i d - amperes t j = 150oc 25oc - 40oc fig. 8. transconductance 0 20 40 60 80 100 120 140 160 0 20 40 60 80 100 120 140 160 180 200 i d - amperes g f s - siemens t j = - 40oc 150oc 25oc fig. 9. forward voltage drop of intrinsic diode 0 50 100 150 200 250 300 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 v sd - volts i s - amperes t j = 150oc t j = 25oc fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 180 q g - nanocoulombs v gs - volts v ds = 50v i d = 90a i g = 10ma fig. 11. capacitance 10 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads f = 1 mhz c iss c rss c oss fig. 12. forward-bias safe operating area 1 10 100 1000 110100 v ds - volts i d - amperes 25s 100s 1ms 10ms 100ms dc r ds(on) limit t c = 175oc t j = 25oc single pulse
? 2010 ixys corporation, all rights reserved IXFA180N10T2 ixfp180n10t2 fig. 14. resistive turn-on rise time vs. drain current 5 10 15 20 25 30 35 40 45 50 55 90 100 110 120 130 140 150 160 170 180 i d - amperes t r - nanoseconds t j = 25oc t j = 125oc r g = 2 ? , v gs = 10v v ds = 50v fig. 15. resistive turn-on switching times vs. gate resistance 13 14 15 16 17 18 19 20 2 3 4 5 6 7 8 9 10 11 12 13 14 15 r g - ohms t r - nanoseconds 19 20 21 22 23 24 25 26 t d ( on ) - nanoseconds t r t d(on) - - - - - t j = 125oc, v gs = 10v v ds = 50v i d = 90a, 180a fig. 16. resistive turn-off switching times vs. junction temperature 10 11 12 13 14 15 16 17 18 19 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t f - nanoseconds 28 30 32 34 36 38 40 42 44 46 t d ( off ) - nanoseconds t f t d(off) - - - - - r g = 2 ? , v gs = 10v v ds = 50v i d = 90a i d = 180a fig. 17. resistive turn-off switching times vs. drain current 11 12 13 14 15 16 17 90 100 110 120 130 140 150 160 170 180 i d - amperes t f - nanoseconds 26 30 34 38 42 46 50 t d ( off ) - nanoseconds t f t d(off) - - - - - r g = 2 ? , v gs = 10v v ds = 50v t j = 25oc t j = 125oc fig. 13. resistive turn-on rise time vs. junction temperature 0 5 10 15 20 25 30 35 40 45 50 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade t r - nanoseconds r g = 2 ? , v gs = 10v v ds = 50v i d = 45a i d = 90a fig. 18. resistive turn-off switching times vs. gate resistance 12 13 14 15 16 17 23456789101112131415 r g - ohms t f - nanoseconds 36 38 40 42 44 46 t d ( off ) - nanoseconds t f t d(off) - - - - - t j = 125oc, v gs = 10v v ds = 50v i d = 180a, 90a
ixys reserves the right to change limits, test conditions, and dimensions. IXFA180N10T2 ixfp180n10t2 ixys ref: ixf_180n10t2 (6v)01-02-09 fig. 19. maximum transient thermal impedance 0.001 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 10 pulse width - seconds z (th)jc - oc / w


▲Up To Search▲   

 
Price & Availability of IXFA180N10T2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X