Part Number Hot Search : 
SKY773 74458168 RB751 ADL5371 C1892CT C2704 SNC12168 08771
Product Description
Full Text Search
 

To Download GI2401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GI2401 thru gi2404 vishay semiconductors formerly general semiconductor document number 88624 www.vishay.com 26-feb-02 1 dual ultrafast plastic rectifier reverse voltage 50 to 200v forward current 16.0a maximum ratings & thermal characteristics ratings at 25? ambient temperature unless otherwise specified. parameter symbol GI2401 gi2402 gi2403 gi2404 unit maximum repetitive peak reverse voltage v rrm 50 100 150 200 v maximum rms voltage v rms 35 70 105 140 v maximum dc blocking voltage v dc 50 100 150 200 v maximum average forward rectified current at t c = 100? i f(av) 16 a peak forward surge current 8.3ms single half sine-wave i fsm 125 a superimposed on rated load (jedec method) at t c =125? typical thermal resistance r ja 16 ?/w (note 1) r jc 2.2 operating junction and storage temperature range t j, t stg 65 to +150 ? electrical characteristics ratings at 25? ambient temperature unless otherwise specified. parameter symbol GI2401 gi2402 gi2403 gi2404 unit maximum instantaneous i f = 4a, t j = 25? 0.900 forward voltage per leg at i f = 8a, t j = 25? v f 0.975 v i f = 4a, t j = 100? 0.800 i f = 8a, t j = 100? 0.895 maximum dc reverse current t c = 25? 50 5.0 at rated dc blocking voltage per leg t c = 100? i r 150 500 a maximum reverse recovery time per leg at t rr 35 ns i f = 0.5a, i r = 1.0a, i rr = 0.25a typical j unction c apacitance per leg at 4v, 1 mh z c j 85 pf notes: (1) thermal resistance from junction to ambient and from junction to case per leg mounted on heatsink 123 pin 0.185 (4.70) 0.175 (4.44) 0.055 (1.39) 0.045 (1.14) 0.145 (3.68) 0.135 (3.43) 0.350 (8.89) 0.330 (8.38) 0.560 (14.22) 0.530 (13.46) 0.022 (0.56) 0.014 (0.36) 0.110 (2.79) 0.100 (2.54) 0.603 (15.32) 0.573 (14.55) case 1.148 (29.16) 1.118 (28.40) pin 2 0.154 (3.91) 0.148 (3.74) 0.113 (2.87) 0.103 (2.62) 0.160 (4.06) 0.140 (3.56) 0.410 (10.41) 0.390 (9.91) 0.635 (16.13) 0.625 (15.87) 0.415 (10.54) max. 0.370 (9.40) 0.360 (9.14) pin 1 pin 3 0.028 (0.70) 0.104 (2.65) 0.096 (2.45) 0.035 (0.90) 0.205 (5.20) 0.195 (4.95) 0.105 (2.67) 0.095 (2.41) to-220ab dimensions are in inches and (millimeters) features plastic package has underwriters laboratory flammability classification 94v-0 dual rectifier construction, positive centertap glass passivated chip junctions low power loss high surge current capability superfast recovery times for high efficiency high temperature soldering guaranteed: 250 c, 0.16" (4.06mm) from case for 10 seconds mechanical data case: jedec to-220ab molded plastic body over passivated chips terminals: plated leads solderable per mil-std-750, method 2026 polarity: as marked mounting position: any mounting torque: 10 in-lbs maximum weight: 0.08 oz., 2.24 g
GI2401 thru gi2404 vishay semiconductors formerly general semiconductor www.vishay.com document number 88624 2 26-feb-02 ratings and characteristic curves (t a = 25 c unless otherwise noted) 0 25 50 75 150 125 100 1 100 10 peak forward surge current (a) number of cycles at 60 h z 0 12 16 20 0 25 50 75 100 125 150 average forward rectified current (a) case temperature ( c) 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 fig. 3 ?typical instantaneous forward characteristics per leg 020 60 40 100 80 fig. 4 ?typical reverse leakage characteristics per leg instantaneous reverse leakage current ( a) percent of rated peak reverse voltage (%) 8.0 4.0 resistive or inductive load t c = 125 c 8.3ms single half sine-wave (jedec method) infinite heatsink, t c ambient air rating, t a 0.01 0.1 10 1 80 instantaneous forward current (a) t j = 125 c t j = 25 c reverse voltage (v) junction capacitance (pf) 0.1 1 10 100 100 1,000 10 0.01 0.1 10 1 100 t j = 100 c fig. 5 ?typical junction capacitance per leg pulse width = 300 s 1% duty cycle t j = 125 c t j = 25 c t j = 25 c f = 1.0 mh z vsig = 50mvp-p fig. 1 ?maximum forward current derating curve fig. 2 ?maximum non-repetitive peak forward surge current per leg instantaneous forward voltage (v)


▲Up To Search▲   

 
Price & Availability of GI2401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X