Part Number Hot Search : 
200CT AD5291 EL0501 EPR1270G ACHIPS C39V59 F5N50FT AM42D
Product Description
Full Text Search
 

To Download DSP56002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? motorola inc., 1994 motorola product information semiconductor order this document by DSP56002p/d DSP56002 dsp56l002 product brief 24-bit digital signal processor the DSP56002 and the dsp56l002 are mpu-style general purpose digital signal processors (dsps), composed of an ef?ient 24-bit digital signal processor core, program and data memories, various peripherals, and support circuitry. the 56000-family-compatible dsp core is fed by on- chip program ram, two independent data rams, and two data roms with sine and a-law and m -law tables. the DSP56002/l002 contains a serial communication interface (sci), synchronous serial interface (ssi), parallel host interface (hi), timer/event counter, phase-locked loop (pll), and on-chip emulation (once) port. this combination of features, illustrated in figure 1, makes the DSP56002/l002 a cost-effective, high-performance solution for high-precision general- purpose digital signal processing. figure 1 DSP56002/l002 block diagram address 16 y data memory 256 24 ram 256 24 rom x data memory 256 24 ram 256 24 rom program memory 512 24 ram 64 24 rom program control unit 24-bit 56000 dsp core once tm port pll clock gen. 1 24-bit timer / event counter 6 sync. serial (ssi) or i/o 3 serial comm. (sci) or i/o 15 host interface (hi) or i/o 16-bit bus 24-bit bus external address bus switch data 24 external data bus switch control 10 bus control data alu 24 24 + 56 ? 56-bit mac two 56-bit accumulators gdb pdb xdb ydb pa b xab ya b interrupt control program decode controller program address generator 3 irq 4 7 internal data bus switch address generation unit (boot) (a-law / m -law) (sine) motorola reserves the right to change or discontinue this product without notice. f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
motorola DSP56002/l002 product information 1 DSP56002/l002 features digital signal processing core efficient, object code compatible, 24-bit 56000-family dsp engine up to 33 million instructions per second (mips) ?30.3 ns instruction cycle at 66 mhz up to 198 million operations per second (mops) at 66 mhz performs a 1024-point complex fast fourier transform (fft) in 59,898 clocks highly parallel instruction set with unique dsp addressing modes two 56-bit accumulators including extension byte parallel 24 24-bit multiply-accumulate in 1 instruction cycle (2 clock cycles) double precision 48 48-bit multiply with 96-bit result in 6 instruction cycles 56-bit addition/subtraction in 1 instruction cycle fractional and integer arithmetic with support for multiprecision arithmetic hardware support for block-floating point fft hardware nested do loops zero-overhead fast interrupts (2 instruction cycles) four 24-bit internal data buses and three 16-bit internal address buses for maximum information transfer on-chip memory on-chip harvard architecture permitting simultaneous accesses to program and two data memories 512 24-bit on-chip program ram and 64 24-bit bootstrap rom two 256 24-bit on-chip data rams two 256 24-bit on-chip data roms containing sine, a-law and m -law tables external memory expansion with 16-bit address and 24-bit data buses bootstrap loading from external data bus, host interface, or serial communications interface peripheral and support circuits byte-wide host interface (hi) with direct memory access support synchronous serial interface (ssi) to communicate with codecs and synchronous serial devices up to 32 software-selectable time slots in network mode serial communication interface (sci) for full-duplex asynchronous communications 24-bit timer/event counter also generates and measures digital waveforms on-chip peripheral registers memory mapped in data memory space double buffered peripherals f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .
2 DSP56002/l002 product information motorola up to 25 general purpose i/o (gpio) pins three external interrupt request pins; one non-maskable on-chip emulation (once) port for unobtrusive, processor speed-independent debugging software-programmable, phase-locked loop-based (pll) frequency synthesizer for the core clock power-saving wait and stop modes fully static, hcmos design for operating frequencies from 66 mhz or 40 mhz down to dc 132-pin ceramic pin grid array (pga) package; 13 13 array 132-pin plastic quad flat pack (pqfp) surface-mount package; 24 24 4 mm 144-pin thin quad flat pack (tqfp) surface-mount package; 20 20 1.4 mm 3.3 v (dsp56l002) and 5 v (DSP56002) power supply options the DSP56002 and dsp56l002 are identical except that the DSP56002 operates at 5 volts, while the dsp56l002 operates at 3.3 volts with a resultant reduction in power consumption and the need for fewer batteries in a portable application. documentation the three documents listed in table 1 are required for a complete description of the DSP56002/l002 and are necessary to properly design with the part. documentation is avail- able from a local motorola distributor, a motorola semiconductor sales of?e, or a motorola literature distribution center listed on the back page. table 1 DSP56002/l002 documentation topic description order number dsp56000 family manual detailed description of the 56000- family architecture and the 16-bit core processor and instruction set dsp56kfamum/ad DSP56002 users manual detailed description of memory, peripherals, and interfaces DSP56002um/ad DSP56002/l002 data sheet electrical and timing speci?ations, and pin and package descriptions DSP56002/d f r e e s c a l e s e m i c o n d u c t o r , i freescale semiconductor, inc. f o r m o r e i n f o r m a t i o n o n t h i s p r o d u c t , g o t o : w w w . f r e e s c a l e . c o m n c . . .


▲Up To Search▲   

 
Price & Availability of DSP56002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X