Part Number Hot Search : 
FAN73932 BU908 MBR40 EPSA1 02211 RF2464 AT54S 5801910
Product Description
Full Text Search
 

To Download DDTA124EUA-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30325 rev. 7 - 2 1 of 4 ddta (r1 = r2 series) ua www.diodes.com  diodes incorporated ddta (r1 = r2 series) ua pnp pre-biased small signal sot-323 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistors, r1 = r2  lead free/rohs compliant (note 2)  "green" device, note 3 and 4 characteristic symbol value unit supply voltage, (3) to (2) v cc -50 v input voltage, (1) to (2) ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua v in +10 to -12 +10 to -30 +10 to -40 +10 to -40 +10 to -40 +10 to -40 v output current ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua i o -100 -100 -50 -30 -30 -20 ma output current all i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r  ja 625  c/w operating and storage and temperature range t j ,t stg -55 to +150  c features maximum ratings @ t a = 25  c unless otherwise specified a m j l e d b c h k g mechanical data  case: sot-323  case material: molded plastic, "green" molding compound, note 4. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminal connections: see diagram  terminals: solderable per mil-std-202, method 208  lead free plating (matte tin finish annealed over alloy 42 leadframe).  marking: date code and type code, see page 2  type code: see table below  ordering information (see page 2)  weight: 0.006 grams (approximate) p/n r1, r2 (nom) type code ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua 2.2k  4.7k  10k  22k  47k  100k  p04 p08 p13 p17 p20 p24 sot-323 dim min max a 0.25 0.40 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal e 0.30 0.40 g 1.20 1.40 h 1.80 2.20 j 0.0 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.18  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead. 3. diodes inc.'s "geen" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. product manufactured with date code 0609 (week 9, 2006) and newer are built with green molding compound. product manufactu red prior to date code 0609 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. lead-free green r1 o ut b c e r2 3 2 1 in gnd(+) 1 3 2 gnd (+) c b in ou t e schematic and pin configuration equivalent inverter circuit
ds30325 rev. 7 - 2 2 of 4 ddta (r1 = r2 series) ua www.diodes.com characteristic symbol min typ max unit test condition input voltage v l(off) -0.5 -1.1  v v cc = 5v, i o = 100  a v l(on)  -1.9 -3 v o = 0.3v, i o = 20ma, ddta123eua v o = 0.3v, i o = 20ma, ddta143eua v o = 0.3v, i o = 10ma, ddta114eua v o = 0.3v, i o = 5ma, ddta124eua v o = 0.3v, i o = 2ma, ddta144eua v o = 0.3v, i o = 1ma, ddta115eua output voltage v o(on)  -0.1 -0.3 v i o /i l =10ma/0.5ma, ddta123eua i o /i l =10ma/0.5ma, ddta143eua i o /i l =10ma/0.5ma, ddta114eua i o /i l =10ma/0.5ma, ddta124eua i o /i l =10ma/0.5ma, ddta144eua i o /i l =5ma/0.25ma, ddta115eua input current ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua i l  -3.8 -1.8 -.88 -.36 -.18 -.15 ma v i = -5v output current i o(off)  0.5  a v cc = -50v, v i = 0v dc current gain ddta123eua ddta143eua ddta114eua ddta124eua ddta144eua ddta115eua g l -20 -20 -30 -56 -68 -82  v o = -5v, i o = -20ma v o = -5v, i o = -10ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma v o = -5v, i o = -5ma input resistor (r 1 ) tolerance  r 1 -30  +30 %  resistance ratio r 2 /r 1 0.8 1 1.2   gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified * transistor - for reference only month jan feb mar apr may jun jul aug sep oct nov dec code 1234567 89 o nd year 2006 2007 2008 2009 2010 2011 code t uvwx y date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: t = 2006 m = month ex: 9 = september xxx ym marking information notes: 4. product manufactured with date code 0609 (week 9, 2006) and newer are built with green molding compound. produc t manufactured prior to date code 0609 are built with non-green molding compound and may contain halogens or sb2o3 fire retardants. 5. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. device packaging shipping ddta1xxeua-7-f sot-323 3000/tape & reel ddta1xxeua-13-f sot-323 10,000/tape & reel ordering information (note 4 & 5)
ds30325 rev. 7 - 2 3 of 4 ddta (r1 = r2 series) ua www.diodes.com 1 1 10 01020304050 i , collector current (ma) fi g . 6 input volta g e vs. collector current c v=0.2v o v , input voltage (v) in -25c 25c 75 c 0.01 0.1 1 10 100 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) fi g . 5 collector current vs. input volta g e in 75 c -25c 5 67 25c v=5v o 0 2 4 6 10 0 20 30 c , c apa c itance (pf) ob v , reverse bias voltage (v) fig. 4 output capacitance r 12 10 5 15 25 8 f=1mhz 10 1000 100 1 1 10 100 h , dc current gain fe i , collector current (ma) c fi g . 3 dc current gain v=10v ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , collector emitter voltage (v) ce(sat) fig. 2 i , collector current (ma) v vs. i c ce ( sat ) c i/i =10 cb -25 c 75 c 25 c -50 0 50 100 150 2 5 0 200 150 50 100 0 t , ambient temperature ( c) fi g . 1 deratin g curve a p , power dissipation (mw) d typical curves - ddta143eua
ds30325 rev. 7 - 2 4 of 4 ddta (r1 = r2 series) ua www.diodes.com important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of DDTA124EUA-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X