Part Number Hot Search : 
354397 AD100 LV641ML D15700 SP8782B P4856WE1 MVME712M 1A330
Product Description
Full Text Search
 

To Download D2N130CX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d2n130cd d 2 n 2 3 0 c d d2n130cf d 2 n 230c f d2n130cg d 2 n 2 3 0 c g ssr 120/240v 30a (rms) characteristics and ratings futures * l a rge capacity(30arm s) in spite of the standar d package. * low noise switching and rush current function * single pole, single throw normally open non-z ero crossing models ?c?q?m?q?r?o cg ?c?q?m?q?r?o cf ?c?q?m?q?r?o cd characteristics / ratings p a r a m e t e r s y m b o l d2n130cd d 2 n 1 3 0 c f d 2 n 1 3 0 c g d2n230cd d 2 n 2 3 0 c f d 2 n 2 3 0 c g unit output rated voltage v (rms) 1 2 0 2 4 0 v a.c. line voltage range v (rms) 60 to 140 60 to 280 v operating frequency f 47 to 63 hz maximum load current i t(rms) 30 a non-repetitive one cycle surge current i tsm 300 a minimum operating current i op (r m s ) 120 ma maximum off-state leakage current i leak(r ms) 2.0 (@120vrms) 4.0 (240vrms) ma maximum on-sate voltage drop v t(rms) 1.6 v response time t (rps) 1/2 cycle + 1ms - input control signal voltage range i in (dc ) 3 to 6 10 to 18 18 to 28 3 to 6 10 to 18 18 to 28 v input impe dance r (in) 2 6 0 8 6 0 1 3 6 0 2 6 0 8 6 0 1 3 6 0 ohm pick-up voltage puv 3 . 0 1 0 . 0 1 8 . 0 3 . 0 1 0 . 0 1 8 . 0 v drop-out voltage dov 1.0 v input/output ac isolation voltage ( betw een input , output terminals and base) v iso(r m s) 1 5 0 0 v cap a citance (between inp u t and outp ut c ( i-o) 100 pf op erating temp erature range t op -20 to +80 c storage temp erature range t st g -25 to +85 c

d2n230cg


▲Up To Search▲   

 
Price & Availability of D2N130CX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X